Part Number Hot Search : 
H5N2522 LTC34 TW9903 GL359 W4XME1C LTC1422 29XE020 GHLM324
Product Description
Full Text Search
 

To Download PF01411A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PF01411A
MOS FET Power Amplifier Module for E-GSM Handy Phone
ADE-208-433C (Z) 4th Edition February 1997 Application
* For E-GSM class4 880 to 915 MHz * For 4.8V nominal battery use
Features
* * * * High gain 3stage amplifier : 0 dBm input Lead less thin & Small package : 2 mm Max, 0.2cc High efficiency : 45% Typ at 3.8 W Wide gain control range : 90 dB Typ
Pin Arrangement
Absolute Maximum Ratings (Tc = 25C)
Item Supply voltage Supply current VAPC voltage Input power Operating case temperature Storage temperature Output power Symbol VDD I DD VAPC Pin Tc (op) Tstg Pout Rating 10 3 4 10 -30 to +100 -30 to +100 5 Unit V A V mW C C W
PF01411A
Electrical Characteristics (Tc = 25C)
Item Frequency range Control voltage range Drain cutoff current Total efficiency 2nd harmonic distortion 3rd harmonic distortion Input VSWR Output power (1) Symbol f VAPC I DS T 2nd H.D. 3rd H.D. VSWR (in) Pout (1) Min 880 0.5 -- 40 -- -- -- 3.8 Typ -- -- -- 45 -45 -45 1.5 4.3 Max 915 3.0 100 -- -35 -35 3 -- Unit MHz V A % dBc dBc -- W Pin = 1 mW, VDD = 4.8 V, VAPC = 3.0 V, RL = Rg = 50 , Tc = 25C Pin = 1 mW, VDD = 4.3 V, VAPC = 3.0 V, RL = Rg = 50 , Tc = 80C Pin = 1 mW, VDD = 4.8 V, VAPC = 0.5 V, RL = Rg = 50 , Tc = 25C Pin = 1 mW, VDD = 4.8 V, Pout = 3.8 W, RL = Rg = 50 , Tc = 25C Pin = 1 mW, VDD = 4 to 7 V, Pout 3.8 W, Vapc 3 V GSM pulse. Rg = 50 , t = 20sec., Tc = 25C, Output VSWR = 6 : 1 All phases VDD = 10 V, VAPC = 0 V Pin = 1 mW, VDD = 4.8 V, Pout = 3.8 W, Vapc = controlled RL = Rg = 50 , Tc = 25C Test Condition
Output power (2)
Pout (2)
2.5
2.9
--
W
Isolation
--
--
-50
-40
dBm
Switching time
tr, tf
--
1
2
s
Stability & Load VSWR tolerance
--
No parasitic oscillation & No degradation
--
2
PF01411A
Package Dimensions
3
PF01411A
When using this document, keep the following in mind: 1. This document may, wholly or partially, be subject to change without notice. 2. All rights are reserved: No one is permitted to reproduce or duplicate, in any form, the whole or part of this document without Hitachi's permission. 3. Hitachi will not be held responsible for any damage to the user that may result from accidents or any other reasons during operation of the user's unit according to this document. 4. Circuitry and other examples described herein are meant merely to indicate the characteristics and performance of Hitachi's semiconductor products. Hitachi assumes no responsibility for any intellectual property claims or other problems that may result from applications based on the examples described herein. 5. No license is granted by implication or otherwise under any patents or other rights of any third party or Hitachi, Ltd. 6. MEDICAL APPLICATIONS: Hitachi's products are not authorized for use in MEDICAL APPLICATIONS without the written consent of the appropriate officer of Hitachi's sales company. Such use includes, but is not limited to, use in life support systems. Buyers of Hitachi's products are requested to notify the relevant Hitachi sales offices when planning to use the products in MEDICAL APPLICATIONS.
4


▲Up To Search▲   

 
Price & Availability of PF01411A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X