Part Number Hot Search : 
CPD25 30KP108A 30KP108A 855991 3006P 855991 7024A NDB510B
Product Description
Full Text Search
 

To Download OM1840SZM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 OM1840NKM OM1840SCM OM1840NCM
5 AMP LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR APPROVED TO DESC DRAWING 5962-89521
Three Terminal, Positive Adjustable Low Dropout Voltage Regulator In Hermetic Packages
FEATURES
* * * * * * * * Similar To Industry Standard LT1084 Approved To DESC Standardized Military Drawing Number 5962-89521 Adjustable Output Voltage Built In Thermal Overload Protection Short Circuit Current Limiting Maximum Output Voltage Tolerance is Guaranteed To 1% Guaranteed Dropout Voltage At Multiple Current Levels TO-258 Available in Isolated and Non-Isolated Packages
DESCRIPTION
This three terminal positive adjustable voltage regulator is designed to provide 5A with higher efficiency than conventional voltage regulators. This device is designed to operate down to 1 Volt input to output differential and the dropout voltage is fully specified as a function of load current. Supplied in easy-to-use hermetic TO-258 and TO-3 packages, this device is ideally suited for Military applications where small size and high reliability is required.
ABSOLUTE MAXIMUM RATINGS @ 25C
Power Dissipation (Pd) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Internally Limited Input - Output Voltage Differential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35 V Operating Junction Temperature Range . . . . . . . . . . . . . . . . . . . . . - 55C to + 150C Storage Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . - 65C to + 150C Lead Temperature (Soldering 10 seconds) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300C Thermal Resistance: JC (TO-258 Isolated) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .3.0C/W JC (TO-258 Non-Isolated) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .2.3C/W JC (TO-3) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .3.0C/W Maximum Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.0 A Recommended Operating Conditions: Output Voltage Range. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .3.3V to 15 V Ambient Operating Temperature Range (TA) . . . . . . . . . . . . . . . . - 55C to + 125C Input Voltage Range. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V to 25 V
3.3
1 08 R3 Supersedes 4 11 R2
3.3 - 75
OM1840SCM OM1840NCM OM1840NKM
ELECTRICAL CHARACTERISTICS
Parameter Reference Voltage Symbol VREF
-55C TA +125C (unless otherwise specified)
Min. 1.238 Max. 1.262 Unit V
Test Conditions VIN - VOUT = 3.0 V, IOUT = 10 mA, TA = 25 C 1.5 V VIN - VOUT 25 V, IOUT = 10 mA, IFL = 3.0 A
*
1.225
1.270
V
Line Regulation (Note 1)
VOUT VIN
1.5 V VIN - VOUT 15 V, IOUT = 10 mA, TA = 25 C 15 V VIN - VOUT 35 V, IOUT = 10 mA
0.2
%
*
0.5
%
Load Regulation (Note 1)
VOUT IOUT
VIN - VOUT = 3.0 V, TA = 25 C IOUT = 10 mA, IFL = 3.0 A IFL = 3.0 A, VREF = 1% 30 ms pulse, TA = +25 C f = 120 Hz, CAdj = 25 F, COUT = 25 F (tantalum), IFL = 3.0 A, VIN - VOUT = 3.0 V 1.5 V VIN - VOUT 25 V, IOUT = 10 mA, IFL = 3.0 A 1.5 V VIN - VOUT 25 V, 10 mA IOUT 3.0 A VIN - VOUT = 25 V VIN - VOUT 5.0 V VIN - VOUT = 25 V -55 C TJ +125 C
0.3
%
Dropout Voltage Thermal Regulation Ripple Rejection
VDO VIN VOUT
* * *
60
0.4 1.5 0.015
% V %/W dB
Adjust Pin Current
IAdj IAdj
* * * * * *
120
A
Adjust Pin Current Change
5.0
A
Miminum Load Current Current Limit
IMin ILim VOUT T VOUT T
10 5.5 0.3 1.5
mA A A %
Temperature Stability (Note 2) Long Term Stability (Note 2)
TA = +125 C, t = 1000 hrs
1.0
%
Notes:
1. Line and Load Regulation are measured at a constant junction temperature using a low duty cycle pulse technique. Although power dissipation is internally limited, regulation is guaranteed up to the maximum power dissipation of 45 W. Power dissipation is determined by the input/output differential voltage and the output current. Guaranteed maximum power dissipation will not be available over the full input/output voltage range. Guaranteed by design, characterization or correlation to other tested parameters. The * denotes the specifications which apply over the full operating temperature range.
2. 3.
PART NUMBER DESIGNATOR
3.3
Standard Military Drawing Number
8952101Y 8952101Z 8952101X "Y" = Isolated "Z" = Non-Isolated
Omnirel Part Number
OM1840SCM OM1840NCM OM1840NKM
Part Numbering System
Voltage Regulators
isola
OM-1840-S-C-M
Company Identification Part Number Screening M= MIL-M 38535
* Package Codes:
K= TO-204AA (TO-3) Z= TO-259AA (Z-Tab) C = TO-258AA
Package (see Package codes*) S= Isolated N= Non isolated
3.3 - 76
OM1840NKM OM1840SCM OM1840NCM
TYPICAL PERFORMANCE CHARACTERISTICS
LOAD REGULATION
0.10 10 I= 5A 9
SHORT CIRCUIT CURRENT
8 7 6 5 4 3 2 1 IFULL LOAD 150C 25C -55C
OUTPUT VOLTAGE DEVIATION (%)
0 -0.05 -0.10 -0.15 -0.20 -50 -25 0 25 50 75 100 125 150
SHORT CIRCUIT CURRENT (A)
0.05
0 0 5 10 15 20 25 30 35 TEMPERATURE (C) INPUT/OUTPUT DIFFERENTIAL (V)
100 90
ADJUSTMENT PIN CURRENT
MINIMUM INPUT/OUTPUT DIFFERENTIAL (V)
2
DROPOUT VOLTAGE
* INDICATES GUARANTEED TEST POINT -55C T 150C -55C Tjj 150C
0C Tj j125C 0C T 125C
ADJUSTMENT PIN CURRENT (A)
80 70 60 50 40 30 20 10 0 -50 -25 0 25 50 75 100 125 150 TEMERATURE (C)
1 Tj = 25C Tj = 150C
Tj = -55C
0 0 1 2 3 4 5 6 OUTPUT CURRENT (A)
TEMPERATURE STABILITY
1.270
MINIMUM OPERATING CURRENT
10
MINIMUM OPERATING CURRENT (mA)
9 8 7 6 5 4 3 2 1 0 0 5 10 15 20 25 30 INPUT/OUTPUT DIFFERENTIAL (V) 35 Tj = -55C Tj = 25C Tj = 150C
3.3
REFERENCE VOLTAGE (V)
1.260
1.250
1.240
1.230 -50 -25 0 25 50 75 100 125 150 TEMPERATURE (C)
3.3 - 77
OM1840SCM OM1840NCM OM1840NKM
TYPICAL APPLICATIONS TYPICAL APPLICATIONS
Parelleling Regulators
VIN IN OM1840 OUT ADJ
0.015 0.015
Improving Ripple Rejection
VIN VIN
+
2 FEET #18 WIRE*
1+ R2 __ VOUT =1.25 R1
OM1840
VOUT R1 1211% R2 365 1%
+ C1
VIN 16.5V 150F
(
)
10F
ADJ
IOUT = OA TO 15A *C1 IMPROVES RIPPLE REJECTION. X C SHOULD BE ~ R1 AT RIPPLE FREQUENCY.
IN OM1840 OUT ADJ R1 120 R2
10F*
* THE #18 WIRE ACTS AS BALLAST RESISTENCE INSURING CURRENT SHARING BETWEEN BOTH DEVICES.
1.2V - 15V Adjustable Regulator
VIN OM1840 VOUT ADJ
+
5V Regulator with Shutdown
VIN VIN OM1840 VOUT ADJ 121 1%
+
R1 121
VOUT
5V
+
C1 10F
R2 5k
C2 100F TTL
+
10F 2N3904 1k 1k
100F
365 1%
*NEEDED IF DEVICE IS FAR FROM FILTER CAPACITORS
R2 __ VOUT=1.25V 1+ R1
(
)
MECHANICAL OUTLINE
.165 .155 .695 .685 .270 .240 .045 .035
0.135 MAX.
MECHANICAL OUTLINE TO-3
1.53 REF. 0.875 MAX. 0.450 0.250 1.197 1.177 0.675 0.655 0.440 0.420
0.188 R. MAX.
.835 .815 .707 .697 .550 .530
0.312 MIN. SEATING PLANE 0.043 0.038 2 PLCS. 0.225 0.205 0.161 0.151 0.525 R. MAX.
.092 MAX.
3.3
.750 .500 .065 .055
1 2 3
.005
PIN OUT
1 2 Case Adjust VIN VOUT
.200 TYP.
.140 TYP.
PIN OUT
1 2 3 Adjust VOUT VIN
NOTES * Case is metal/hermetically sealed * Isolated Tab


▲Up To Search▲   

 
Price & Availability of OM1840SZM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X