Part Number Hot Search : 
LTC24 C4630 N70A15 FN4241 BZX84C16 0150CT LTC24 AZ393MTR
Product Description
Full Text Search
 

To Download NX8571SC79 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LASER DIODE
NX8571 Series
1 550 nm CW LIGHT SOURCE InGaAsP MQW-DFB LASER DIODE MODULE WITH WAVELENGTH MONITOR
DESCRIPTION
The NX8571 Series is a 1 550 nm Multiple Quantum Well (MQW) structured Distributed Feed-Back (DFB) laser diode module with wavelength monitor function. This device is temperature tunable over 4 x 50 GHz channels. Available at both C-band (1530.334 to 1565.087 nm) and L-band (1565.496 to 1608.760 nm) ITU-T grid wavelengths. This device is designed as CW light source and ideal for transmission systems in which external modulators are used.
FEATURES
* Wavelength monitor function (Etalon Filter, Wavelength monitor PD) * Optical output power: Pf = 10 mW MIN. * Available for DWDM wavelengths based on ITU-T recommendations (50 GHz grid) * 4-channel wavelength tunable capability for 50 GHz-spacing (NX8571SxxxxD) * Internal thermo-electric cooler and isolator * Hermetically sealed 14-pin butterfly package * Polarization maintain fiber pigtail
Document No. PL10136EJ03V0DS (3rd edition) Date Published June 2004 CP (K)
The mark
shows major revised points. (c) NEC Compound Semiconductor Devices, Ltd. 2002, 2004
NX8571 Series
PACKAGE DIMENSIONS (UNIT: mm)
15.24 2.54
21.80.3
8.890.13 10 MIN. 1.25
6.00.2
0.9
5.0
1.0 0.8
7 1
TOP VIEW
#7 + - Cooler PD (p) #1
12.70.2
PD (Pf) Thermistor LD
8
14
4- 2.67 0.5 20.830.25 26.040.25 Optical Fiber (PMF) Length: 1 000 MIN. Pin No. 1 2 3 4 5 6 7 #8 #14
PIN CONNECTIONS
Function Thermistor Thermistor LD Cathode PD (Pf) Anode PD Cathode Cooler Anode Cooler Cathode Pin No. 8 9 10 11 12 13 14 Function GND GND PD (p) Anode LD Anode LD Cathode LD Anode NC
0.3
8.20.2 5.4
1.0
29.970.25
OPTICAL FIBER CHARACTERISTICS
Parameter Outer Diameter Minimum Fiber Bending Radius Fiber Length Specification 0.90.1 25 1 000 MIN. Unit mm mm mm
5.15
PMF
FC-PC Connector
Fiber Length: 1 000 mm MIN.
2
Data Sheet PL10136EJ03V0DS
NX8571 Series
ABSOLUTE MAXIMUM RATINGS
Parameter Forward Current of LD Reverse Voltage of LD Forward Current of PD Reverse Voltage of PD Operating Case Temperature Storage Temperature Lead Soldering Temperature Symbol IF VR IF VR TC Tstg Tsld Ratings 300 2.0 10 20 -20 to +70 -40 to +85 260 (10 sec.) Unit mA V mA V C C C
ELECTRO-OPTICAL CHARACTERISTICS (TLD = Tset, TC = -5 to +70C, unless otherwise specified)
Parameter Laser Set Temperature Symbol Tset Conditions Single channel 4 channel tunable Forward Voltage Threshold Current Operation Current Optical Output Power from Fiber Peak Emission Wavelength Wevelength Stability VF Ith Iop Pf p - Pf = 10 mW IF = 125 mA, TLD = Tset Pf = 10 mW, CW, TLD = Tset TLD = Tset, applicable to wavelength monitor, E.O.L Spectral Line Width Side Mode Suppression Ratio Relative Intensity Noise Optical Isolation Polarization Extinction Ratio
*2
MIN. 20 10 0.9
TYP.
MAX. 35 45
Unit C
Pf = 10 mW
1.2 20 70
2.5 40 125
V mA mA mW
10 1 530 -20 ITU-T
*1
1 609 +20
nm pm
SMSR RIN Is ext
Pf = 10 mW, CW, 3 dB down Pf = 10 mW, CW Pf = 10 mW, 20 MHz to 3 GHz Pf = 10 mW, CW Pf = 10 mW, CW 30 20 35
1 45
2
MHz dB
-150
dB/Hz dB dB
*1 Available for DWDM wavelengths based on ITU-T recommendations (50 GHz grid). Please refer to Table A. *2 Polarization state of LD is aligned parallel to the slow axis.
Data Sheet PL10136EJ03V0DS
3
NX8571 Series
ELECTRO-OPTICAL CHARACTERISTICS (Applicable to Monitor PD: TLD = Tset, TC = -5 to +70C)
Parameter Monitor Current (Pf Monitor) Monitor Current (p Monitor) Operation Region
*1
Symbol Im (Pf) Im (p) Im () 1-2
Conditions Pf = 10 mW, VR = 5 V Pf = 10 mW, VR = 5 V, Locking point
MIN. 20 10 25 90 0.05
TYP.
MAX. 200 100 75
Unit
A A
% pm
Discrimination Slope Dark Current Tracking Error
*1
ID
*2
A/pm
2 10 0.5 nA dB
VR = 5 V Im = const.
*1 Operation region, Discrimination slope, Slope assignment
Im () Im @100% I1: Im @75% Im (p) I2: Im @25% Im @0% 0
=
I1 - I2 1 - 2
[ A/pm]
Im () Im @100%
Operation region Locking point
I2: Im @75% Im (p) I1: Im @25% Im @0% Operation region Locking point
1 p 2 Negative Slope (Odd channel)
0
1 p 2 Positive Slope (Even channel)
*2 Tracking Error:
Pf (mW)
TLD = Tset
10 Pf
TLD = Tset, TC = -5 to +70C
= 10 log
Pf 10
[dB]
0
Im
Im
ELECTRO-OPTICAL CHARACTERISTICS (Applicable to Thermistor and TEC: TLD = Tset, TC = -5 to +70C)
Parameter Thermistor Resistance B Constant Cooler Current Cooler Voltage Symbol R B IC VC TLD = 25C TLD = 25C Conditions MIN. 9.5 3 350 TYP. 10.0 3 450 MAX. 10.5 3 550 1.5 3.0 Unit k K A V
T = 70 - Tset, Pf = 10 mW T = 70 - Tset, Pf = 10 mW
4
Data Sheet PL10136EJ03V0DS
NX8571 Series
ORDERING INFORMATION
NX8571SC
-BA
With FC-PC connector Without : Single channel D : 4 channel tunable Wavelength code : Refer to Table A Package code
Table A: DWDM wavelength base on ITU-T recommendations (@ TLD = Tset) (1/7)
Wavelength Code 4 channel tunable 315D single channel 303 307 311 315 330D 318 322 326 330 346D 334 338 342 346 362D 350 354 358 362 377D 366 370 373 377 393D 381 385 389 393 ITU-T Wavelength (nm) 1530.33 1530.72 1531.11 1531.50 1531.89 1532.29 1532.68 1533.07 1533.46 1533.85 1534.25 1534.64 1535.03 1535.42 1535.82 1536.21 1536.60 1537.00 1537.39 1537.79 1538.18 1538.58 1538.97 1539.37
*1
Frequency (THz) 195.90 195.85 195.80 195.75 195.70 195.65 195.60 195.55 195.50 195.45 195.40 195.35 195.30 195.25 195.20 195.15 195.10 195.05 195.00 194.95 194.90 194.85 194.80 194.75
Monitor Slope
Negative Positive Negative Positive Negative Positive Negative Positive Negative Positive Negative Positive Negative Positive Negative Positive Negative Positive Negative Positive Negative Positive Negative Positive
*1 The value which omitted and computed the 3rd place below the decimal point
Data Sheet PL10136EJ03V0DS
5
NX8571 Series
Table A: DWDM wavelength base on ITU-T recommendations (@ TLD = Tset) (2/7)
Wavelength Code 4 channel tunable 409D single channel 397 401 405 409 425D 413 417 421 425 441D 429 433 437 441 457D 445 449 453 457 473D 461 465 469 473 489D 477 481 485 489 505D 493 497 501 505 521D 509 513 517 521 ITU-T Wavelength (nm) 1539.76 1540.16 1540.55 1540.95 1541.34 1541.74 1542.14 1542.53 1542.93 1543.33 1543.73 1544.12 1544.52 1544.92 1545.32 1545.72 1546.11 1546.51 1546.91 1547.31 1547.71 1548.11 1548.51 1548.91 1549.31 1549.71 1550.11 1550.51 1550.91 1551.31 1551.72 1552.12
*1
Frequency (THz) 194.70 194.65 194.60 194.55 194.50 194.45 194.40 194.35 194.30 194.25 194.20 194.15 194.10 194.05 194.00 193.95 193.90 193.85 193.80 193.75 193.70 193.65 193.60 193.55 193.50 193.45 193.40 193.35 193.30 193.25 193.20 193.15
Monitor Slope
Negative Positive Negative Positive Negative Positive Negative Positive Negative Positive Negative Positive Negative Positive Negative Positive Negative Positive Negative Positive Negative Positive Negative Positive Negative Positive Negative Positive Negative Positive Negative Positive
*1 The value which omitted and computed the 3rd place below the decimal point
6
Data Sheet PL10136EJ03V0DS
NX8571 Series
Table A: DWDM wavelength base on ITU-T recommendations (@ TLD = Tset) (3/7)
Wavelength Code 4 channel tunable 537D single channel 525 529 533 537 553D 541 545 549 553 569D 557 561 565 569 585D 573 577 581 585 602D 589 593 597 602 618D 606 610 614 618 634D 622 626 630 634 650D 638 642 646 650 ITU-T Wavelength (nm) 1552.52 1552.92 1553.32 1553.73 1554.13 1554.53 1554.94 1555.34 1555.74 1556.15 1556.55 1556.95 1557.36 1557.76 1558.17 1558.57 1558.98 1559.38 1559.79 1560.20 1560.60 1561.01 1561.41 1561.82 1562.23 1562.64 1563.04 1563.45 1563.86 1564.27 1564.67 1565.08
*1
Frequency (THz) 193.10 193.05 193.00 192.95 192.90 192.85 192.80 192.75 192.70 192.65 192.60 192.55 192.50 192.45 192.40 192.35 192.30 192.25 192.20 192.15 192.10 192.05 192.00 191.95 191.90 191.85 191.80 191.75 191.70 191.65 191.60 191.55
Monitor Slope
Negative Positive Negative Positive Negative Positive Negative Positive Negative Positive Negative Positive Negative Positive Negative Positive Negative Positive Negative Positive Negative Positive Negative Positive Negative Positive Negative Positive Negative Positive Negative Positive
*1 The value which omitted and computed the 3rd place below the decimal point
Data Sheet PL10136EJ03V0DS
7
NX8571 Series
Table A: DWDM wavelength base on ITU-T recommendations (@ TLD = Tset) (4/7)
Wavelength Code 4 channel tunable 667D single channel 654 659 663 667 683D 671 675 679 683 700D 687 691 695 700 716D 704 708 712 716 733D 720 724 728 733 749D 737 741 745 749 766D 753 757 761 766 782D 770 774 778 782 ITU-T Wavelength (nm) 1565.49 1565.90 1566.31 1566.72 1567.13 1567.54 1567.95 1568.36 1568.77 1569.18 1569.59 1570.00 1570.41 1570.82 1571.23 1571.65 1572.06 1572.47 1572.88 1573.30 1573.71 1574.12 1574.54 1574.95 1575.36 1575.78 1576.19 1576.61 1577.02 1577.44 1577.85 1578.27
*1
Frequency (THz) 191.50 191.45 191.40 191.35 191.30 191.25 191.20 191.15 191.10 191.05 191.00 190.95 190.90 190.85 190.80 190.75 190.70 190.65 190.60 190.55 190.50 190.45 190.40 190.35 190.30 190.25 190.20 190.15 190.10 190.05 190.00 189.95
Monitor Slope
Negative Positive Negative Positive Negative Positive Negative Positive Negative Positive Negative Positive Negative Positive Negative Positive Negative Positive Negative Positive Negative Positive Negative Positive Negative Positive Negative Positive Negative Positive Negative Positive
*1 The value which omitted and computed the 3rd place below the decimal point
8
Data Sheet PL10136EJ03V0DS
NX8571 Series
Table A: DWDM wavelength base on ITU-T recommendations (@ TLD = Tset) (5/7)
Wavelength Code 4 channel tunable 799D single channel 786 791 795 799 816D 803 807 811 816 832D 820 824 828 832 849D 836 841 845 849 866D 853 857 862 866 883D 870 874 878 883 899D 887 891 895 899 916D 904 908 912 916 ITU-T Wavelength (nm) 1578.68 1579.10 1579.51 1579.93 1580.35 1580.76 1581.18 1581.60 1582.01 1582.43 1582.85 1583.27 1583.69 1584.10 1584.52 1584.94 1585.36 1585.78 1586.20 1586.62 1587.04 1587.46 1587.88 1588.30 1588.72 1589.14 1589.56 1589.98 1590.41 1590.83 1591.25 1591.67
*1
Frequency (THz) 189.90 189.85 189.80 189.75 189.70 189.65 189.60 189.55 189.50 189.45 189.40 189.35 189.30 189.25 189.20 189.15 189.10 189.05 189.00 188.95 188.90 188.85 188.80 188.75 188.70 188.65 188.60 188.55 188.50 188.45 188.40 188.35
Monitor Slope
Negative Positive Negative Positive Negative Positive Negative Positive Negative Positive Negative Positive Negative Positive Negative Positive Negative Positive Negative Positive Negative Positive Negative Positive Negative Positive Negative Positive Negative Positive Negative Positive
*1 The value which omitted and computed the 3rd place below the decimal point
Data Sheet PL10136EJ03V0DS
9
NX8571 Series
Table A: DWDM wavelength base on ITU-T recommendations (@ TLD = Tset) (6/7)
Wavelength Code 4 channel tunable 933D single channel 921 925 929 933 950D 937 942 946 950 967D 954 959 963 967 984D 971 976 980 984 6001D 988 993 997 6001 6018D 6006 6010 6014 6018 6035D 6023 6027 6031 6035 6053D 6040 6044 6048 6053 ITU-T Wavelength (nm) 1592.10 1592.52 1592.94 1593.36 1593.79 1594.21 1594.64 1595.06 1595.48 1595.91 1596.33 1596.76 1597.18 1597.61 1598.04 1598.46 1598.89 1599.32 1599.74 1600.17 1600.60 1601.02 1601.45 1601.88 1602.31 1602.74 1603.16 1603.59 1604.02 1604.45 1604.88 1605.31
*1
Frequency (THz) 188.30 188.25 188.20 188.15 188.10 188.05 188.00 187.95 187.90 187.85 187.80 187.75 187.70 187.65 187.60 187.55 187.50 187.45 187.40 187.35 187.30 187.25 187.20 187.15 187.10 187.05 187.00 186.95 186.90 186.85 186.80 186.75
Monitor Slope
Negative Positive Negative Positive Negative Positive Negative Positive Negative Positive Negative Positive Negative Positive Negative Positive Negative Positive Negative Positive Negative Positive Negative Positive Negative Positive Negative Positive Negative Positive Negative Positive
*1 The value which omitted and computed the 3rd place below the decimal point
10
Data Sheet PL10136EJ03V0DS
NX8571 Series
Table A: DWDM wavelength base on ITU-T recommendations (@ TLD = Tset) (7/7)
Wavelength Code 4 channel tunable 6070D single channel 6057 6061 6066 6070 6087D 6074 6078 6083 6087 ITU-T Wavelength (nm) 1605.74 1606.17 1606.60 1607.03 1607.46 1607.89 1608.32 1608.76
*1
Frequency (THz) 186.70 186.65 186.60 186.55 186.50 186.45 186.40 186.35
Monitor Slope
Negative Positive Negative Positive Negative Positive Negative Positive
*1 The value which omitted and computed the 3rd place below the decimal point
Data Sheet PL10136EJ03V0DS
11
NX8571 Series
TYPICAL CHARACTERISTICS (TLD = 25C, unless otherwise specified)
SPECTRUM
0 -10
OPTICAL OUTPUT POWER FROM FIBER, MONITOR CURRENT (Pf MONITOR) vs. FORWARD CURRENT
Optical Output Power from Fiber Pf (mW)
Pf 25.0 20.0 15.0 Im(Pf) 10.0 5.0 0.10 0.05 0 200 0.25 0.20 0.15
-20 -30 -40 -50 -60 -70 -80 1 529.1 1 534.1 1 539.1 1 544.1 1 549.1
0
50
100
150
Wavelength (nm)
Forward Current IF (mA)
THERMISTOR RESISTANCE vs. AMBIENT TEMPERATURE
Cooler Electric Power Consumption (W)
50 30 20 10 5 3 2 1 0
COOLER ELECTRIC POWER CONSUMPTION vs. LASER SET TEMPERATURE
4.0 TC = 70C 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0.0 10 15 20 25 30 35
Thermistor Resistance R (k)
25
50
75
Ambient Temperature TA (C)
Laser Set Temperature Tset (C)
Remark The graphs indicate nominal characteristics.
12
Data Sheet PL10136EJ03V0DS
Monitor Current (Pf Monitor) Im(Pf) (mA)
30.0
0.30
Relative Intensity (dB)
NX8571 Series
REFERENCE
Document Name OPTICAL SEMICONDUCTOR DEVICES FOR FIBEROPTIC COMMUNICATIONS SELECTION GUIDE Opto-Electronics Devices Pamphlet Document No. PL10161E PX10160E
Data Sheet PL10136EJ03V0DS
13
4590 Patrick Henry Drive Santa Clara, CA 95054-1817 Telephone: (408) 919-2500 Facsimile: (408) 988-0279
Subject: Compliance with EU Directives
CEL certifies, to its knowledge, that semiconductor and laser products detailed below are compliant with the requirements of European Union (EU) Directive 2002/95/EC Restriction on Use of Hazardous Substances in electrical and electronic equipment (RoHS) and the requirements of EU Directive 2003/11/EC Restriction on Penta and Octa BDE. CEL Pb-free products have the same base part number with a suffix added. The suffix -A indicates that the device is Pb-free. The -AZ suffix is used to designate devices containing Pb which are exempted from the requirement of RoHS directive (*). In all cases the devices have Pb-free terminals. All devices with these suffixes meet the requirements of the RoHS directive. This status is based on CEL's understanding of the EU Directives and knowledge of the materials that go into its products as of the date of disclosure of this information.
Restricted Substance per RoHS Lead (Pb) Mercury Cadmium Hexavalent Chromium PBB PBDE Concentration Limit per RoHS (values are not yet fixed) < 1000 PPM < 1000 PPM < 100 PPM < 1000 PPM < 1000 PPM < 1000 PPM Concentration contained in CEL devices -A Not Detected Not Detected Not Detected Not Detected Not Detected Not Detected -AZ (*)
If you should have any additional questions regarding our devices and compliance to environmental standards, please do not hesitate to contact your local representative.
Important Information and Disclaimer: Information provided by CEL on its website or in other communications concerting the substance content of its products represents knowledge and belief as of the date that it is provided. CEL bases its knowledge and belief on information provided by third parties and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. CEL has taken and continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals. CEL and CEL suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release. In no event shall CEL's liability arising out of such information exceed the total purchase price of the CEL part(s) at issue sold by CEL to customer on an annual basis. See CEL Terms and Conditions for additional clarification of warranties and liability.


▲Up To Search▲   

 
Price & Availability of NX8571SC79

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X