Part Number Hot Search : 
JBT6N81S SH77640 P1300 PCR06A CY7C42 T24C0 014014 CY621
Product Description
Full Text Search
 

To Download MM1232 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MITSUMI
2-Input 1-Output 3-Circuit Video Switch MM1231~1234
2-Input 1-Output 3-Circuit Video Switch
Monolithic IC MM1231~1234
Outline
This is serial 2-input, 1-output, 3-circuit video switch IC for video / audio signal switching with and without clamp circuit. Circuit configuration tables and block diagrams are as follows. MM1234 is used as the representative model in this description.
MM1231~MM1234 Series Circuit Configuration Table
Model name MM1231 MM1232 MM1233 MM1234 # of Inputs 2 2 2 2 # of Outputs 1 1 1 1 Clamp circuit No 1 input 2 input 3 input Power supply voltage 4.6~13.0V 4.6~13.0V 4.6~13.0V 4.6~13.0V
MM1231~MM1234 Input/Output Voltage Measurement Values (typ.)
Model name Input / Output voltage Input voltage Output voltage Input voltage MM1232 Output voltage Input clamp Output voltage Input voltage MM1233 Output voltage Input clamp Output voltage MM1234 Input clamp Output voltage Power supply voltage 5V 2.80 2.01 2.80 2.10 1.40 0.70 2.80 2.10 1.40 0.70 1.40 0.70 9V 5.00 4.30 5.00 4.30 2.50 2.20 5.00 4.30 2.50 2.20 2.50 2.20 12V 6.70 6.00 6.70 6.00 3.30 2.90 6.70 6.00 3.30 2.90 3.30 2.90 Unit V V V V V V V V V V V V
MM1231
MITSUMI
2-Input 1-Output 3-Circuit Video Switch MM1231~1234
Block Diagram
MM1231
(MM1231~MM1234) MM1232
MM1233
MM1234
Control input truth table SW L OUT IN1A IN2A IN3A IN1B H IN2B IN3B
MITSUMI
2-Input 1-Output 3-Circuit Video Switch MM1231~1234
Introduction of Main Model
2-Input 1-Output 3-Circuit Video Switch
Monolithic IC MM1234
Outline
This is a video switch for video signal switching, with 2-input and 1-output circuits built in. All three circuits have a clamp function.
Features
1. 2. 3. 4. 5. 6. 3 circuits built in, 2-input and 1-output Clamp function Current consumption Operating power supply voltage range Frequency response Crosstalk
9.0mA typ. 4.6~13.0V 10MHz 70dB (at 4.43MHZ)
Package
SOP-16B DIP-16B
Applications
1. TV 2. VCR 3. Other video equipment
MITSUMI
2-Input 1-Output 3-Circuit Video Switch MM1231~1234
Pin Description
Pin no. 16 1 11 14 8 9 Pin name IN1A IN1B IN2A IN2B IN3A IN3B Function Input Internal equivalent circuit diagram
2 12 7
SW1 SW2 SW3
Switch
3 5 6
OUT1 OUT2 OUT3
Output
13 15 4 10
VCC GND1 GND2 GND3
Power supply Ground
MITSUMI
2-Input 1-Output 3-Circuit Video Switch MM1231~1234
Absolute Maximum Ratings
Item Storage temperature Operating temperature Power supply voltage Allowable loss
(Ta=25C) Symbol TSTG TOPR VCC Pd Ratings -40~+125 -20~+75 15 350 (SOP-16B) 1200 (DIP-16B) Units C C V mW
Electrical Characteristics
Item
(Except where noted otherwise, Ta=25C, VCC=5.0V)
Symbol VCC Id GV FC DG DP Voff CT VIH VIL Ro
Measurement conditions Refer to Measuring Circuit Refer to Measuring Circuit Refer to Measuring Circuit Refer to Measuring Circuit Refer to Measuring Circuit Refer to Measuring Circuit Refer to Measuring Circuit Refer to Measuring Circuit Refer to Measuring Circuit
Min. Typ. Max. Units 4.6 9.0 -0.5 -1 0 0 0 0 -70 2.1 0.7 25 13.0 11.7 +0.5 +1 3 3 15 -60 V mA dB dB % deg mV dB V V
Operating power supply voltage range Consumption current Voltage gain Frequency characteristic Differential gain Differential phase Output offset voltage Crosstalk Switch input voltage H Switch input voltage L Output impedance
MITSUMI
2-Input 1-Output 3-Circuit Video Switch MM1231~1234
Measuring Procedures
Item Symbol
(Except where noted otherwise, VCC=5.0V, VC1=VCC, VC2=0V)
Switch state Measuring Procedure S1 S2 S3 S4 S5 S6 S7 S8 Consumption 2 2 2 2 2 2 2 1 Connect a DC ammeter to the VCC pin and measure. The Id ammeter is shorted for use in subsequent measurements. current 1 2 2 2 2 2 2 1 Input a 2.0VP-P, 100kHz sine wave to SG, and 2 1 2 2 2 2 1 1 obtain Gv from the following formula given TP1 2 2 1 2 2 2 2 2 voltage as V1 and TP3 voltage as V2. Voltage gain GV 2 2 2 1 2 2 1 2 2 2 2 2 1 2 2 3 GV=20LOG (V2/V1) dB 2 2 2 2 2 1 1 3 1 2 2 2 2 2 2 1 For the above GV measurement, given TP3 2 1 2 2 2 2 1 1 voltage for 10MHz as V3, FC is obtained from Frequency 2 2 1 2 2 2 2 2 the following formula. Fc characteristic 2 2 2 1 2 2 1 2 2 2 2 2 1 2 2 3 FC=20LOG (V3/V2) dB 2 2 2 2 2 1 1 3 1 2 2 2 2 2 2 1 2 1 2 2 2 2 1 1 Input a 2.0VP-P staircase wave to SG, and 2 2 1 2 2 2 2 2 measure differential gain at TP3. Differential gain DG 2 2 2 1 2 2 1 2 APL=10~90% 2 2 2 2 1 2 2 3 2 2 2 2 2 1 1 3 1 2 2 2 2 2 2 1 2 1 2 2 2 2 1 1 2 2 1 2 2 2 2 2 Proceed as for DG, and measure differential Differential phase DP 2 2 2 1 2 2 1 2 phase. 2 2 2 2 1 2 2 3 2 2 2 2 2 1 1 3 2 2 2 2 2 2 2 1 2 2 2 2 2 2 1 1 Output offset 2 2 2 2 2 2 2 2 Measure the DC voltage difference at TP2 for Voff voltage 2 2 2 2 2 2 1 2 each switch for VC1 and VC2. 2 2 2 2 2 2 2 3 2 2 2 2 2 2 1 3 1 2 2 2 2 2 1 1 Assume VC1=2.1V, VC2=0.7V. Input a 2.0VP-P, 2 1 2 2 2 2 2 1 4.43MHz sine wave to SG, and given TP1 2 2 1 2 2 2 1 2 voltage as V4 and TP3 voltage as V5, CT is Crosstalk CT 2 2 2 1 2 2 2 2 obtained from the following formula. 2 2 2 2 1 2 1 3 CT=20LOG (V5/V4) dB 2 2 2 2 2 1 2 3 2 2 2 2 2 2 1 1 Impress an optional DC voltage on TP5 7, 9 and Switch input 2 2 2 2 2 1 2 TP6, 8 and 10. Gradually raise from VC1=0V. VIH 2 voltage H 2 2 2 2 2 2 1 3 TP4 voltage when TP6, 8, 10 voltage is output 2 2 2 2 2 2 1 1 on TP2 is VIH. Gradually lower from VC1=VCC. Switch input 2 2 2 2 2 2 1 2 TP4 voltage when TP5, 7, 9 voltage is output on VIL voltage L 2 2 2 2 2 2 1 3 TP2 is VIL.
MITSUMI
2-Input 1-Output 3-Circuit Video Switch MM1231~1234
Measuring Circuit


▲Up To Search▲   

 
Price & Availability of MM1232

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X