Part Number Hot Search : 
AM1434N SFR605 3506A HVR1200 MUR440 12802 RFM064 TC1221
Product Description
Full Text Search
 

To Download MCR12DSN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document by MCR12DSM/D
Silicon Controlled Rectifiers
Reverse Blocking Thyristors
* Small Size * Passivated Die for Reliability and Uniformity * Low Level Triggering and Holding Characteristics * Available in Two Package Styles Surface Mount Lead Form -- Case 369A Miniature Plastic Package -- Straight Leads -- Case 369
G ORDERING INFORMATION * To Obtain "DPAK" in Surface Mount Leadform (Case 369A) Shipped in Sleeves -- No Suffix, i.e. MCR12DSN Shipped in 16 mm Tape and Reel -- Add "T4" Suffix to Device Number, i.e. MCR12DSNT4 * To Obtain "DPAK" in Straight Lead Version (Case 369) Shipped in Sleeves -- Add "-1" Suffix to Device Number, i.e. MCR12DSN-1 A
MCR12DSM MCR12DSN
Motorola Preferred Devices
Designed for high volume, low cost, industrial and consumer applications such as motor control; process control; temperature, light and speed control. SCRs 12 AMPERES RMS 600 thru 800 VOLTS
A K K A G
CASE 369A-13 STYLE 4
MAXIMUM RATINGS (TJ = 25C unless otherwise noted)
Rating Peak Repetitive Off-State Voltage (1) Peak Repetitive Reverse Voltage (TJ = -40 to 110C, RGK = 1.0 KW) On-State RMS Current (All Conduction Angles; TC = 75C) Average On-State Current (All Conduction Angles; TC = 75C) Peak Non-Repetitive Surge Current (One Half Cycle, 60 Hz, TJ = 110C) Circuit Fusing Consideration (t = 8.3 msec) Peak Gate Power (Pulse Width 10 msec, TC = 75C) Average Gate Power (t = 8.3 msec, TC = 75C) Peak Gate Current (Pulse Width 10 msec, TC = 75C) Operating Junction Temperature Range Storage Temperature Range Symbol VDRM VRRM MCR12DSM MCR12DSN IT(RMS) 12 IT(AV) ITSM 100 I2t PGM 5.0 PG(AV) 0.5 IGM TJ Tstg 2.0 -40 to 110 -40 to 150 Amps C 41 A2sec Watts 7.6 600 800 Amps Value Unit Volts
THERMAL CHARACTERISTICS
Characteristic Thermal Resistance -- Junction to Case Thermal Resistance -- Junction to Ambient Thermal Resistance -- Junction to Ambient (2) Maximum Lead Temperature for Soldering Purposes (3) Symbol RqJC RqJA RqJA Max 2.2 88 80 Unit C/W
TL 260 C (1) VDRM for all types can be applied on a continuous basis. Ratings apply for negative gate voltage or RGK = 1.0 KW; positive gate voltage shall not be applied concurrent with negative potential on the anode. Blocking voltages shall not be tested with a constant current source such that the voltage ratings of the device are exceeded. (2) Surface mounted on minimum recommended pad size. (3) 1/8 from case for 10 seconds.
Preferred devices are Motorola recommended choices for future use and best overall value.
Motorola Thyristor Device Data (c) Motorola, Inc. 1997
1
MCR12DSM MCR12DSN
ELECTRICAL CHARACTERISTICS (TJ = 25C; RGK = 1.0 KW unless otherwise noted)
Characteristics Peak Reverse Gate Blocking Voltage (IGR = 10 mA) Peak Forward Blocking Current Peak Reverse Blocking Current (VAK = Rated VDRM or VRRM) (1) Peak Reverse Gate Blocking Current (VGR = 10 V) Peak On-State Voltage (2) (ITM = 24 A) Gate Trigger Current (Continuous dc) (3) (VD = 12 V, RL = 100 W, TJ = 25C) (VD = 12 V, RL = 100 W, TJ = -40C) Gate Trigger Voltage (Continuous dc) (VD = 12 V, RL = 100 W, TJ = 25C) (VD = 12 V, RL = 100 W, TJ = -40C) (VD = 12 V, RL = 100 W, TJ = 110C) Holding Current (VD = 12 V, I(init) = 200 mA, TJ = 25C) (VD = 12 V, I(init) = 200 mA, TJ = -40C) Latching Current (VD = 12 V, IG = 2.0 mA, TJ = 25C) (VD = 12 V, IG = 2.0 mA, TJ = -40C) Symbol VGRM 10 IDRM IRRM TJ = 25C TJ = 110C IRGM -- VTM -- IGT 5.0 -- VGT 0.45 -- 0.2 IH 0.5 -- IL 0.5 -- 1.0 -- 6.0 10 1.0 -- 6.0 10 mA 0.65 -- -- 1.0 1.5 -- mA 12 -- 200 300 1.4 2.1 -- 1.2 -- -- -- -- 10 500 12.5 18 Min Typ Max Unit Volts
mA mA
Volts
mA
Volts
DYNAMIC CHARACTERISTICS
Characteristics Total Turn-On Time (Source Voltage = 12 V, RS = 6.0 KW, IT = 16 A(pk), RGK = 1.0 KW) (VD = Rated VDRM, Rise Time = 20 ns, Pulse Width = 10 ms) Critical Rate of Rise of Off-State Voltage (VD = 0.67 X Rated VDRM, Exponential Waveform, RGK = 1.0 KW, TJ = 110C) Symbol tgt -- dv/dt 2.0 10 -- 2.0 5.0 Min Typ Max Unit
ms
V/ms
(1) Ratings apply for negative gate voltage or RGK = 1.0 KW. Devices shall not have a positive gate voltage concurrently with a negative voltage on the anode. Devices should not be tested with a constant current source for forward and reverse blocking capability such that the voltage applied exceeds the rated blocking voltage. (2) Pulse Test; Pulse Width 2.0 msec, Duty Cycle 2%. (3) Does not include RGK current.
2
Motorola Thyristor Device Data
MCR12DSM MCR12DSN
TC , MAXIMUM ALLOWABLE CASE TEMPERATURE ( C) P(AV) , AVERAGE POWER DISSIPATION (WATTS) 110 105 100 95 90 85 80 75 70 0 dc 16 14 12 10 8.0 6.0 4.0 2.0 0 0 1.0 2.0 3.0 4.0 5.0 6.0 7.0 8.0 IT(AV), AVERAGE ON-STATE CURRENT (AMPS) 120 180
a = Conduction
Angle
a
90 60 dc
a = 30
a = Conduction
Angle
1.0 2.0
a
180
a = 30
3.0 4.0
60 5.0
90 6.0
120 7.0 8.0
IT(AV), AVERAGE ON-STATE CURRENT (AMPS)
Figure 1. Average Current Derating
Figure 2. On-State Power Dissipation
I T, INSTANTANEOUS ON-STATE CURRENT (AMPS)
100 MAXIMUM @ TJ = 110C 10 r(t) , TRANSIENT THERMAL RESISTANCE (NORMALIZED) TYPICAL @ TJ = 25C
1.0
0.1 ZqJC(t) = RqJC(t)Sr(t)
MAXIMUM @ TJ = 25C 1.0
0.1 0 1.0 2.0 3.0 4.0 5.0 VT, INSTANTANEOUS ON-STATE VOLTAGE (VOLTS)
0.01 0.1 1.0 10 100 1000 10 K t, TIME (ms)
Figure 3. On-State Characteristics
Figure 4. Transient Thermal Response
1000 VGT, GATE TRIGGER VOLTAGE (VOLTS) I GT, GATE TRIGGER CURRENT (m A)
1.0
RGK = 1.0 KW 100
10
GATE OPEN
1.0 -40 -25
0.1 -10 5.0 20 35 50 65 80 95 110 -40 -25 -10 5.0 20 35 50 65 80 95 110 TJ, JUNCTION TEMPERATURE (C) TJ, JUNCTION TEMPERATURE (C)
Figure 5. Typical Gate Trigger Current versus Junction Temperature
Figure 6. Typical Gate Trigger Voltage versus Junction Temperature
Motorola Thyristor Device Data
3
MCR12DSM MCR12DSN
10 RGK = 1.0 KW IH , HOLDING CURRENT (mA) IL, LATCHING CURRENT (mA) 10 RGK = 1.0 KW
1.0
1.0
0.1 -40 -25
-10
5.0
20
35
50
65
80
95
110
0.1 -40 -25
-10
5.0
20
35
50
65
80
95
110
TJ, JUNCTION TEMPERATURE (C)
TJ, JUNCTION TEMPERATURE (C)
Figure 7. Typical Holding Current versus Junction Temperature
Figure 8. Typical Latching Current versus Junction Temperature
10 TJ = 25C IH, HOLDING CURRENT (mA) 8.0
1000
STATIC dv/dt (V/m s)
100
70C 90C TJ = 110C
6.0
IGT = 25 mA
4.0 IGT = 10 mA
10
2.0 0 100
1.0 1000 RGK, GATE-CATHODE RESISTANCE (OHMS) 10 K 100 RGK, GATE-CATHODE RESISTANCE (OHMS) 1000
Figure 9. Holding Current versus Gate-Cathode Resistance
Figure 10. Exponential Static dv/dt versus Gate-Cathode Resistance and Junction Temperature
1000
1000 TJ = 110C 400 V STATIC dv/dt (V/ ms) STATIC dv/dt (V/ ms) 100
VD = 800 V TJ = 110C 100 IGT = 25 mA IGT = 10 mA 10
600 V VPK = 800 V
10
1.0 100 RGK, GATE-CATHODE RESISTANCE (OHMS) 1000
1.0 100 RGK, GATE-CATHODE RESISTANCE (OHMS) 1000
Figure 11. Exponential Static dv/dt versus Gate-Cathode Resistance and Peak Voltage
Figure 12. Exponential Static dv/dt versus Gate-Cathode Resistance and Gate Trigger Current Sensitivity
4
Motorola Thyristor Device Data
MCR12DSM MCR12DSN
PACKAGE DIMENSIONS
-T- B V R
4
SEATING PLANE
C E
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. INCHES MIN MAX 0.235 0.250 0.250 0.265 0.086 0.094 0.027 0.035 0.033 0.040 0.037 0.047 0.180 BSC 0.034 0.040 0.018 0.023 0.102 0.114 0.090 BSC 0.175 0.215 0.020 0.050 0.020 --- 0.030 0.050 0.138 --- MILLIMETERS MIN MAX 5.97 6.35 6.35 6.73 2.19 2.38 0.69 0.88 0.84 1.01 0.94 1.19 4.58 BSC 0.87 1.01 0.46 0.58 2.60 2.89 2.29 BSC 4.45 5.46 0.51 1.27 0.51 --- 0.77 1.27 3.51 ---
S
1 2 3
A K F L D G
2 PL
Z U
J H 0.13 (0.005) T
DIM A B C D E F G H J K L R S U V Z
M
STYLE 4: PIN 1. 2. 3. 4.
CATHODE ANODE GATE ANODE
CASE 369A-13 ISSUE Y
Motorola Thyristor Device Data
5
MCR12DSM MCR12DSN
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. Mfax is a trademark of Motorola, Inc. How to reach us: USA / EUROPE / Locations Not Listed: Motorola Literature Distribution; P.O. Box 5405, Denver, Colorado 80217. 303-675-2140 or 1-800-441-2447 JAPAN: Nippon Motorola Ltd.: SPD, Strategic Planning Office, 4-32-1, Nishi-Gotanda, Shinagawa-ku, Tokyo 141, Japan. 81-3-5487-8488
MfaxTM: RMFAX0@email.sps.mot.com - TOUCHTONE 602-244-6609 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, - US & Canada ONLY 1-800-774-1848 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298 INTERNET: http://motorola.com/sps
6
Motorola Thyristor MCR12DSM/D Device Data


▲Up To Search▲   

 
Price & Availability of MCR12DSN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X