Part Number Hot Search : 
1N5352 1N5242B 2SA186 FN4707 SE12005 LMG5278 PT6302 SOT143
Product Description
Full Text Search
 

To Download MC14049BCP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MC14049B, MC14050B Hex Buffer
The MC14049B Hex Inverter/Buffer and MC14050B Noninverting Hex Buffer are constructed with MOS P-Channel and N-Channel enhancement mode devices in a single monolithic structure. These complementary MOS devices find primary use where low power dissipation and/or high noise immunity is desired. These devices provide logic level conversion using only one supply voltage, VDD. The input-signal high level (VIH) can exceed the VDD supply voltage for logic level conversions. Two TTL/DTL loads can be driven when the devices are used as a CMOS-to-TTL/DTL converter (VDD = 5.0 V, VOL v 0.4 V, IOL 3.2 mA). Note that pins 13 and 16 are not connected internally on these devices; consequently connections to these terminals will not affect circuit operation.
Features
http://onsemi.com MARKING DIAGRAMS
PDIP-16 P SUFFIX CASE 648 16 MC140xxBCP AWLYYWW 1
* * * * * * *
16 SOIC-16 D SUFFIX CASE 751B 1 140xxB AWLYWW
High Source and Sink Currents High-to-Low Level Converter Supply Voltage Range = 3.0 V to 18 V VIN can exceed VDD Meets JEDEC B Specifications Improved ESD Protection On All Inputs Pb-Free Packages are Available*
16 TSSOP-16 DT SUFFIX CASE 948F 1 Value -0.5 to +18.0 -0.5 to +18.0 -0.5 to VDD + 0.5 10 45 825 740 -55 to +125 -65 to +150 260 C C C Unit V V V mA mA mW xx A WL, L YY, Y WW, W = Specific Device Code = Assembly Location = Wafer Lot = Year = Work Week SOEIAJ-16 F SUFFIX CASE 966 1 16 MC140xxB AWLYWW 14 0xxB ALYW
MAXIMUM RATINGS (Voltages Referenced to VSS)
Symbol VDD Vin Vout Iin Iout PD Parameter DC Supply Voltage Range Input Voltage Range (DC or Transient) Output Voltage Range (DC or Transient) Input Current (DC or Transient) per Pin Output Current (DC or Transient) per Pin Power Dissipation, per Package (Note 1) (Plastic) (SOIC) Ambient Temperature Range Storage Temperature Range Lead Temperature (8-Second Soldering)
TA Tstg TL
1. Temperature Derating: See Figure 3. This device contains protection circuitry to protect the inputs against damage due to high static voltages or electric fields referenced to the VSS pin only. Extra precautions must be taken to avoid applications of any voltage higher than the maximum rated voltages to this high-impedance circuit. For proper operation, the ranges VSS Vin 18 V and VSS Vout VDD are recommended. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either VSS or VDD). Unused outputs must be left open.
ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 2 of this data sheet.
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
(c) Semiconductor Components Industries, LLC, 2005
1
February, 2005 - Rev. 5
Publication Order Number: MC14049B/D
MC14049B, MC14050B
MC14049B 3 2 4 6 10 12 15 NC = PIN 13, 16 VSS = PIN 8 VDD = PIN 1
LOGIC DIAGRAM
3 5 7 9 11 14
MC14050B 2 4 6 10 12 15 NC = PIN 13, 16 VSS = PIN 8 VDD = PIN 1
PIN ASSIGNMENT
VDD OUTA INA OUTB INB OUTC INC VSS 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 NC OUTF INF NC OUTE INE OUTD IND 14 11 5 7 9
ORDERING INFORMATION
Device MC14049BCP MC14049BCPG MC14049BD MC14049BDG MC14049BDR2 MC14049BDR2G MC14049BFEL Package PDIP-16 PDIP-16 (Pb-Free) SOIC-16 SOIC-16 (Pb-Free) SOIC-16 SOIC-16 (Pb-Free) SOEIAJ-16 Shipping 500 Units / Rail 500 Units / Rail 48 Units / Rail 48 Units / Rail 2500 Units / Tape & Reel 2500 Units / Tape & Reel 2000 Units / Tape & Reel
MC14050BCP MC14050BCPG MC14050BD MC14050BDR2 MC14050BDR2G MC14050BDT MC14050BDTR2 MC14050BFEL MC14050BFELG
PDIP-16 PDIP-16 (Pb-Free) SOIC-16 SOIC-16 SOIC-16 (Pb-Free) TSSOP-16* TSSOP-16* SOEIAJ-16 SOEIAJ-16 (Pb-Free)
500 Units / Rail 500 Units / Rail 48 Units / Rail 2500 Units / Tape & Reel 2500 Units / Tape & Reel 96 Units / Rail 2500 Units / Tape & Reel 2000 Units / Tape & Reel 2000 Units / Tape & Reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. *This package is inherently Pb-Free.
http://onsemi.com
2
IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I I II I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I I I I I I I I I I II I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIII I IIII II IIII I III II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIII I III II IIII I II II IIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIII I III I I I I I I I I I III II IIII I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II IIII I I II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I I I I I I I I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II IIII I I II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I I I I I I I I III II IIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIII I III II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIII I III II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIII I III I I I I I I I I I III II I II I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIII I I II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIII IIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII
ELECTRICAL CHARACTERISTICS (Voltages Referenced to VSS)
Total Supply Current (Notes 3 & 4) (Dynamic plus Quiescent, per package) (CL = 50 pF on all outputs, all buffers switching Quiescent Current (Per Package) Input Capacitance (Vin = 0) Input Current Output Drive Current (VOH = 2.5 Vdc) (VOH = 9.5 Vdc) (VOH = 13.5 Vdc) Input Voltage (VO = 4.5 Vdc) (VO = 9.0 Vdc) (VO = 13.5 Vdc) Output Voltage Vin = VDD (VOL = 0.4 Vdc) (VOL = 0.5 Vdc) (VOL = 1.5 Vdc) (VO = 0.5 Vdc) (VO = 1.0 Vdc) (VO = 1.5 Vdc) Vin = 0 Characteristic "1" Level "1" Level "0" Level "0" Level Source Sink Symbol VOH VOL IOH VIH IDD Cin IOL VIL Iin IT VDD Vdc 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 15
2. Data labelled "Typ" is not to be used for design purposes but is intended as an indication of the IC's potential performance. 3. The formulas given are for the typical characteristics only at + 25_C 4. To calculate total supply current at loads other than 50 pF: IT(CL) = IT(50 pF) + (CL - 50) Vfk
Where: IT is in mA (per Package), CL in pF, V = (VDD - VSS) in volts, f in kHz is input frequency and k = 0.002.
MC14049B, MC14050B
-
http://onsemi.com
4.95 9.95 14.95 - 1.6 - 1.6 - 4.7 3.75 10 30 MinIII Max 3.5 7.0 11 - - - - - - - - - - - - 55_C 0.1 0.05 0.05 0.05 1.0 2.0 4.0 1.5 3.0 4.0 - - - - - - - - - - - - - - 1.25 - 1.30 - 3.75 4.95 9.95 14.95 Min 3.2 8.0 24 3.5 7.0 11 IT = (1.8 mA/kHz) f + IDD IT = (3.5 mA/kHz) f + IDD IT = (5.3 mA/kHz) f + IDD - - - - - - - - - - - 0.00001 Typ (Note 2) + 25_C 0.002 0.004 0.006 - 2.5 - 2.6 - 10 2.75 5.50 8.25 2.25 4.50 6.75 6.0 16 40 5.0 10 15 10 0 0 0 0.1 0.05 0.05 0.05 Max 1.0 2.0 4.0 1.5 3.0 4.0 20 - - - - - - - - - - - - 4.95 9.95 14.95 - 1.0 - 1.0 - 3.0 Min 2.6 6.6 19 3.5 7.0 11 - - - - - - - - - - - + 125_C 1.0 0.05 0.05 0.05 Max 30 60 120 1.5 3.0 4.0 - - - - - - - - - - - - - mAdc mAdc mAdc mAdc mAdc Unit Vdc Vdc Vdc Vdc pF
3
MC14049B, MC14050B
I OH , OUTPUT SOURCE CURRNT (mAdc)
-10
VGS = 5.0 Vdc
-20 VGS = 10 Vdc
I OL, OUTPUT SINK CURRENT (mAdc)
IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIII I I II I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I I I I IIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I I I I IIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I I I I IIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIII I IIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIII I III I I I I I IIIII I IIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIII I IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII
AC SWITCHING CHARACTERISTICS (Note 5) (CL = 50 pF, TA = + 25_C)
Characteristic Symbol tTLH VDD Vdc 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 Min Typ (Note 6) 100 50 40 40 20 15 80 40 30 40 20 15 Max Unit ns Output Rise Time tTLH = (0.7 ns/pF) CL + 65 ns tTLH = (0.25 ns/pF) CL + 37.5 ns tTLH = (0.2 ns/pF) CL + 30 ns Output Fall Time tTHL = (0.2 ns/pF) CL + 30 ns tTHL = (0.06 ns/pF) CL + 17 ns tTHL = (0.04 ns/pF) CL + 13 ns - - - - - - - - - - - - 160 80 60 60 40 30 tTHL ns Propagation Delay Time tPLH = (0.33 ns/pF) CL + 63.5 ns tPLH = (0.19 ns/pF) CL + 30.5 ns tPLH = (0.06 ns/pF) CL + 27 ns Propagation Delay Time tPHL = (0.2 ns/pF) CL + 30 ns tPHL = (0.1 ns/pF) CL + 15 ns tPHL = (0.05 ns/pF) CL + 12.5 ns tPLH ns 140 80 60 80 40 30 tPHL ns 5. The formulas given are for the typical characteristics only at 25_C. 6. Data labeled "Typ" is not to be used for design purposes but is intended as an indication of the IC's potential performance. MC14049B VDD 1 IOH 8 VSS VOH MC14050B VDD 1 IOL 8 VSS VOL MC14049B VDD 1 IOL 8 VSS VOL 8 VDD = VOL MC14050B VDD 1 IOH VSS VOH VDS = VOH - VDD 0 160 VGS = 15 Vdc 120 80 VGS = 10 Vdc -30 MAXIMUM CURRENT LEVEL 40 VGS = 5.0 Vdc 0 0 2.0 4.0 6.0 8.0 VDS, DRAIN-TO-SOURCE VOLTAGE (Vdc) 10 -40 -50 -10 VGS = 15 Vdc MAXIMUM CURRENT LEVEL 0 -8.0 -6.0 -4.0 -2.0 VDS, DRAIN-TO-SOURCE VOLTAGE (Vdc)
Figure 1. Typical Output Source Characteristics
Figure 2. Typical Output Sink Characteristics
http://onsemi.com
4
MC14049B, MC14050B
PD , MAXIMUM POWER DISSIPATION (mW) PER PACKAGE 1200 1100 1000 900 825 800 740 700 600 500 400 300 200 100 0 25 (D) SOIC 175 mW (P) 120 mW (D) 50 75 100 125 TA, AMBIENT TEMPERATURE (C) 150 175 (P) PDIP
Figure 3. Ambient Temperature Power Derating
20 ns INPUT VDD 1 PULSE GENERATOR tPHL # OUTPUT MC14049B Vout 8 VSS CL tPLH tPHL OUTPUT MC14050B 90% 50% 10% tTLH 90% 50% 10% tTHL 90% 50% 10%
20 ns VDD
VSS tPLH VOH
Vin
tTLH tPHL
VOL
VOH
# Invert on MC14049B only
VOL tTHL
Figure 4. Switching Time Test Circuit and Waveforms
http://onsemi.com
5
MC14049B, MC14050B
PACKAGE DIMENSIONS
PDIP-16 P SUFFIX PLASTIC DIP PACKAGE CASE 648-08 ISSUE T
-A-
16 9 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEADS WHEN FORMED PARALLEL. 4. DIMENSION B DOES NOT INCLUDE MOLD FLASH. 5. ROUNDED CORNERS OPTIONAL.
B
1 8
F S
C
L
-T- H G D
16 PL
SEATING PLANE
K
J TA
M
M
0.25 (0.010)
M
DIM A B C D F G H J K L M S
INCHES MIN MAX 0.740 0.770 0.250 0.270 0.145 0.175 0.015 0.021 0.040 0.70 0.100 BSC 0.050 BSC 0.008 0.015 0.110 0.130 0.295 0.305 0_ 10 _ 0.020 0.040
MILLIMETERS MIN MAX 18.80 19.55 6.35 6.85 3.69 4.44 0.39 0.53 1.02 1.77 2.54 BSC 1.27 BSC 0.21 0.38 2.80 3.30 7.50 7.74 0_ 10 _ 0.51 1.01
SOIC-16 D SUFFIX PLASTIC SOIC PACKAGE CASE 751B-05 ISSUE J
-A-
16 9
-B-
1 8
P
8 PL
0.25 (0.010)
M
B
S
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION. DIM A B C D F G J K M P R MILLIMETERS MIN MAX 9.80 10.00 3.80 4.00 1.35 1.75 0.35 0.49 0.40 1.25 1.27 BSC 0.19 0.25 0.10 0.25 0_ 7_ 5.80 6.20 0.25 0.50 INCHES MIN MAX 0.386 0.393 0.150 0.157 0.054 0.068 0.014 0.019 0.016 0.049 0.050 BSC 0.008 0.009 0.004 0.009 0_ 7_ 0.229 0.244 0.010 0.019
G F
K C -T-
SEATING PLANE
R
X 45 _
M D
16 PL M
J
0.25 (0.010)
TB
S
A
S
http://onsemi.com
6
MC14049B, MC14050B
PACKAGE DIMENSIONS
TSSOP-16 DT SUFFIX PLASTIC TSSOP PACKAGE CASE 948F-01 ISSUE A
16X K REF
0.10 (0.004) 0.15 (0.006) T U
S
M
TU
S
V
S
K
16
2X
L/2
9
J1 B -U-
L
PIN 1 IDENT. 1 8
J
N 0.25 (0.010) 0.15 (0.006) T U
S
A -V- N F DETAIL E
C 0.10 (0.004) -T- SEATING
PLANE
H D G
DETAIL E
http://onsemi.com
7
CE E CCC EE CCC ECC E
M
K1
SECTION N-N
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A DOES NOT INCLUDE MOLD FLASH. PROTRUSIONS OR GATE BURRS. MOLD FLASH OR GATE BURRS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. DIMENSION B DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSION. INTERLEAD FLASH OR PROTRUSION SHALL NOT EXCEED 0.25 (0.010) PER SIDE. 5. DIMENSION K DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE K DIMENSION AT MAXIMUM MATERIAL CONDITION. 6. TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 7. DIMENSION A AND B ARE TO BE DETERMINED AT DATUM PLANE -W-. MILLIMETERS MIN MAX 4.90 5.10 4.30 4.50 --- 1.20 0.05 0.15 0.50 0.75 0.65 BSC 0.18 0.28 0.09 0.20 0.09 0.16 0.19 0.30 0.19 0.25 6.40 BSC 0_ 8_ INCHES MIN MAX 0.193 0.200 0.169 0.177 --- 0.047 0.002 0.006 0.020 0.030 0.026 BSC 0.007 0.011 0.004 0.008 0.004 0.006 0.007 0.012 0.007 0.010 0.252 BSC 0_ 8_
-W-
DIM A B C D F G H J J1 K K1 L M
MC14049B, MC14050B
PACKAGE DIMENSIONS
SOEIAJ-16 F SUFFIX PLASTIC EIAJ SOIC PACKAGE CASE 966-01 ISSUE O
16
9
LE Q1 E HE M_ L DETAIL P
1
8
Z D e A VIEW P
c
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS D AND E DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS AND ARE MEASURED AT THE PARTING LINE. MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 5. THE LEAD WIDTH DIMENSION (b) DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE LEAD WIDTH DIMENSION AT MAXIMUM MATERIAL CONDITION. DAMBAR CANNOT BE LOCATED ON THE LOWER RADIUS OR THE FOOT. MINIMUM SPACE BETWEEN PROTRUSIONS AND ADJACENT LEAD TO BE 0.46 ( 0.018). DIM A A1 b c D E e HE L LE M Q1 Z MILLIMETERS MIN MAX --- 2.05 0.05 0.20 0.35 0.50 0.18 0.27 9.90 10.50 5.10 5.45 1.27 BSC 7.40 8.20 0.50 0.85 1.10 1.50 10 _ 0_ 0.70 0.90 --- 0.78 INCHES MIN MAX --- 0.081 0.002 0.008 0.014 0.020 0.007 0.011 0.390 0.413 0.201 0.215 0.050 BSC 0.291 0.323 0.020 0.033 0.043 0.059 10 _ 0_ 0.028 0.035 --- 0.031
b 0.13 (0.005)
M
A1 0.10 (0.004)
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Phone: 81-3-5773-3850 ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
8
MC14049B/D


▲Up To Search▲   

 
Price & Availability of MC14049BCP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X