Part Number Hot Search : 
ECH8672 ST202BD S3402 DUY14A2 1SV266 107AF HT46R01 AUK30W
Product Description
Full Text Search
 

To Download MC14049B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Hex Buffer
The MC14049B Hex Inverter/Buffer and MC14050B Noninverting Hex Buffer are constructed with MOS P-Channel and N-Channel enhancement mode devices in a single monolithic structure. These complementary MOS devices find primary use where low power dissipation and/or high noise immunity is desired. These devices provide logic level conversion using only one supply voltage, VDD. The input-signal high level (VIH) can exceed the VDD supply voltage for logic level conversions. Two TTL/DTL loads can be driven when the devices are used as a CMOS-to-TTL/DTL converter (VDD = 5.0 V, VOL 0.4 V, IOL 3.2 mA). Note that pins 13 and 16 are not connected internally on these devices; consequently connections to these terminals will not affect circuit operation.
MC14049B MC14050B
L SUFFIX CERAMIC CASE 620
v
P SUFFIX PLASTIC CASE 648
IIIIIIIIIIIIIIIIIIIII I II III I I IIIIIIIIIIIIIIIIIIIII I II IIIIIIIIIIIIIIIIIIIII I II IIIIIIIIIIIIIIIIIIIII I II IIIIIIIIIIIIIIIIIIIII I II IIIIIIIIIIIIIIIIIIIII I II IIIIIIIIIIIIIIIIIIIII I II IIIIIIIIIIIIIIIIIIIII I II IIIIIIIIIIIIIIIIIIIII I II IIIIIIIIIIIIIIIIIIIII I II IIIIIIIIIIIIIIIIIIIII I II IIIIIIIIIIIIIIIIIIIII I II III I II IIIIIIIIIIIIIIIIIIIII I II IIIIIIIIIIIIIIIIIIIII I II IIIIIIIIIIIIIIIIIIIII I II IIIIIIIIIIIIIIIIIIIII I II IIIIIIIIIIIIIIIIIIIII I II IIIIIIIIIIIIIIIIIIIII I II IIIIIIIIIIIIIIIIIIIII I II IIIIIIII I IIIIIIIIIIIIIIIIIIIII I I II II IIIIIIIIIIIIIIIIIIIII I II IIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIII IIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII I I II II I IIIIIIIIIIIIIIIIIIIII I II IIIIIIIIIIIIIIIIIIIII I II IIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII I I II II IIIIIIIIIIIIIIIIIIIII I II IIIIIIIIIIIIIIIIIIIII IIIIIIII I I I IIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIII IIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII I II IIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII I II IIIIIIIIIIIIIIIIIIIII
MAXIMUM RATINGS1 (Voltages Referenced to VSS)
Characteristic Symbol VDD VIN Vout Iin Iout PD DC Supply Voltage Value Unit Vdc Vdc Vdc mA mA - 0.5 to + 18.0 - 0.5 to + 18.0 10 Input Voltage (DC or Transient) Output Voltage (DC or Transient) - 0.5 to VDD + 0.5 + 45 825 740 Input Current (DC or Transient), per Pin Power Dissipation, per Package2 (Plastic/Ceramic) (SOIC) Storage Temperature Output Current (DC or Transient), per Pin mW Tstg - 65 to + 150
* * * * * *
High Source and Sink Currents High-to-Low Level Converter Supply Voltage Range = 3.0 V to 18 V VIN can exceed VDD Meets JEDEC B Specifications Improved ESD Protection On All Inputs
D SUFFIX SOIC CASE 751B
ORDERING INFORMATION
MC14XXXBCP MC14XXXBCL MC14XXXBD Plastic Ceramic SOIC
TA = - 55 to 125C for all packages.
PIN ASSIGNMENT
VDD OUTA INA OUTB INB OUTC INC VSS 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 NC OUTF INF NC OUTE INE OUTD IND
_C
Lead Temperature (8 - Second Soldering) TL 260 _C 1Maximum Ratings are those values beyond which damage to the device may occur. 2Temperature Derating: See Figure 3. MC14049B 3 5 7 9 11 14 NC = PIN 13, 16 VSS = PIN 8 VDD = PIN 1 2 4 6 10 12 15
LOGIC DIAGRAM
MC14050B 3 5 7 9 11 14 NC = PIN 13, 16 VSS = PIN 8 VDD = PIN 1 2 4 6 10 12 15
REV 3 1/94
(c)MOTOROLA CMOS LOGIC DATA Motorola, Inc. 1995
MC14049B MC14050B 1
IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I III I III I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I III I I I I I I I I I II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I III I I I I I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I III I I I I I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I III I I I I I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I III I I I I I I I I I I II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I III IIII I III IIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIII IIIIII IIII I I I II II II III I I I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII
1 Data labelled "Typ" is not to be used for design purposes but is intended as an indication of the IC's potential performance. 2 The formulas given are for the typical characteristics only at + 25_C 3 To calculate total supply current at loads other than 50 pF:
IT(CL) = IT(50 pF) + (CL - 50) Vfk Where: IT is in A (per Package), CL in pF, V = (VDD - VSS) in volts, f in kHz is input frequency and k = 0.002.
ELECTRICAL CHARACTERISTICS (Voltages Referenced to VSS)
Total Supply Current 2,3 (Dynamic plus Quiescent, per package) (CL = 50 pF on all outputs, all buffers switching
Quiescent Current (Per Package)
Input Capacitance (Vin = 0)
Input Current
Output Drive Current (VOH = 2.5 Vdc) (VOH = 9.5 Vdc) (VOH = 13.5 Vdc)
Input Voltage (VO = 4.5 Vdc) (VO = 9.0 Vdc) (VO = 13.5 Vdc)
Output Voltage Vin = VDD
MC14049B MC14050B 2
(VO = 0.5 Vdc) (VO = 1.0 Vdc) (VO = 1.5 Vdc) Vin = 0 (VOL = 0.4 Vdc) (VOL = 0.5 Vdc) (VOL = 1.5 Vdc) Characteristic "1" Level "1" Level "0" Level "0" Level Source Sink Symbol VOH VOL IOH IDD VIH IOL Cin VIL Iin IT VDD Vdc 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 15 -- 4.95 9.95 14.95 - 1.6 - 1.6 - 4.7 3.75 10 30 Min 3.5 7.0 11 -- -- -- -- -- -- -- -- -- -- -- - 55_C 0.1 0.05 0.05 0.05 Max 1.0 2.0 4.0 1.5 3.0 4.0 -- -- -- -- -- -- -- -- -- -- -- -- -- - 1.25 - 1.30 - 3.75 4.95 9.95 14.95 Min 3.2 8.0 24 3.5 7.0 11 -- -- -- -- -- -- -- -- -- -- -- 0.00001 + 25_C 0.002 0.004 0.006 Typ1 - 2.5 - 2.6 - 10
This device contains protection circuitry to protect the inputs against damage due to high static voltages or electric fields referenced to the VSS pin only. Extra precautions must be taken to avoid applications of any voltage higher than the maximum rated voltages to this high-impedance circuit. For proper operation, the ranges VSS Vin 18 V and VSS Vout VDD are recommended. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either VSS or VDD). Unused outputs must be left open.
IT = (1.8 A/kHz) f + IDD IT = (3.5 A/kHz) f + IDD IT = (5.3 A/kHz) f + IDD
v
2.75 5.50 8.25
2.25 4.50 6.75
6.0 16 40
5.0 10 15
10
0 0 0
v
MOTOROLA CMOS LOGIC DATA
0.1 0.05 0.05 0.05 Max 1.0 2.0 4.0 1.5 3.0 4.0 20 -- -- -- -- -- -- -- -- -- -- -- 4.95 9.95 14.95 - 1.0 - 1.0 - 3.0 Min 2.6 6.6 19 3.5 7.0 11 -- -- -- -- -- -- -- -- -- -- -- + 125_C
v
1.0
0.05 0.05 0.05
Max
30 60 120
1.5 3.0 4.0
--
-- -- --
-- -- --
-- -- --
-- -- --
v
mAdc
mAdc
Adc Adc Unit Vdc Vdc Vdc Vdc pF
Adc
I OH , OUTPUT SOURCE CURRNT (mAdc)
- 10
VGS = 5.0 Vdc
- 20 VGS = 10 Vdc
I OL, OUTPUT SINK CURRENT (mAdc)
IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II III I I I I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II III I I I I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II III I I I I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II III I I I I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII III II II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII
AC SWITCHING CHARACTERISTICS 1 (CL = 50 pF, TA = + 25_C)
Characteristic Symbol tTLH VDD Vdc 5.0 10 15 5.0 10 15 5.0 10 15 Min -- -- -- -- -- -- -- -- -- Typ2 100 50 40 40 20 15 80 40 30 Max 160 80 60 60 40 30 Unit ns Output Rise Time tTLH = (0.7 ns/pF) CL + 65 ns tTLH = (0.25 ns/pF) CL + 37.5 ns tTLH = (0.2 ns/pF) CL + 30 ns Output Fall Time tTHL = (0.2 ns/pF) CL + 30 ns tTHL = (0.06 ns/pF) CL + 17 ns tTHL = (0.04 ns/pF) CL + 13 ns tTHL ns Propagation Delay Time tPLH = (0.33 ns/pF) CL + 63.5 ns tPLH = (0.19 ns/pF) CL + 30.5 ns tPLH = (0.06 ns/pF) CL + 27 ns tPLH ns 140 80 60 Propagation Delay Time tPHL tPHL = (0.2 ns/pF) CL + 30 ns 5.0 -- 40 80 tPHL = (0.1 ns/pF) CL + 15 ns 10 -- 20 40 tPHL = (0.05 ns/pF) CL + 12.5 ns 15 -- 15 30 1 The formulas given are for the typical characteristics only at 25_C. 2 Data labeled "Typ" is not to be used for design purposes but is intended as an indication of the IC's potential performance. ns MC14049B VDD 1 IOH 8 VSS VDS = VOH - VDD VOH 8 VSS MC14050B VDD 1 IOL VOL 8 VSS VDD = VOL MC14049B VDD 1 IOL VOL 8 VSS MC14050B VDD 1 IOH VOH 0 160 VGS = 15 Vdc 120 80 VGS = 10 Vdc - 30 MAXIMUM CURRENT LEVEL 40 VGS = 5.0 Vdc 0 0 2.0 4.0 6.0 8.0 VDS, DRAIN-TO-SOURCE VOLTAGE (Vdc) 10 - 40 VGS = 15 Vdc MAXIMUM CURRENT LEVEL 0 - 50 - 10 - 8.0 - 6.0 - 4.0 - 2.0 VDS, DRAIN-TO-SOURCE VOLTAGE (Vdc)
Figure 1. Typical Output Source Characteristics
Figure 2. Typical Output Sink Characteristics
MOTOROLA CMOS LOGIC DATA
MC14049B MC14050B 3
PD , MAXIMUM POWER DISSIPATION (mW) PER PACKAGE
1200 1100 1000 900 825 800 740 700 600 500 400 300 200 100 0 25 (D) SOIC 260 mW (L) 175 mW (P) 120 mW (D) 150 175
(L) CERAMIC (P) PDIP
50
75 100 125 TA, AMBIENT TEMPERATURE (C)
Figure 3. Ambient Temperature Power Derating
20 ns INPUT VDD 1 # PULSE GENERATOR OUTPUT MC14049B Vin 8 VSS CL Vout tPLH tPHL OUTPUT MC14050B 90% 50% 10% tTLH tPHL 90% 50% 10% tTHL 90% 50% 10%
20 ns VDD
VSS tPLH VOH
tTLH tPHL
VOL
VOH
# Invert on MC14049B only
VOL tTHL
Figure 4. Switching Time Test Circuit and Waveforms
MC14049B MC14050B 4
MOTOROLA CMOS LOGIC DATA
OUTLINE DIMENSIONS
L SUFFIX CERAMIC DIP PACKAGE CASE 620-10 ISSUE V
-A-
16 9 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEAD WHEN FORMED PARALLEL. 4. DIMENSION F MAY NARROW TO 0.76 (0.030) WHERE THE LEAD ENTERS THE CERAMIC BODY. DIM A B C D E F G H K L M N INCHES MIN MAX 0.750 0.785 0.240 0.295 --- 0.200 0.015 0.020 0.050 BSC 0.055 0.065 0.100 BSC 0.008 0.015 0.125 0.170 0.300 BSC 0_ 15 _ 0.020 0.040 MILLIMETERS MIN MAX 19.05 19.93 6.10 7.49 --- 5.08 0.39 0.50 1.27 BSC 1.40 1.65 2.54 BSC 0.21 0.38 3.18 4.31 7.62 BSC 0_ 15 _ 0.51 1.01
-B-
1 8
C
L
-T-
SEATING PLANE
N E F D G
16 PL
K M J
16 PL
0.25 (0.010)
M
M
TB
S
0.25 (0.010)
TA
S
P SUFFIX PLASTIC DIP PACKAGE CASE 648-08 ISSUE R
-A-
16 9 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEADS WHEN FORMED PARALLEL. 4. DIMENSION B DOES NOT INCLUDE MOLD FLASH. 5. ROUNDED CORNERS OPTIONAL. DIM A B C D F G H J K L M S INCHES MIN MAX 0.740 0.770 0.250 0.270 0.145 0.175 0.015 0.021 0.040 0.70 0.100 BSC 0.050 BSC 0.008 0.015 0.110 0.130 0.295 0.305 0_ 10 _ 0.020 0.040 MILLIMETERS MIN MAX 18.80 19.55 6.35 6.85 3.69 4.44 0.39 0.53 1.02 1.77 2.54 BSC 1.27 BSC 0.21 0.38 2.80 3.30 7.50 7.74 0_ 10 _ 0.51 1.01
B
1 8
F S
C
L
-T- H G D
16 PL
SEATING PLANE
K
J TA
M
M
0.25 (0.010)
M
MOTOROLA CMOS LOGIC DATA
MC14049B MC14050B 5
OUTLINE DIMENSIONS
D SUFFIX PLASTIC SOIC PACKAGE CASE 751B-05 ISSUE J
-A-
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION. MILLIMETERS MIN MAX 9.80 10.00 3.80 4.00 1.35 1.75 0.35 0.49 0.40 1.25 1.27 BSC 0.19 0.25 0.10 0.25 0_ 7_ 5.80 6.20 0.25 0.50 INCHES MIN MAX 0.386 0.393 0.150 0.157 0.054 0.068 0.014 0.019 0.016 0.049 0.050 BSC 0.008 0.009 0.004 0.009 0_ 7_ 0.229 0.244 0.010 0.019
16
9
-B-
1 8
P
8 PL
0.25 (0.010)
M
B
S
G F
K C -T-
SEATING PLANE
R
X 45 _
M D
16 PL M
J
0.25 (0.010)
TB
S
A
S
DIM A B C D F G J K M P R
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. How to reach us: USA/EUROPE/Locations Not Listed: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036. 1-800-441-2447 or 602-303-5454 MFAX: RMFAX0@email.sps.mot.com - TOUCHTONE 602-244-6609 INTERNET: http://Design-NET.com
JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 03-81-3521-8315 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298
MC14049B MC14050B 6
*MC14049B/D*
MOTOROLA CMOS LOGIC DATA MC14049B/D


▲Up To Search▲   

 
Price & Availability of MC14049B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X