Part Number Hot Search : 
AD977 C1206 20100C MAX105 SBR10U CRE601D FP30P06 93L66
Product Description
Full Text Search
 

To Download MBR2045CT-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD-2.320 rev. B 06/99
MBR2045CT MBRB2045CT MBR2045CT-1
SCHOTTKY RECTIFIER
Description/Features Units
A This center tap Schottky rectifier has been optimized for low reverse leakage at high temperature. The proprietary barrier technology allows for reliable operation up to 150 C junction temperature. Typical applications are in switching power supplies, converters, free-wheeling diodes, and reverse battery protection. 150 C TJ operation Center tap TO-220 and D2Pak packages Low forward voltage drop High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance High frequency operation Guard ring for enhanced ruggedness and long term reliability
20 Amp
Major Ratings and Characteristics Characteristics
IF(AV) Rectangular waveform (Per Device) IFRM @ TC = 135C (Per Leg) VRRM IFSM @ tp = 5 s sine VF TJ @ 10 Apk, TJ = 125C range 20 35/45 1060 0.57 - 65 to 150 A V A V C
Values
20
Case Styles MBR2035CT MBR2045CT MBRB2035CT MBRB2045CT MBR2035CT-1 MBR2045CT-1
TO-220
D2PAK
TO-262
www.irf.com
1
MBR2045CT, MBRB2045CT, MBR2045CT-1
PD-2.320 rev. B 06/99
Voltage Ratings
Parameters
VR Max. DC Reverse Voltage (V) VRWM Max. Working Peak Reverse Voltage (V)
MBR2035CT MBRB2035CT MBR2035CT-1 MBR2045CT MBRB2045CT MBR2045CT-1
35
45
Absolute Maximum Ratings
Parameters
IF(AV) Max. Average Forward (Per Leg) Current (Per Device) IFRM Peak Repetitive Forward Current (Per Leg) IFSM Non Repetitive Peak Surge Current
Values
10 20 20 1060
Units
A A
Conditions
@ T C = 135 C, (Rated VR) Rated V R, square wave, 20kHz T C = 135 C 5s Sine or 3s Following any rated load condition and with rated V RRM applied Rect. pulse Surge applied at rated load conditions halfwave, single phase, 60Hz 2.0 sec 1.0 KHz
A 150
IRRM Peak Repetitive Reverse Surge Current
1.0
A
Electrical Specifications
Parameters
VFM Max. Forward Voltage Drop (1) IRM Max. Instantaneus Reverse Current (1) VF(TO) Threshold Voltage rt CT LS Forward Slope Resistance Max. Junction Capacitance Typical Series Inductance (Rated VR)
Values
0.84 0.57 0.72 0.1 15 0.354 17.6 600 8.0 1000
Units
V V V mA mA V
m
Conditions
@ 20A @ 10A @ 20A T J = 25 C T J = 125 C
T J = TJ max.
T J = 25 C TJ = 125 C Rated DC voltage
pF nH V/ s
VR = 5VDC, (test signal range 100Khz to 1Mhz) 25C Measured from top of terminal to mounting plane
dv/dt Max. Voltage Rate of Change
Thermal-Mechanical Specifications
Parameters
TJ Tstg Max. Junction Temperature Range Max. Storage Temperature Range
(1) Pulse Width < 300s, Duty Cycle <2%
Values
-65 to 150 -65 to 175 2.0 0.50 2 (0.07) Min. Max. 6 (5) 12 (10)
Units
C C
Conditions
RthJC Max. Thermal Resistance Junction to Case (Per Leg) RthCS Typical Thermal Resistance Case to Heatsink wt T Approximate Weight Mounting Torque
C/W DC operation C/W Mounting surface, smooth and greased Only for TO-220 g (oz.) Kg-cm Non-lubricated threads (Ibf-in)
2
www.irf.com
MBR2045CT, MBRB2045CT, MBR2045CT-1
PD-2.320 rev. B 06/99
100
100 10 1 0.1 0.01 0.001
T = 150C
J J J
Reverse Current - I R (mA)
TJ = 150C 125C 100C 75C 50C 25C
Instantaneous F orward Current - I
F
(A)
0.0001 0 5 10 15 20 25 30 35 40 45 Reverse Voltage - VR (V)
T = 125C 10 T = 25C
Fig. 2 - Typical Values Of Reverse Current Vs. Reverse Voltage (Per Leg)
1000 (pF)
T
Junction Capacitance - C
T J = 25C
1 0.2
100
0.4 0.6 0.8 1 1.2 1.4 1.6 1.8
0
10
20
30
40
50
Forward Voltage Drop - V FM (V)
Reverse Voltage - VR (V)
Fig. 1 - Max. Forward Voltage Drop Characteristics (Per Leg)
10 Thermal Impedance Z thJC (C/W)
Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage (Per Leg)
1
D= D= D= D= D=
0.75 0.50 0.33 0.25 0.20
P
DM
t 0.1 Single Pulse (Thermal Resistance) Notes:
1 t2
1. Duty factor D = t 1/ t 2 2. Peak TJ = PDM x Z thJC+ T C 0.01 0.00001 0.0001 0.001 0.01 0.1 1 10 100
t 1 , Rectangular Pulse Duration (Seconds)
Fig. 4 - Max. Thermal Impedance Z thJC Characteristics (Per Leg)
www.irf.com
3
MBR2045CT, MBRB2045CT, MBR2045CT-1
PD-2.320 rev. B 06/99
150 Allowable Case Temperature - (C) 145 DC 140 135 130 125
see note (2)
10 Average Power Loss - (Watts) D = 0.20 D = 0.25 D = 0.33 D = 0.50 D = 0.75 RMS Limit 4
8
6 DC
Square wave (D = 0.50) Rated V R applied
2
120 0 3 6 9 12 15 Average Forward Current - I F(AV) (A)
0 0 2 4 6 8 10 12 14 16 Average Forward Current - I F(AV) (A)
Fig. 5 - Max. Allowable Case Temperature Vs. Average Forward Current (Per Leg)
Fig. 6 - Forward Power Loss Characteristics (Per Leg)
Non-Repetitive Surge Current - I
FSM
(A)
1000
At Any Rated Load Condition And With Rated V Applied RRM Following Surge 100 10 100 1000 10000
Square Wave Pulse Duration - t p (microsec)
Fig. 7 - Max. Non-Repetitive Surge Current (Per Leg)
(2) Formula used: TC = TJ - (Pd + PdREV) x RthJC ; Pd = Forward Power Loss = IF(AV) x VFM @ (IF(AV) / D) (see Fig. 6); Pd REV = Inverse Power Loss = VR1 x I R (1 - D); IR @ VR1= rated VR
4
www.irf.com
MBR2045CT, MBRB2045CT, MBR2045CT-1
PD-2.320 rev. B 06/99
Ordering Information Table
Device Code
MBR
1 1 2 3 4 5 6 -
B
2
20
3
45
4
CT
5
-1
6
Essential Part Number B = Surface Mount None = TO-220 Current Rating Voltage code: Code = VRRM CT= Essential Part Number -1 = TO-262 None = TO-220 35 45 = 35V = 45V
Outline Table
10.54 (0.41) MAX. 3.78 (0.15) DIA. 3.54 (0.14) 15.24 (0.60) 14.84 (0.58) 123 14.09 (0.55) 13.47 (0.53) 3.96 (0.16) 3.55 (0.14) 2.04 (0.080) MAX. 1.40 (0.05) 1.15 (0.04) 0.94 (0.04) 0.69 (0.03)
1 2 3
1.32 (0.05) 1.22 (0.05) 6.48 (0.25) 6.23 (0.24) 2
2.92 (0.11) 2.54 (0.10) TERM 2
0.10 (0.004)
2.89 (0.11) 2.64 (0.10)
BASE COMMON CATHODE 2
123 4.57 (0.18) 4.32 (0.17)
0.61 (0.02) MAX.
ANODE COMMON ANODE CATHODE 1 2
Conform to JEDEC outline TO-220AB Dimensions in millimeters and (inches)
5.08 (0.20) REF.
www.irf.com
5
MBR2045CT, MBRB2045CT, MBR2045CT-1
PD-2.320 rev. B 06/99
Outline Table
10.16 (0.40) REF.
4.69 (0.18) 4.20 (0.16)
1.32 (0.05)
6.47 (0.25)
15.49 (0.61)
1.22 (0.05)
93
6.18 (0.24)
14.73 (0.58)
2.61 (0.10)
2.32 (0.09) 8.89 (0.35)
5.28 (0.21) 4.78 (0.19)
0.55 (0.02) 0.46 (0.02)
3X
BASE COMMON CATHODE 2
1.40 (0.055)
RE F.
0.93 (0.37) 0.69 (0.27)
1.14 (0.045) 2X
MINIMUM RECOMMENDED FOOTPRINT
11.43 (0.45)
1
1 2 3
3
4.57 (0.18)
ANODE COMMON ANODE CATHODE 1 2
4.32 (0.17)
2 0.61 (0.02) MAX . 5.08 (0.20) REF.
8.89 (0.35)
17.78 (0.70) 3.81 (0.15)
2.08 (0.08) 2X
Conform to JEDEC outline D2Pak (SMD-220) Dimensions in millimeters and (inches)
2.54 (0.10) 2X
Tape & Reel Information
TRR
1.60 (0.0 63) 1.50 (0.0 59)
4.10 (0.161) 3.90 (0.153) FEED DIR ECTION
1.60 (0.063) 1.50 (0.059) DIA.
0.368 (0.014 5) 0.342 (0.013 5)
1.85 (0 .07 3) 1.65 (0 .06 5)
11 .60 (0.457) 11 .40 (0.449)
15.42 (0.6 09) 15.22 (0.6 01) 1.75 (0.06 9) DIA. 1.25 (0.04 9) 16 .10 (0.6 34) 15 .90 (0.6 26)
24 .30 (0 .957) 23 .90 (0 .941)
TRL
10 .90 (0.429) 10 .70 (0.421)
4.72 (0.18 6) 4.52 (0.17 8)
FEED DIRECTION
13 .50 (0.5 32) 12 .80 (0.5 04) DIA.
26.40 (1.0 39) 24.40 (0.9 61)
SMD-220 Tape & Reel When ordering, indicate th e part numbe r, part orientation, and the quantity. Quantitie s are in multiples of 800 piece s per reel fo r bo th TRL and T RR.
360 (1 4.173) DIA. MAX.
60 (2.36 2) DIA. MIN .
Dimensions in millimeters and (inches)
6
www.irf.com
MBR2045CT, MBRB2045CT, MBR2045CT-1
PD-2.320 rev. B 06/99
Outline Table
Modified JEDEC outline TO-262 Dimensions in millimeters and (inches)
BASE COMMON CATHODE 2
1
2
3
ANODE COMMON ANODE CATHODE 1 2
WORLD HEADQUARTERS: EUROPEAN HEADQUARTERS: IR CANADA: IR GERMANY: IR ITALY: IR FAR EAST: IR SOUTHEAST ASIA: IR TAIWAN:
233 Kansas St., El Segundo, California 90245 U.S.A. Tel: (310) 322 3331. Fax: (310) 322 3332. Hurst Green, Oxted, Surrey RH8 9BB, U.K. Tel: ++ 44 1883 732020. Fax: ++ 44 1883 733408. 15 Lincoln Court, Brampton, Markham, Ontario L6T3Z2. Tel: (905) 453 2200. Fax: (905) 475 8801. Saalburgstrasse 157, 61350 Bad Homburg. Tel: ++ 49 6172 96590. Fax: ++ 49 6172 965933. Via Liguria 49, 10071 Borgaro, Torino. Tel: ++ 39 11 4510111. Fax: ++ 39 11 4510220. K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo, Japan 171. Tel: 81 3 3983 0086. 1 Kim Seng Promenade, Great World City West Tower,13-11, Singapore 237994. Tel: ++ 65 838 4630. 16 Fl. Suite D.207, Sec. 2, Tun Haw South Road, Taipei, 10673, Taiwan. Tel: 886 2 2377 9936.
http://www.irf.com
Fax-On-Demand: +44 1883 733420
Data and specifications subject to change without notice.
www.irf.com
7


▲Up To Search▲   

 
Price & Availability of MBR2045CT-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X