Part Number Hot Search : 
09105 26C32 21M50 MC10H104 MCF54450 74408 M8S208CB SR305
Product Description
Full Text Search
 

To Download MAX6067 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 19-1659; Rev 0; 4/00
Precision, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
General Description
The MAX6061-MAX6067 are precision, low-dropout, micropower voltage references. These three-terminal devices operate with an input voltage range from (VOUT + 50mV typ) to 12.6V and are available with output voltage options of 1.25V, 2.048V, 2.5V, 3V, 4.096V, 4.5V, and 5V. They feature a proprietary curvature-correction circuit and laser-trimmed thin-film resistors that result in a very low temperature coefficient of 20ppm/C (max) and an initial accuracy of 0.02% (max). Specifications apply to the extended temperature range (-40C to +85C). The MAX6061-MAX6067 typically draw only 90A of supply current and can source 5mA or sink 2mA of load current. Unlike conventional shunt-mode (two-terminal) references that waste supply current and require an external resistor, these devices offer a supply current that is virtually independent of the supply voltage (8A/V variation) and do not require an external resistor. Additionally, the internally compensated devices do not require an external compensation capacitor and are stable with up to 1F of load capacitance. Eliminating the external compensation capacitor saves valuable board area in space-critical applications. Low dropout voltage and supply independent, ultra-low supply current make these devices ideal for battery-operated, high-performance, low-voltage systems. The MAX6061-MAX6067 are available in a 3-pin SOT23 package. o Ultra-Small 3-Pin SOT23 Package o 0.2% max Initial Accuracy o 20ppm/C max Temperature Coefficient o 5mA Source Current at 0.5mV/mA o 2mA Sink Current at 1.3mV/mA o Stable with CLOAD = 0 to 1F o 90A typ Quiescent Supply Current o 200mV max Dropout at 1mA Load Current o +10V/V Line Regulation o Output Voltage Options: 1.25V, 2.048V, 2.5V, 3V, 4.096V, 4.5V, 5V o 13Vp-p Noise 0.1Hz to 10Hz (MAX6061)
Features
MAX6061-MAX6067
Ordering Information
PART TEMP. RANGE PINPACKAGE 3 SOT23-3 3 SOT23-3 3 SOT23-3 3 SOT23-3 TOP MARK FZFP FZFQ FZFY FZFZ
MAX6061AEUR-T -40C to +85C MAX6061BEUR-T -40C to +85C MAX6062AEUR-T -40C to +85C MAX6062BEUR-T -40C to +85C
Applications
Analog-to-Digital Converters (ADCs) Portable Battery-Powered Systems Notebook Computers PDAs, GPS, DMMs Cellular Phones Precision 3V/5V Systems
Typical Operating Circuit appears at end of data sheet.
MAX6063AEUR-T -40C to +85C 3 SOT23-3 FZFV MAX6063BEUR-T -40C to +85C 3 SOT23-3 FZFW MAX6064AEUR-T -40C to +85C 3 SOT23-3 FZGB MAX6064BEUR-T -40C to +85C 3 SOT23-3 FZGC MAX6065AEUR-T -40C to +85C 3 SOT23-3 FZGE MAX6065BEUR-T -40C to +85C 3 SOT23-3 FZGF MAX6066AEUR-T -40C to +85C 3 SOT23-3 FZFM MAX6066BEUR-T -40C to +85C 3 SOT23-3 FZFN MAX6067AEUR-T -40C to +85C 3 SOT23-3 FZFS MAX6067BEUR-T -40C to +85C 3 SOT23-3 FZFT Note: There is a minimum order increment of 2500 pieces for SOT packages.
Selector Guide
PART MAX6061 MAX6062 MAX6066 MAX6063 MAX6064 MAX6067 MAX6065 OUTPUT VOLTAGE (V) 1.250 2.048 2.500 3.000 4.096 4.500 5.000 INPUT VOLTAGE (V) 2.5 to 12.6 2.5 to 12.6 (VOUT + 200mV) to 12.6 (VOUT + 200mV) to 12.6 (VOUT + 200mV) to 12.6 (VOUT + 200mV) to 12.6 (VOUT + 200mV) to 12.6
OUT 2 IN 1
Pin Configuration
TOP VIEW
MAX6061- MAX6067
3
GND
SOT23-3 1
________________________________________________________________ Maxim Integrated Products
For free samples and the latest literature, visit www.maxim-ic.com or phone 1-800-998-8800. For small orders, phone 1-800-835-8769.
Precision, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References MAX6061-MAX6067
ABSOLUTE MAXIMUM RATINGS
(Voltages Referenced to GND) IN .........................................................................-0.3V to +13.5V OUT .............................................................-0.3V to (VIN + 0.3V) Output Short-Circuit Duration to GND or IN (VIN < 6V) ...Continuous Output Short-Circuit Duration to GND or IN (VIN 6V)................60s Continuous Power Dissipation (TA = +70C) 3-Pin SOT23 (derate 4.0mW/C above +70C)............320mW Operating Temperature Range ...........................-40C to +85C Storage Temperature Range .............................-65C to +150C Lead Temperature (soldering, 10s) .................................+300C
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS--MAX6061, VOUT = 1.25V
(VIN = +5V, IOUT = 0, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C.) (Note 1) PARAMETER Output Voltage Output Voltage Temperature Coefficient (Note 2) Line Regulation Load Regulation OUT Short-Circuit Current Long-Term Stability Output Voltage Hysteresis (Note 3) DYNAMIC CHARACTERISTICS Noise Voltage Ripple Rejection Turn-On Settling Time Capacitive-Load Stability Range (Note 4) INPUT CHARACTERISTICS Supply Voltage Range Quiescent Supply Current Change in Supply Current VIN IIN IIN/VIN 2.5V VIN 12.6V Guaranteed by line-regulation test 2.5 90 3.4 12.6 125 8.0 V A A/V eOUT VOUT/ VIN tR COUT f = 0.1Hz to 10Hz f = 10Hz to 10kHz VIN = 5V 100mV, f = 120Hz To VOUT = 0.1% of final value, COUT = 50pF 0 13 15 86 50 1.0 Vp-p VRMS dB s F SYMBOL VOUT TCVOUT VOUT/ VIN VOUT/ IOUT ISC VOUT/ time VOUT/ cycle TA = +25C MAX6061A MAX6061B 2.5V VIN 12.6V Sourcing: 0 IOUT 4mA Sinking: -2mA IOUT 0 Short to GND Short to IN 1000h at +25C CONDITIONS MAX6061A MAX6061B MIN 1.245 1.243 TYP 1.250 1.250 6 6 10 0.5 1.3 25 25 62 130 MAX 1.255 1.257 20 30 250 0.9 3.0 UNITS V ppm/C V/V mV/mA mA ppm/ 1000h ppm
2
_______________________________________________________________________________________
Precision, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
ELECTRICAL CHARACTERISTICS--MAX6062, VOUT = 2.048V
(VIN = +5V, IOUT = 0, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C.) (Note 1) PARAMETER Output Voltage Output Voltage Temperature Coefficient (Note 2) Line Regulation Load Regulation OUT Short-Circuit Current Long-Term Stability Output Voltage Hysteresis (Note 3) DYNAMIC CHARACTERISTICS Noise Voltage Ripple Rejection Turn-On Settling Time Capacitive-Load Stability Range (Note 4) INPUT CHARACTERISTICS Supply Voltage Range Quiescent Supply Current Change in Supply Current VIN IIN IIN/VIN 2.5V VIN 12.6V Guaranteed by line-regulation test 2.5 90 3.3 12.6 125 8.0 V A A/V eOUT VOUT/ VIN tR COUT f = 0.1Hz to 10Hz f = 10Hz to 10kHz VIN = 5V 100mV, f = 120Hz To VOUT = 0.1% of final value, COUT = 50pF 0 22 25 86 115 1.0 Vp-p VRMS dB s F SYMBOL VOUT TCVOUT VOUT/ VIN VOUT/ IOUT ISC VOUT/ time VOUT/ cycle TA = +25C MAX6062A MAX6062B 2.5V VIN 12.6V Sourcing: 0 IOUT 5mA Sinking: -2mA IOUT 0 Short to GND Short to IN 1000h at +25C (Note 2) CONDITIONS MAX6062A MAX6062B MIN 2.043 2.040 TYP 2.048 2.048 6 6 33 0.5 1.5 25 25 62 130 MAX 2.053 2.056 20 30 130 0.9 4 UNITS V ppm/C V/V mV/mA mA ppm/ 1000h ppm
MAX6061-MAX6067
_______________________________________________________________________________________
3
Precision, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References MAX6061-MAX6067
ELECTRICAL CHARACTERISTICS--MAX6066, VOUT = 2.500V
(VIN = +5V, IOUT = 0, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C.) (Note 1) PARAMETER Output Voltage Output Voltage Temperature Coefficient (Note 2) Line Regulation Load Regulation Dropout Voltage (Note 5) OUT Short-Circuit Current Long-Term Stability Output Voltage Hysteresis (Note 3) DYNAMIC CHARACTERISTICS Noise Voltage Ripple Rejection Turn-On Settling Time Capacitive-Load Stability Range (Note 4) INPUT CHARACTERISTICS Supply Voltage Range Quiescent Supply Current Change in Supply Current VIN IIN IIN/VIN (VOUT + 0.2V) VIN 12.6V Guaranteed by line-regulation test VOUT + 0.2 90 3.3 12.6 125 8.0 V A A/V eOUT VOUT/ VIN tR COUT f = 0.1Hz to 10Hz f = 10Hz to 10kHz VIN = 5V 100mV, f = 120Hz To VOUT = 0.1% of final value, COUT = 50pF 0 27 30 86 115 1.0 Vp-p VRMS dB s F SYMBOL VOUT TCVOUT VOUT/ VIN VOUT/ IOUT VIN VOUT ISC VOUT/ time VOUT/ cycle TA = +25C MAX6066A MAX6066B (VOUT + 0.2V) VIN 12.6V Sourcing: 0 IOUT 5mA Sinking: -2mA IOUT 0 IOUT = 1mA Short to GND Short to IN 1000h at +25C CONDITIONS MAX6066A MAX6066B MIN 2.495 2.490 TYP 2.500 2.500 6 6 60 0.5 1.6 50 25 25 62 130 MAX 2.505 2.510 20 30 220 0.9 5 200 UNITS V ppm/C V/V mV/mA mV mA ppm/ 1000h ppm
4
_______________________________________________________________________________________
Precision, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
ELECTRICAL CHARACTERISTICS--MAX6063, VOUT = 3.0V
(VIN = +5V, IOUT = 0, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C.) (Note 1) PARAMETER Output Voltage Output Voltage Output Voltage Temperature Coefficient (Note 2) Line Regulation Load Regulation Dropout Voltage (Note 5) OUT Short-Circuit Current Long-Term Stability Output Voltage Hysteresis (Note 3) DYNAMIC CHARACTERISTICS Noise Voltage Ripple Rejection Turn-On Settling Time Capacitive-Load Stability Range (Note 4) INPUT CHARACTERISTICS Supply Voltage Range Quiescent Supply Current Change in Supply Current VIN IIN IIN/VIN (VOUT + 0.2V) VIN 12.6V Guaranteed by line-regulation test VOUT + 0.2 90 3.4 12.6 125 8.0 V A A/V eOUT VOUT/ VIN tR COUT f = 0.1Hz to 10Hz f = 10Hz to 10kHz VIN = 5V 100mV, f = 120Hz To VOUT = 0.1% of final value, COUT = 50pF 0 35 40 76 115 1.0 Vp-p VRMS dB s F SYMBOL VOUT TCVOUT VOUT/ VIN VOUT/ IOUT VIN VOUT ISC VOUT/ time VOUT/ cycle TA = +25C MAX6063A MAX6063B (VOUT + 0.2V) VIN 12.6V Sourcing: 0 IOUT 5mA Sinking: -2mA IOUT 0 IOUT = 1mA Short to GND Short to IN 1000h at +25C CONDITIONS MAX6063A MAX6063B MIN 2.994 2.988 TYP 3.000 3.000 6 6 90 0.5 2.0 50 25 25 62 130 MAX 3.006 3.012 20 30 300 0.9 5.0 200 UNITS V ppm/C V/V mV/mA mV mA ppm/ 1000h ppm
MAX6061-MAX6067
_______________________________________________________________________________________
5
Precision, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References MAX6061-MAX6067
ELECTRICAL CHARACTERISTICS--MAX6064, VOUT = 4.096V
(VIN = +5V, IOUT = 0, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C.) (Note 1) PARAMETER Output Voltage Output Voltage Temperature Coefficient (Note 2) Line Regulation Load Regulation Dropout Voltage (Note 5) OUT Short-Circuit Current Long-Term Stability Output Voltage Hysteresis (Note 3) DYNAMIC CHARACTERISTICS Noise Voltage Ripple Rejection Turn-On Settling Time Capacitive-Load Stability Range (Note 4) INPUT CHARACTERISTICS Supply Voltage Range Quiescent Supply Current Change in Supply Current VIN IIN IIN/VIN (VOUT + 0.2V) VIN 12.6V Guaranteed by line-regulation test VOUT + 0.2 90 3.2 12.6 125 8.0 V A A/V eOUT VOUT/ VIN tR COUT f = 0.1Hz to 10Hz f = 10Hz to 10kHz VIN = 5V 100mV, f = 120Hz To VOUT = 0.1% of final value, COUT = 50pF 0 50 50 72 190 1.0 Vp-p VRMS dB s F SYMBOL VOUT TCVOUT VOUT/ VIN VOUT/ IOUT VIN VOUT ISC VOUT/ time VOUT/ cycle TA = +25C MAX6064A MAX6064B (VOUT + 0.2V) VIN 12.6V Sourcing: 0 IOUT 5mA Sinking: -2mA IOUT 0 IOUT = 1mA Short to GND Short to IN 1000h at +25C CONDITIONS MAX6064A MAX6064B MIN 4.088 4.080 TYP 4.096 4.096 6 6 130 0.5 2.2 50 25 25 62 130 MAX 4.104 4.112 20 30 300 0.9 7 200 UNITS V ppm/C V/V mV/mA mV mA ppm/ 1000h ppm
6
_______________________________________________________________________________________
Precision, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References MAX6061-MAX6067
ELECTRICAL CHARACTERISTICS--MAX6067, VOUT = 4.500V
(VIN = +5V, IOUT = 0, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C.) (Note 1) PARAMETER Output Voltage Output Voltage Temperature Coefficient (Note 2) Line Regulation Load Regulation Dropout Voltage (Note 5) OUT Short-Circuit Current Long-Term Stability Output Voltage Hysteresis (Note 3) DYNAMIC CHARACTERISTICS Noise Voltage Ripple Rejection Turn-On Settling Time Capacitive-Load Stability Range (Note 4) INPUT CHARACTERISTICS Supply Voltage Range Quiescent Supply Current Change in Supply Current VIN IIN IIN/VIN (VOUT + 0.2V) VIN 12.6V Guaranteed by line-regulation test VOUT + 0.2 90 3.2 12.6 125 8.0 V A A/V eOUT VOUT/ VIN tR COUT f = 0.1Hz to 10Hz f = 10Hz to 10kHz VIN = 5V 100mV, f = 120Hz To VOUT = 0.1% of final value, COUT = 50pF 0 55 55 70 230 1.0 Vp-p VRMS dB s F SYMBOL VOUT TCVOUT VOUT/ VIN VOUT/ IOUT VIN VOUT ISC VOUT/ time VOUT/ cycle TA = +25C MAX6067A MAX6067B (VOUT + 0.2V) VIN 12.6V Sourcing: 0 IOUT 5mA Sinking: -2mA IOUT 0 IOUT = 1mA Short to GND Short to IN 1000h at +25C CONDITIONS MAX6067A MAX6067B MIN 4.491 4.482 TYP 4.500 4.500 6 6 170 0.5 2.4 50 25 25 62 130 MAX 4.509 4.518 20 30 450 0.9 8 200 UNITS V ppm/C V/V mV/mA mV mA ppm/ 1000h ppm
_______________________________________________________________________________________
7
Precision, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References MAX6061-MAX6067
ELECTRICAL CHARACTERISTICS--MAX6065, VOUT = 5.000V
(VIN = +5.2V, IOUT = 0, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C.) (Note 1) PARAMETER Output Voltage Output Voltage Temperature Coefficient (Note 2) Line Regulation Load Regulation Dropout Voltage (Note 5) OUT Short-Circuit Current Long-Term Stability Output Voltage Hysteresis (Note 3) DYNAMIC CHARACTERISTICS Noise Voltage Ripple Rejection Turn-On Settling Time Capacitive-Load Stability Range (Note 4) INPUT CHARACTERISTICS Supply Voltage Range Quiescent Supply Current Change in Supply Current Note 1: Note 2: Note 3: Note 4: Note 5: VIN IIN IIN/VIN (VOUT + 0.2V) VIN 12.6V Guaranteed by line-regulation test VOUT + 0.2 90 3.2 12.6 125 8.0 V A A/V eOUT VOUT/ VIN tR COUT f = 0.1Hz to 10Hz f = 10Hz to 10kHz VIN = 5V 100mV, f = 120Hz To VOUT = 0.1% of final value, COUT = 50pF 0 60 60 65 300 1.0 Vp-p VRMS dB s F SYMBOL VOUT TCVOUT VOUT/ VIN VOUT/ IOUT VIN VOUT ISC VOUT/ time VOUT/ cycle TA = +25C MAX6065A MAX6065B (VOUT + 0.2V) VIN 12.6V Sourcing: 0 IOUT 5mA Sinking: -2mA IOUT 0 IOUT = 1mA Short to GND Short to IN 1000h at +25C CONDITIONS MAX6065A MAX6065B MIN 4.990 4.980 TYP 5.000 5.000 6 6 180 0.5 2.4 50 25 25 62 130 MAX 5.010 5.020 20 30 400 0.9 8.0 200 UNITS V ppm/C V/V mV/mA mV mA ppm/ 1000h ppm
All devices are 100% production tested at TA = +25C and are guaranteed by design for TA = TMIN to TMAX, as specified. Temperature Coefficient is measured by the "box" method, i.e., the maximum VOUT is divided by the maximum t. Temperature Hysteresis is defined as the change in +25C output voltage before and after cycling the device from TMIN to TMAX. Not production tested. Guaranteed by design. Dropout voltage is the minimum input voltage at which VOUT changes 0.2% from VOUT at VIN = 5.0V (VIN = 5.5V for MAX6065).
8
_______________________________________________________________________________________
Precision, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Typical Operating Characteristics
(VIN = +5V MAX6061/2/3/4/6/7, VIN = +5.5V MAX6065, IOUT = 0, TA = +25C, unless otherwise noted.) (Note 6)
MAX6061 OUTPUT VOLTAGE TEMPERATURE DRIFT
MAX6061-7 TOC01
MAX6061-MAX6067
MAX6065 OUTPUT VOLTAGE TEMPERATURE DRIFT
MAX6061-7 TOC02
MAX6066 SUPPLY CURRENT vs. INPUT VOLTAGE
MAX6061-7 TOC03
1.252 1.251 OUTPUT VOLTAGE (V)
5.003 5.002 OUTPUT VOLTAGE (V) 5.001 5.000 4.999 4.998 4.997
120 100 SUPPLY CURRENT (A) 80 60 40 20 0
1.250
1.249
1.248 THREE TYPICAL PARTS 1.247 -40 -15 10 35 60 85 TEMPERATURE (C)
THREE TYPICAL PARTS -40 -20 0 20 40 60 80
2
4
6
8
10
12
14
TEMPERATURE (C)
INPUT VOLTAGE (V)
SUPPLY CURRENT vs. TEMPERATURE
MAX6061-7 TOC04
MAX6066 DROPOUT VOLTAGE vs. SOURCE CURRENT
MAX6061-7 TOC05
MAX6066 DROPOUT VOLTAGE vs. SINK CURRENT
-10 DROPOUT VOLTAGE (mV) -20 -30 -40 -50 -60 -70 -80 TA = +25C 0 0.5 1.0 SINK CURRENT (mA) 1.5 2.0 TA = +85C TA = -40C
MAX6061-7 TOC06
140 120 SUPPLY CURRENT (A)
VCC = 12V VCC = 5V
250 TA = +85C
0
100 80 60 40 20 0 -40 -20 0 20 40 60 80 TEMPERATURE (C) VCC = 3.3V VCC = 2.5V
DROPOUT VOLTAGE (mV)
200
150
100 TA = +25C 50 TA = -40C
0 0 1 2 3 4 5 SOURCE CURRENT (mA)
-90
MAX6065 DROPOUT VOLTAGE vs. SOURCE CURRENT
MAX6061-7 TOC07
MAX6065 DROPOUT VOLTAGE vs. SINK CURRENT
MAX6061-7 TOC08
MAX6066 LOAD REGULATION
7 OUTPUT VOLTAGE CHANGE (mV) 6 5 4 3 2 1 0 -1 -2 TA = +85C TA = +25C -6 -4 -2 0 2 4 6 8 10 12 LOAD CURRENT (mA) TA = -40C TA = +25C TA = -40C SINK
MAX6061-7 TOC09
250
0 -10 DROPOUT VOLTAGE (mV) -20 -30 -40 -50 -60 -70 -80 TA = +85C TA = +25C TA = -40C
8 TA = +85C SOURCE
DROPOUT VOLTAGE (mV)
200
TA = +85C
150 TA = +25C 100 TA = -40C
50
0 0 1 2 3 4 5 SOURCE CURRENT (mA)
-90 0 0.5 1.0 SINK CURRENT (mA) 1.5 2.0
_______________________________________________________________________________________
9
Precision, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References MAX6061-MAX6067
Typical Operating Characteristics (continued)
(VIN = +5V MAX6061/2/3/4/6/7, VIN = +5.5V MAX6065, IOUT = 0, TA = +25C, unless otherwise noted.) (Note 6)
MAX6065 LOAD REGULATION
MAX6061-7 TOC10
MAX6066 LINE REGULATION
MAX6061-7 TOC11
MAX6065 LINE REGULATION
0.35 OUTPUT VOLTAGE CHANGE (mV) 0.30 0.25 0.20 0.15 0.10 0.05 0 -0.05 12 14 4 6 8 10 12 14 TA = +25C TA = +85C TA = -40C
MAX6061-7 TOC12
5 OUTPUT VOLTAGE CHANGE (mV) 4 SINK 3 2 1 0 -1 -6 -4 -2 0 2 4 6 8 10 TA = -40C TA = +25C TA = +85C TA = +25C TA = -40C TA = +85C SOURCE
0.25 OUTPUT VOLTAGE CHANGE (mV) 0.20 0.15 0.10 0.05 TA = +25C 0 -0.05 -0.10 TA = +85C TA = -40C
0.40
12
2
4
6
8
10
LOAD CURRENT (mA)
INPUT VOLTAGE (V)
INPUT VOLTAGE (V)
MAX6066 POWER-SUPPLY REJECTION RATIO vs. FREQUENCY
MAX6061-7 TOC13
MAX6065 POWER-SUPPLY REJECTION RATIO vs. FREQUENCY
70 60 50 PSRR (dB) 40 30 20 10 VOUT 200mV/div
MAX6061-7 TOC14
MAX6061 LINE-TRANSIENT RESPONSE
MAX6061-7 TOC15
100 90 80 70 60 PSRR (dB) 50 40 30 20 10 0 0.001 0.01 0.1 1 10 100
80
VIN 200mV/div
1000
0 0.001
0.01
0.1
1
10
100
1000
100s/div
FREQUENCY (kHz)
FREQUENCY (kHz)
MAX6066 LINE-TRANSIENT RESPONSE
MAX6061-7 TOC16
MAX6065 LINE-TRANSIENT RESPONSE
MAX6061-7 TOC17
OUTPUT IMPEDANCE vs. FREQUENCY
700 OUTPUT IMPEDANCE () 600 500 400 300 200 100 0 -100
MAX6061-7 TOC18
800
VIN 200mV/div
VIN 200mV/div
VOUT 100mV/div
VOUT 5mV/div
100s/div
100s/div
0.01 0.1
1
10
100
1k
10k 100k 1M
FREQUENCY (Hz)
10
______________________________________________________________________________________
Precision, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Typical Operating Characteristics (continued)
(VIN = +5V MAX6061/2/3/4/6/7, VIN = +5.5V MAX6065, IOUT = 0, TA = +25C, unless otherwise noted.) (Note 6)
MAX6061 LOAD-TRANSIENT RESPONSE
MAX6061 TOC19
MAX6061-MAX6067
MAX6066 LOAD-TRANSIENT RESPONSE (CLOAD = 0)
MAX6066 TOC20
VOUT 200mV/div
VOUT 200mV/div
5mA 4mA IOUT 5mA/div -2mA IOUT 5mA/div -2mA
200s/div
200s/div
MAX6065 LOAD-TRANSIENT RESPONSE (CLOAD = 0)
MAX6065 TOC21
MAX6066 LOAD-TRANSIENT RESPONSE (CLOAD = 1F)
MAX6066 TOC22
VOUT 200mV/div
IOUT (SOURCE)
IOUT 5mA/div
5mA VOUT 50mV/div -2mA
0mA
5mA
200s/div
200s/div
MAX6065 LOAD-TRANSIENT RESPONSE (CLOAD = 1F)
MAX6061 TOC23
IOUT (SOURCE)
0mA VOUT 50mV/div 5mA
100s/div
______________________________________________________________________________________
11
Precision, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References MAX6061-MAX6067
Typical Operating Characteristics (continued)
(VIN = +5V MAX6061/2/3/4/6/7, VIN = +5.5V MAX6065, IOUT = 0, TA = +25C, unless otherwise noted.) (Note 6)
MAX6065 TURN-ON TRANSIENT
MAX6061-7 TOC25
MAX6066 0.1Hz TO 10Hz OUTPUT NOISE
MAX6061-7 TOC26
MAX6065 0.1Hz TO 10Hz OUTPUT NOISE
MAX6061-7 TOC27
VIN 2V/div
20V/div
20V/div
VOUT 2V/div
100s/div
1s/div
1s/div
Note 6: Many of the MAX6061 family Typical Operating Characteristics are extremely similar. The extremes of these characteristics are found in the MAX6061 (1.25V output) and the MAX6065 (5.0V output). The Typical Operating Characteristics of the remainder of the MAX6061 family typically lie between these two extremes and can be estimated based on their output voltage.
Pin Description
PIN 1 2 3 NAME IN OUT GND FUNCTION Input Voltage Reference Output Ground
Supply Current
The quiescent supply current of the series-mode MAX6061 family is typically 90A and is virtually independent of the supply voltage, with only an 8A/V (max) variation with supply voltage. Unlike series references, shunt-mode references operate with a series resistor connected to the power supply. The quiescent current of a shunt-mode reference is thus a function of the input voltage. Additionally, shunt-mode references have to be biased at the maximum expected load current, even if the load current is not present at the time. In the MAX6061 family, the load current is drawn from the input voltage only when required, so supply current is not wasted and efficiency is maximized at all input voltages. This improved efficiency reduces power dissipation and extends battery life. When the supply voltage is below the minimum specified input voltage (as during turn-on), the devices can draw up to 400A beyond the nominal supply current. The input voltage source must be capable of providing this current to ensure reliable turn-on.
Applications Information
Input Bypassing
For the best line-transient performance, decouple the input with a 0.1F ceramic capacitor as shown in the Typical Operating Circuit. Locate the capacitor as close to IN as possible. Where transient performance is less important, no capacitor is necessary.
Output/Load Capacitance
Devices in the MAX6061 family do not require an output capacitance for frequency stability. They are stable for capacitive loads from 0 to 1F. However, in applications where the load or the supply can experience step changes, an output capacitor will reduce the amount of overshoot (undershoot) and improve the circuit's transient response. Many applications do not require an external capacitor, and the MAX6061 family can offer a significant advantage in these applications when board space is critical.
Output Voltage Hysteresis
Output voltage hysteresis is the change of output voltage at TA = +25C before and after the device is cycled over its entire operating temperature range. Hysteresis is caused by differential package stress appearing across the bandgap core transistors. The typical temperature hysteresis value is 130ppm.
12
______________________________________________________________________________________
Precision, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References MAX6061-MAX6067
VS VCC V+ +2VS IN VOUT +REF OUTPUT
MAX681
GND
MAX6061- MAX6067
1M, 0.1% V+
GND
OUTPUT
ICL7652
V1M, 0.1% 10nF -REF OUTPUT
-2VS
Figure 1. Positive and Negative References from Single +3V or +5V Supply
Typical Operating Circuit
+SUPPLY INPUT (SEE SELECTOR GUIDE)
Positive and Negative Low-Power Voltage Reference
Figure 1 shows a typical method for developing a bipolar reference. The circuit uses a MAX681 voltage doubler/inverter charge-pump converter to power an ICL7652, thus creating a positive as well as a negative reference voltage.
IN OUT
*
MAX6061 MAX6062 MAX6063 MAX6064 MAX6065 MAX6066 MAX6067
GND
REFERENCE OUT
Chip Information
TRANSISTOR COUNT: 117 PROCESS: BiCMOS
1F MAX*
*CAPACITORS ARE OPTIONAL.
Turn-On Time
These devices typically turn on and settle to within 0.1% of their final value in 50s to 300s, depending on the device. The turn-on time can increase up to 1.5ms with the device operating at the minimum dropout voltage and the maximum load.
______________________________________________________________________________________
13
Precision, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References MAX6061-MAX6067
Package Information
SOTPO3L.EPS
14
______________________________________________________________________________________
Precision, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References MAX6061-MAX6067
NOTES
______________________________________________________________________________________
15
Precision, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References MAX6061-MAX6067
NOTES
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
16 ____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 (c) 2000 Maxim Integrated Products Printed USA is a registered trademark of Maxim Integrated Products.


▲Up To Search▲   

 
Price & Availability of MAX6067

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X