Part Number Hot Search : 
CGOV3S3 106M16 KRA105M L1SS226L H60N6 1036F LB1976 AM460
Product Description
Full Text Search
 

To Download MAX5166 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 19-1456; Rev 0; 8/99
32-Channel Sample/Hold Amplifier with Four Multiplexed Inputs
General Description
The MAX5166 contains four 1-to-8 multiplexers and 32 sample/hold amplifiers. The sample/hold amplifiers are organized into four octal sample/holds with separate inputs and independent TTL/CMOS-compatible hold enables for each octal set. Additional 3-bit TTL/CMOScompatible address logic selects the 1-to-8 multiplexer channel. The MAX5166 is available with an output impedance of 50, 500, or 1k, allowing output filtering. The MAX5166 operates with +10V and -5V supplies, and a separate +5V digital logic supply. Manufactured with a proprietary BiCMOS process, it provides high accuracy, fast acquisition time, low droop rate, and a low hold step. The device acquires 8V step input signals to 0.01% accuracy in 2.5s. Transitions from sample mode to hold mode result in only 0.5mV of error. While in hold mode, the output voltage slowly droops at a rate of 1mV/sec. The MAX5166 is available in a 48-pin TQFP package. o Quad, 8-Channel Sample/Hold o 0.01% Accuracy of Acquired Signal o 0.01% Linearity Error o Fast Acquisition Time: 2.5s o Low Droop Rate: 1mV/sec o Low Hold Step: 0.25mV o Wide Output Voltage Range: +7V to -4V
Features
MAX5166
Ordering Information
PART MAX5166LCCM TEMP. RANGE 0C to +70C PINPACKAGE 48 TQFP 48 TQFP 48 TQFP 48 TQFP 48 TQFP 48 TQFP ROUT () 50 500 1k 50 500 1k
Applications
Automatic Test Systems (ATE) Industrial Process Controls Arbitrary Function Generators Avionics Equipment
MAX5166MCCM 0C to +70C MAX5166NCCM 0C to +70C MAX5166LECM -40C to +85C MAX5166MECM -40C to +85C MAX5166NECM -40C to +85C
Pin Configuration
A1 A0 OUT31 OUT30 OUT29 OUT28 OUT27 OUT26 OUT25 OUT24
40 39
48
47
46
45
44
43
42
41
38
37
OUT23 OUT22
TOP VIEW
A2 M0 M1 M2 M3 VL DGND VSS AGND IN3 IN2 IN1
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
36 35 34 33 32 31 30 29 28 27 26 25
MAX5166
OUT21 OUT20 OUT19 OUT18 OUT17 OUT16 VDD OUT15 OUT14 OUT13 OUT12 OUT11
TQFP ________________________________________________________________ Maxim Integrated Products 1
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800. For small orders, phone 1-800-835-8769.
OUT9 OUT10
IN0 OUT0 OUT1 OUT2 OUT3
OUT4 OUT5
OUT6 OUT7 OUT8
32-Channel Sample/Hold Amplifier with Four Multiplexed Inputs MAX5166
ABSOLUTE MAXIMUM RATINGS
VDD to AGND.......................................................-0.3V to +11.0V VSS to AGND .........................................................-6.0V to +0.3V VDD to VSS ......................................................................+15.75V VL to DGND ...........................................................-0.3V to +6.0V VL to AGND ...........................................................-0.3V to +6.0V DGND to AGND.....................................................-0.3V to +2.0V IN_ to AGND ...............................................................VSS to VDD A_, M_ to DGND ....................................................-0.3V to +6.0V Maximum Current into Output Pin ....................................10mA Maximum Current into A_, M_ ..........................................20mA Continuous Power Dissipation (TA = +70C) 48-Pin TQFP (derate 12.5mW/C above +70C)..................1W Operating Temperature Ranges MAX5166_CCM ...................................................0C to +70C MAX5166_ECM.................................................-40C to +85C Storage Temperature Range .............................-65C to +150C Lead Temperature (soldering, 10sec) .............................+300C
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
(VDD = +10V, VSS = -5V, VL = +5V 5%, AGND = DGND, RL = 5k, CL = 50pF, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C.) PARAMETER ANALOG SECTION Linearity Error Hold Step Droop Rate Offset Voltage Output Voltage Range VHS -4V < VIN < +7V, RL = IN_ = AGND IN_ = AGND, TA = +25C IN_ = AGND, TA = +25C +15C TA +65C (Note 1) RL = 8V step with 500ns rising edge (Note 1) CIN_ ROUT_ ISOURCE ISINK 8V step to 0.08%, RL = , Figure 2 (Note 2) Acquisition Time Hold-Mode Settling Time Aperture Delay Inhibit Pulse Width Data Hold Time Data Setup Time tAQ tH tAP tPW tDH tDS TA = +25C, 100mV step to 1mV, RL = , Figure 2 (Note 2) To 1mV of final value, Figure 2 (Note 1) Figure 2 (Note 1) Figure 2 (Note 1) Figure 2 (Note 1) Figure 2 (Note 1) 200 150 50 (Note 1) RL = , CL = 250pF MAX5166L MAX5166M MAX5166N 35 350 700 2 2 2.5 1 1 2 200 4 s s ns ns ns ns MAX5165L, CL = 250pF MAX5165M, CL = 10nF MAX5165N, CL = 10nF 5 50 500 1000 20 65 650 1300 mA mA pF -72 -76 dB VSS + 0.75 -30 0.01 0.25 1 -5 20 0.08 1.00 40 +30 40 VDD 2.4 % mV mV/sec mV V/C V SYMBOL CONDITIONS MIN TYP MAX UNITS
VOUT
VOS VOUT_
Analog Crosstalk Input Capacitance DC Output Impedance Output Source Current Output Sink Current TIMING PERFORMANCE
2
_______________________________________________________________________________________
32-Channel Sample/Hold Amplifier with Four Multiplexed Inputs
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +10V, VSS = -5V, VL = +5V 5%, AGND = DGND, RL = 5k, CL = 50pF, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C.) PARAMETER DIGITAL INPUTS Input Voltage High Input Voltage Low Input Current POWER SUPPLIES Positive Analog Supply Voltage Negative Analog Supply Voltage Digital Logic Supply Voltage Positive Analog Supply Current Negative Analog Supply Current VDD VSS VL IDD ISS RL = RL = A_ = DGND or VL; M_ = DGND or VL VA0-VA3 = 0.8V or 2V; VM0, VM1, VM2 = 0.8V or 2V For both VDD and VSS in sample mode, VIN = 0 -60 -75 (Note 3) (Note 3) 9.5 -4.75 4.75 10.0 -5.0 5.0 10.5 -5.45 5.25 36 36 0.5 5 dB V V V mA mA mA mA VIH VIL II A_ = DGND or VL; M_ = DGND or VL -1 2.0 0.8 +1 V V A SYMBOL CONDITIONS MIN TYP MAX UNITS
MAX5166
Digital Logic Supply Current
IL
Power-Supply Rejection Ratio
PSRR
Note 1: Guaranteed by design. Note 2: Only one M_ input may be asserted low at a time, so only one channel is selected (see Single vs. Simultaneous Sampling). Note 3: Do not exceed the absolute maximum rating for VDD to VSS of +15.75V (see Absolute Maximum Ratings).
_______________________________________________________________________________________
3
32-Channel Sample/Hold Amplifier with Four Multiplexed Inputs MAX5166
Typical Operating Characteristics
(VDD = +10V, VSS = -5V, VL = +5V, IN_ = +5V, RL = , CL = 0, AGND = DGND, TA = +25C, unless otherwise noted.)
POWER-SUPPLY REJECTION RATIO (HOLD MODE)
MAX5166-06
DROOP RATE vs. TEMPERATURE
MAX5166-01
DROOP RATE vs. INPUT VOLTAGE
1.50 1.45 1.40 DROOP RATE (mV/sec) 1.35 PSRR (dB) 1.30 1.25 1.20 1.15 1.10 1.05 1.00 -90 -80 -70 -60 -50 -40 -30 -20 -10 0 -5.0 -3.5 -2.0 -0.5 1.0 2.5 4.0 5.5 7.0 8.5 10.0 INPUT VOLTAGE (V) 1
16 14 DROOP RATE (mV/sec) 12 10 8 6 4 2 0 -40 -20 0 20 40 60 80
-SUPPLY
+SUPPLY
100
10
100 FREQUENCY (kHz)
1000
10,000
TEMPERATURE (C)
POWER-SUPPLY REJECTION RATIO (SAMPLE MODE)
MAX5166-03
HOLD STEP vs. TEMPERATURE
MAX5166-04
HOLD STEP vs. INPUT VOLTAGE
-90 -80
MAX5166-07
-90 -80 -70
75
-100
HOLD STEP (V)
-60 PSRR (dB) -50 -40 -30 -20 -10 0 1 10 100 FREQUENCY (kHz) -SUPPLY
HOLD STEP (V)
+SUPPLY
50
-70 -60 -50 -40 -30 -20 -10
25
0 1000 10,000 -40 -20 0 20 40 60 80 100 TEMPERATURE (C)
0 -5.0 -3.0 -1.0 1.0 3.0 5.0 7.0 9.0 INPUT VOLTAGE (V)
OFFSET VOLTAGE vs. TEMPERATURE
MAX5166-05
OFFSET VOLTAGE vs. INPUT VOLTAGE
-3.6 -3.7 OFFSET VOLTAGE (mV) -3.8 -3.9 -4.0 -4.1 -4.2 -4.3 -4.4
MAX5166-08
-2.0 -2.5 OFFSET VOLTAGE (mV) -3.0 -3.5 -4.0 -4.5 -5.0 -40 -20 0 20 40 60 80
-3.5
-4.5 100 -5.0 -3.0 -1.0 1.0 3.0 5.0 7.0 9.0 TEMPERATURE (C) INPUT VOLTAGE (V)
4
_______________________________________________________________________________________
MAX5166-02
18
32-Channel Sample/Hold Amplifier with Four Multiplexed Inputs MAX5166
M3 M2 M1 M0
A2 A1 A0
MAX5166
1-TO-8 MULTIPLEXER AND0
3-TO-8 DECODER
8
8
AND7 EN OUT0
IN0 IN SAMPLE-AND-HOLD 8 1-TO-8 MULTIPLEXER OUT8 EN IN1 IN SAMPLE-AND-HOLD 8 1-TO-8 MULTIPLEXER OUT16 EN IN2 IN SAMPLE-AND-HOLD 8 1-TO-8 MULTIPLEXER OUT24 EN IN3 IN SAMPLE-AND-HOLD VSS VDD AGND VL DGND OUT31 OUT23 OUT15 OUT7
Figure 1. Functional Diagram _______________________________________________________________________________________ _______________________________________________________________________________________ 5
32-Channel Sample/Hold Amplifier with Four Multiplexed Inputs MAX5166
Pin Description
PIN 1, 47, 48 NAME A2, A0, A1 FUNCTION Address Inputs. The input of a 3-to-8 decoder that controls channel selection for all four 1-to-8 multiplexers. Selects which output channels are connected to the input during sample mode (Tables 1, 2). Mode-Selection/Multiplexer-Enable Inputs 0 to 3. All four 1-to-8 multiplexers are independently controlled. A logic low enables sample mode by connecting the selected channel to IN_. A logic high enables hold mode (Tables 1, 2). Positive Digital Logic Power-Supply Input Digital Ground Negative Analog Power-Supply Input Analog Ground Analog Inputs 0 to 3 Outputs 0 to 15 Positive Analog Power-Supply Input Outputs 16 to 31
2-5 6 7 8 9 10-13 14-29 30 31-46
M0-M3 VL DGND VSS AGND IN3-IN0 OUT0-OUT15 VDD OUT16-OUT31
_______________Detailed Description
The MAX5166 connects four separate analog inputs to four internal 1-to-8 analog multiplexers. Each multiplexer channel connects to a buffered sample/hold circuit and a series output resistor, creating a four-input device with 32 sample/hold output channels. Three multiplexer channel-address inputs and four modeselect inputs (one for each multiplexer) control channel selection and sample/hold functions (Figure 1 and Tables 1 and 2).
sition times but increases the droop rate. Higher values increase hold time and acquisition time. The hold capacitor used in the MAX5166 provides fast 2.5s (typ) acquisition time while maintaining a low 1mV/sec (typ) droop rate, making the sample/hold ideal for highspeed sampling. Sample Mode Driving M3-M0 low (one at a time) selects sample mode (Tables 1 and 2). During sample mode, the selected multiplexer channel connects to IN_ allowing the hold capacitor to acquire the input signal. To guarantee an accurate sample, maintain sample mode for at least 4s. Sampling for longer than 4s results in tracking. Only the addressed channel on the selected multiplexer samples the input; all other channels remain in hold mode. Hold Mode Driving M3-M0 high selects hold mode. Hold mode disables the multiplexer, which disconnects all eight channels on the 1-to-8 multiplexer from the input. When a channel is disconnected, the hold capacitor maintains the sampled voltage at the output with a 1mV/sec droop rate (towards VDD).
Digital Interface
Three address pins and 3-to-8 address decoder logic select the channel for all four internal analog multiplexers. The mode-select inputs (M3-M0) independently control the sample/hold functions for each multiplexer (Tables 1 and 2).
Sample/Hold
The MAX5166 contains 32 buffered sample/hold circuits with internal hold capacitors. Internal hold capacitors minimize leakage current, dielectric absorption, feedthrough, and required board space. The value of the hold capacitor affects acquisition time, hold step, and droop rate. Lower capacitance allows faster acqui-
6 _________________________________________________________________________________________ _______________________________________________________________________________________
32-Channel Sample/Hold Amplifier with Four Multiplexed Inputs MAX5166
Table 1. Output Selection
ADDRESS A2 0 0 0 0 1 1 1 1 A1 0 0 1 1 0 0 1 1 A0 0 1 0 1 0 1 0 1 MUX0 OUT0 OUT1 OUT2 OUT3 OUT4 OUT5 OUT6 OUT7 OUTPUT SELECTED MUX1 OUT8 OUT9 OUT10 OUT11 OUT12 OUT13 OUT14 OUT15 MUX2 OUT16 OUT17 OUT18 OUT19 OUT20 OUT21 OUT22 OUT23 MUX3 OUT24 OUT25 OUT26 OUT27 OUT28 OUT29 OUT30 OUT31
0 = Logic Low, 1 = Logic High
Table 2. Mode Selection
MODE-SELECT INPUTS* (M3-M0) 0 ACTION Sample mode enabled on selected analog multiplexer and channel (Table 1). Hold mode enabled on selected analog multiplexer and channel (Table 1).
1
Note: Output loads increase the analog supply current (IDD and ISS). Excessive loading of the output(s) damages the device by consuming more power than the device will dissipate (see Absolute Maximum Ratings). The resistor-divider formed by the output resistor (ROUT_) and load impedance (RL) scales the sampled voltage (VSAMP). Determine the output voltage (VOUT_) as follows: Voltage Gain = AV = RL/(RL + ROUT) VOUT_ = VSAMP * AV The maximum output voltage range depends on the analog supply voltages available and the scaling factor used: (VSS + 0.75V) * AV VOUT_ (VDD - 2.4V) * AV when RL = , then AV = 1, and this equation becomes (VSS + 0.75V) VOUT (VDD - 2.4V).
0 = Logic Low, 1 = Logic High * Only one M_ input asserted low; all others must be logic high to meet the timing specification (see Single vs. Simultaneous Sampling).
Hold Step When switching between sample mode and hold mode, the voltage of the hold capacitor changes due to charge injection from stray capacitance. This voltage change, called hold step, is minimized by limiting the amount of stray capacitance seen by the hold capacitor. The MAX5166 limits the hold step to 0.25mV (typ). An output capacitor to ground can be used to filter out this small hold-step error.
Timing Definitions
Acquisition time (t AQ ) is the amount of time the MAX5166 must remain in sample mode for the hold capacitor to acquire an accurate sample. The holdmode settling time (tH) is the amount of time necessary for the output voltage to settle to its final value. Aperture delay (tAP) is the time interval required to disconnect the input from the hold capacitor. The inhibit pulse width (tPW) is the amount of time the MAX5166 must remain in hold mode while the address is changed. The data setup time (tDS) is the amount of time an address must be maintained before the address becomes valid. The data hold time (tDH) is the amount of time an address must be maintained after mode select has gone from low to high (Figure 2).
Output
The MAX5166 contains an output buffer for each multiplexer channel (32 total), so the hold capacitor sees a high-impedance input, reducing the droop rate. While in hold mode, the hold capacitor discharges at a rate of 1mV/sec (typ). The buffer also provides a low output impedance; however, the device contains output resistors in series with the buffer output (Figure 1) for selected output filtering. To provide greater design flexibility, the MAX5166 is available with an RO of 50, 500, or 1k.
_______________________________________________________________________________________
7
32-Channel Sample/Hold Amplifier with Four Multiplexed Inputs MAX5166
tPW MODE SELECT
tDS ADDRESS (A0-A2) tDH HOLD STEP
OUTPUT
tH
INPUT
tAQ
tAP
Figure 2. Timing Performance
__________Applications Information
Combining Inputs
The MAX5166 contains a separate input for each 1-to-8 multiplexer. Externally connect the input pins to form larger multiplexers. When all four inputs are connected to the same source, the MAX5166 is functionally equivalent to the MAX5165, except the MAX5166 does not contain output clamping diodes.
Simultaneously sampling two or more channels reduces offset voltage but increases acquisition time. Multiply the single-channel acquisition time by the number of channels sampling.
Multiplexed DAC
Figure 5 shows a typical demultiplexer application. Different digital codes are converted by the digital-toanalog converter (DAC) and then stored on eight different channels, or as many as 32 different channels when all four inputs are active. The 100mV/sec (max) droop rate requires refreshing the hold capacitors every 100ms before the voltage drops by 1/2LSB for an 8-bit DAC with a 5V full-scale voltage.
Control-Line Reduction
The MAX5166 contains four separate 1-to-8 multiplexers and individual mode selectors for each multiplexer. When sampling one channel at a time, use an external 2-to-4 decoder (with active-low outputs) to reduce the number of digital control lines from seven to five (Figure 3).
Powering the MAX5166
The MAX5166 does not require a special power-up sequence to avoid latchup. The device requires three separate supply voltages for operation; however, when one or two of the voltages are not available, DC-DC charge-pump (switched-capacitor) converters provide a simple, efficient solution. The MAX860 provides voltage doubling or inversion, ideal for conversions from +5V to +10V or from +5V to -5V. The MAX860 also functions as a voltage divider to provide conversion from +10V to +5V.
Single vs. Simultaneous Sampling
Individually control the four mode/multiplexer-select pins to simultaneously sample on four channels, the same channel for each multiplexer (Figure 4). Each mode-select pin controls sampling on one of the 1-to-8 multiplexers, while the 3-bit address selects one of the eight channels on all the multiplexers (Tables 1 and 2). Setting any combination of the mode-select pin low enables sampling on the addressed channels for the selected multiplexers.
8
_______________________________________________________________________________________
32-Channel Sample/Hold Amplifier with Four Multiplexed Inputs MAX5166
CHANNEL ADDRESS
5
3
1/16 MAX5166 A0-A2 3 ADDRESS DECODER
2 MODE SELECTOR DECODER
M0 M1 M2 M3
IN0 INPUT SIGNAL IN1 IN2 IN3 AGND
OUT0
OUT24
AGND
Figure 3. Control-Line Reduction
CHANNEL ADDRESS
3
1/16 MAX5166 A0-A2 3 ADDRESS DECODER M0 M1 M2 M3
MODE/MULTIPLEXER SELECTION
IN0 INPUT SIGNAL IN1 IN2 IN3 AGND
OUT0
OUT24
AGND
Figure 4. Simultaneous Sampling _______________________________________________________________________________________ 9
32-Channel Sample/Hold Amplifier with Four Multiplexed Inputs MAX5166
CHANNEL ADDRESS
3
A0-A2
3 ADDRESS DECODER 1/16 MAX5166
MODE/MULTIPLEXER SELECTION
M0 M1 M2 M3
OUT0
AGND DIGITAL INPUTS DAC IN OUT7
IN1 IN2 IN3
AGND
Figure 5. Multiplexing a DAC
Chip Information
TRANSISTOR COUNT: 5077
10
______________________________________________________________________________________
32-Channel Sample/Hold Amplifier with Four Multiplexed Inputs
Package Information
TQFPPO.EPS
MAX5166
______________________________________________________________________________________
11
32-Channel Sample/Hold Amplifier with Four Multiplexed Inputs MAX5166
NOTES
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
12 ____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 (c) 1999 Maxim Integrated Products Printed USA is a registered trademark of Maxim Integrated Products.


▲Up To Search▲   

 
Price & Availability of MAX5166

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X