Part Number Hot Search : 
56160 00000 FDP7030L 3EZ28 2SJ275 ESD5305F TGL475D 25LC0
Product Description
Full Text Search
 

To Download M74HCT4051 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 M74HCT4051
SINGLE 8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
s
s
s
s
s
s s s
s
s
s
LOW POWER DISSIPATION: ICC = 4A (MAX.) at TA=25C LOGIC LEVEL TRANSLATION TO ENABLE TTL LOGIC SIGNAL TO COMMUNICATE WITH 5V ANALOG SIGNAL LOW "ON" RESISTANCE: 70 TYP. (VCC - VEE = 4.5V) 50 TYP. (VCC - VEE = 9V) WIDE ANALOG INPUT VOLTAGE RANGE: 6V FAST SWITCHING: tpd = 13ns (TYP.) at TA = 25 C LOW CROSSTALK BETWEEN SWITCHES HIGH ON/OFF OUTPUT VOLTAGE RATIO WIDE OPERATING SUPPLY VOLTAGE RANGE (VCC - VEE) = 2V TO 12V LOW SINE WAVE DISTORTION: 0.02% at VCC - VEE = 9V COMPATIBLE WITH TTL OUTPUTS: VIH = 2V(MIN.) VIL = 0.8V (MAX.) PIN AND FUNCTION COMPATIBLE WITH 74 SERIES 4051
DIP
SOP
TSSOP
ORDER CODES
PACKAGE DIP SOP TSSOP TUBE T&R
M74HCT4051B1R M74HCT4051M1R M74HCT4051RM13TR M74HCT4051TTR
DESCRIPTION The M74HCT4051 is a single eight-channel analog MULTIPLEXER/DEMULTIPLEXER fabricated with silicon gate C2MOS technology and it is pin to pin compatible with the equivalent metal gate CMOS4000B series. It contains 8 bidirectional and digitally controlled analog switches. PIN CONNECTION AND IEC LOGIC SYMBOLS
A built-in level shifting is included to allow an input range up to 6V (peak) for an analog signal with digital control signal of 0 to 6V. VEE supply pin is provided for analog input signals. It has an inhibit (INH) input terminal to disable all the switches when high, compatible with TTL output level. For operation as a digital multiplexer/demultiplexer, VEE is connected to GND. A, B and C control inputs select one channel out of eight channels; they are compatible with TTL output level. All inputs are equipped with protection circuits against static discharge and transient excess voltage.
March 2003
1/14
M74HCT4051
CONTROL INPUT EQUIVALENT CIRCUIT PIN DESCRIPTION
PIN No 3 6 7 11, 10, 9 13, 14, 15, 12, 1, 5, 2, 4 8 16 SYMBOL COM OUT/IN INH VEE A, B, C 0 to 7 GND VCC NAME AND FUNCTION Common Output/Input INHIBIT Input Negative Supply Voltage Select Inputs Independent Input/Outputs Ground (0V) Positive Supply Voltage
I/O EQUIVALENT CIRCUIT
TRUTH TABLE
INPUT STATE ON CHANNEL INH L L L L L L L L H C L L L L H H H H X B L L H H L L H H X A L H L H L H L H X 0 1 2 3 4 5 6 7 NONE
FUNCTIONAL DIAGRAM
2/14
M74HCT4051
ABSOLUTE MAXIMUM RATINGS
Symbol VCC VCC - VEE VI VI/O ICK IIOK IT Supply Voltage Supply Voltage Control Input Voltage Switch I/O Voltage Control Input Diode Current I/O Diode Current Switch Through Current Parameter Value -0.5 to +7 -0.5 to +13 -0.5 to VCC + 0.5 VEE -0.5 to VCC + 0.5 20 20 25 50 500(*) -65 to +150 300 Unit V V V V mA mA mA mA mW C C
ICC or IGND DC VCC or Ground Current Power Dissipation PD Tstg TL Storage Temperature Lead Temperature (10 sec)
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied (*) 500mW at 65 C; derate to 300mW by 10mW/C from 65C to 85C
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VEE VI VI/O Top tr, tf Supply Voltage Supply Voltage Input Voltage I/O Voltage Operating Temperature Input Rise and Fall Time VCC = 4.5 to 5.5V Parameter Value 4.5 to 5.5 -6 to 0 2 to 12 0 to VCC VEE to VCC -55 to 125 0 to 500 Unit V V V V V C ns
VCC - VEE Supply Voltage
3/14
M74HCT4051
DC SPECIFICATIONS
Test Condition Symbol Parameter VCC (V) 4.5 to 5.5 4.5 to 5.5 4.5 4.5 4.5 4.5 RON Difference of ON Resistance between switches Input/Output Leakage Current (SWITCH OFF) Switch Input Leakage Current (SWITCH ON, OUTPUT OPEN) Input Leakage Current Quiescent Supply Current Additional Quiescent Supply Current per input pin 4.5 4.5 5.5 5.5 5.5 5.5 5.5 5.5 5.5 4.5 to 5.5 VEE (V) TA = 25C Min. 2.0 Value -40 to 85C -55 to 125C Unit
Typ. Max. Min. Max. Min. Max. 2.0 2.0 V
VIHC
High Level Input Voltage Low Level Input Voltage ON Resistance
VILC
0.8 GND -4.5 GND -4.5 GND -4.5 VI = VIHC or VILC VI/O = VCC to VEE II/O 2mA VI = VIHC or VILC VI/O = VCC or VEE II/O 2mA VI = VIHC or VILC VI/O = VCC or VEE II/O 2mA 85 55 70 50 10 5 180 120 150 100 30 12 0.06 0.1 0.06 0.1 0.1 4 8 100 360
0.8 225 150 190 125 35 15 0.6 1 0.6 1 0.1 40 80 450
0.8 270 180 230 150 45 18 1.0 1 1.0 1 1 80 160 490
V
RON
IOFF
GND VOS = VCC or GND VIS = GND or VCC -6.0 VI = VILC or VIHC GND VOS = VCC or GND VI = VIHC or VILC -6.0 GND GND -6.0 VI = VCC or GND VI = VCC or GND
A
IIZ
A A A
II ICC ICC
VI = VCC - 2.1V GND other input at VCC or GND
A
4/14
M74HCT4051
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6ns)
Test Condition Symbol Parameter VCC (V) 4.5 4.5 4.5 4.5 4.5 4.5 VEE (V) GND -4.5 GND -4.5 GND -4.5 CL = 50pF RL = 1K CL = 50pF RL = 1K CL = 50pF TA = 25C Min. Value -40 to 85C -55 to 125C Unit
Typ. Max. Min. Max. Min. Max. 5 4 13 11 25 19 12 8 45 34 38 31 15 10 56 43 48 39 18 12 68 51 58 47 ns ns ns
I/O
tPZL tPZH tPLZ tPHZ
Phase Difference Between Input and Output Output Enable Time Output Disable Time
CAPACITANCE CHARACTERISTICS
Test Condition Symbol Parameter VCC (V) 5.0 5.0 5.0 5.0 5.0 -5.0 -5.0 -5.0 GND VEE (V) TA = 25C Min. CIN CI/O CI/O CIOS CPD Input Capacitance Common Terminal Capacitance Switch Terminal Capacitance Feed Through Capacitance Power Dissipation Capacitance (note 1) Value -40 to 85C -55 to 125C Unit
Typ. Max. Min. Max. Min. Max. 5 11 7 0.75 67 10 20 15 2 10 20 15 2 10 20 15 2 pF pF pF pF pF
1) CPD is defined as the value of the IC's internal equivalent capacitance which is calculated from the operating current consumption without load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC
5/14
M74HCT4051
ANALOG SWITCH CHARACTERISTICS (GND = 0V;TA = 25C)
Symbol Parameter VCC (V) Sine Wave Distortion Sine Wave Distortion fMAX Frequency Response (Switch ON) (*) Frequency Response (Switch ON) (**) Feed through Attenuation (Switch OFF) Crosstalk (Control Input to Signal Output) Crosstalk (between any two switches) 2.25 4.5 2.25 4.5 2.25 4.5 2.25 4.5 6.0 2.25 4.5 4.5 4.5 VEE (V) -2.25 -4.5 -2.25 -4.5 -2.25 -4.5 -2.25 -4.5 -6.0 -2.25 -4.5 0 -4.5 VIN (Vp-p) 4 8 4 8 Test Condition Value Unit
Typ. 0.025 % 0.020 0.12 % 0.06 120 190 MHz 95 150 -50 -50 60 140
fIN = 1 KHz RL = 10 K, CL = 50 pF fIN = 10 KHz RL = 10 K, CL = 50 pF Adjust fIN voltage to obtain 0 dBm at VOS. Increase fIN Frequency until dB meter reads -3dB RL = 50, CL = 10 pF, fIN = 1KHz sine wave Adjust fIN voltage to obtain 0 dBm at VOS. Increase fIN Frequency until dB meter reads -3dB RL = 50, CL = 10 pF, fIN = 1KHz sine wave VIN is centered at (VCC - VEE)/2 Adjust input for 0 dBm RL = 600, CL = 50 pF, fIN = 1MHz sine wave
fMAX
MHz
dB
Adjust RL at set up so that IS = 0A. RL = 600, CL = 50 pF, fIN = 1MHz square wave between Vcc and GND tr=tf= 6 ns Adjust VIN to obtain 0dBm at input RL = 600, CL = 50 pF, fIN = 1MHz sine wave
mV
2.25 4.5
-2.25 -4.5
-50 -50
dB
(*) Input COMMON Terminal, and measured at SWITCH Terminal (**) Input SWITCH Terminal, and measured at common Terminal NOTE: These characteristics are determined by the design of the device.
6/14
M74HCT4051
SWITCHING CARACTERISTICS TEST CIRCUIT
CROSSTALK (control to output)
BANDWIDTH AND FEEDTHROUGH ATTENUATION
CROSSTALK BETWEEN ANY TWO SWITCHES
7/14
M74HCT4051
SWITCHING CHARACTERISTICS WAVEFORM
CHANNEL RESISTANCE (RON)
ICC (Opr.)
8/14
M74HCT4051
Plastic DIP-16 (0.25) MECHANICAL DATA
mm. DIM. MIN. a1 B b b1 D E e e3 F I L Z 3.3 1.27 8.5 2.54 17.78 7.1 5.1 0.130 0.050 0.51 0.77 0.5 0.25 20 0.335 0.100 0.700 0.280 0.201 1.65 TYP MAX. MIN. 0.020 0.030 0.020 0.010 0.787 0.065 TYP. MAX. inch
P001C
9/14
M74HCT4051
SO-16 MECHANICAL DATA
DIM. A a1 a2 b b1 C c1 D E e e3 F G L M S 8 3.8 4.6 0.5 9.8 5.8 1.27 8.89 4.0 5.3 1.27 0.62 (max.) 0.149 0.181 0.019 10 6.2 0.35 0.19 0.5 45 (typ.) 0.385 0.228 0.050 0.350 0.157 0.208 0.050 0.024 0.393 0.244 0.1 mm. MIN. TYP MAX. 1.75 0.2 1.65 0.46 0.25 0.013 0.007 0.019 0.004 MIN. inch TYP. MAX. 0.068 0.008 0.064 0.018 0.010
PO13H
10/14
M74HCT4051
TSSOP16 MECHANICAL DATA
mm. DIM. MIN. A A1 A2 b c D E E1 e K L 0 0.45 0.60 0.05 0.8 0.19 0.09 4.9 6.2 4.3 5 6.4 4.4 0.65 BSC 8 0.75 0 0.018 0.024 1 TYP MAX. 1.2 0.15 1.05 0.30 0.20 5.1 6.6 4.48 0.002 0.031 0.007 0.004 0.193 0.244 0.169 0.197 0.252 0.173 0.0256 BSC 8 0.030 0.004 0.039 MIN. TYP. MAX. 0.047 0.006 0.041 0.012 0.0079 0.201 0.260 0.176 inch
A
A2 A1 b e K c L E
D
E1
PIN 1 IDENTIFICATION
1
0080338D
11/14
M74HCT4051
Tape & Reel SO-16 MECHANICAL DATA
mm. DIM. MIN. A C D N T Ao Bo Ko Po P 6.45 10.3 2.1 3.9 7.9 12.8 20.2 60 22.4 6.65 10.5 2.3 4.1 8.1 0.254 0.406 0.082 0.153 0.311 TYP MAX. 330 13.2 0.504 0.795 2.362 0.882 0.262 0.414 0.090 0.161 0.319 MIN. TYP. MAX. 12.992 0.519 inch
12/14
M74HCT4051
Tape & Reel TSSOP16 MECHANICAL DATA
mm. DIM. MIN. A C D N T Ao Bo Ko Po P 6.7 5.3 1.6 3.9 7.9 12.8 20.2 60 22.4 6.9 5.5 1.8 4.1 8.1 0.264 0.209 0.063 0.153 0.311 TYP MAX. 330 13.2 0.504 0.795 2.362 0.882 0.272 0.217 0.071 0.161 0.319 MIN. TYP. MAX. 12.992 0.519 inch
13/14
M74HCT4051
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. (c) The ST logo is a registered trademark of STMicroelectronics (c) 2003 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. (c) http://www.st.com
14/14


▲Up To Search▲   

 
Price & Availability of M74HCT4051

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X