Part Number Hot Search : 
T273D AZ88943 BCR8PM EDZ11B CXA2076Q MD1213 250BZX 2N3331
Product Description
Full Text Search
 

To Download M2006C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOS
(PTY) LTD.
M2006C PIR Motion Detector
Microsystems On Silicon Member of ELMOS Semiconductor AG
General Description___________
The M2006C integrated circuit combines all required functions for a single chip Passive Infra Red (PIR) motion detector. A relay and a LED output are provided for interfacing to an occupancy detect or alarm system. One or two PIR sensors connect directly to the PIR inputs. The pull-down resistors and DC decoupling circuitry are integrated on chip. The PIR signal is converted to a 15 bit digital value. The parameters for sensitivity, pulse count and timing are set by means of connecting the corresponding inputs to VDD, VSS or leaving them open. The voltage level on the temperature compensation input is converted to a digital value with 4 bit resolution. All signal processing is performed digitally.
Applications_________________
PIR motion detection Intruder detection Occupancy detection Motion sensor lights
Features_____________________
Digital signal processing On chip supply regulator with wide operating voltage range Low power consumption Temperature compensation input Differential PIR sensor input Selectable relay output polarity Selectable pulse count and timing algorithm for motion detection
Single Sensor Application Circuit________________________________
VSS
U1
14 VSSA VB 10
C1
D1
Supply
C2
11 12 VDDA PIRIN LED 20
L1
Alarm
R2 RE1
IRA1
RELAY 13 NPIRIN VDD
19
Alarm
2 1
T hre shold /Sensitivity PT0 5
PT1 4
OSC PT0 SENS PT1 RPOL
R1
N ear Far
VDD
3
S2
8 9 18 VSS
P ulse C ount DP0
DP1
17 16
DP0 DP1
TEST VSS
C3
0V
T ime Window DT0
DT1
7 6
DT0 DT1 M2006C TCOMP 15 VDD
R3
N1 NTC R4
R5
www.mos.co.za
Rev. 1.1
MOS
(PTY) LTD.
Microsystems On Silicon Member of ELMOS Semiconductor AG
M2006C PIR Motion Detector
Electrical Characteristics_______________________________________
Absolute Maximum Ratings
Parameter Voltage on pins VB, RELAY, LED Current into any pin Storage Temperature Symbol VDD Tst Min -0.3 -100 -45 Max 19 100 125 Unit V mA C Remarks One pin at a time
Table 1: Electrical Characteristics (Stresses beyond those listed above may cause permanent damage to the device. Exposure to absolute maximum ratings may affect the device reliability. ESD protection: all pins will be able to withstand a discharge of a 100pF capacitor charged to 1.6kV through a 1500 series resistor. Test method: MIL-STD-883D method 3015).
Operating Conditions (T=25C, VDD=5V, unless stated otherwise)
Parameter Temperature Operating temperature range Regulator Supply voltage Supply current Regulator output voltage VB IDD VDD 3.6 Symbol Min -25 4.8 Typ Max 70 18 200 4.4 Unit C V A V VB=12V Outputs unloaded Remarks
Digital Inputs, Schmitt Triggers (DP0/1, PT0/1, DT0/1, SENS, TEST, RPOL) Input low voltage VIL 20 %VDD Input high voltage Pull down current on TEST Digital Outputs RELAY sink capability (open drain) LED sink capability (open drain) TCOMP Input Input voltage range Input leakage current PIRIN / NPIRIN Inputs PIRIN /NPIRIN input resistance to VSS PIRIN input DC voltage range PIRIN input AC voltage Oscillator and Filter LPF cutoff frequency HPF cutoff frequency Oscillator frequency
Table 2: Operating Conditions
VIH
80 50
%VDD A mA mA VDD 1 60 A k 1.5 5 7 0.44 V mV Hz Hz kHz R1 as per table 7 Peak-to-peak input to VDD VOL<1V VOL<1V
IOL IOL
25 5 0 -1
0.2
FCLK
64
www.mos.co.za
Page 2 of 5
Rev. 1.1
MOS
(PTY) LTD.
Microsystems On Silicon Member of ELMOS Semiconductor AG
M2006C PIR Motion Detector
Detailed Description___________________________________________
VSSA VDD VSS TC O MP RPO L LED PI RIN NPIR IN In put A mplifier A /D C onv er ter Band Pass Filter Temperature C ompensation O utp ut Driv er RELA Y
VSSA SENS PT0 VB Voltage Regu lator A larm Ev ent O scillator Pr ocessor DP0 DP1 PT1
VDDA
VSSA
O SC
DT0
DT1
TEST
Voltage Regulator
The on-chip series regulator can accept a large variety of supply voltages, and generates a stable 4V supply for the internal circuitry. The VDD pin requires a bypass capacitor to VSS.
If immediate alarm mode (alarm on 1 pulse count) is selected, then the RELAY output is activated on every pulse, for the duration, selected by DT0 and DT1. If TRUE-ROLLTM alarm mode (alarm on more than 1 pulse) is selected, a minimum number of pulses, selected with DT1 and DT0, would have to appear, within the selected TRUE-ROLLTM time window. The RELAY output will remain activated as long as the alarm condition is present. The RELAY activation time TM is the same as the TRUE-ROLL time window. The polarity of the relay output (i.e. active high or active low), can be selected with the RPOL pin. RPOL 0 1
Table 3: Relay output polarity
Oscillator
The IC contains an on chip low power oscillator. The frequency is set to about 64kHz by selecting the correct resistor between OSC and VDD. The timing signals and cutoff frequencies of the digital filters are derived from this frequency.
PIR Sensor Input
A differential input stage allows for up to 2 PIR sensors to be connected. The PIRIN and NPIRIN inputs have an internal pull-down resistor. The analog to digital converter generates a digital signal from the voltage level measured between the PIRIN and NPIRIN pins.
Relay Output Active low Active high
Band-Pass Filter
A 2nd order low-pass filter with a cut-off frequency of 3.5Hz eliminates unwanted higher frequency nd components. This signal is then passed to a 2 order high pass filter with a 0.5Hz cut-off frequency.
Alarm Event Processor
The signal from the band pass filter is firstly rectified. When the signal level exceeds the selected sensitivity threshold, an internal pulse is generated and the open drain LED output transistor is switched on. The LED output remains activated while the signal is above the selected sensitivity threshold.
The pins to select the sensitivity threshold, the TRUETM ROLL time window and the PULSE count are typically hard wired by the PIR motion detector manufacturer. The SENS input allows for a jumper, which offers a sensitivity adjustment on site. The conditions required to raise an alarm, are controlled by the following digital inputs. These inputs must be connected to VDD (`1'), VSS (`0') or left open (Z), as indicated in table 4.
www.mos.co.za
Page 3 of 5
Rev. 1.1
MOS
(PTY) LTD.
Microsystems On Silicon Member of ELMOS Semiconductor AG
M2006C PIR Motion Detector
Pin Name PT1 0 0 0 Z Z Z 1 1 DP1 0 0 1 1 DT1 0 0 1 1 SENS PT0 0 Z 1 0 Z 1 0 Z/1 DP0 0 1 0 1 DT0 0 1 0 1
Description Selects the PIR controller's sensitivity threshold. x1 most sensitive x2 x4 x8 x 16 x 32 x 64 x 128 least sensitive Selects the amount of pulses required for an alarm condition. 1 immediate alarm mode TM 2 TRUE-ROLL 3 alarm 4 mode Selects the window 2s 4s 8s 16 s TRUE-ROLLTM time
TCOMP: Temperature compensation input pin. A temperature dependent resistor network may be connected to this pin to generate voltages between VDD*16/128 and VDD*31/128. The voltage on this pin must decrease as the temperature increases. At 37C, the voltage should be between VDD*19/128 and VDD*20/128. Internally, a TCOMP factor is selected, based on this pin voltage. This factor is multiplied with the sensitivity threshold. Table 5 shows the dependency of the pin voltage and the TCOMP factor used by the alarm event processor. Pin voltage/ VDD <16/128 17/128 18/128 19/128 20/128 21/128 22/128 23/128 TCOMP factor 7/8 6/8 5//8 4/8 4/8 5/8 6/8 7/8 Pin voltage/ VDD 24/128 25/128 26/128 27/128 28/128 29/128 30/128 >31/128 TCOMP Factor 8/8 9/8 10/8 11/8 12/8 13/8 14/8 15/8
Table 5: Temperature compensation factor
When connected to VDD, the currently selected threshold is doubled
Table 4: Alarm event processor input settings
TM
Example of TRUE-ROLL
time window set to 4s and pulse count to 3.
PIR
LED WINDOW RELAY
4s 4s 4s 4s 4s
www.mos.co.za
Page 4 of 5
Rev. 1.1
MOS
(PTY) LTD.
Microsystems On Silicon Member of ELMOS Semiconductor AG
M2006C PIR Motion Detector
Device Pin Out________________________________________________
Pin No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 Name OSC VDD SENS PT1 PT0 DT1 DT0 RPOL TEST VB VDDA PIRIN NPIRIN VSSA TCOMP DP1 DP0 VSS RELAY LED Description Oscillator frequency setting Regulated supply voltage Range select Sensitivity selection Sensitivity selection TRUE-ROLLTM time window select TRUE-ROLLTM time window select RELAY Pin polarity selection Reserved, connect to VSS Unregulated supply voltage Regulated supply voltage, only connect PIR element to this pin PIR sensor input Negative PIR sensor input Negative supply voltage, only connect PIR element to this pin Temperature Compensation Input Pulse count selector Pulse count selector Negative supply voltage Relay Output (open drain) LED Output (open drain)
Table 6: Device Pin Out
Component Values____________________________________________
Designator R1 R2 R3 R4 R5 N1 C1 C2, C3 D1 IRA Description 390k 1.2k 180k 33k 18k 47k NTC 10F/25V, electrolytic 820nF, ceramic 1N4007, optional protection diode LHI 878, PIR sensor
Table 7: Component Values for Application Circuit
Contact Information___________
Microsystems On Silicon (PTY) Ltd. Pretoria, South Africa Tel: +27 (12) 348 8367 Fax: +27 (12) 348 1790 Email: sales@mos.co.za Visit our website for the latest information
Ordering Information__________
M2006C-DIP20 (20 pin Dual-in-line plastic) M2006C-SO20-300 (20 pin Surface mount, 300 mil) Other packages are available on request.
www.mos.co.za
Page 5 of 5
Rev. 1.1


▲Up To Search▲   

 
Price & Availability of M2006C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X