Part Number Hot Search : 
704123 87001 CX74005 Q800302 4740A IRFY140 16DPGW5B SMB10AT3
Product Description
Full Text Search
 

To Download LT2A05G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LT2A01G-LT2A07G
Vishay Lite-On Power Semiconductor
2.0A Glass Passivated Rectifier
Features
D Glass passivated die construction D Diffused junction D High current capability and low forward
voltage drop
D Surge overload rating to 65A peak D Plastic material - UL Recognition flammability
classification 94V-0
14 421
Absolute Maximum Ratings
Tj = 25_C Parameter Repetitive peak reverse voltage g =Working peak reverse voltage =DC Bl ki voltage DC Blocking lt Test Conditions Type LT2A01G LT2A02G LT2A03G LT2A04G LT2A05G LT2A06G LT2A07G Symbol VRRM =VRWM =VR V Value 50 100 200 400 600 800 1000 65 2 -65...+175 Unit V V V V V V V A A C
Peak forward surge current Average forward current TA=55C Junction and storage temperature range
IFSM IFAV Tj=Tstg
Electrical Characteristics
Tj = 25_C Parameter Forward voltage Reverse current I2t Rating for fusing Diode capacitance Thermal resistance junction to ambient Test Conditions IF=2A TA=25C TA=100C VR=4V, f=1MHz Type Symbol VF IR IR I2t CD RthJA Min Typ Max 1.1 5 200 17.5 Unit V
mA mA
A2s pF K/W
40 60
Rev. A2, 24-Jun-98
1 (4)
LT2A01G-LT2A07G
Vishay Lite-On Power Semiconductor Characteristics (Tj = 25_C unless otherwise specified)
IFAV - Average Forward Current ( A ) 2.5 C D - Diode Capacitance ( pF ) 100
Tj = 25C f = 1 MHz
2.0 1.5
10
1.0
0.5 0
25
50
75
100
125 150 175
200
15564
1.0 1.0
10 VR - Reverse Voltage ( V )
100
15561
Tamb - Ambient Temperature ( C )
Figure 1. Max. Average Forward Current vs. Ambient Temperature
10
Figure 4. Typ. Diode Capacitance vs. Reverse Voltage
1000 IR - Reverse Current ( m A )
IF - Forward Current ( A )
100
Tj = 150C
1.0
10
Tj = 125C
1.0
0.1
Tj = 25C IF Pulse Width = 300 s 2% Duty Cycle
0.1 0.01
Tj = 25C
0.01 0
15562
1.2 1.6 0.4 0.8 VF - Forward Voltage ( V )
0
15565
20
40
60
80
100
120 140
Percent of Rated Peak Reverse Voltage (%)
Figure 2. Typ. Forward Current vs. Forward Voltage
IFSM - Peak Forward Surge Current ( A )
Figure 5. Typ. Reverse Current vs. Percent of Rated Peak Reverse Voltage
75
60 45
30
15
8.3 ms Single Half-Sine-Wave JEDEC method
0 1 10 Number of Cycles at 60 Hz 100
15563
Figure 3. Max. Peak Forward Surge Current vs. Number of Cycles
2 (4)
Rev. A2, 24-Jun-98
LT2A01G-LT2A07G
Vishay Lite-On Power Semiconductor Dimensions in mm
14442
Case: molded plastic Polarity: cathode band Approx. weight: 0.4 grams Mounting position: any Marking: type number
Rev. A2, 24-Jun-98
3 (4)
LT2A01G-LT2A07G
Vishay Lite-On Power Semiconductor Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances ( ODSs ). The Montreal Protocol ( 1987 ) and its London Amendments ( 1990 ) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2 . Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency ( EPA ) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C ( transitional substances ) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay-Telefunken products for any unintended or unauthorized application, the buyer shall indemnify Vishay-Telefunken against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany Telephone: 49 ( 0 ) 7131 67 2831, Fax number: 49 ( 0 ) 7131 67 2423
4 (4)
Rev. A2, 24-Jun-98


▲Up To Search▲   

 
Price & Availability of LT2A05G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X