Part Number Hot Search : 
1N6614 R2560A NCV7701 TB26MHZ 587P8915 6004B PA20701 FQB5N50C
Product Description
Full Text Search
 

To Download LM2903 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
LM193A/293/A/393/A/2903 Low power dual voltage comparator
Product data Supersedes data of 2002 Jan 22 2002 Jul 12
Philips Semiconductors
Philips Semiconductors
Product data
Low power dual voltage comparator
LM193A/293/A/393/A/2903
DESCRIPTION
The LM193 series consists of two independent precision voltage comparators with an offset voltage specification as low as 2.0 mV max. for two comparators which were designed specifically to operate from a single power supply over a wide range of voltages. Operation from split power supplies is also possible, and the low power supply current drain is independent of the magnitude of the power supply voltage. These comparators also have a unique characteristic in that the input common-mode voltage range includes ground, even though operated from a single power supply voltage. The LM193 series was designed to directly interface with TTL and CMOS. When operated from both plus and minus power supplies, the LM193 series will directly interface with MOS logic where their low power drain is a distinct advantage over standard comparators.
PIN CONFIGURATION
D, DP, and N Packages
OUTPUT A INVERTING INPUT A NON-INVERTING INPUT A GND
1 2 3 4 A B
8 7 6 5
V+ OUTPUT B INVERTING INPUT B NON-INVERTING INPUT B
TOP VIEW
SL00079
FEATURES
* Wide single supply voltage range 2.0 VDC to 32 VDC, * Very low supply current drain (0.8 mA) independent of supply * Low input biasing current 25 nA * Low input offset current 5 nA and offset voltage 2 mV * Input common-mode voltage range includes ground * Differential input voltage range equal to the power supply voltage * Low output 250 mV at 4 mA saturation voltage * Output voltage compatible with TTL, DTL, ECL, MOS and CMOS
logic systems
+ INPUT
- INPUT
Figure 1. Pin configuration.
or dual supplies 1.0 VDC, to 16 VDC
voltage (2.0 mW/comparator at 5.0 VDC)
EQUIVALENT CIRCUIT
V+
3.5 A
100 A
3.5 A
100 A
Q2 Q1
Q3 Q4 OUTPUT
APPLICATIONS
Q8 Q7 Q5 Q6
* A/D converters * Wide range VCO * MOS clock generator * High voltage logic gate * Multivibrators
ORDERING INFORMATION
DESCRIPTION 8-Pin Plastic Dual In-Line Package (DIP) 8-Pin Plastic Small Outline (SO) Package 8-Pin Plastic Dual In-Line Package (DIP) 8-Pin Plastic Small Outline (SO) Package 8-Pin Plastic Dual In-Line Package (DIP) 8-Pin Plastic Small Outline (SO) Package 8-Pin Plastic Thin Shrink Small Outline Package (TSSOP) 8-Pin Plastic Dual In-Line Package (DIP) 8-Pin Plastic Small Outline (SO) Package 8-Pin Plastic Dual In-Line Package (DIP) 8-Pin Plastic Small Outline (SO) Package 8-Pin Plastic Dual In-Line Package (DIP) 8-Pin Plastic Thin Shrink Small Outline Package (TSSOP)
(One Comparator Only)
SL00080
Figure 2. Equivalent circuit.
TEMPERATURE RANGE -55 C to +125 C -25 C to +85 C -25 C to +85 C -25 C to +85 C -25 C to +85 C 0 C to +70 C 0 C to +70 C 0 C to +70 C 0 C to +70 C 0 C to +70 C -40 C to +125 C -40 C to +125 C -40 C to +125 C
ORDER CODE LM193AN LM293D LM293N LM293AD LM293AN LM393D LM393DP LM393N LM393AD LM393AN LM2903D LM2903N LM2903DP
DWG # SOT97-1 SOT96-1 SOT97-1 SOT96-1 SOT97-1 SOT96-1 SOT505-1 SOT97-1 SOT96-1 SOT97-1 SOT96-1 SOT97-1 SOT505-1
2002 Jul 12
2
853-0932 28616
Philips Semiconductors
Product data
Low power dual voltage comparator
LM193A/293/A/393/A/2903
ABSOLUTE MAXIMUM RATINGS
SYMBOL VCC VIN PD Supply voltage Differential input voltage Input voltage Maximum power dissipation, Tamb = 25 C N package D package DP package Output short-circuit to ground2 IIN Tamb Input current (VIN < -0.3 VDC)3 Operating temperature range LM193A LM293/293A LM393/393A LM2903 Storage temperature range Lead soldering temperature (10 sec max) (still-air)1 1160 780 714 Continuous 50 -55 to +125 -25 to +85 0 to +70 -40 to +125 -65 to +150 230 mA C C C C C C mW mW mW PARAMETER RATING 32 or 16 32 -0.3 to +32 UNIT VDC VDC VDC
Tstg Tsld
NOTES: 1. Derate above 25 C, at the following rates: N package at 9.3 mW/C D package at 6.2 mW/C DP package at 5.72 mW/C 2. Short circuits from the output to V+ can cause excessive heating and eventual destruction. The maximum output current is approximately 20 mA independent of the magnitude of V+. 3. This input current will only exist when the voltage at any of the input leads is driven negative. It is due to the collector-base junction of the input PNP transistors becoming forward biased and thereby acting as input diode clamps. In addition to this diode action, there is also lateral NPN parasitic transistor action on the IC chip. This transistor action can cause the output voltages of the comparators to go to the V+ voltage level (or to ground for a large overdrive) for the time duration that an input is driven negative. This is not destructive and normal output states will re-establish when the input voltage, which was negative, again returns to a value greater than -0.3 VDC.
2002 Jul 12
3
Philips Semiconductors
Product data
Low power dual voltage comparator
LM193A/293/A/393/A/2903
DC AND AC ELECTRICAL CHARACTERISTICS
V+ = 5 VDC, LM193A: -55 C Tamb +125 C, unless otherwise specified. LM293/293A: -25C Tamb +85 C, unless otherwise specified. LM393/393A: 0 C Tamb +70 C, unless otherwise specified. LM2903: -40 C Tamb +125 C, unless otherwise specified. SYMBOL VOS VC CM VIDR PARAMETER Input offset voltage2 Input common-mode voltage range3, 6 Differential input voltage1 TEST CONDITIONS Tamb = 25 C Over temp. Tamb = 25 C Over temp. Keep all VIN 0 VDC (or V- if needed) IIN(+) or IIN(-) with output in linear range Tamb = 25 C Over temp. IOS Input offset current IIN(+) - IIN(-) Tamb = 25 C Over temp. IOL Output sink current VIN(-) 1 VDC; VIN(+) = 0; VO 1.5 VDC Tamb = 25 C VO = 5 VDC; Tamb = 25 C Output leakage current VIN(+)1VDC; VIN(-)=0; VO = 30 VDC; Over temp. RL = on both comparators; Tamb = 25 C RL = on both comparators; V+ = 30 V AV Voltage gain RL 15 k; V+ = 15 VDC; Tamb = 25 C VIN(-) 1 VDC; () VIN(+) = 0; ISINK 4 mA Tamb = 25 C Over temp. VIN = TTL logic swing, VREF = 1.4 VDC; VRL = 5 VDC; RL = 5.1 k; Tamb = 25 C VRL = 5 VDC; RL = 5.1 k ; Tamb = 25 C 250 400 700 250 400 700 400 400 700 mV mV 50 0.8 6.0 16 0.1 1.0 3.0 25 100 300 25 100 6.0 16 0.1 1.0 5.0 25 250 400 50 150 6.0 25 200 5 50 16 0.1 1.0 250 500 50 200 nA nA nA nA mA nA A 0 0 LM193A Min Typ 1.0 Max 2.0 4.0 V+-1.5 V+-2.0 V+ 0 0 LM293A/393A Min Typ 1.0 Max 2.0 4.0 V+-1.5 V+-2.0 V+ 0 0 Min LM2903 Typ 2.0 9 Max 7.0 15 V+-1.5 V+-2.0 V+ UNIT mV mV V V V
IBIAS
Input bias current4
1
0.8
1
0.8
1
mA
ICC
Supply current y
1
2.5
1
2.5
1
2.5
mA
200
50
200
25
100
V/mV
VOL
Saturation voltage
tLSR
Large-signal response time
300
300
300
ns
tR
Response time5
1.3
1.3
1.3
s
2002 Jul 12
4
Philips Semiconductors
Product data
Low power dual voltage comparator
LM193A/293/A/393/A/2903
DC ELECTRICAL CHARACTERISTICS (Continued)
V+ = 5 VDC, LM193A: -55 C Tamb +125 C, unless otherwise specified. LM293/293A: -25C Tamb +85 C, unless otherwise specified. LM393/393A: 0 C Tamb +70 C, unless otherwise specified. LM2903: -40 C Tamb +125 C, unless otherwise specified. SYMBOL VOS VCM VIDR PARAMETER In ut Input offset voltage2
, Input common-mode voltage range3, 6 In ut
TEST CONDITIONS Tamb = 25 C Over temp. Tamb = 25 C Over temp. Keep all VIN 0 VDC (or V- if needed) IIN(+) or IIN(-) with output in linear range Tamb = 25 C Over temp. IIN(+) - IIN(-) Tamb = 25 C Over temp. VIN(-) 1 VDC; VIN(+) = 0; VO 1.5 VDC Tamb = 25 C VIN(+) 1 VDC; VIN(-) = 0, VO = 5 VDC; Tamb = 25 C VO = 30 VDC; over temp. RL = on both comparators, Tamb = 25 C RL = on both comparators; V+ = 30 V RL 15 k; V+ = 15 VDC VIN(-) 1 VDC; VIN(+) = 0; ISINK 4 mA Tamb = 25 C Over temp. VIN = TTL logic swing, VREF = 1.4 VDC; VRL = 5 VDC; RL = 5.1 k; Tamb = 25 C VRL = 5 VDC; RL = 5.1 k Tamb = 25 C
LM293/393 Min Typ 2.0 0 0 Max 5.0 9.0 V+-1.5 V+-2.0 V+
UNIT mV mV V V V
Differential input voltage1
IBIAS
Input bias current4
25
250 400 50 150
nA nA nA nA mA
IOS
Input offset current
5.0
IOL
Output sink current
6.0
16
Output leakage current
0.1 1.0 0.8 1 2.5 50 200 250 400 700
nA A mA mA V/mV mV mV ns s
ICC
Supply current
AV VOL
Voltage gain Saturation voltage
tLSR
Large signal response time
300
tR
Response time5
1.3
NOTES: 1. Positive excursions of input voltage may exceed the power supply level by 17 V. As long as the other voltage remains within the common-mode range, the comparator will provide a proper output state. The low input voltage state must not be less than -0.3 VDC (VDC below the magnitude of the negative power supply, if used). 2. At output switch point, VO 1.4 VDC, RS = 0 with V+ from 5 VDC to 30 VDC and over the full input common-mode range (0 VDC to V+ -1.5 VDC). 3. The input common-mode voltage or either input signal voltage should not be allowed to go negative by more than 0.3 V. The upper end of the common-mode voltage range is V+ -1.5 V, but either or both inputs can go to 30 VDC without damage. 4. The direction of the input current is out of the IC due to the PNP input stage. This current is essentially constant, independent of the state of the output so no loading change exists on the reference or input lines. 5. The response time specified is for a 100 mV input step with a 5 mV overdrive. 6. For input signals that exceed VCC, only the over-driven comparator is affected. With a 5 V supply, VIN should be limited to 25 V maximum, and a limiting resistor should be used on all inputs that might exceed the positive supply.
2002 Jul 12
5
Philips Semiconductors
Product data
Low power dual voltage comparator
LM193A/293/A/393/A/2903
EQUIVALENT CIRCUIT
V+ 700 k 100 k
+ VC FREQUENCY CONTROL VOLTAGE INPUT
50 k
- +
0.1 F 20 k 20 k
500 pF
30 k 5.1 k
3.0 k
10 LM393
-
LM393 V - /2 OUTPUT 1
+
OUTPUT 2
+
LM393
V + /2
-
NOTES: V+ = 30 VDC + 250 mVDC VC = 50 VDC 700H fO = 100 kHz
Two-Decade High-Frequency VCO
+ V (12VDC)
2RS + VREF HI RS + -
10K LAMP
+ VIN
+
+5 VDC
360
2RS
2N2222 -
Limit Comparator
+
+V
REF 4 100
- 100 k
V+
+ 5V 360
DC
+ -
+
+V
VO
REF 3 - 100
100 k
+ 5V 360
DC
TTL-to-MOS Logic Converter
V+ 200 k 2.0 k V+ 0.1 F + - VO 0
+V
+
REF 2 -
100 k 100 k
100
+ 5V 360
DC
+V
+
REF 1 -
100 k
200 k
CRYSTAL I - 100 kHz
100
Visible Voltage Indicator
NOTE: Input of unused comparators should be grounded.
Crystal-Controlled Oscillator
SL00081
Figure 3. Equivalent circuit.
2002 Jul 12
6
Philips Semiconductors
Product data
Low power dual voltage comparator
LM193A/293/A/393/A/2903
TYPICAL PERFORMANCE CHARACTERISTICS
Input Current
80
V O-- SATURATION VOLTAGE (V DC ) I N -- INPUT CURRENT -- nADC VIN (CM) = 0 VDC RIN (CM) = 10k TA = -55oC TA = 0oC 10 OUT OF SATURATION 1.0
Output Saturation Voltage
60
40
0.1
TA = +125oC TA = -55oC
20
TA = +125oC
TA = +25oC TA = +70oC
0.01 TA = 25o 0.1 1.0 10 100
0
10
20
30
40
0.001 0.01
V + -- SUPPLY VOLTAGE -- VDC
IO -- OUTPUT SINK CURRENT (mA)
Response Time for Various Input Overdrives -- Negative Transition
OUTPUT VOLTAGE VO -- mV OUTPUT VOLTAGE VO -- mV 6 5 4 3 2 1 INPUT VOLTAGE VIN -- mV 0 0 -50 VIN - + 5mV = INPUT OVERDRIVE + 5V 6 5 4 3 2 1 INPUT VOLTAGE VIN -- mV 0 0 -50
Response Time for Various Input Overdrives -- Positive Transition
INPUT OVERDRIVE = 100mV
20mV
5.1K VOUT
5mV 20mV
100mV
+ 5V
OVERDRIVE
TA = 25oC 0 0.5 1.0 1.5 2.0 TIME -- sec
TA = 25oC
VIN
- +
5.1K VOUT
-100
-100 0 0.5
OVERDRIVE
1.0 1.5 2.0 TIME -- sec
SL00082
Figure 4. Typical performance characteristics.
2002 Jul 12
7
Philips Semiconductors
Product data
Low power dual voltage comparator
LM193A/293/A/393/A/2903
SO8: plastic small outline package; 8 leads; body width 3.9 mm
SOT96-1
2002 Jul 12
8
Philips Semiconductors
Product data
Low power dual voltage comparator
LM193A/293/A/393/A/2903
DIP8: plastic dual in-line package; 8 leads (300 mil)
SOT97-1
2002 Jul 12
9
Philips Semiconductors
Product data
Low power dual voltage comparator
LM193A/293/A/393/A/2903
TSSOP8: plastic thin shrink small outline package; 8 leads; body width 3 mm
SOT505-1
2002 Jul 12
10
Philips Semiconductors
Product data
Low power dual voltage comparator
LM193A/293/A/393/A/2903
NOTES
2002 Jul 12
11
Philips Semiconductors
Product data
Low power dual voltage comparator
LM193A/293/A/393/A/2903
Data sheet status
Data sheet status [1] Objective data Preliminary data Product status [2] Development Qualification Definitions This data sheet contains data from the objective specification for product development. Philips Semiconductors reserves the right to change the specification in any manner without notice. This data sheet contains data from the preliminary specification. Supplementary data will be published at a later date. Philips Semiconductors reserves the right to change the specification without notice, in order to improve the design and supply the best possible product. This data sheet contains data from the product specification. Philips Semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. Changes will be communicated according to the Customer Product/Process Change Notification (CPCN) procedure SNW-SQ-650A.
Product data
Production
[1] Please consult the most recently issued data sheet before initiating or completing a design. [2] The product status of the device(s) described in this data sheet may have changed since this data sheet was published. The latest information is available on the Internet at URL http://www.semiconductors.philips.com.
Definitions
Short-form specification -- The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition -- Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information -- Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification.
Disclaimers
Life support -- These products are not designed for use in life support appliances, devices or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes -- Philips Semiconductors reserves the right to make changes, without notice, in the products, including circuits, standard cells, and/or software, described or contained herein in order to improve design and/or performance. Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no license or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified.
Contact information
For additional information please visit http://www.semiconductors.philips.com. Fax: +31 40 27 24825
(c) Koninklijke Philips Electronics N.V. 2002 All rights reserved. Printed in U.S.A. Date of release: 08-02
For sales offices addresses send e-mail to: sales.addresses@www.semiconductors.philips.com.
Document order number:
9397 750 10182
Philips Semiconductors
2002 Jul 12 12


▲Up To Search▲   

 
Price & Availability of LM2903

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X