Part Number Hot Search : 
TR3000 P410003 2SK122 CPC1317 IS42S 15A02 40031AIL 2SA106
Product Description
Full Text Search
 

To Download LB1403NSERIES Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number:ENN1410B
Monolithic Digital IC
LB1403N Series
5-Dot Red/Green LED Level Meter
Use
* AC level meters such as VU meters. * DC level meters such as signal meters.
Package Dimensions
unit:mm 3017D-SIP9
[LB1403N Series]
22.0 3.0 5.7 max 3.2 0.25 1.35
Features and Functions
* Capable of generating a bar-display for input voltage with 5 LEDs. * Operates from either AC or DC input voltage because of on-chip rectifier amplifier. * Lighting levels remain stable to line regulation because of on-chip voltage reference. * LEDs are driven by a constant current ; stable to line regulation. * Power supply voltage range is wide (3.5 to 16V), for a wide range of applications. * Five types of ICs constitute the series with various lighting levels of the LEDs and driving currents. * SIP-9 pin package and fewer externally connected components resuit in smaller space requirements on the circuit board. * Low noise at LED lighted mode. LB1403N Series
Type No. LB1403N LB1413N LB1423N LB1433N LB1443N VC3 lighting sensitivity 85 mVrms typ 105 mVrms typ 85 mVrms typ 105 mVrms typ 85 mVrms typ Comparator level +6dB, +3dB 0dB, -5dB, -10dB 1.67Vc3, 1.33Vc3, Vc3, 0.67Vc3, 0.33Vc3 +6dB, +3dB, 0dB, -5dB, -10dB 1.67Vc3, 1.33Vc3, Vc3, 0.67Vc3, 0.33Vc3 +6dB, +3dB, 0dB, -6dB, -12dB
1 (0.84) 2.54 0.5
9 1.3
Constant LED current 15 mA typ 15 mA typ 7 mA typ 7 mA typ 15 mA typ
Equivalent Circuit Block Diagram and Pin Assignment
Any and all SANYO products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft's control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. Consult with your SANYO representative nearest you before using any SANYO products described or contained herein in such applications. SANYO assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges,or other parameters) listed in products specifications of any and all SANYO products described or contained herein.
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
22801TN (KT)/7227KI/8225MW/2284KI No.1410-1/4
0.51 min
(4.5)
SANYO : SIP9
LB1403N, 1413N, 1423N, 1433N, 1443N Specifications
Absolute Maximum Ratings [LB1403N, 1413N, 1423N, 1433N, 1443N] at Ta = 25C
Parameter Maximum supply voltage Allowable power dissipation Operating temperature Storage temperature Symbol VCC max Pd max Topr Tstg Conditions Ratings 18 1100 -25 to +75 -55 to +125 Unit V mW
C C
Allowable Operating Ranges [LB1403N, 1413N, 1423N, 1433N, 1443N] at Ta = 25C
Parameter Supply voltage Symbol VCC Conditions Ratings min 3.5 typ 6 max 16 Unit V
Electrical Characteristics [LB1403N] at Ta = 25C, VCC=6V, f=1kHz
Parameter Current drain Sensitivity Comparator level 1 Comparator level 2 Comparator level 3 Comparator level 4 Comparator level 5 LED constant current Input bias current Symbol ICC VIN Vc1 Vc2 Vc3 Vc4 Vc5 ILED IINO Point of adjustment 2.5 5 11 -1.0 VIN=0 Vc3 on-level 74 -11.5 -6 Conditions Ratings min typ 5 85 -10 -5 0 3 6 15 -0.3 3.5 7 18.5 max 8 -8.5 -4 Unit mA dB dB dB dB dB mA A
96 mVrms
Electrical Characteristics [LB1413N] at Ta = 25C, VCC=6V, f=1kHz
Parameter Current drain Sensitivity Comparator level 1 Comparator level 2 Comparator level 3 Comparator level 4 Comparator level 5 LED constant current Input bias current Symbol ICC VIN Vc1 Vc2 Vc3 Vc4 Vc5 ILED IINO Point of adjustment 1.25 * Vc3 1.48 * Vc3 11 -1.0 VIN=0 Vc3 on-level 91 0.28 * Vc3 0.59 * Vc3 Conditions Ratings min typ 5 105 0.33 * Vc3 0.67 * Vc3 VIN 1.33 * Vc3 1.67 * Vc3 15 -0.3 max 8 Unit mA
119 mVrms 0.40 mVrms * Vc3 0.75 mVrms * Vc3 mVrms 1.42 mVrms * Vc3 1.87 mVrms * Vc3 18.5 mA A
Electrical Characteristics [LB1423N] at Ta = 25C, VCC=6V, f=1kHz
Parameter Current drain Sensitivity Comparator level 1 Comparator level 2 Comparator level 3 Comparator level 4 Comparator level 5 LED constant current Input bias current Symbol ICC VIN Vc1 Vc2 Vc3 Vc4 Vc5 ILED IINO Point of adjustment 2.5 5 5 -1.0 VIN=0 Vc3 on-level 74 -11.5 -6 Conditions Ratings min typ 5 85 -10 -5 0 3 6 7 -0.3 3.5 7 9.5 max 8 -8.5 -4 Unit mA dB dB dB dB dB mA A
96 mVrms
No.1410-2/4
LB1403N, 1413N, 1423N, 1433N, 1443N
Electrical Characteristics [LB1433N] at Ta = 25C, VCC=6V, f=1kHz
Parameter Current drain Sensitivity Comparator level 1 Comparator level 2 Comparator level 3 Comparator level 4 Comparator level 5 LED constant current Input bias current Symbol ICC VIN Vc1 Vc2 Vc3 Vc4 Vc5 ILED IINO Point of adjustment 1.25 * Vc3 1.48 * Vc3 5 -1.0 VIN=0 Vc3 on-level 91 0.28 * Vc3 0.59 * Vc3 Conditions Ratings min typ 5 105 0.33 * Vc3 0.67 * Vc3 VIN 1.33 * Vc3 1.67 * Vc3 7 -0.3 max 8 Unit mA
119 mVrms 0.40 mVrms * Vc3 0.75 mVrms * Vc3 mVrms 1.42 mVrms * Vc3 1.87 mVrms * Vc3 9.5 mA A
Electrical Characteristics [LB1443N] at Ta = 25C, VCC=6V, f=1kHz
Parameter Current drain Sensitivity Comparator level 1 Comparator level 2 Comparator level 3 Comparator level 4 Comparator level 5 LED constant current Input bias current Symbol ICC VIN Vc1 Vc2 Vc3 Vc4 Vc5 ILED IINO Point of adjustment 2.5 5 11 -1.0 VIN=0 Vc3 on-level 74 -14 -7 Conditions Ratings min typ 5 85 -12 -6 0 3 6 15 -0.3 3.5 7 18.5 max 8 -10 -5 Unit mA dB dB dB dB dB mA A
96 mVrms
Sample Application Circuit and Test Circuit (AC input VU meter)
* Capacitor to be omitted when used as a DC-input signal meter.
No.1410-3/4
LB1403N, 1413N, 1423N, 1433N, 1443N
* C1, R1 time constant : The response time can be varied by varying the C1, R1 time constant (mainly the C1 value). When the C1, R1 time constant is larger : .................. The response time (attack time and release time) is made slower. When the C1, R1 time constant is smaller : .................. The response time (attack time and release time) is made faster. * Considerations relative to Pd max of the package : Due to the constant current ILED, most of the power consumed by the circuits is consumed within the IC. When lighting the five LEDs continuously for a prolonged length of time, make sure that VCC does not exceed : LB1403N, 1413N, 1443N VCC=9V LB1423N, 1433N VCC=14V When using a higher power supply voltage, insert a resistor in series with the LEDs to restrain the power consumed within the IC package.
For LB1403N, 1413N, 1443N :
For LB1423N, 1433N
Specifications of any and all SANYO products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. To verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment. SANYO Electric Co., Ltd. strives to supply high-quality high-reliability products. However, any and all semiconductor products fail with some probability. It is possible that these probabilistic failures could give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that could cause damage to other property. When designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. In the event that any or all SANYO products(including technical data,services) described or contained herein are controlled under any of applicable local export control laws and regulations, such products must not be expor ted without obtaining the expor t license from the authorities concerned in accordance with the above law. No part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written permission of SANYO Electric Co., Ltd. Any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the SANYO product that you intend to use. Information (including circuit diagrams and circuit parameters) herein is for example only ; it is not guaranteed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties.
This catalog provides information as of February, 2001. Specifications and information herein are subject to change without notice.
PS No.1410-4/4


▲Up To Search▲   

 
Price & Availability of LB1403NSERIES

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X