Part Number Hot Search : 
TLHF5400 LB064V02 AC128 01010 P6SMB91 THP25A 7078AF1 N4004G
Product Description
Full Text Search
 

To Download KA5H0380 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www.fairchildsemi.com
KA5x03xx-SERIES
KA5H0365R, KA5M0365R, KA5L0365R KA5H0380R, KA5M0380R, KA5L0380R Fairchild Power Switch(FPS)
Features
* * * * * * * * * Precision Fixed Operating Frequency (100/67/50kHz) Low Start-up Current(Typ. 100uA) Pulse by Pulse Current Limiting Over Current Protection Over Voltage Protection (Min. 25V) Internal Thermal Shutdown Function Under Voltage Lockout Internal High Voltage Sense FET Auto-Restart Mode
Description
The Fairchild Power Switch(FPS) product family is specially designed for an off-line SMPS with minimal external components. The Fairchild Power Switch(FPS) consists of a high voltage power SenseFET and a current mode PWM IC. Included PWM controller integrates the fixed frequency oscillator, the under voltage lock-out, the leading edge blanking, the optimized gate turn-on/turn-off driver, the thermal shutdown protection, the over voltage protection, and the temperature compensated precision current sources for the loop compensation and the fault protection circuitry. Compared to a discrete MOSFET and a PWM controller or an RCCsolution, a Fairchild Power Switch(FPS) can reduce the total component count, design size and weight and at the same time increase efficiency, productivity, and system reliability. It has a basic platform well suited for the cost effective design in either a flyback converter or a forward converter
TO-220F-4L
Applications
* SMPS for VCR, SVR, STB, DVD & DVCD * SMPS for Printer, Facsimile & Scanner * Adaptor for Camcorder
1
1. GND 2. Drain 3. VCC 4. FB
Internal Block Diagram
#3 VCC
32V 5V Vref Good logic OSC 9V 5A 1mA 2.5R 1R + 7.5V - + 27V - Thermal S/D OVER VOLTAGE S/D - + S R L.E.B 0.1V S R Q Q Internal bias
#2 DRAIN
SFET
#4 FB
#1 GND
Power on reset
Rev.1.0.6
(c)2003 Fairchild Semiconductor Corporation
KA5X03XX-SERIES
Absolute Maximum Ratings
(Ta=25C, unless otherwise specified) Characteristic KA5H0365R, KA5M0365R, KA5L0365R Drain-Gate Voltage (RGS=1M) Gate-Source (GND) Voltage Drain Current Pulsed
(1)
Symbol VDGR VGS IDM ID ID EAS VCC,MAX VFB PD Derating TJ TA TSTG VDGR VGS IDM ID ID EAS VCC,MAX VFB PD Derating TJ TA TSTG
Value 650 30 12.0 3.0 2.4 358 30 -0.3 to VSD 75 0.6 +160 -25 to +85 -55 to +150 800 30 12.0 3.0 2.1 95 30 -0.3 to VSD 75 0.6 +160 -25 to +85 -55 to +150
Unit V V ADC ADC ADC mJ V V W W/C C C C V V ADC ADC ADC mJ V V W W/C C C C
Continuous Drain Current (TC=25C) Continuous Drain Current (TC=100C) Single Pulsed Avalanche Energy Maximum Supply Voltage Analog Input Voltage Range Total Power Dissipation Operating Junction Temperature. Operating Ambient Temperature. Storage Temperature Range. KA5H0380R, KA5M0380R, KA5L0380R Drain-Gate Voltage (RGS=1M) Gate-Source (GND) Voltage Drain Current Pulsed
(1) (2)
Continuous Drain Current (TC=25C) Continuous Drain Current (TC=100C) Single Pulsed Avalanche Energy Maximum Supply Voltage Analog Input Voltage Range Total Power Dissipation Operating Junction Temperature. Operating Ambient Temperature. Storage Temperature Range.
(2)
Note: 1. Repetitive rating: Pulse width limited by maximum junction temperature 2. L = 51mH, starting Tj = 25C 3. L = 13H, starting Tj = 25C
2
KA5X03XX-SERIES
Electrical Characteristics (SenseFET Part)
(Ta = 25C unless otherwise specified) Parameter KA5H0365R, KA5M0365R, KA5L0365R Drain-Source Breakdown Voltage Zero Gate Voltage Drain Current Static Drain-Source on Resistance (Note) Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn On Delay Time Rise Time Turn Off Delay Time Fall Time Total Gate Charge (Gate-Source+Gate-Drain) Gate-Source Charge Gate-Drain (Miller) Charge KA5H0380R, KA5M0380R, KA5L0380R Drain-Source Breakdown Voltage Zero Gate Voltage Drain Current Static Drain-Source on Resistance (Note) Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn On Delay Time Rise Time Turn Off Delay Time Fall Time Total Gate Charge (Gate-Source+Gate-Drain) Gate-Source Charge Gate-Drain (Miller) Charge
Note: 1. Pulse test: Pulse width 300S, duty 2% 2. 1 S = --R
(Note) (Note)
Symbol BVDSS IDSS RDS(ON) gfs Ciss Coss Crss td(on) tr td(off) tf Qg Qgs Qgd BVDSS IDSS RDS(ON) gfs Ciss Coss Crss td(on) tr td(off) tf Qg Qgs Qgd
Condition VGS=0V, ID=50A VDS=Max. Rating, VGS=0V VDS=0.8Max. Rating, VGS=0V, TC=125C VGS=10V, ID=0.5A VDS=50V, ID=0.5A VGS=0V, VDS=25V, f=1MHz VDD=0.5BVDSS, ID=1.0A (MOSFET switching time is essentially independent of operating temperature) VGS=10V, ID=1.0A, VDS=0.5BVDSS (MOSFET switching time is essentially independent of operating temperature) VGS=0V, ID=50A VDS=Max. Rating, VGS=0V VDS=0.8Max. Rating, VGS=0V, TC=125C VGS=10V, ID=0.5A VDS=50V, ID=0.5A VGS=0V, VDS=25V, f=1MHz VDD=0.5BVDSS, ID=1.0A (MOSFET switching time is essentially independent of operating temperature) VGS=10V, ID=1.0A, VDS=0.5BVDSS (MOSFET switching time is essentially independent of operating temperature)
Min. 650 2.0 800 1.5 -
Typ. 3.6 720 40 40 150 100 150 42 7.3 13.3 4.0 2.5 779 75.6 24.9 40 95 150 60 7.2 12.1
Max. 50 200 4.5 34 250 1000 5.0 34 -
Unit V A A S pF
nS
nC
V A A
S pF
nS
nC
3
KA5X03XX-SERIES
Electrical Characteristics (Control Part) (Continued)
(Ta = 25C unless otherwise specified) Characteristic UVLO SECTION Start Threshold Voltage Stop Threshold Voltage OSCILLATOR SECTION Initial Accuracy Initial Accuracy Initial Accuracy Frequency Change With Temperature (2) Maximum Duty Cycle FOSC FOSC FOSC Dmax KA5H0365R KA5H0380R KA5M0365R KA5M0380R KA5L0365R KA5L0380R -25CTa+85C KA5H0365R KA5H0380R KA5M0365R KA5M0380R KA5L0365R KA5L0380R Ta=25C, 0V6.5V Ta=25C, 5VVfbVSD Ta=25C -25CTa+85C Max. inductor current VCC>24V VCC=14V VCC<28 90 61 45 62 100 67 50 5 67 110 73 55 10 72 kHz kHz kHz % % VSTART VSTOP VFB=GND VFB=GND 14 8.4 15 9 16 9.6 V V Symbol Test condition Min. Typ. Max. Unit
Maximum Duty Cycle FEEDBACK SECTION Feedback Source Current Shutdown Feedback Voltage Shutdown Delay Current REFERENCE SECTION Output Voltage (1) Temperature Stability Peak Current Limit PROTECTION SECTION Over Voltage Protection Thermal Shutdown Temperature (Tj) Start-up Current Operating Supply Current (Control Part Only)
(1) (1)(2)
Dmax
72
77
82
%
IFB VSD Idelay Vref Vref/T IOVER VOVP TSD ISTART IOP
0.7 6.9 4 4.80 1.89 25 140 -
0.9 7.5 5 5.00 0.3 2.15 27 160 100 7
1.1 8.1 6 5.20 0.6 2.41 29 170 12
mA V A V mV/C A V C A mA
CURRENT LIMIT(SELF-PROTECTION)SECTION
TOTAL STANDBY CURRENT SECTION
Note: 1. These parameters, although guaranteed, are not 100% tested in production 2. These parameters, although guaranteed, are tested in EDS(water test) process
4
KA5X03XX-SERIES
Typical Performance Characteristics(SenseFET part)
(KA5H0365R, KA5M0365R, KA5L0365R)
10
10
ID, Drain Current [A]
ID, Drain Current [A]
V GS Top : 15V 10V 8.0V 7.0V 6.0V 5.5V 5.0V Bottom:4.5V
1
1
150oC
@ Notes: 1. 300s Pulse Test 2. TC = 25 oC 0.1
25oC
-25oC
@ Notes: 1. VDS = 30V 2. 300s Pulse Test
1
10
0.1
2
4
6
8
10
VDS, Drain-Source Voltage [V]
VGS, Gate-Source Voltage [V]
Figure 1. Output Characteristics
Figure 2. Transfer Characteristics
7 6
RDS(on) , [ ] Drain-Source On-Resistance
5 4
V gs=10V
IDR, Reverse Drain Current [A]
1
V gs=20V 3 2 1 0
0.1
150oC
25oC @ Notes : 1. VG = 0V S 2. 300s PulseTest
@Note : Tj=25
0
1
ID,Drain Current [A]
2
3
4
5
0.01
0.4
0.6
0.8
1.0
1.2
VSD, Source-Drain Voltage [V]
Figure 3. On-Resistance vs. Drain Current
Figure 4. Source-Drain Diode Forward Voltage
700 600 500
VGS,Gate-Source Voltage[V]
Ciss
Ciss = Cgs + Cgd (Cds = shorted) Coss = Cds + Cgd Crss = Cgd
10 VDS=130V 8 VDS=320V VDS=520V 6
Capacitance [pF]
400 300 200
4
Coss
100
2 @Note : ID=3.0A
Crss
0 100 101
0 0 5 10 15
20
25
VDS, Drain-Source Voltage [V]
QG,Total Gate Charge [nC]
Figure 5. Capacitance vs. Drain-Source Voltage
Figure 6. Gate Charge vs. Gate-Source Voltage
5
KA5X03XX-SERIES
Typical Performance Characteristics (Continued)
(KA5H0365R, KA5M0365R, KA5L0365R)
1.2
2.5
2.0
Drain-Source Breakdown Voltage
Drain-Source On-Resistance
1.1
BVDSS, (Normalized)
RDS(on), (Normalized)
1.5
1.0
1.0 @Notes: 1. VGS = 10V 2. ID = 1.5 A
0.9
@ Notes : 1. VGS = 0V 2. ID = 250A
0.5
0.8
-50
0
50
o
100
150
0.0
-50
0
50
100
150
TJ, Junction Temperature [ C]
T J, Junction Temperature [oC]
Figure 7. Breakdown Voltage vs. Temperature
Figure 8. On-Resistance vs. Temperature
102
ID , Drain Current [A]
Operation in This Area is Limited by R DS(on) 101 10 ms 100 DC 10 s 100 s 1 ms
3.0
2.5
ID, Drain Current [A]
103
2.0
1.5 1.0
10-1
@ Notes : 1. TC = 25 oC 2. TJ = 150 oC 3. Single Pulse
0.5
10-2 0 10
101
102
0.0 25
50
75
100
125
150
VDS , Drain-Source Voltage [V]
TC, Case Temperature [oC]
Figure 9. Max. Safe Operating Area
Figure 10. Max. Drain Current vs. Case Temperature
100 D=0.5
(t) , Thermal Response
0.2 0.1 10- 1 0.05 0.02 0.01
@ Notes : 1. ZJ C (t)=1.25 o C/W Max. 2. Duty Factor, D=t1 /t2 3. TJ M -TC =PD M *ZJ C (t)
Z
JC
single pulse
10- 2 - 5 10
10- 4
10- 3
10- 2
10- 1
100
101
t1 , Square Wave Pulse Duration
[sec]
Figure 11. Thermal Response
6
KA5X03XX-SERIES
Typical Performance Characteristics (Continued)
(KA5H0380R, KA5M0380R, KA5L0380R)
101 V GS Top : 15V 10V 8.0V 7.0V 6.0V 5.5V 5.0V Bottom:4.5V 100
101
ID, Drain Current [A]
ID, Drain Current [A]
100 150oC
@ Notes: 1. 300s Pulse Test 2. TC = 25oC 10-1 100 101
25oC
-25oC
@Notes: 1. VDS = 30 V 2. 300s PulseTest 6 8 10
10-1
2
4
VDS, Drain-Source Voltage [V]
VGS, Gate-Source Voltage [V]
Figure 1. Output Characteristics
Figure 2. Thansfer Characteristics
8 7
Fig3. On-Resistance vs. Drain Current
10
Drain-Source On-Resistance
6 5 4 3 2 1 0 Vgs=20V
IDR, Reverse Drain Current [A]
Vgs=10V
RDS(on) , [ ]
1
150oC
25oC
@Note: Tj=25 0 1 2 3 4
0.1 0.4 0.6 0.8
@Notes: 1. VGS = 0V 2. 300s Pulse Test 1.0
ID,Drain Current
VSD, Source-Drain Voltage [V]
Figure 3. On-Resistance vs. Drain Current
Figure 4. Source-Drain Diode Forward Voltage
1000 900 800 700
VGS,Gate-Source Voltage[V]
Ciss = Cgs + Cgd (Cds = shorted) Coss = Cds + Cgd Crss = Cgd Ciss
10
VDS=160V VDS=400V VDS=640V
8
Capacitance [pF]
600 500 400 300 200 100 0 100
6
4
Coss Crss
101
2 @Note : ID=3.0A 0
0
5
10
15
20
25
30
VDS, Drain-Source Voltage [V]
QG,Total Gate Charge [nC]
Figure 5. Capacitance vs. Drain-Source Voltage
Figure 6. Gate Charge vs. Gate-Source Voltage
7
KA5X03XX-SERIES
Typical Performance Characteristics (Continued)
(KA5H0380R, KA5M0380R, KA5L0380R)
1.2
2.5
Drain-Source Breakdown Voltage
2.0
1.1
Drain-Source On-Resistance
BVDSS, (Normalized)
RDS(on), (Normalized)
1.5
1.0
1.0
0.9
@ Notes : 1. VGS = 0V 2. ID = 250A
0.5
@ Notes: 1. VGS = 10V 2. ID = 1.5 A
0.8
-50
0
50
100
150
0.0
-50
0
50
100
150
TJ, Junction Temperature [oC]
TJ, Junction Temperature [oC]
Figure 7. Breakdown Voltage vs. Temperature
Figure 8. On-Resistance vs. Temperature
102
3.5
ID , Drain Current [A]
Operation in This Area is Limited by R DS(on) 101 100 s 1 ms 100 10 ms DC 10 s
3.0 2.5
ID, Drain Current [A]
103
2.0 1.5 1.0 0.5 0.0
10-1
@ Notes : 1. TC = 25 oC 2. TJ = 150 C 3. Single Pulse
o
10
-2
101
102
40
60
80
100
120
140
VDS , Drain-Source Voltage [V]
TC, Case Temperature [oC]
Figure 9. Max. Safe Operating Area
Figure 10. Max. Drain Current vs. Case Temperature
100
(t) , Thermal Response
D=0.5 0.2 0.1 10- 1 0.05 0.02 0.01 single pulse @ Notes : 1. Z J C (t)=1.25 o C/W Max. 2. Duty Factor, D=t1 /t2 3. TJ M -TC =PD M *Z J C (t)
Z
JC
10- 2 - 5 10
10- 4
10- 3
10- 2
10- 1
100
101
t 1 , Square Wave Pulse Duration
[sec]
Figure 11. Thermal Response
8
KA5X03XX-SERIES
Typical Performance Characteristics (Control Part) (Continued)
(These characteristic graphs are normalized at Ta = 25C)
1.2 1.15 1.1 1.05 Fosc 1 0.95 0.9 0.85 0.8 -25
Fig.1 Operating Frequency
0
25
50
75
100 125 150
1.2 1.15 1.1 1.05 Ifb 1 0.95 0.9 0.85 0.8 -25
Fig.2 Feedback Source Current
0
25
50
75
100
125 150
Figure 1. Operating Frequency
Figure 2. Feedback Source Current
1.2 1.15 1.1 1.05 Iop 1 0.95 0.9 0.85 0.8 -25
Fig.3 Operating Current
1.1 1.05
Fig.4 Max Inductor Current
IIpeak 1 over
0.95 0.85 0 25 50 75 100 125 150 0.8 -25 0 25 50 75 100 125 150 0.9
Figure 3. Operating Supply Current
Figure 4. Peak Current Limit
1.5 1.3
Fig.5 Start up Current
1.15 1.1 1.05
Fig.6 Start Threshold Voltage
Istart
1.1 0.9 0.7 0.5 -25 0 25 50 75 100 125 150
Vstart 1
0.95 0.9 0.85 -25 0 25 50 75 100 125 150
Figure 5. Start up Current
Figure 6. Start Threshold Voltage
9
KA5X03XX-SERIES
Typical Performance Characteristics (Continued)
(These characteristic graphs are normalized at Ta = 25C)
1.15 1.1 1.05
Fig.7 Stop Threshold Voltage
1.15 1.1 1.05
Fig.8 Maximum Duty Cycle
Vstop 1
0.95 0.9 0.85 -25 0 25 50 75 100 125 150
Dmax 1
0.95 0.9 0.85 -25 0 25 50 75 100 125 150
Figure 7. Stop Threshold Voltage
Figure 8. Maximum Duty Cycle
1.2 1.15 1.1 1.05 Vz 1 0.95 0.9 0.85 0.8 -25
Fig.9 Vcc Zener Voltage
1.15 1.1 1.05
Fig.10 Shutdown Feedback Voltage
Vsd 1
0.95 0.9
0 25 50 75 100 125 150
0.85 -25
0
25
50
75
100 125 150
Figure 9. VCC Zener Voltage
Figure 10. Shutdown Feedback Voltage
1.2 1.15 1.1 1.05 Idelay 1 0.95 0.9 0.85 0.8 -25
Fig.11 Shutdown Delay Current
1.15 1.1 1.05
Fig.12 Over Voltage Protection
Vovp 1
0.95 0.9 0 25 50 75 100 125 150 0.85 -25 0 25 50 75 100 125 150
Figure 11. Shutdown Delay Current
Figure 12. Over Voltage Protection
10
KA5X03XX-SERIES
Typical Performance Characteristics (Continued)
(These characteristic graphs are normalized at Ta = 25C)
1.15 1.1 1.05
Fig.13 Soft Start Voltage
2.5 2 1.5
( Rdson)1
Fig.14 Drain Source Turn-on Resistance
Vss
1 0.9
0.95 0.85 -25
0.5 0 25 50 75 100 125 150 0 -25 0 25 50 75 100 125 150
Figure13. Soft Start Voltage
Figure 14. Static Drain-Source on Resistance
11
KA5X03XX-SERIES
Package Dimensions
TO-220F-4L
12
KA5X03XX-SERIES
Package Dimensions (Continued)
TO-220F-4L(Forming)
13
KA5X03XX-SERIES
Ordering Information
Product Number KA5H0365RTU KA5H0365RYDTU KA5M0365RTU KA5M0365RYDTU KA5L0365RTU KA5L0365RYDTU Product Number KA5H0380RTU KA5H0380RYDTU KA5M0380RTU KA5M0380RYDTU KA5L0380RTU KA5L0380RYDTU
TU :Non Forming Type YDTU : Forming type
Package TO-220F-4L TO-220F-4L(Forming) TO-220F-4L TO-220F-4L(Forming) TO-220F-4L TO-220F-4L(Forming) Package TO-220F-4L TO-220F-4L(Forming) TO-220F-4L TO-220F-4L(Forming) TO-220F-4L TO-220F-4L(Forming)
Marking Code 5H0365R 5M0365R 5L0365R Marking Code 5H0380R 5M0380R 5L0380R
BVDSS 650V 650V 650V BVDSS 800V 800V 800V
FOSC 100kHz 67kHz 50kHz FOSC 100kHz 67kHz 50kHz
RDS(on) 3.6 3.6 3.6 RDS(on) 4.6 4.6 4.6
DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein:
1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user.
www.fairchildsemi.com
2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
12/9/03 0.0m 001 Stock#DSxxxxxxxx 2003 Fairchild Semiconductor Corporation


▲Up To Search▲   

 
Price & Availability of KA5H0380

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X