Part Number Hot Search : 
IRFSL HEVAL 73K222AU F9540N CY101 AD7305 C101K HC4P55
Product Description
Full Text Search
 

To Download ICS9250-08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Integrated Circuit Systems, Inc.
ICS9250-08
Frequency Generator & Integrated Buffers for Celeron & PII/IIITM
Recommended Application: BX, Appollo Pro 133 type of chip set. Output Features: * 3 - CPUs @2.5V, up to 150MHz. * 17 - SDRAM @ 3.3V, up to 150MHz. * 7 - PCI @3.3V * 2 - IOAPIC @ 2.5V * 1 - 48MHz, @3.3V fixed. * 1 - 24MHz @ 3.3V * 2 - REF @3.3V, 14.318MHz. Features: * Up to 150MHz frequency support * Support power management: CPU, PCI, stop and Power down Mode form I2C programming. * Spread spectrum for EMI control (0 to -0.5%, 0.25%). * Uses external 14.318MHz crystal Key Specifications: * CPU - CPU: <175ps * CPU - PCI: min = 1ns max = 4ns * PCI - PCI: <250ps * SDRAM - SDRAM: <500ps
Pin Configuration
VDDREF *FS2/REF1 *PCI_STOP/REF0 GND X1 X2 VDDPCI *MODE/PCICLK_F **FS3/PCICLK0 GND PCICLK1 PCICLK2 PCICLK3 PCICLK4 VDDPCI PCICLK5 BUFFERIN SDRAM11 SDRAM10 VDDSDR SDRAM9 SDRAM8 GND SDRAM15 SDRAM14 GND SDATA 2 IC SCLK 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 VDDLIOAPIC IOAPIC0 IOAPIC_F GND CPUCLK_F CPUCLK1 VDDLCPU CPUCLK2 GND CPU_STOP# SDRAM_F VDDSDR SDRAM0 SDRAM1 GND SDRAM2 SDRAM3 SDRAM4 SDRAM5 VDDSDR SDRAM6 SDRAM7 GND SDRAM12 SDRAM13 VDD48 24MHz/FS0* 48MHz/FS1*
{
56-Pin SSOP
* Internal Pull-up Resistor of 240K to 3.3V on indicated inputs ** Internal Pull-down resistor of 240K to GND on indicated inputs.
Block Diagram
PLL2
/2
48MHz 24MHz IOAPIC_F
Functionality
FS3 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 FS2 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 FS1 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 FS0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 CPU (MHz) 133 124 150 140 105 110 115 120 100.3 133 112 103 66.8 83.3 75 124 PCICLK (MHz) 33.3 (CPU/4) 31 (CPU/4) 37.5 (CPU/4) 35 (CPU/4) 35 (CPU/3) 36.67 (CPU/3) 38.33 (CPU/3) 40.00 (CPU/3) 33.43 (CPU/3) 44.33 (CPU/3) 37.33 (CPU/3) 34.33 (CPU/2) 33.40 (CPU/2) 41.65 (CPU/2) 37.5 (CPU/2) 41.33 (CPU/2)
X1 X2
XTAL OSC
STOP
IOAPIC0 REF [1:0] CPUCLK_F CPUCLK [2:1]
2
PLL1 Spread Spectrum FS[3:0] MODE
POR
1
STOP
2
LATCH
PCI CLOCK DIVDER
4
STOP
6
PCICLK [5:0] PCICLK_F
CPU_STOP# Control PCI_STOP# SCLK { SDATA Logic Config. Reg.
IC
2
STOP
16
SDRAM [15:0] SDRAM_F
BUFFERIN
0378J--05/17/05
ICS9250-08
ICS9250-08
Pin Configuration
PIN NUMBER 2 PIN NAME REF1 FS21 REF0 P C I _ S TO P # 1 GND X1 X2 PCICLK_F 8 MODE FS31 PCICLK0
1
TYPE OUT IN OUT IN PWR IN OUT OUT IN IN OUT OUT IN IN IN OUT IN OUT IN PWR
3 4, 10, 23, 26, 34, 42, 48, 53 5 6
DESCRIPTION 14.318 MHz reference clock output Latched frequency select input. Has pull-up to VDDPCI 14.318MHz reference clock output Halts PCICLK [5:0] at logic "0" level when low. ( i n m o b i l e, M O D E = 0 ) Ground. 14.318MHz input. Has internal load cap, (nominal 33pF). Cr ystal output. Has inter nal load cap (33pF) and feedback resistor to X1 Free r unning BUS clock not affected by PCI_STOP# Latched input for MODE select. Conver ts pin 3 to PCI_STOP# when low for power management. L a t c h e d f r e q u e n c y s e l e c t i n p u t , p u l l - d ow n Free r unning BUS clock not affected by PCI_STOP# PCI Clock Outputs. Input for Buffers Ser ial data in for ser ial config por t. (I2C) Clock input for ser ial config por t. (I2C) 24MHz clock output for Super I/O or FD. Latched frequency select input. Has pull-up to VDD4. 48MHz clock output for USB. Latched frequency select input. Has pull-up to VDD2. Nominal 3.3V power supply, see power groups for function.
9
16, 14, 13, 12, 11 PCICLK [5:1] 17 27 28 30 FS01 29 48MHz FS11 VDDPCI, VDDREF, VDDSDR, VDD48 BU F F E R I N SDATA SCLK 24MHz
1, 7, 15, 20, 31, 37, 45 24, 25, 32, 33, 18, 19, 21, 22, 35, 36, SDRAM [15:0] 38, 39, 40, 41, 43, 44 46 47 50, 56 55 51, 49 52 54 SDRAM_F C P U _ S TO P#
OUT
SDRAM clocks
OUT IN PWR OUT OUT OUT OUT
Free r unning SDRAM clock Not affected by CPU_STOP# Halts CPUCLK [2:1], IOAPIC0, SDRAM [15:0] clocks at logic "0" level when low. CPU and IOAPIC clock buffer power supply, 2.5V nominal. IOAPIC clock output. (14.318 MHz) Poweredby VDDLIOAPIC CPU Output clocks. Powered by VDDL2 (60 or 66.6MHz) Free r unning CPU output clock. Not affected ty the CPU_STOP#. Freer unning IOAPIC clock output. Not affected by the CPU_STOP# (14.31818 MHz) Powered by VDDLIOAPIC
VDDLCPU, VDDLIOAPIC I OA P I C 0 CPUCLK [2:1] CPUCLK_F I OA P I C _ F
Notes: 1: Bidirectional input/output pins, input logic levels are latched at internal power-on-reset. Use 10Kohm resistor to program logic Hi to VDD or GND for logic low.
0378J--05/17/05
2
ICS9250-08
General Description
The ICS9250-08 is the single chip clock solution for Desktop/designs using BX, Appollo Pro 133 type of chip sets. It provides all necessary clock signals for such a system. Spread spectrum may be enabled through I 2 C programming. Spread spectrum typically reduces system EMI by 8dB to 10dB. This simplifies EMI qualification without resorting to board design iterations or costly shielding. The ICS925008 employs a proprietary closed loop design, which tightly controls the percentage of spreading over process and temperature variations. Serial programming I2C interface allows changing functions, stop clock programming and frequency selection.
Power Groups
VDDREF = REF [1:0], X1, X2 VDDPCI = PCICLK_F, PCICLK [5:0] VDDSDR = SDRAM [15:0], supply for PLL core, VDD48 = 48MHz, 24MHz VDDLIOAPIC = IOAPIC_F VDDLCPU = CPUCLK_F [2:1]
Mode Pin - Power Management Input Control
MODE (Latched Input) 0 1 PCI_STOP# (Input) REF0 (Output)
0378J--05/17/05
3
ICS9250-08
General I2C serial interface information
The information in this section assumes familiarity with I2C programming. For more information, contact ICS for an I2C programming application note.
How to Write:
Controller (host) sends a start bit. Controller (host) sends the write address D2 (H) ICS clock will acknowledge Controller (host) sends a dummy command code ICS clock will acknowledge Controller (host) sends a dummy byte count ICS clock will acknowledge Controller (host) starts sending first byte (Byte 0) through byte 5 * ICS clock will acknowledge each byte one at a time. * Controller (host) sends a Stop bit * * * * * * * *
How to Read:
* * * * * * * * Controller (host) will send start bit. Controller (host) sends the read address D3 (H) ICS clock will acknowledge ICS clock will send the byte count Controller (host) acknowledges ICS clock sends first byte (Byte 0) through byte 5 Controller (host) will need to acknowledge each byte Controller (host) will send a stop bit
How to Write:
Controller (Host) Start Bit Address D2(H) Dummy Command Code ACK Dummy Byte Count ACK Byte 0 ACK Byte 1 ACK Byte 2 ACK Byte 3 ACK Byte 4 ACK Byte 5 ACK Stop Bit
ACK Stop Bit ACK Byte 5 ACK Byte 4 ACK Byte 3 ACK Byte 2 ACK Byte 1 ACK Byte 0
ICS (Slave/Receiver)
How to Read:
Controller (Host) Start Bit Address D3(H) ICS (Slave/Receiver)
ACK
ACK Byte Count
Notes:
1. 2. 3. 4. 5. The ICS clock generator is a slave/receiver, I2C component. It can read back the data stored in the latches for verification. Read-Back will support Intel PIIX4 "Block-Read" protocol. The data transfer rate supported by this clock generator is 100K bits/sec or less (standard mode) The input is operating at 3.3V logic levels. The data byte format is 8 bit bytes. To simplify the clock generator I2C interface, the protocol is set to use only "Block-Writes" from the controller. The bytes must be accessed in sequential order from lowest to highest byte with the ability to stop after any complete byte has been transferred. The Command code and Byte count shown above must be sent, but the data is ignored for those two bytes. The data is loaded until a Stop sequence is issued. At power-on, all registers are set to a default condition, as shown.
6.
0378J--05/17/05
4
ICS9250-08
Serial Configuration Command Bitmap
Byte0: Functionality and Frequency Select Register (default = 0)
Bit Bit 7 Description 0: 0.25% Spread Spectrum Modulation 1: -0.5% Spread Spectrum Modulation CPU clock PCI Bit2 Bit6 Bit5 Bit4 0111 100.3 33.43 (CPU/3) 0110 133 44.33 (CPU/3) 0101 112 37.33 (CPU/3) 0100 103 34.3 (CPU/3) 0011 66.8 33.4 (CPU/2) 0010 83.3 41.65(CPU/2) 0001 75 37.5 (CPU/2) 0000 124 41.33 (CPU/3) 1111 133 33.25 (CPU/4) 1110 124 31.00 (CPU/4) 1101 150 37.50 (CPU/4) 1100 140 35.00 (CPU/4) 1011 105 35.00 (CPU/3) 1010 110 36.67 (CPU/3) 1001 115 38.33 (CPU/3) 1000 120 40.00 (CPU/3) 0 - Frequency is selected by hardware select, Latched Inputs 1 - Frequency is selected by Bit 2, 6:4 (above) 0 - Normal 1 - Spread Spectrum Enabled (Center Spread) 0 - Running 1- Tristate all outputs PWD 0
Note1
Bit 2, Bit 6:4
Bit 3 Bit 1 Bit 0
0 0 0
Note 1. Default at Power-up will be for latched logic inputs to define frequency. Bits 2, 4, 5, 6 are default to 0000, and if bit 3 is written to a 1 to use Bits 2, 6:4, then these should be defined to desired frequency at same write cycle.
Note: PWD = Power-Up Default
0378J--05/17/05
5
ICS9250-08
Byte 1: CPU, Active/Inactive Register (1= enable, 0 = disable)
Byte 2: PCI, Active/Inactive Register (1= enable, 0 = disable)
BIT Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
PIN# 46 49 51 52
PWD 1 1 1 1 1 1 1 1
DESCRIPTION R e s e r ve d R e s e r ve d R e s e r ve d R e s e r ve d SDRAM_F (Act/Inact) CPUCLK2 (Act/Inact) CPUCLK1 (Act/Inact) CPUCLK_F (Act/Inact)
BIT Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
PIN# 8 16 14 13 12 11 9
PWD 1 1 1 1 1 1 1 1
DESCRIPTION R e s e r ve d PCICLK_F (Act/Inact) PCICLK5 (Act/Inact) PCICLK4 (Act/Inact) PCICLK3 (Act/Inact) PCICLK2 (Act/Inact) PCICLK1 (Act/Inact) PCICLK0 (Act/Inact)
Byte 3: SDRAM, Active/Inactive Register (1= enable, 0 = disable)
Byte 4: Reserved , Active/Inactive Register (1= enable, 0 = disable)
BIT Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
PIN# 30 29 33, 32, 25, 24 22, 21, 19, 18 39, 38, 36, 35 44, 43, 41, 40
PWD 1 1 1 1 1 1 1 1
DESCRIPTION R e s e r ve d R e s e r ve d 24MHz (Act/Inact) 48MHz (Act/Inact) SDRAM(12:15) (Act/Inact) SDRAM (8:11) (Act/Inact) SDRAM (4:7) (Act/Inact) SDRAM0 (0:3) (Act/Inact)
BIT PIN# PWD Bit 7 X Bit 6 1 Bit 5 1 Bit 4 X Bit 3 1 Bit 2 1 Bit 1 X Bit 0 1
DESCRIPTION Latched FS0# R e s e r ve d R e s e r ve d Latched FS1# R e s e r ve d R e s e r ve d Latched FS3# R e s e r ve d
Byte 5: Peripheral , Active/Inactive Register (1= enable, 0 = disable)
BIT PIN# PWD Bit 7 1 Bit 6 X Bit 5 54 1 Bit 4 55 1 Bit 3 1 Bit 2 1 Bit 1 2 1 Bit 0 3 1
0378J--05/17/05
DESCRIPTION R e s e r ve d Latched FS2# IOAPIC_F (Act/Inact) IOAPIC0 (Act/Inact) R e s e r ve d R e s e r ve d REF1 (Act/Inact) REF0 (Act/Inact)
Notes:
1. Inactive means outputs are held LOW and are disabled from switching. 2. Latched Frequency Selects (FS#) will be inverted logic load of the input frequency select pin conditions.
6
ICS9250-08
Shared Pin Operation Input/Output Pins
The I/O pins designated by (input/output) on the ICS925008 serve as dual signal functions to the device. During initial power-up, they act as input pins. The logic level (voltage) that is present on these pins at this time is read and stored into a 4-bit internal data latch. At the end of Power-On reset, (see AC characteristics for timing values), the device changes the mode of operations for these pins to an output function. In this mode the pins produce the specified buffered clocks to external loads. To program (load) the internal configuration register for these pins, a resistor is connected to either the VDD (logic 1) power supply or the GND (logic 0) voltage potential. A 10 Kilohm(10K) resistor is used to provide both the solid CMOS programming voltage needed during the power-up programming period and to provide an insignificant load on the output clock during the subsequent operating period. Figs. 1 and 2 show the recommended means of implementing this function. In Fig. 1 either one of the resistors is loaded onto the board (selective stuffing) to configure the device's internal logic. Figs. 2a and b provide a single resistor loading option where either solder spot tabs or a physical jumper header may be used. These figures illustrate the optimal PCB physical layout options. These configuration resistors are of such a large ohmic value that they do not effect the low impedance clock signals. The layouts have been optimized to provide as little impedance transition to the clock signal as possible, as it passes through the programming resistor pad(s).
Fig. 1
0378J--05/17/05
7
ICS9250-08
Fig. 2a
Fig. 2b
0378J--05/17/05
8
ICS9250-08
CPU_STOP# Timing Diagram
CPUSTOP# is an asychronous input to the clock synthesizer. It is used to turn off the CPUCLKs for low power operation. CPU_STOP# is synchronized by the ICS9250-08. All other clocks will continue to run while the CPUCLKs are disabled. The CPUCLKs will always be stopped in a low state and start in such a manner that guarantees the high pulse width is a full pulse. CPUCLK on latency is less than 4 CPUCLKs and CPUCLK off latency is less than 4 CPUCLKs.
Notes: 1. All timing is referenced to the internal CPUCLK. 2. CPU_STOP# is an asynchronous input and metastable conditions may exist. This signal is synchronized to the CPUCLKs inside the ICS9250-08. 3. IOAPIC output is stopped Glitch Free by CPUSTOP# going low. 4. PCI_STOP# is shown in a high (true) state. 5. All other clocks continue to run undisturbed.
PCI_STOP# Timing Diagram
PCI_STOP# is an asynchronous input to the ICS9250-08. It is used to turn off the PCICLK (0:5) clocks for low power operation. PCI_STOP# is synchronized by the ICS9250-08 internally. PCICLK (0:5) clocks are stopped in a low state and started with a full high pulse width guaranteed. PCICLK (0:5) clock on latency cycles are only one rising PCICLK clock off latency is one PCICLK clock.
Notes: 1. All timing is referenced to the Internal CPUCLK (defined as inside the device.) 2. PCI_STOP# is an asynchronous input, and metastable conditions may exist. This signal is required to be synchronized inside the device. 3. All other clocks continue to run undisturbed. 4. CPU_STOP# is shown in a high (true) state.
0378J--05/17/05
9
ICS9250-08
Absolute Maximum Ratings
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . Logic Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . Ambient Operating Temperature . . . . . . . . . . Case Temperature . . . . . . . . . . . . . . . . . . . . . . Storage Temperature . . . . . . . . . . . . . . . . . . . . 7.0 V GND -0.5 V to VDD +0.5 V 0C to +70C 115C -65C to +150C
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are stress specifications only and functional operation of the device at these or any other conditions above those listed in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect product reliability.
Electrical Characteristics - Input/Supply/Common Output Parameters
TA = 0 - 70 C; Supply Voltage VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5% (unless otherwise stated) PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS Input High Voltage VIH 2 VDD+0.3 V VSS-0.3 0.8 V Input Low Voltage VIL A VIN = VDD 0.1 5 Input High Current IIH A Input Low Current IIL1 VIN = 0 V; Inputs with no pull-up resistors -5 2.0 A Input Low Current IIL2 VIN = 0 V; Inputs with pull-up resistors -200 -100 IDD3.3OP66 Select @ 66MHz; Sdram running, unloaded 112 140 Operating Supply mA 150 IDD3.3OP100 Select @ 100MHz; Sdram running, unloaded 180 Current 200 250 IDD3.3OP133 Select @ 133MHz; Sdram running, unloaded VDD = 3.3 V 12 14.318 16 MHz Input frequency Fi Logic Inputs 5 pF CIN 1 Input Capacitance X1 & X2 pins 27 36 45 pF CINX 1 Transition Time TTrans To 1st crossing of target Freq. 3 ms 1 Settling Time TS From 1st crossing to 1% target Freq. 1 3 ms 1 Clk Stabilization TStab From VDD = 3.3 V to 1% target Freq. 3 ms
1
Guaranteed by design, not 100% tested in production.
Electrical Characteristics - Input/Supply/Common Output Parameters
TA = 0 - 70 C; Supply Voltage VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5% (unless otherwise stated) PARAMETER SYMBOL CONDITIONS MIN TYP IDD2.5OP66 Select @ 66MHz; Max discrete cap loads 10 Operating Operating IDD2.5OP100 Select @ 100MHz; Max discrete cap loads 13 IDD2.5OP133 Select @ 133MHz; Max discrete cap loads Supply Current 18
1
MAX 25 25 25
UNITS mA
Guaranteed by design, not 100% tested in production.
0378J--05/17/05
10
ICS9250-08
Electrical Characteristics - CPUCLK
TA = 0 - 70 C; VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5%; CL = 20 pF (unless otherwise stated) PARAMETER SYMBOL CONDITIONS MIN Output High Voltage VOH2B IOH = -12.0 mA 2 Output Low Voltage VOL2B IOL = 12 mA Output High Current IOH2B VOH = 1.7 V Output Low Current IOL2B VOL = 0.7 V 19 1 Rise Time tr2B VOL = 0.4 V, VOH = 2.0 V 0.4 1 Fall Time tf2B VOH = 2.0 V, VOL = 0.4 V 0.4 1 VT = 1.25 V; CPU < 120MHz 45 dt1B Duty Cycle 1 dt2B VT = 1.25 V; CPU >= 124MHz 35 1 tsk2B VT = 1.25 V; CPU >= 100 MHz Skew 1 tsk2B VT = 1.25 V; CPU < 100 MHz 1 Jitter, One Sigma tj12B VT = 1.25 V 1 Jitter, Absolute tjabs2B VT = 1.25 V -250 1 tjcyc-cyc2B VT = 1.25 V Jitter, Cycle-to-cycle
1
TYP 2.3 0.3 -35 26 1.4 1.35 45 43 150 170 35 99 210
MAX UNITS V 0.4 V -19 mA mA 1.8 ns 1.8 ns 55 % 50 175 ps 240 150 ps +250 250
Guaranteed by design, not 100% tested in production.
Electrical Characteristics - PCICLK
TA = 0 - 70 C; VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5%; CL = 60 pF for PCI0 & PCI1, CL = 30 pF for other PCIs PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS Output High Voltage VOH1 IOH = -18 mA 2.4 2.9 V IOL = 9.4 mA 0.2 0.4 V Output Low Voltage VOL1 Output High Current IOH1 VOH = 2.0 V -52 -22 mA Output Low Current IOL1 VOL = 0.8 V 25 41 mA Rise Time1 Fall Time1 Duty Cycle1 Skew1 window Jitter, One Sigma1 Jitter, Absolute
1 1
tr1 tf1 dt1 tsk1 tsk1 tj11 tjabs1
VOL = 0.4 V, VOH = 2.4 V VOH = 2.4 V, VOL = 0.4 V VT = 1.5 V VT = 1.5 V; All PCI clocks including PCI0 VT = 1.5 V; All PCI clocks except PCI0 VT = 1.5 V VT = 1.5 V
0.5 0.5 46
2.2 1.8 50 400 250 15 60
2.6 2.2 56 850 500 150 250
ns ns % ps ps
-250
Guaranteed by design, not 100% tested in production.
0378J--05/17/05
11
ICS9250-08
Electrical Characteristics - SDRAM
TA = 0 - 70 C; VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5%; CL =30 pF PARAMETER Output High Voltage Output Low Voltage Output High Current Output Low Current Rise Time Fall Time
1
1 1
SYMBOL VOH1 VOL1 IOH1 IOL1 tr1 tr1 tf1 tf1 dt1 tsk1 tsk1
CONDITIONS IOH = -28 mA IOL = 19 mA VOH = 2.0 V VOL = 0.8 V VOL = 0.4 V, VOH = 2.4 V; 66, 75, 83 MHz VOL = 0.4 V, VOH = 2.4 V; >= 100 MHz VOH = 2.4 V, VOL = 0.4 V; 66, 75, 83 MHz VOH = 2.4 V, VOL = 0.4 V; >= 100 MHz VT = 1.5 V; Input Duty Cycle at 50% VT = 1.5 V; SD_F to 0:6, 8:10 VT = 1.5 VSD_F to 7, 12:15 VT = 1.5 V VT = 1.5 V
MIN 2.4
33 0.5 0.5 0.5 0.5 47
TYP 2.8 0.34 -100 42 1.6 1.3 1.5 1.5 52 150 210 50 130
MAX UNITS V 0.4 V -42 mA mA 2.2 1.6 ns 2.3 1.8 57 250 400 150 250 %
Duty Cycle
1
Skew Window Jitter, One Sigma Jitter, Absolute
1 1
tj1 1 tjabs1
ps
1
-250
Guaranteed by design, not 100% tested in production.
Electrical Characteristics - IOAPIC
TA = 0 - 70 C; VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5%; CL = 20 pF (unless otherwise stated) PARAMETER SYMBOL CONDITIONS MIN Output High Voltage VOH4B IOH = -8 mA 2 IOL = 12 mA Output Low Voltage VOL4B VOH = 1.7 V Output High Current IOH4B VOL = 0.7 V 19 Output Low Current IOL4B Rise Time1 Fall Time
1 1 1
TYP 2.2 0.3 -24 26 1.3 2 51 240 625
MAX UNITS V 0.4 V -15 mA mA 1.6 2.6 55 300 650 ns ns % ps ps
Tr4B Tf4B Dt4B Tj14B Tjabs4B
VOL = 0.4 V, VOH = 2.0 V VOH = 2.0 V, VOL = 0.4 V VT = 1.25 V VT = 1.25 V VT = 1.25 V
0.4 0.4 45
Duty Cycle
Jitter, One Sigma Jitter, Absolute1
1
Guaranteed by design, not 100% tested in production.
0378J--05/17/05
12
ICS9250-08
Electrical Characteristics - 48MHz, 24MHz,REF0
TA = 0 - 70 C; VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5%; CL = 20 pF (unless otherwise stated) PARAMETER Output High Voltage Output Low Voltage Output High Current Output Low Current Rise Time Fall Time
1 1 1
SYMBOL VOH5 VOL5 IOH5 IOL5 tr5 tf5 dt5 tr5 tf5 dt5
CONDITIONS IOH = -12 mA IOL = 12 mA VOH = 2.0 V VOL = 0.8 V VOL = 0.4 V, VOH = 2.4 V, 48MHz VOH = 2.4 V, VOL = 0.4 V, 48MHz VT = 1.5 V, 48MHz VOL = 0.4 V, VOH = 2.4 V, REF0 VOH = 2.4 V, VOL = 0.4 V, REF0 VT = 1.5 V, REF VT = 1.5 V, 24, 48MHz VT = 1.5 V, REF0
MIN 2.4
10
TYP 2.8 0.2 -33 32 2 1.8
MAX UNITS V 0.4 V -20 mA mA 4 4 55 4 4 55 1100 800 ns ns % ns ns % ps ps
Duty Cycle Rise Time Fall Time
1
45
50 2.2 1.8
1
Duty Cycle
1 1
45
52 700 500
Jitter, Cycle-to-cycle Jitter, Cycle-to-cycle1
1
t jcyc-cyc5 t jcyc-cyc5
Guaranteed by design, not 100% tested in production.
Electrical Characteristics - REF1
TA = 0 - 70 C; VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5%; CL = 20 pF (unless otherwise stated) PARAMETER SYMBOL CONDITIONS MIN Output High Voltage VOH5 IOH = -14 mA 2.4 Output Low Voltage VOL5 IOL = 6 mA Output High Current IOH5 VOH = 2.0 V Output Low Current IOL5 VOL = 0.8 V 10 Rise Time Fall Time
1
TYP 2.8 0.2 -28 22 2.5 2.2
MAX UNITS V 0.4 V -20 mA mA 4 4 55 800 ns ns % ps
tr5 tf5 dt5 tjcyc-cyc5
VOL = 0.4 V, VOH = 2.4 V, REF1 VOH = 2.4 V, VOL = 0.4 V, REF1 VT = 1.5 V, REF1 VT = 1.5 V, REF1 45
1 1
Duty Cycle 1 Jitter, Cycle-to-cycle
1
50 600
Guaranteed by design, not 100% tested in production.
0378J--05/17/05
13
ICS9250-08
General Layout Precautions: 1) Use a ground plane on the top layer of the PCB in all areas not used by traces. 2) Make all power traces and ground traces as wide as the via pad for lower inductance.
Ferrite Bead VDD
C2 22F/20V Tantalum
C2 22F/20V Tantalum
Ferrite Bead VDD
1 2 3 4
56
C3
55 54 53 52
1 2.5V Power Route
Notes: 1) All clock outputs should have a series terminating resistor, and a 20pF capacitor to ground between the resistor and clock pin. Not shown in all places to improve readibility of diagram. 2) Optional crystal load capacitors are recommended. They should be included in the layout but not inserted unless needed.
C1
5 6 7 8 9 10 11
C1 2
51 50
C3
Clock Load
49 48 47 46 45
3.3V Power Route
3.3V Power Route
12 13 14
44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29
Ground
Component Values: C1 : Crystal load values determined by user C2 : 22F/20V/D case/Tantalum AVX TAJD226M020R C3 : 100pF ceramic capacitor C4 : 20pF capacitor FB = Fair-Rite products 2512066017X1 All unmarked capacitors are 0.01F ceramic
15 16 17 18 19 20 21 22 23 24 25
Ground
Connections to VDD:
26 27 28
= Routed Power = Ground Connection (component side copper) = Ground Plane Connection = Power Route Connection = Solder Pads = Clock Load
0378J--05/17/05
14
ICS9250-08
SYMBOL A A1 A2 B C D E e H h L N
X
COMMON DIMENSIONS MIN. NOM. MAX. .095 .101 .110 .008 .012 .016 .088 .090 .092 .008 .010 .0135 .005 .010 See Variations .299 .292 .296 0.025 BSC .400 .406 .410 .010 .013 .016 .024 .032 .040 See Variations 0 5 8 .085 .093 .100
VARIATIONS AD MIN. .720
D NOM. .725
N MAX. .730 56
SSOP Package
Ordering Information
ICS9250yFLF-08
Example:
ICS XXXX y F LF - PPP
Pattern Number (2 or 3 digit number for parts with ROM code patterns) RoHS Compliant Package Type F=SSOP
Revision Designator (will not correlate with datasheet revision)
Device Type (consists of 3 or 4 digit numbers) Prefix ICS, AV = Standard Device
0378J--05/17/05
15
ICS9250-08
Revision History
Rev. J Issue Date Description 5/17/2005 Added LF Ordering Information Page # 15
0378J--05/17/05
16


▲Up To Search▲   

 
Price & Availability of ICS9250-08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X