Part Number Hot Search : 
CPC5603C UF2001 NJU3504 331MP HYB25 AT91C MURS130 A152ML
Product Description
Full Text Search
 

To Download ICS9248-172 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Integrated Circuit Systems, Inc.
ICS9248-172
Advance Information
PII/IIITM System Clock Chip
Recommended Application: ALI 1651 style chipset Output Features: * 2 - CPU clocks @ 2.5V * 13 - SDRAM @ 3.3V * 7 - PCI @3.3V * 2 - AGP @ 3.3V * 1 - IOAPIC @ 2.5V * 1 - 48MHz, @3.3V * 1 - REF @3.3V, (selectable strength) through I2C Features: * Up to 147MHz frequency support * Support power management: CPU stop, PCI stop and Power down. * Spread spectrum for EMI control (0 to -0.5% down spread, 0.25% center spread). * Uses external 14.318MHz crystal Skew Specifications: * CPU - CPU: <250ps * PCI - PCI: <500ps * SDRAM - SDRAM: <250ps * AGP - AGP: <250ps * PCI - AGP: <750ps * CPU - SDRAM:<350ps * CPU - PCI: <3ns
Pin Configuration
VDDL IOAPIC GND X1 X2 VDD **FS0/REF0 VDD **FS1/AGP0 AGP1 GND 1 *FS2/PCICLK_F PCICLK0 PCICLK1 PCICLK2 GND VDD *MODE/PCICLK3 PCICLK4 *(PD#)PCICLK5 VDD **FS3/48MHz GND SCLK 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 GND CPUCLK0 CPUCLK1 VDDL SDATA SDRAM0 SDRAM1 GND VDD SDRAM2 SDRAM3 SDRAM4 SDRAM5 VDD GND SDRAM6 SDRAM7 SDRAM8 SDRAM9 GND VDD SDRAM10(PCI_STOP#)* SDRAM11(CPU_STOP#)* SDRAM12(PD#)*
48-Pin 300mil SSOP & 240mil TSSOP
Notes: REF0 can be 1X or 2X strength controlled by I2C. * Internal Pull-up Resistor of 120K to VDD. ** Internal Pull-down of 120K to GND. 1. This input has 2X drive strength.
Block Diagram
PLL2 48MHz
Functionality
FS3 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 FS2 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 FS1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 FS0 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 CPU SDRAM 66.66 66.66 66.66 100.00 100.00 66.66 100.00 100.00 100.00 133.33 133.33 66.66 133.33 100.00 133.33 133.33 66.66 66.66 66.66 100.00 100.00 66.66 100.00 100.00 100.00 133.33 133.33 66.66 133.33 100.00 133.33 133.33
X1 X2
XTAL OSC PLL1 Spread Spectrum
REF0 IOAPIC
CPU DIVDER Stop
2
CPUCLK (1:0)
SDATA SCLK FS (3:0) PD# PCI_STOP# CPU_STOP# MODE
Control Logic
SDRAM DIVDER
13
SDRAM (12:0)
PCI DIVDER
Stop
6
PCICLK (5:0) PCICLK_F
Config. Reg.
AGP DIVDER
2
AGP (1:0)
Note: PCICLK = 33.33MHz AGP = 66.66MHz
9248-172 Rev - 02/12/01 Third party brands and names are the property of their respective owners.
ADVANCE INFORMATION documents contain information on products in the formative or design phase development. Characteristic data and other specifications are design goals. ICS reserves the right to change or discontinue these products without notice.
ICS9248-172
ICS9248-172
Advance Information
Pin Descriptions
PIN N U MBER 1,45 2 4 5 3, 11, 16, 23, 29, 34, 41, 48 6, 8, 17, 21, 28, 35, 40 7 9 10 12 19, 15, 14, 13 18 PIN N A ME VDDL IO APIC X1 X2 GND VDD FS0 2, 3 REF0 FS1 2, 3 A G P0 A G P1 PCICLK _F FS2 1, 3 PCICLK (4, 2, 1, 0) PCICLK 3 M O D E 1, 3 PD # 1 PCICLK 5 22 24 FS3 2, 3 48M H z SCLK PD # 1 SDRA M 12 CPU _STO P# 1 SDRA M 11 28 30, 31, 32, 33, 36, 37, 38, 39, 42, 43 44 46, 47 PCI_STO P# SDRA M 10 SD RA M ( 9:0 ) SD A TA CPU CLK (1:0)
1
TY PE PWR OUT IN OUT PWR PWR IN OUT IN OUT OUT OUT IN OUT OUT IN
DESCR IPTION Pow er supply pins, nominal 2.5V 2.5V clock outputs Crystal input,nominally 14.318M H z. Crystal output, nominally 14.318M H z. Ground pins Pow er supply pins, nominal 3.3V Frequency select pin. 14.318 M Hz reference clock. Frequency select pin. AG P outputs defined as 2X PCI. These may not be stopped. AG P outputs defined as 2X PCI. These may not be stopped. Free running PCICLK not stoped by PCI_STO P# Frequency select pin. PCI clock outputs. PCI clock output. Function select pin, 1=D esktop M ode, 0=M obile M ode. Asynchronous active low input pin used to power down the device into a low pow er state. The internal clocks are disabled and the V CO and the crystal are stopped. The latency of the power dow n w ill not be greater than 3ms. This pin will be activiated w hen PCI clock output. Frequency select pin. 48M H z output clock Clock input of I2 C input, 5V tolerant input Asynchronous active low input pin used to power down the device into a low pow er state. The internal clocks are disabled and the V CO and the crystal are stopped. The latency of the power dow n w ill not be greater than 3ms. This pin will be activiated w hen SD RA M clock output. This asynchronous input halts CPU , SD RAM , and A G P clocks at logic "0" level w hen driven low , the stop selection can be programmed through I 2 C. SD RA M clock output. Stops all PCICLK sbesides the PCICLK _F clocks at logic 0 level, when input low SD RA M clock output. SD RA M clock outputs. Data input for I 2 C serial input, 5V tolerant input 2.5V CPU clocks
20
IN OUT IN OUT IN
25
IN OUT IN OUT IN OUT OUT IN OUT
27
Notes: 1: Internal Pull-up Resistor of 120K to 3.3V on indicated inputs 2: Bidirectional input/output pins, input logic levels are latched at internal power-on-reset. Use 10Kohm resistor to program logic Hi to VDD or GND for logic low. 3: Internal Pull-down resistor of 120K to GND on indicated inputs.
Third party brands and names are the property of their respective owners.
2
ICS9248-172
Advance Information
General Description
The ICS9248-172 is a main clock synthesizer chip for PII/III based systems with ALI 1651 style chipset. This provides all clocks required for such a system. Spread spectrum may be enabled through I2C programming. Spread spectrum typically reduces system EMI by 8dB to 10dB. This simplifies EMI qualification without resorting to board design iterations or costly shielding. The ICS9248-172 employs a proprietary closed loop design, which tightly controls the percentage of spreading over process and temperature variations. Serial programming I2C interface allows changing functions, stop clock programming and frequency selection.
Mode Pin - Power Management Input Control
MODE, Pin 18 (Latched Input) 0 1 Pin 20 PCICLK5 (Output) PD# (Input) Pin 25 PD# (Input) SDRAM12 (Output) Pin 26 CPU_STOP# (Input) SDRAM11 (Output) Pin 27 PCI_STOP# (Input) SDRAM10 (Output)
Third party brands and names are the property of their respective owners.
3
ICS9248-172
Advance Information
Serial Configuration Command Bitmap
Byte0: Functionality and Frequency Select Register (default = 0)
Bit De s cription FS3 FS2 FS1 FS0 CPUCLK SDRAM PCICLK (MHz) (MHz) (MHz) Bit2 Bit7 Bit6 Bit5 Bit4 0 0 0 0 0 66.66 66.66 33.33 0 0 0 0 1 66.66 100.00 33.33 0 0 0 1 0 100.00 66.66 33.33 0 0 0 1 1 100.00 10 0 . 0 0 33.33 0 0 1 0 0 10 0 . 0 0 133.33 33.33 0 0 1 0 1 133.33 66.66 33.33 0 0 1 1 0 133.33 100.00 33.33 0 0 1 1 1 13 3 . 3 3 133.33 33.33 0 1 0 0 0 66.66 66.66 33.33 0 1 0 0 1 66.66 100.00 33.33 0 1 0 1 0 10 0 . 0 0 66.66 33.33 0 1 0 1 1 100.00 100.00 33.33 0 1 1 0 0 100.00 13 3 . 3 3 33.33 0 1 1 0 1 133.33 66.66 33.33 0 1 1 1 0 13 3 . 3 3 100.00 33.33 0 1 1 1 1 13 3 . 3 3 133.33 33.33 1 0 0 0 0 69.99 69.99 35.00 1 0 0 0 1 69.99 105.00 35.00 1 0 0 1 0 105.00 69.99 35.00 1 0 0 1 1 105.00 10 5 . 0 0 35.00 1 0 1 0 0 10 5 . 0 0 140.00 35.00 1 0 1 0 1 140.00 69.99 35.00 1 0 1 1 0 140.00 10 5 . 0 0 35.00 1 0 1 1 1 14 0 . 0 0 140.00 35.00 1 1 0 0 0 73.33 73.33 36.66 1 1 0 0 1 73.33 110.00 36.66 1 1 0 1 0 110.00 73.33 36.66 1 1 0 1 1 110.00 110.00 36.66 1 1 1 0 0 110.00 146.66 36.66 1 1 1 0 1 146.66 73.33 36.66 1 1 1 1 0 146.66 110.00 36.66 1 1 1 1 1 14 6 . 6 6 146.66 36.66 0 - Frequency is selected by hardware select, Latched Inputs 1 - Frequency is selected by Bit 2, 7:4 0 - Normal 1 - Spread Spectrum Enabled 0 - Running 1- Tristate all outputs AGP (MHz) 66.66 66.66 66.66 66.66 66.66 66.66 66.66 66.66 66.66 66.66 66.66 66.66 66.66 66.66 66.66 66.66 69.99 69.99 69.99 69.99 69.99 69.99 69.99 69.99 73.33 73.33 73.33 73.33 73.33 73.33 73.33 73.33 Spread Precentage +/- 0.25% Center Spread +/- 0.25% Center Spread +/- 0.25% Center Spread +/- 0.25% Center Spread +/- 0.25% Center Spread +/- 0.25% Center Spread +/- 0.25% Center Spread +/- 0.25% Center Spread 0 to - 0.5% Down Spread 0 to - 0.5% Down Spread 0 to - 0.5% Down Spread 0 to - 0.5% Down Spread 0 to - 0.5% Down Spread 0 to - 0.5% Down Spread 0 to - 0.5% Down Spread 0 to - 0.5% Down Spread +/- 0.25% Center Spread +/- 0.25% Center Spread +/- 0.25% Center Spread +/- 0.25% Center Spread +/- 0.25% Center Spread +/- 0.25% Center Spread +/- 0.25% Center Spread +/- 0.25% Center Spread +/- 0.25% Center Spread +/- 0.25% Center Spread +/- 0.25% Center Spread +/- 0.25% Center Spread +/- 0.25% Center Spread +/- 0.25% Center Spread +/- 0.25% Center Spread +/- 0.25% Center Spread PWD
Bit 2, Bit 7:4
00000 Note1
Bit 3 Bit 1 Bit 0
0 0 0
Note1: Default at power-up will be for latched logic inputs to define frequency, as displayed by Bit 3. The I2C readback of the power up default indicates the revision ID in bits 2, 7:4 as shown.
Third party brands and names are the property of their respective owners.
4
ICS9248-172
Advance Information
Byte 1: CPU, Active/Inactive Register (1= enable, 0 = disable)
BIT Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 PIN# 10 9 22 2 7 46 47 PWD X 1 1 1 1 1 1 1 FS3# AGP1 AGP0 48MHz IOAPIC REF0 - 1X or 2X d e fa u l t = 1 = 1 X CPUCLK1 CPUCLK0 DESCRIPTION
Byte 2: PCI, Active/Inactive Register (1= enable, 0 = disable)
BIT Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 PIN# 20 19 18 15 14 13 12 PWD X 1 1 1 1 1 1 1 DESCRIPTION MODE# PCICLK5 PCICLK4 PCICLK3 PCICLK2 PCICLK1 PCICLK0 PCICLK_F
Byte 3: SDRAM, Active/Inactive Register (1= enable, 0 = disable)
BIT Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 PIN# 31 30 27 26 25 PWD X X X 1 1 1 1 1 FS0# FS1# FS2# SDRAM8 SDRAM9 SDRAM10 SDRAM11 SDRAM12 DESCRIPTION
Byte 4: Reserved , Active/Inactive Register (1= enable, 0 = disable)
BIT Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 PIN# 43 42 39 38 37 36 33 32 PWD 1 1 1 1 1 1 1 1 DESCRIPTION SDRAM0 SDRAM1 SDRAM2 SDRAM3 SDRAM4 SDRAM5 SDRAM6 SDRAM7
Byte 5: Peripheral , Active/Inactive Register (1= enable, 0 = disable)
Byte 6: Peripheral , Active/Inactive Register (1= enable, 0 = disable)
BIT
Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1
PIN# PWD
1 1 1 1 1 1 0
DESCRIPTION
(Reserved) (Reserved) (Reserved) (Reserved) (Reserved) (Reserved) Bit (1:0) = 00 CPU_STOP will stop CPU clocks Bit (1:0) = 01 CPU_STOP will stop CPU, SDRAM, AGP clocks Bit (1:0) = 10 CPU_STOP will stop CPU, SDRAM clocks Bit (1:0) = 11 CPU_STOP will stop CPU, AGP clocks
BIT Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 Bit0
PIN# -
PWD 0 0 0 0 0 1 1 1
DESCRIPTION R e s e r ve d ( N o t e ) R e s e r ve d ( N o t e ) R e s e r ve d ( N o t e ) R e s e r ve d ( N o t e ) R e s e r ve d ( N o t e ) R e s e r ve d ( N o t e ) R e s e r ve d ( N o t e ) R e s e r ve d ( N o t e )
Bit 0
-
0
Note: Don't write into this register, writing into this register can cause malfunction Notes:
1. Inactive means outputs are held LOW and are disabled from switching. 2. Latched Frequency Selects (FS#) will be inverted logic load of the input frequency select pin conditions.
Third party brands and names are the property of their respective owners.
5
ICS9248-172
Advance Information
Absolute Maximum Ratings
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.5 V Logic Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND -0.5 V to VDD +0.5 V Ambient Operating Temperature . . . . . . . . . . . . . 0C to +70C Case Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . 115C Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . -65C to +150C Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are stress specifications only and functional operation of the device at these or any other conditions above those listed in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect product reliability.
Electrical Characteristics - Input/Supply/Common Output Parameters
TA = 0 - 70 C; Supply Voltage VDD = 3.3V, VDDL = 2.5 V +/-5% (unless otherwise stated) PARAMETER SYMBOL CONDITIONS MIN Input High Voltage VIH 2 Input Low Voltage VIL VSS-0.3 Input High Current IIH VIN = VDD VIN = 0 V; Inputs with no pull-up resistors -5 Input Low Current IIL1 VIN = 0 V; Inputs with pull-up resistors -200 Input Low Current IIL2 Operating IDD3.3OP66 CL = 0 pF; Select @ 66MHz Supply Current IDD3.3OP100 CL = 0 pF; Select @ 100MHz Input frequency Fi VDD = 3.3 V; 12 Input Capacitance1 CIN Logic Inputs Clk Stabilization 1
1
TYP
MAX UNITS VDD+0.3 V 0.8 V 5 A A A 77 100 16 5 45 3 mA MHz pF pF ms
CINX TSTAB
X1 & X2 pins From VDD = 3.3 V to 1% target Freq.
27
Guaranteed by design, not 100% tested in production.
Third party brands and names are the property of their respective owners.
6
ICS9248-172
Advance Information
Electrical Characteristics - CPUCLK
T A = 0 - 70 C; V DD = 3.3 V +/-5%, VDDL = 2.5 V +/-5%; C L = 20 pF (unless otherwise stated) PARAM ETER Output High Voltage Output Low Voltage Output High Current Output Low Current Rise Time Fall Time Duty Cycle Skew Jitter, Cycle-to-cycle Jitter, One Sigma
1
SYM BOL VOH2 B VOL2 B IOH2 B IOL2B t r2 B
1
CONDITIONS IOH = -12.0 mA IOL = 12 mA VOH = 1.7 V VOL = 0.7 V VOL = 0.4 V, VOH = 2.0 V VOH = 2.0 V, VOL = 0.4 V VT = 1.25 V VT = 1.25 V VT = 1.25 V VT = 1.25 V
M IN 2
TYP
M AX 0.4 -19
19 1.6 1.6 45 55 250 250 150
UNITS V V mA mA ns ns % ps ps ps
t f2 B 1 d t2 B
1 1
t sk 2 B
t jcy c-cy c2 B 1 t j1 s 2B 1
Guaranteed by design, not 100% tested in production.
Electrical Characteristics - PCICLK
TA = 0 - 70 C; VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5%; CL = 30 pF (unless otherwise stated) PARAMETER Output High Voltage Output Low Voltage Output High Current Output Low Current Rise Time Fall Time
1 1 1 1
SYMBOL VOH1 VOL1 IOH1 IOL1 tr1 tf1 dt1 tsk1 tjcyc-cyc2B1 tj1s1 tjabs1
CONDITIONS IOH = -11 mA IOL = 9.4 mA VOH = 2.0 V VOL = 0.8 V VOL = 0.4 V, VOH = 2.4 V VOH = 2.4 V, VOL = 0.4 V VT = 1.5 V VT = 1.5 V VT = 1.5 V VT = 1.5 V VT = 1.5 V
MIN 2.4
TYP
25
MAX UNITS V 0.4 V -22 mA mA 2 2 ns ns % ps ps ps ps
Duty Cycle
45
55 500 250 150
Skew Jitter, Cycle-to-cycle Jitter, One Sigma Jitter, Absolute
1 1 1
-500
500
Guaranteed by design, not 100% tested in production.
Third party brands and names are the property of their respective owners.
7
ICS9248-172
Advance Information
Electrical Characteristics - SDRAM
TA = 0 - 70 C; VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5%; CL = 30 pF (unless otherwise stated) PARAMETER Output High Voltage Output Low Voltage Output High Current Output Low Current Rise Time Fall Time Duty Cycle Skew Propagation Delay
1 1
SYMBOL VOH3 VOL3 IOH3 IOL3 Tr3 Tf3 Dt3
1 1 1
CONDITIONS IOH = -28 mA IOL = 23 mA VOH = 2.0 V VOL = 0.8 V VOL = 0.4 V, VOH = 2.4 V VOH = 2.4 V, VOL = 0.4 V VT = 1.5 V VT = 1.5 V VT = 1.5 V
MIN 2.4
TYP
41
MAX UNITS V 0.4 V -54 mA mA 2 2 ns ns % ps ns
45
55 250 5
Tsk1 Tprop
Guarenteed by design, not 100% tested in production.
Electrical Characteristics - IOAPIC
TA = 0 - 70 C; VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5%; CL = 20 pF (unless otherwise stated)
PARAMETER Output High Voltage Output Low Voltage Output High Current Output Low Current Rise Time Fall Time
1 1 1 1
SYMBOL VOH4B VOL4B IOH4B IOL4B Tr4B Tf4B Dt4B Tj1s4B Tjabs4B
CONDITIONS IOH = -12 mA IOL = 12 mA VOH = 1.7 V VOL = 0.7 V VOL = 0.4 V, VOH = 2.0 V VOH = 2.0 V, VOL = 0.4 V VT = 1.25 V VT = 1.25 V VT = 1.25 V
MIN 2
TYP
19
MAX UNITS V 0.4 V -19 mA mA 2 2 ns ns % ns ns
Duty Cycle
45 -1
55 0.5 1
Jitter, One Sigma Jitter, Absolute
1
1
Guaranteed by design, not 100% tested in production.
Third party brands and names are the property of their respective owners.
8
ICS9248-172
Advance Information
Electrical Characteristics - 24MHz, 48MHz, REF
TA = 0 - 70 C; VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5%; CL = 20 pF (unless otherwise stated)
PARAMETER Output High Voltage Output Low Voltage Output High Current Output Low Current Rise Time Fall Time
1 1 1 1
SYMBOL VOH5 VOL5 IOH5 IOL5 tr5 tf5 dt5 tj1s5 tjabs5
CONDITIONS IOH = -16 mA IOL = 9 mA VOH = 2.0 V VOL = 0.8 V VOL = 0.4 V, VOH = 2.4 V VOH = 2.4 V, VOL = 0.4 V VT = 1.5 V VT = 1.5 V VT = 1.5 V
MIN 2.4
TYP
16
MAX UNITS V 0.4 V -22 mA mA 2 2 ns ns % ns ns
Duty Cycle
45 -1
55 0.5 1
Jitter, One Sigma Jitter, Absolute
1
1
Guaranteed by design, not 100% tested in production.
Third party brands and names are the property of their respective owners.
9
ICS9248-172
Advance Information
General I2C serial interface information
The information in this section assumes familiarity with I2C programming. For more information, contact ICS for an I2C programming application note.
How to Write:
Controller (host) sends a start bit. Controller (host) sends the write address D2 (H) ICS clock will acknowledge Controller (host) sends a dummy command code ICS clock will acknowledge Controller (host) sends a dummy byte count ICS clock will acknowledge Controller (host) starts sending first byte (Byte 0) through byte 6 * ICS clock will acknowledge each byte one at a time. * Controller (host) sends a Stop bit
How to Write:
Controlle r (Host) Start Bit Address D2(H ) Dummy Command Code A CK Dummy Byte Count A CK Byte 0 A CK Byte 1 A CK Byte 2 A CK Byte 3 A CK Byte 4 A CK Byte 5 A CK Byte 6 A CK Byte 7 A CK Stop Bit ICS (Sla ve/Re ceiver)
How to Read:
* * * * * * * * Controller (host) will send start bit. Controller (host) sends the read address D3 (H) ICS clock will acknowledge ICS clock will send the byte count Controller (host) acknowledges ICS clock sends first byte (Byte 0) through byte 7 Controller (host) will need to acknowledge each byte Controller (host) will send a stop bit
* * * * * * * *
How to Read:
Controlle r (Host) Start Bit Address D3(H ) ICS (Slave/Rece ive r)
A CK
ACK
A CK Byte Count Byte 0 ACK Byte 1 ACK Byte 2 ACK Byte 3 ACK Byte 4 ACK Byte 5 ACK Byte 6 ACK Byte 7 Stop Bit
Notes:
1. 2. 3. 4. 5. The ICS clock generator is a slave/receiver, I2C component. It can read back the data stored in the latches for verification. Read-Back will support Intel PIIX4 "Block-Read" protocol. The data transfer rate supported by this clock generator is 100K bits/sec or less (standard mode) The input is operating at 3.3V logic levels. The data byte format is 8 bit bytes. To simplify the clock generator I2C interface, the protocol is set to use only "Block-Writes" from the controller. The bytes must be accessed in sequential order from lowest to highest byte with the ability to stop after any complete byte has been transferred. The Command code and Byte count shown above must be sent, but the data is ignored for those two bytes. The data is loaded until a Stop sequence is issued. At power-on, all registers are set to a default condition, as shown.
6.
Third party brands and names are the property of their respective owners.
10
ICS9248-172
Advance Information
Shared Pin Operation Input/Output Pins
The I/O pins designated by (input/output) on the ICS9248172 serve as dual signal functions to the device. During initial power-up, they act as input pins. The logic level (voltage) that is present on these pins at this time is read and stored into a 5-bit internal data latch. At the end of Power-On reset, (see AC characteristics for timing values), the device changes the mode of operations for these pins to an output function. In this mode the pins produce the specified buffered clocks to external loads. To program (load) the internal configuration register for these pins, a resistor is connected to either the VDD (logic 1) power supply or the GND (logic 0) voltage potential. A 10 Kilohm (10K) resistor is used to provide both the solid CMOS programming voltage needed during the power-up programming period and to provide an insignificant load on the output clock during the subsequent operating period. Figure 1 shows a means of implementing this function when a switch or 2 pin header is used. With no jumper is installed the pin will be pulled high. With the jumper in place the pin will be pulled low. If programmability is not necessary, than only a single resistor is necessary. The programming resistors should be located close to the series termination resistor to minimize the current loop area. It is more important to locate the series termination resistor close to the driver than the programming resistor.
Programming Header Via to Gnd Device Pad
Via to VDD 2K W
8.2K W Clock trace to load Series Term. Res.
Fig. 1
Third party brands and names are the property of their respective owners.
11
ICS9248-172
Advance Information
PCI_STOP# Timing Diagram
PCI_STOP# is an asynchronous input to the ICS9248-172. It is used to turn off the PCICLK clocks for low power operation. PCI_STOP# is synchronized by the ICS9248-172 internally. The minimum that the PCICLK clocks are enabled (PCI_STOP# high pulse) is at least 10 PCICLK clocks. PCICLK clocks are stopped in a low state and started with a full high pulse width guaranteed. PCICLK clock on latency cycles are only one rising PCICLK clock off latency is one PCICLK clock.
CPUCLK (Internal)
PCICLK_F (Internal) PCICLK_F (Free-running) CPU_STOP#
PCI_STOP#
PCICLK
Notes: 1. All timing is referenced to the Internal CPUCLK (defined as inside the ICS9248-172 device.) 2. PCI_STOP# is an asynchronous input, and metastable conditions may exist. This signal is required to be synchronized inside the ICS9248-172. 3. All other clocks continue to run undisturbed. 4. CPU_STOP# is shown in a high (true) state.
Third party brands and names are the property of their respective owners.
12
ICS9248-172
Advance Information
PD# Timing Diagram
The power down selection is used to put the part into a very low power state without turning off the power to the part. PD# is an asynchronous active low input. This signal needs to be synchronized internal to the device prior to powering down the clock synthesizer. Internal clocks are not running after the device is put in power down. When PD# is active low all clocks need to be driven to a low value and held prior to turning off the VCOs and crystal. The power up latency needs to be less than 3 mS. The power down latency should be as short as possible but conforming to the sequence requirements shown below. PCI_STOP# and CPU_STOP# are considered to be don't cares during the power down operations. The REF and 48MHz clocks are expected to be stopped in the LOW state as soon as possible. Due to the state of the internal logic, stopping and holding the REF clock outputs in the LOW state may require more than one clock cycle to complete.
PD#
CPUCLK
PCICLK VCO Crystal
Notes: 1. All timing is referenced to the Internal CPUCLK (defined as inside the ICS9248-172 device). 2. As shown, the outputs Stop Low on the next falling edge after PD# goes low. 3. PD# is an asynchronous input and metastable conditions may exist. This signal is synchronized inside this part. 4. The shaded sections on the VCO and the Crystal signals indicate an active clock. 5. Diagrams shown with respect to 133MHz. Similar operation when CPU is 100MHz.
Third party brands and names are the property of their respective owners.
13
ICS9248-172
Advance Information
CPU_STOP# Timing Diagram
CPU_STOP# is an asychronous input to the clock synthesizer. It is used to turn off the CPU clocks for low power operation. CPU_STOP# is synchronized by the ICS9248-172. The minimum that the CPU clock is enabled (CPU_STOP# high pulse) is 100 CPU clocks. All other clocks will continue to run while the CPU clocks are disabled. The CPU clocks will always be stopped in a low state and start in such a manner that guarantees the high pulse width is a full pulse. CPU clock on latency is less than 4 CPU clocks and CPU clock off latency is less than 4 CPU clocks.
INTERNAL CPUCLK PCICLK CPU_STOP# PD# (High)
CPUCLK PCI_STOP# (High)
Notes: 1. All timing is referenced to the internal CPU clock. 2. CPU_STOP# is an asynchronous input and metastable conditions may exist. This signal is synchronized to the CPU clocks inside the ICS9248-172. 3. All other clocks continue to run undisturbed.
Third party brands and names are the property of their respective owners.
14
ICS9248-172
Advance Information
SYMBOL
In Millimeters In Inches COMMON DIMENSIONS COMMON DIMENSIONS MIN MAX MIN MAX 2.413 0.203 0.203 2.794 0.406 0.343 .095 .008 .008 .110 .016 .0135
A A1 b c D E E1 e h L N VARIATIONS N 48
0.127 0.254 SEE VARIATIONS 10.033 7.391 0.381 10.668 7.595 0.635
.005 .010 SEE VARIATIONS .395 .291 .015 .420 .299 .025
0.635 BASIC 0.508 1.016 SEE VARIATIONS 0 8
0.025 BASIC .020 .040 SEE VARIATIONS 0 8
D mm. MIN 15.748 MAX 16.002 MIN .620
D (inch) MAX .630
6/1/00 REV B
JEDEC MO-118 DOC# 10-0034
Ordering Information
ICS9248yF-172-T
Example:
ICS XXXX y F - PPP - T
Designation for tape and reel packaging Pattern Number (2 or 3 digit number for parts with ROM code patterns) Package Type F=SSOP
Revision Designator (will not correlate with datasheet revision)
Device Type (consists of 3 or 4 digit numbers) Prefix ICS, AV = Standard Device
Third party brands and names are the property of their respective owners.
15
PRODUCT PREVIEW documents contain information on new products in the sampling or preproduction phase of development. Characteristic data and other specifications are subject to change without notice.
ICS9248-172
Advance Information
SYMBOL
In Millimeters In Inches COMMON DIMENSIONS COMMON DIMENSIONS MIN MAX MIN MAX 0.05 0.80 0.17 1.20 0.15 1.05 0.27 .002 .032 .007 .047 .006 .041 .011
A A1 A2 b c D E E1 e L N aaa VARIATIONS
0.09 0.20 SEE VARIATIONS 8.10 BASIC 6.00 6.20
.0035 .008 SEE VARIATIONS 0.319 .236 .244 0.020 BASIC .018 .30 SEE VARIATIONS 0 8 .004
0.50 BASIC 0.45 0.75 SEE VARIATIONS 0 8 0.10
6.10 mm. Body, 0.50 mm. pitch TSSOP (0.020 mil) (240 mil)
N 48
D mm. MIN 12.40 MAX 12.60 MIN .488
D (inch) MAX .496
7/6/00 Rev B
MO-153 JEDEC Doc.# 10-0039
Ordering Information
ICS9248yG-172-T
Example:
ICS XXXX y G - PPP - T
Designation for tape and reel packaging Pattern Number (2 or 3 digit number for parts with ROM code patterns) Package Type G=TSSOP
Revision Designator (will not correlate with datasheet revision)
Device Type (consists of 3 or 4 digit numbers) Prefix ICS, AV = Standard Device
Third party brands and names are the property of their respective owners.
16


▲Up To Search▲   

 
Price & Availability of ICS9248-172

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X