Part Number Hot Search : 
TE4007S HMC33306 10004 D6412 ICROS PVM4VBW 110004 2A122K
Product Description
Full Text Search
 

To Download HYS72V32200GU Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3.3 V 16M x 64/72-Bit SDRAM Modules 3.3 V 32M x 64/72-Bit SDRAM Modules 3.3 V 64M x 64/72-Bit SDRAM Modules PC100-168 pin unbuffered DIMM Modules
Preliminary Information
HYS 64/72V16200GU HYS 64/72V32220GU HYS 64/72V32200GU HYS 64/72V64220GU
* 168 Pin unbuffered 8 Byte Dual-In-Line SDRAM Modules for PC main memory applications * One bank 16M x 64, 16M x 72, 32M x 64 and 32M x 72 organization * Two bank 32M x 64, 32M x 72, 64M x 64 and 64M x 72 organization * Optimized for byte-write non-parity or ECC applications * Fully PC board layout compatible to INTEL's Rev. 1.0 module specification * JEDEC standard Synchronous DRAMs (SDRAM) * SDRAM Performance: -8 -8B 100 6 Units MHz ns
fCK tAC
Clock frequency (max.) Clock access time
100 6
* Programmed Latencies: Product Speed -8 -8B PC100 PC100 CL 2 3
tRCD
2 2
tRP
2 3
* Single + 3.3 V ( 0.3 V) power supply * Programmable CAS Latency, Burst Length and Wrap Sequence (Sequential & Interleave) * Auto Refresh (CBR) and Self Refresh * Decoupling capacitors mounted on substrate * All inputs, outputs are LVTTL compatible * Serial Presence Detect with E2PROM * Utilizes 32M x 8 SDRAMs in TSOPII-54 packages * Uses SIEMENS 128Mbit and 256Mbit SDRAM components * Gold contact pad * Card Size: 133.35 mm x 31.75 mm x 4.00 mm
Semiconductor Group
1
1998-08-01
HYS 64(72)V16200/3222(0)0/64220GU SDRAM Modules
The HYS 64/72V1600, HYS 64/72V32220, HYS 64/72V32200 and HYS 64/72V64220 are industry standard 168-pin 8-byte Dual in-line Memory Modules (DIMMs) which are organized as 16M x 64, 16M x 72, 32M x 64 and 32M x 72 in 1 bank and 32M x 64, 32M x 72, 64M x 64 and 64M x 72 in two banks high speed memory arrays designed with 128M and 256M Synchronous DRAMs (SDRAMs) for non-parity and ECC applications. The DIMMs use -8 and -8B speed sort for 16M x 8 and 32M x 8 SDRAM devices in TSOP-54 packages to meet the PC100 requirement. Decoupling capacitors are mounted on the PC board. The PC board design is according to INTEL's PC 100 module specification. The DIMMs have a serial presence detect, implemented with a serial E2PROM using the two pin I2C protocol. The first 128 bytes are utilized by the DIMM manufacturer and the second 128 bytes are available to the end user. All SIEMENS 168-pin DIMMs provide a high performance, flexible 8-byte interface in a 133.35 mm long footprint, with 1.25" (31.75 mm) height. Ordering Information Type HYS 64V16200GU-8 HYS 72V16200GU-8 HYS 64V32220GU-8 HYS 72V32220GU-8 HYS 64V16200GU-8B HYS 72V16200GU-8B HYS 64V32220GU-8B HYS 72V32220GU-8B HYS 64V32200GU-8 HYS 72V32200GU-8 HYS 64V64220GU-8 HYS 72V64220GU-8 Ordering Code PC100-222-620 PC100-222-620 PC100-222-620 PC100-222-620 PC100-323-620 PC100-323-620 PC100-323-620 PC100-323-620 PC100-222-620 PC100-222-620 PC100-222-620 PC100-222-620 Package L-DIM-168-30 L-DIM-168-30 L-DIM-168-30 L-DIM-168-30 L-DIM-168-30 L-DIM-168-30 L-DIM-168-30 L-DIM-168-30 L-DIM-168-30 L-DIM-168-30 L-DIM-168-30 L-DIM-168-30 Descriptions PC100 16M x 64 1 bank SDRAM module PC100 16M x 72 1 bank SDRAM module PC100 32M x 64 2 bank SDRAM module PC100 32M x 72 2 bank SDRAM module PC100 16M x 64 1 bank SDRAM module PC100 16M x 72 1 bank SDRAM module PC100 32M x 64 2 bank SDRAM module PC100 32M x 72 2 bank SDRAM module PC100 32M x 64 1 bank SDRAM module PC100 32M x 72 1 bank SDRAM module PC100 64M x 64 2 bank SDRAM module PC100 64M x 72 2 bank SDRAM module Module Height 1.25" 1.25" 1.25" 1.25" 1.25" 1.25" 1.25" 1.25" 1.25" 1.25" 1.25" 1.25"
Semiconductor Group
2
1998-08-01
HYS 64(72)V16200/3222(0)0/64220GU SDRAM Modules
Ordering Information (cont'd) Type HYS 64V32200GU-8B HYS 72V32200GU-8B HYS 64V64220GU-8B HYS 72V64220GU-8B Ordering Code PC100-323-620 PC100-323-620 PC100-323-620 PC100-323-620 Package L-DIM-168-30 L-DIM-168-30 L-DIM-168-30 L-DIM-168-30 Descriptions PC100 32M x 64 1 bank SDRAM module PC100 32M x 72 1 bank SDRAM module PC100 64M x 64 2 bank SDRAM module PC100 64M x 72 2 bank SDRAM module Module Height 1.25" 1.25" 1.25" 1.25"
Pin Names A0-A12 BA0, BA1 DQ0 - DQ63 CB0-CB7 RAS CAS WE CKE0, CKE1 Address Inputs CLK0 - CLK3 (RA0 ~ RA10/CA0 ~ CA9) Bank Selects Data Input/Output Check Bits (x 72 organization only) Row Address Strobe Column Address Strobe Read/Write Input Clock Enable DQMB0 - DQMB7 CS0 - CS3 Clock Input Data Mask Chip Select Power (+ 3.3 Volt) Ground Clock for Presence Detect Serial Data Out for Presence Detect No Connection
VCC VSS
SCL SDA N.C. / DU
Address Format Part Number Rows Columns Bank Select 10 10 10 10 2 2 2 2 Refresh Period 4k 4k 8k 8k 64ms 64ms 64ms 64ms Interval 15.6 15.6 7.8 7.8
16M x 64/72 HYS 64/72V16200GU 12 32M x 64/72 HYS 64/72V32220GU 12 32M x 64/72 HYS 64/72V32220GU 13 64M x 64/72 HYS 64/72V64220GU 13
Semiconductor Group
3
1998-08-01
HYS 64(72)V16200/3222(0)0/64220GU SDRAM Modules
Pin Configuration
PIN # 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 Symbol PIN # 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 Symbol PIN # 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100 101 102 103 104 105 106 107 108 109 110 111 112 113 114 115 116 117 118 119 120 121 122 123 124 125 126 Symbol PIN # 127 128 129 130 131 132 133 134 135 136 137 138 139 140 141 142 143 144 145 146 147 148 149 150 151 152 153 154 155 156 157 158 159 160 161 162 163 164 165 166 167 168 Symbol
VSS
DQ0 DQ1 DQ2 DQ3
VSS
DU CS2 DQMB2 DQMB3 DU
VSS
DQ32 DQ33 DQ34 DQ35
VSS
CKE0 CS3 DQMB6 DQMB7 NC
VCC
DQ4 DQ5 DQ6 DQ7 DQ8
VCC
DQ36 DQ37 DQ38 DQ39 DQ40
VCC
NC NC NC (CB2) NC (CB3)
VCC
NC NC CB6 CB7
VSS
DQ9 DQ10 DQ11 DQ12 DQ13
VSS
DQ16 DQ17 DQ18 DQ19
VSS
DQ41 DQ42 DQ43 DQ44 DQ45
VSS
DQ48 DQ49 DQ50 DQ51
VCC
DQ20 NC DU CKE1
VCC
DQ52 NC DU NC
VCC
DQ14 DQ15 NC (CB0) NC (CB1)
VCC
DQ46 DQ47 NC (CB4) NC (CB5)
VSS
DQ21 DQ22 DQ23
VSS
DQ53 DQ54 DQ55
VSS
NC NC
VSS
NC NC
VCC
WE DQMB0 DQMB1 CS0 DU
VSS
DQ24 DQ25 DQ26 DQ27
VCC
CAS DQMB4 DQMB5 CS1 RAS
VSS
DQ56 DQ57 DQ58 DQ59
VCC
DQ28 DQ29 DQ30 DQ31
VCC
DQ60 DQ61 DQ62 DQ63
VSS
A0 A2 A4 A6 A8 A10 BA1
VSS
A1 A3 A5 A7 A9 BA0 A11
VSS
CLK2 NC WP SDA SCL
VSS
CLK3 NC SA0 SA1 SA2
VCC VCC
CLK0
VCC
CLK1 A12
VCC
VCC
Note: Pinnames in brackets are for the x72 ECC versions
Semiconductor Group 4 1998-08-01
HYS 64(72)V16200/3222(0)0/64220GU SDRAM Modules
WE CS0 DQMB0 DQ(7:0) CS WE DQM DQ0-DQ7 D0 CS WE DQM DQ0-DQ7 D1 CS WE DQM DQ0-DQ7 D8 DQMB4 DQ(39:32) CS WE DQM DQ0-DQ7 D4 CS WE DQM DQ0-DQ7 D5
DQMB1 DQ(15:8)
DQMB5 DQ(47:40)
CB(7:0) CS2 DQMB2 DQ(23:16)
CS WE DQM DQ0-DQ7 D2 CS WE DQM DQ0-DQ7 D3 D0-D7, (D8) D0-D7, (D8) C D0-D7, (D8) D0-D7, (D8) D0-D7, (D8) D0-D7, (D8)
DQMB6 DQ(55:48)
CS WE DQM DQ0-DQ7 D6 CS WE DQM DQ0-DQ7 D7 E 2 PROM (256 word x 8 Bit) SA0 SA1 SA2 SCL SA0 SA1 SA2 SCL SDA WP 47 k
DQMB3 DQ(31:24)
DQMB7 DQ(63:56)
A0-A11, (A12), BA0, BA1
VCC VSS
RAS CAS CKE0
Clock Wiring 32 M x 64 CLK0 CLK1 CLK2 CLK3 4 SDRAM + 3.3 pF Termination 4 SDRAM + 3.3 pF Termination 32 M x 72 5 SDRAM Termination 4 SDRAM + 3.3 pF Termination
SPB03970
Note: D8 is only used in the x72 ECC version.
Block Diagram for 16M x 64/72 & 32M x 64/72 one bank SDRAM DIMM Modules (HYS 64/72V16200GU & HYS 64/72V32200GU)
Semiconductor Group
5
1998-08-01
HYS 64(72)V16200/3222(0)0/64220GU SDRAM Modules
CS1 CS0 DQMB0 DQ(7:0) CS DQM DQ0-DQ7 D0 CS DQM DQ0-DQ7 D1 CS DQM DQ0-DQ7 D16 CS3 CS2 DQMB2 DQ(23:16) CS DQM DQ0-DQ7 D2 CS DQM DQ0-DQ7 D3 A0-A12, BA0, BA1 D0-D15, (D16, D17) D0-D15, (D16, D17) C0-C31, (C32...C35) D0-D7, (D8) D0-D15, (D16, D17) D0-D7, (D16) Clock Wiring 64 M x 64 CLK0 CLK1 CLK2 CLK3 4 SDRAM + 3.3 pF 4 SDRAM + 3.3 pF 4 SDRAM + 3.3 pF 4 SDRAM + 3.3 pF 64 M x 72 5 SDRAM 5 SDRAM 4 SDRAM + 3.3 pF 4 SDRAM + 3.3 pF
SPB03971
CS DQM DQ0-DQ7 D8 CS DQM DQ0-DQ7 D9 CS DQM DQ0-DQ7 D17
DQMB4 DQ(39:32)
CS DQM DQ0-DQ7 D4 CS DQM DQ0-DQ7 D5
CS DQM DQ0-DQ7 D12 CS DQM DQ0-DQ7 D13
DQMB1 DQ(15:8)
DQMB5 DQ(47:40)
CB(7:0)
CS DQM DQ0-DQ7 D10 CS DQM DQ0-DQ7 D11
DQMB6 DQ(55:48)
CS DQM DQ0-DQ7 D6 CS DQM DQ0-DQ7 D7
CS DQM DQ0-DQ7 D14 CS DQM DQ0-DQ7 D15
DQMB3 DQ(31:24)
DQMB7 DQ(63:56)
E 2 PROM (256 word x 8 Bit) SA0 SA1 SA2 SCL SA0 SA1 SA2 SCL SDA WP 47 k
VDD VSS
RAS, CAS, WE CKE0
VDD
10 k CKE1 D9-D15, (D17)
Note: D16 & D17 is only used in the x72 ECC version and all resistor values are 10 except otherwise noted.
Block Diagram for 32M x 64/72 & 64M x 64/72 two bank SDRAM DIMM Modules
Semiconductor Group
6
1998-08-01
HYS 64(72)V16200/3222(0)0/64220GU SDRAM Modules
DC Characteristics TA = 0 to 70 C; VSS = 0 V; VDD, VDDQ = 3.3 V 0.3 V Parameter Input high voltage Input low voltage Output high voltage (IOUT = - 2.0 mA) Output low voltage (IOUT = 2.0 mA) Input leakage current, any input (0 V < VIN < 3.6 V, all other inputs = 0 V) Output leakage current (DQ is disabled, 0 V < VOUT < VCC) Capacitance TA = 0 to 70 C; VDD = 3.3 V 0.3 V, f = 1 MHz Parameter Symbol Limit Values max. max. max. max. 32Mx64 32Mx72 32Mx64 32Mx72 Input capacitance (A0 to A11, BA0, BA1, RAS, CAS, WE) Input capacitance (CS0 - CS3) Input capacitance (CLK0 - CLK3) Input capacitance (CKE0, CKE1) Input capacitance (DQMB0 - DQMB7) Input/Output capacitance (DQ0 - DQ63, CB0 - CB7) Input Capacitance (SCL, SA0 - 2) Input/Output Capacitance Unit Symbol min. Limit Values max. 2.0 - 0.5 2.4 - - 40 - 40 Unit V V V V A A
VIH VIL VOH VOL II(L) IO(L)
VCC + 0.3
0.8 - 0.4 40 40
CI1 CI2 CICL CI3 CI4 CIO CSC CSD
45 20 22 22 13 13 8 10
55 25 38 38 13 12 8 10
80 30 22 50 20 20 8 10
90 35 38 55 20 20 8 10
pF pF pF pF pF pF pF pF
Semiconductor Group
7
1998-08-01
HYS 64(72)V16200/3222(0)0/64220GU SDRAM Modules
Operating Currents
TA = 0 to 70 C, VCC = 3.3 V 0.3 V 1
Recommended Operating Conditions unless otherwise noted Parameter & Test Condition Operating current tRC tRC(MIN.), tCK tCK(MIN.) Outputs open, Burst Length = 4, CL = 3 All banks operated in random access, all banks operated in ping-pong manner to maximize gapless data access Precharged Standby Current in Power Down Mode CS = VIH(MIN.), CKE VIL(MAX.) Symb. -8/-8B -10 Unit Note
max.
ICC1
x4 x8 x 16 210 210 210 2 165 165 165 2 mA mA mA mA
2
tCK = min.
ICC2P
2
Precharged Standby Current in Non- tCK = min. power Down Mode CS = VIH(MIN.), CKE VIH(MIN.) No operating current tCK = min., CS = VIH(MIN.), active state (max. 4 banks) Burst operating current tCK = min., Read command cycling Auto refresh current tCK = min., Auto Refresh command cycling Self refresh current Self Refresh Mode, CKE = 0.2 V Notes 1. 2.
CKE
ICC2N
19
16
mA
2
VIH(MIN.)
ICC3N ICC3P ICC4
45 10
40 10
mA mA
2
CKE VIL(MAX.) -
2
x4 x8 x 16
-
210 210 210 240
165 165 165 195
mA mA mA mA
2, 3
ICC5
2
standard version ICC6
2.5
2.5
mA
2
3.
All values are shown per one SDRAM component. These parameters depend on the cycle rate. These values are measured at 100 MHz for -8 and at 66 MHz for -10 parts. Input signals are changed once during tCK, excepts for ICC6 and for standby currents when tCK = infinity. These parameters are measured with continuous data stream during read access and all DQ toggling. CL = 3 and BL = 4 is assumed and the VDDQ current is excluded.
Semiconductor Group
8
1998-08-01
HYS 64(72)V16200/3222(0)0/64220GU SDRAM Modules
AC Characteristics 1, 2 TA = 0 to 70 C; VSS = 0 V; VCC = 3.3 V 0.3 V, tT = 1 ns Parameter Symbol Limit Values -8 PC100-222 min. Clock and Clock Enable Clock Cycle Time tCK CAS Latency = 3 CAS Latency = 2 System Frequency fCK CAS Latency = 3 CAS Latency = 2 Clock Access Time tAC CAS Latency = 3 CAS Latency = 2 Clock High Pulse Width Clock Low Pulse Width Input Setup Time Input Hold Time CKE Setup Time (Power down mode) CKE Setup Time (Self Refresh Exit) Transition Time (rise and fall) Common Parameters RAS to CAS Delay Cycle Time Active Command Period Precharge Time Bank to Bank Delay Time CAS to CAS Delay Time (same bank) 10 10 - - - - 3 3 2 1 2 10 1 - - 100 100 6 6 - - - - - - - 10 12 - - - - 3 3 2 1 2 - - - - 100 83 6 7 - - - - - - - ns ns MHz MHz ns ns ns ns ns ns ns ns ns
3, 4
Unit
Note
-8B PC100-323 min. max.
max.
tCH tCL tCS tCH tCKSP tCKSR tT
4 4 5 5 6
7
tRCD tRC tRAS tRP tRRD tCCD
20 70 48 20 16 1
- - - - - -
20 70 48 30 20 1
- - - - - -
ns ns ns ns ns CLK
Semiconductor Group
9
1998-08-01
HYS 64(72)V16200/3222(0)0/64220GU SDRAM Modules
AC Characteristics (cont'd) 1, 2 TA = 0 to 70 C; VSS = 0 V; VCC = 3.3 V 0.3 V, tT = 1 ns Parameter Symbol Limit Values -8 PC100-222 min. Refresh Cycle Self Refresh Exit Time Refresh Period Refresh Interval 128Mbit SDRAM based modules 256Mbit SDRAM based modules Read Cycle Data Out Hold Time Data Out to High Impedance Time DQM Data Out Disable Latency Write Cycle Data Input to Precharge (write recovery) Data In to Active/Refresh DQM Write Mask Latency max. -8B PC100-323 min. max. Unit Note
tSREX tREF
10 64 - -
- - 15.6 7.8
10 64 - -
- - 15.6 7.8
ns ms s s
9 6
tOH tHZ tDQZ
3 0 3 -
- - 8 2
3 0 3 -
- - 10 2
ns ns ns CLK
2
Data Out to Low Impedance Time tLZ
8
tWR tDAL tDQW
2 5 0
- - -
2 5 0
- - -
CLK CLK CLK
Semiconductor Group
10
1998-08-01
HYS 64(72)V16200/3222(0)0/64220GU SDRAM Modules
Notes 1. An initial pause of 100 s is required after power-up, then a Precharge All Banks command must be given followed by 8 Auto Refresh (CBR) cycles before the Mode Register Set Operation can begin. AC timing tests have VIL = 0.4 V and VIH = 2.4 V with the timing referenced to the 1.4 V crossover point. The transition time is measured between VIH and VIL. All AC measurements assume tT = 1 ns with the AC output load circuit show. Specified tAC and tOH parameters are measured with a 50 pF only, without any resisitve termination and with a input signal of 1 V/ns edge rate between 0.8 V and 2.0 V.
t CH
CLOCK 2.4 V 0.4 V
2.
t CL t SETUP
INPUT
tT
t HOLD
1.4 V
t AC t LZ
OUTPUT
t AC t OH
1.4 V
I/O 50 pF
Measurement conditions for tAC and tOH
t HZ
SPT03404
3. 4. 5. 6. 7.
8.
If clock rising time is longer than 1 ns, a time (tT/2 - 0.5) ns has to be added to this parameter. Rated at 1.5 V If tT is longer than 1 ns, a time (tT - 1) ns has to be added to this parameter. Any time that the refresh Period has been exceeded, a minimum of two Auto (CBR) Refresh commands must be given to "wake-up" the device. Self Refresh Exit is a synchronous operation and begins on the 2nd positive clock edge after CKE returns high. Self Refresh Exit is not complete until a time period equal to tRC is satisfied once the Self Refresh Exit command is registered. Referenced to the time which the output achieves the open circuit condition, not to output voltage levels.
Semiconductor Group
11
1998-08-01
HYS 64(72)V16200/3222(0)0/64220GU SDRAM Modules
A serial presence detect storage device - E2PROM - is assembled onto the module. Information about the module configuration, speed, etc. is written into the E2PROM device during module production using a serial presence detect protocol (I2C synchronous 2-wire bus). SPD-Table for 256MBit SDRAM based PC100 Modules Byte# Description SPD Entry Value Hex 32Mx64 32Mx64 32Mx72 32Mx72 one bank one bank one bank one bank -8 -8B -8 -8B 80 08 04 0D 80 08 04 0D 80 08 04 0D 80 08 04 0D
0 1 2 3
Number of SPD bytes Total bytes in Serial PD Memory Type Number of Row Addresses (without BS bits) Number of Column Addresses (for 32Mx8 SDRAMs) Number of DIMM Banks Module Data Width Module Data Width (cont'd) Module Interface Levels SDRAM Cycle Time at CL = 3 SDRAM Access time from Clock at CL = 3 Dimm Configuration Refresh Rate/Type SDRAM width, Primary Error Checking SDRAM data width Minimum clock delay for back-to-back random column address Burst Length supported Number of SDRAM banks
128 256 SDRAM 13
4
10
0A
0A
0A
0A
5 6 7 8 9 10 11 12 13 14 15
1 64/72 0 LVTTL 10.0 ns 6.0 ns none / ECC Self-Refresh, 7.8 s x8 n/a/x8
01 40 00 01 A0 60 00 82 08 00 01
01 40 00 01 A0 60 00 82 08 00 01
01 48 00 01 A0 60 02 82 08 08 01
01 48 00 01 A0 60 02 82 08 08 01
tCCD = 1 CLK
16 17
1, 2, 4, 8 & full page 4
8F 04
8F 04
8F 04
8F 04
Semiconductor Group
12
1998-08-01
HYS 64(72)V16200/3222(0)0/64220GU SDRAM Modules
SPD-Table for 256MBit SDRAM based PC100 Modules (cont'd) Byte# Description SPD Entry Value Hex 32Mx64 32Mx64 32Mx72 32Mx72 one bank one bank one bank one bank -8 -8B -8 -8B 06 01 00 06 A0 60 FF FF 06 01 01 00 06 C0 70 FF FF 06 01 01 00 06 A0 60 FF FF 06 01 01 00 06 C0 70 FF FF
18 19 20 21 22 23 24 25 26
Supported CAS Latencies CS Latencies WE Latencies SDRAM DIMM module attributes SDRAM Device Attributes: General Min. Clock Cycle Time at CAS Latency = 2 Max. data access time from Clock for CL = 2 Minimum Clock Cycle Time at CL = 1 Maximum Data Access Time from Clock at CL = 1
CAS latency = 2 &3 CS latency = 0 non buffered/ non re.
Write latency = 0 01
VCC tol 10%
10.0 / 12.0 ns 6.0 / 7.0 ns not supported not supported
27 28 29 30 31 32 33 34 35
Minimum Row Precharge 20 / 30 ns Time Minimum Row Active to Row Active delay tRRD Minimum RAS to CAS delay tRCD Minimum RAS pulse width tRAS Module Bank Density (per bank) SDRAM input setup time SDRAM input hold time SDRAM data input hold time SDRAM data input setup time 16 / 20 ns 20 ns 50 / 60 ns 256 MByte 2 ns 1 ns 2 ns 1 ns
14 10 14 32 40 20 10 20 10
1E 14 14 3C 40 20 10 20 10
14 10 14 32 40 20 10 20 10
1E 14 14 3C 40 20 10 20 10
Semiconductor Group
13
1998-08-01
HYS 64(72)V16200/3222(0)0/64220GU SDRAM Modules
SPD-Table for 256MBit SDRAM based PC100 Modules (cont'd) Byte# Description SPD Entry Value Hex 32Mx64 32Mx64 32Mx72 32Mx72 one bank one bank one bank one bank -8 -8B -8 -8B FF 12 - XX FF 12 - XX FF 12 - XX FF 12 - XX
62-61 62 63 64125 126 127 128+
Superset information (may be used in future) SPD Revision Checksum for bytes 0 - 62 Manufacturers information (optional) (FFH if not used) Frequency Specification 100 MHz support details
- Revision 1.2 - -
100 MHz -
64 AF FF
64 AD FF
64 AF FF
64 AD FF
Unused storage locations -
SPD-Table for 256MBit SDRAM based PC100 Modules Byte# Description SPD Entry Value Hex 64Mx64 64Mx64 64Mx72 64Mx72 two bank two bank two bank two bank -8 -8B -8 -8B 80 08 04 0D 80 08 04 0D 80 08 04 0D 80 08 04 0D
0 1 2 3
Number of SPD bytes Total bytes in Serial PD Memory Type Number of Row Addresses (without BS bits) Number of Column Addresses (for 32M x 8 SDRAMs) Number of DIMM Banks Module Data Width Module Data Width (cont'd) Module Interface Levels SDRAM Cycle Time at CL = 3
128 256 SDRAM 13
4
10
0A
0A
0A
0A
5 6 7 8 9
2 64/72 0 LVTTL 10.0 ns
02 40 00 01 A0
02 40 00 01 A0
02 48 00 01 A0
02 48 00 01 A0
Semiconductor Group
14
1998-08-01
HYS 64(72)V16200/3222(0)0/64220GU SDRAM Modules
SPD-Table for 256MBit SDRAM based PC100 Modules (cont'd) Byte# Description SPD Entry Value Hex 64Mx64 64Mx64 64Mx72 64Mx72 two bank two bank two bank two bank -8 -8B -8 -8B 60 00 82 08 00 01 60 00 82 08 00 01 60 02 82 08 08 01 60 02 82 08 08 01
10 11 12 13 14 15
SDRAM Access time from Clock at CL = 3 Dimm Configuration Refresh Rate/Type SDRAM width, Primary Error Checking SDRAM data width Minimum clock delay for back-to-back random column address Burst Length supported Number of SDRAM banks Supported CAS Latencies CS Latencies WE Latencies SDRAM DIMM module attributes SDRAM Device Attributes: General Min. Clock Cycle Time at CAS Latency = 2 Max. data access time from Clock for CL = 2 Minimum Clock Cycle Time at CL = 1 Maximum Data Access Time from Clock at CL = 1
6.0 ns none/ECC Self Refresh, 7.8 s x8 n/a/x 8
tCCD = 1 CLK
16 17 18 19 20 21 22 23 24 25 26
1, 2, 4, 8 & full page 4 CAS latency = 2 &3 CS latency = 0 non buffered/ non re.
8F 04 06 01 00 06 A0 60 FF FF
8F 04 06 01 01 00 06 C0 70 FF FF
8F 04 06 01 01 00 06 A0 60 FF FF
8F 04 06 01 01 00 06 C0 70 FF FF
Write latency = 0 01
VCC tol 10%
10.0/12.0 ns 6.0/7.0 ns not supported not supported
27
Minimum Row Precharge 20/30 ns Time
14
1E
14
1E
Semiconductor Group
15
1998-08-01
HYS 64(72)V16200/3222(0)0/64220GU SDRAM Modules
SPD-Table for 256MBit SDRAM based PC100 Modules (cont'd) Byte# Description SPD Entry Value Hex 64Mx64 64Mx64 64Mx72 64Mx72 two bank two bank two bank two bank -8 -8B -8 -8B 10 14 32 40 20 10 20 10 FF Revision 1.2 12 10 XX 14 14 3C 40 20 10 20 10 FF 12 65 XX 10 14 32 40 20 10 20 10 FF 12 22 XX 14 14 3C 40 20 10 20 10 FF 12 77 XX
28 29 30 31 32 33 34 35 62-61 62 63 64125 126 127 128+
Minimum Row Active to Row Active delay tRRD Minimum RAS to CAS delay tRCD Minimum RAS pulse width tRAS Module Bank Density (per bank) SDRAM input setup time SDRAM input hold time SDRAM data input hold time SDRAM data input setup time Superset information (may be used in future) SPD Revision Checksum for bytes 0 - 62 Manufacturers information (optional) (FFH if not used) Frequency Specification 100 MHz support details Unused storage locations
16/20 ns 20 ns 50/60 ns 256 MByte 2 ns 1 ns 2 ns 1 ns
100 MHz
64 FF FF
64 FD FF
64 FF FF
64 FD FF
Semiconductor Group
16
1998-08-01
HYS 64(72)V16200/3222(0)0/64220GU SDRAM Modules
Package Outlines L-DIM-168-30 SDRAM DIMM Module Package
133.35 127.35
4 0.1
4
31.75
*)
3
1 3
10 1.27
11 6.35 42.18
40
41 6.35
84
1.27 0.1
91 x 1.27 = 115.57
3.125
85
94
2 95
124
125
168
17.78
*) R1.27
+0.1
3 min. Detail of Contacts
0.2 0.15 2.54 min.
2.26 *) on ECC modules only
1 0.05 1.27
GLD09159
Sorts of Packing Package outlines for tubes, trays etc. are contained in our Data Book "Package Information". SMD = Surface Mounted Device Semiconductor Group 17
Dimensions in mm 1998-08-01
4.45 8.25


▲Up To Search▲   

 
Price & Availability of HYS72V32200GU

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X