Part Number Hot Search : 
35020 MP7645KN TFS1227B 00N06 DL323 2604A 20N10 C4017
Product Description
Full Text Search
 

To Download HRF3205S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HRF3205, HRF3205S
Data Sheet June 1999 File Number
4447.4
100A, 55V, 0.008 Ohm, N-Channel, Power MOSFETs
These are N-Channel enhancement mode silicon gate power field effect transistors. They are advanced power MOSFETs designed, tested, and guaranteed to withstand a specified level of energy in the breakdown avalanche mode of operation. All of these power MOSFETs are designed for applications such as switching regulators, switching converters, motor drivers, relay drivers, and drivers for high power bipolar switching transistors requiring high speed and low gate drive power. These types can be operated directly from integrated circuits. NOTE: Calculated continuous current based on maximum allowable junction temperature. Package limited to 75A continuous, see Figure 9.
Features
* 100A, 55V (See Note) * Low On-Resistance, rDS(ON) = 0.008 * Temperature Compensating PSPICE(R) Model * Thermal Impedance SPICE Model * UIS Rating Curve * Related Literature - TB334, "Guidelines for Soldering Surface Mount Components to PC Boards"
Symbol
D
Ordering Information
PART NUMBER HRF3205 HRF3205S PACKAGE TO-220AB TO-263AB BRAND HRF3205 HRF3205S
G
S
NOTE: When ordering, use the entire part number. Add the suffix T to obtain the TO-263AB variant in tape and reel, e.g., HRF3205ST.
Packaging
JEDEC TO-220AB
SOURCE DRAIN GATE DRAIN (FLANGE) GATE SOURCE
JEDEC TO-263AB
DRAIN (FLANGE)
4-29
CAUTION: These devices are sensitive to electrostatic discharge; follow proper ESD Handling Procedures. PSPICE(R) is a registered trademark of MicroSim Corporation. http://www.intersil.com or 407-727-9207 | Copyright (c) Intersil Corporation 1999
HRF3205, HRF3205S
TC = 25oC, Unless Othewise Specified Drain to Source Voltage (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDSS Drain to Gate Voltage (RGS = 20k) (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDGR Gate to Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .VGS Drain Current Continuous . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ID Pulsed Drain Current (Note 2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IDM Pulsed Avalanche Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .EAS Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .PD Derate Above 25oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TJ, TSTG Maximum Temperature for Soldering Leads at 0.063in (1.6mm) from Case for 10s. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TL Package Body for 10s, See Techbrief 334 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Tpkg
Absolute Maximum Ratings
55 55 20V 100 390 Figure 10 175 1.17 -55 to 175 300 260
V V V A A W W/oC oC
oC oC
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE: 1. TJ = 25oC to 150oC.
Electrical Specifications
PARAMETER
TC = 25oC, Unless Otherwise Specified SYMBOL BVDSS VGS(TH) IDSS TEST CONDITIONS ID = 250A, VGS = 0V VGS = VDS, ID = 250A VDS = 55V, VGS = 0V VDS = 44V, VGS = 0V, TC = 150oC VGS = 20V Reference to 25oC, ID = 250A ID = 59A, VGS = 10V (Figure 4) VDD = 28V, ID 59A, RL = 0.47, VGS = 10V, RGS = 2.5 MIN 55 2 VDD = 44V, ID 59A, VGS = 10V, Ig(REF) = 3mA (Figure 6) VDS = 25V, VGS = 0V, f = 1MHz (Figure 5) Measured From the Contact Modified MOSFET Screw on Tab to Center of Die Symbol Showing the Internal Devices InMeasured From the Drain ductances Lead, 6mm (0.25in) From D Package to Center of Die Measured From the Source Lead, 6mm (0.25in) From Header to Source Bonding Pad
LD G LS S
TYP 0.057 0.0065 14 100 43 70 4000 1300 480 7.5
MAX 4 25 250 100 0.008 170 32 74 -
UNITS V V A A nA V ns ns ns ns nC nC nC pF pF pF nH
Drain to Source Breakdown Voltage Gate to Source Threshold Voltage Zero Gate Voltage Drain Current
Gate to Source Leakage Current Breakdown Voltage Temperature Coefficient Drain to Source On Resistance Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Total Gate Charge Gate to Source Charge Gate to Drain "Miller" Charge Input Capacitance Output Capacitance Reverse Transfer Capacitance Internal Source Inductance
IGSS V(BR)DSS/ TJ rDS(ON) td(ON) tr td(OFF) tf Qg Qgs Qgd CISS COSS CRSS LS
-
Internal Drain Inductance
LD
-
4.5
-
nH
Thermal Resistance Junction to Case Thermal Resistance Junction to Ambient
RJC RJA TO-220 TO-263 (PCB Mount, Steady State)
-
-
0.85 62 40
oC/W oC/W oC/W
4-30
HRF3205, HRF3205S
Source to Drain Diode Specifications
PARAMETER Continuous Source to Drain Current Pulsed Source to Drain Current (Note 2) SYMBOL ISD ISDM TEST CONDITIONS MOSFET Symbol Showing The Integral Reverse P-N Junction Diode
D
MIN -
TYP -
MAX 100 (Note 1 390
UNITS A A
G
S
Source to Drain Diode Voltage Reverse Recovery Time Reverse Recovered Charge NOTE:
VSD trr QRR
ISD = 59A (Note 4) ISD = 59A, dISD/dt = 100A/s (Note 4) ISD = 59A, dISD/dt = 100A/s (Note 4)
-
110 450
1.3 170 680
V ns nC
2. Repetitive rating; pulse width limited by maximum junction temperature (See Figure 11)
Typical Performance Curves
1000 ID, DRAIN TO SOURCE CURRENT (A) VGS IN DECENDING ORDER 15V 10V 8.0V 7.0V 6.0V 5.5V 5.0V 100 4.5V 1000 ID, DRAIN TO SOURCE CURRENT (A) VGS IN DECENDING ORDER 15V 10V 8.0V 7.0V 6.0V 5.5V 5.0V 100 4.5V
10 0.1
20s PULSE WIDTH TC = 25oC 1.0 10 100 VDS, DRAIN TO SOURCE VOLTAGE (V)
10 0.1
20s PULSE WIDTH TC = 175oC 1 10 100 VDS, DRAIN TO SOURCE VOLTAGE (V)
FIGURE 1. OUTPUT CHARACTERISTICS
FIGURE 2. OUTPUT CHARACTERISTICS
1000 ID, DRAIN TO SOURCE CURRENT(A) NORMALIZED DRAIN TO SOURCE ON RESISTANCE
2.5 ID = 98A, VGS = 10V PULSE DURATION = 80s DUTY CYCLE = 0.5% MAX
2.0
100
TJ = 25oC
1.5
10
TJ = 175oC
1.0
1 3 4.5 6
VDS = 25V PULSE DURATION = 80s DUTY CYCLE = 0.5% MAX 7.5 9
0.5
0 -80
-40
VGS, GATE TO SOURCE VOLTAGE (V)
0 40 80 120 160 TJ, JUNCTION TEMPERATURE (oC)
200
FIGURE 3. TRANSFER CHARACTERISTICS
FIGURE 4. NORMALIZED DRAIN TO SOURCE ON RESISTANCE vs JUNCTION TEMPERATURE
4-31
HRF3205, HRF3205S Typical Performance Curves
8000 VGS, GATE TO SOURCE VOLTAGE (V) 7000 C, CAPACITANCE (pF) 6000 5000 CISS 4000 3000 COSS 2000 1000 0 1 10 VDS, DRAIN TO SOURCE VOLTAGE (V) 100 CRSS VGS = 0V, f = 1MHz CISS = CGS + CGD CRSS = CGD COSS CDS + CGS
(Continued)
20
ID = 59A VDS = 28V
16 VDS = 11V 12 VDS = 44V 8
4
0 0 36 72 108 144 180 Qg , GATE CHARGE (nC)
FIGURE 5. CAPACITANCE vs DRAIN TO SOURCE VOLTAGE
FIGURE 6. GATE CHARGE WAVEFORMS FOR CONSTANT GATE CURRENT
1000 ISD, REVERSE DRAIN CURRENT(A)
PULSE DURATION = 80s DUTY CYCLE = 0.5% MAX TJ = 175oC
1000
100
ID, DRAIN CURRENT (A)
10s 100 OPERATION IN THIS AREA MAY BE LIMITED BY rDS(ON) 100s 1ms 10ms
10
TJ = 25oC
10
1 0.5 1.0 1.5 2.0 VSD, SOURCE TO DRAIN VOLTAGE (V)
1 1
VDSS(MAX) = 55V 10 VDS, DRAIN TO SOURCE VOLTAGE (V) 100
FIGURE 7. SOURCE TO DRAIN DIODE FORWARD VOLTAGE
FIGURE 8. FORWARD BIAS SAFE OPERATING AREA
120
1000 IAS, AVALANCHE CURRENT (A)
ID, DRAIN CURRENT (A)
90
If R = 0 tAV = (L)(IAS)/(1.3*RATED BVDSS - VDD) If R 0 tAV = (L/R)ln[(IAS*R)/(1.3*RATED BVDSS - VDD) +1]
60
100
STARTING TJ = 25oC
30 CURRENT LIMITED BY PACKAGE 0 25 50 75 100 125 150 175
STARTING TJ = 150oC
TC, CASE TEMPERATURE (oC)
10 0.01
0.1 1 10 tAV, TIME IN AVALANCHE (ms)
100
FIGURE 9. MAXIMUM CONTINUOUS DRAIN CURRENT vs CASE TEMPERATURE
FIGURE 10. UNCLAMPED INDUCTIVE SWITCHING CAPABILITY
4-32
HRF3205, HRF3205S Typical Performance Curves
10 DUTY CYCLE - DESCENDING ORDER 0.5 0.2 0.1 0.05 0.02 0.01
(Continued)
THERMAL IMPEDANCE
ZJC, NORMALIZED
1
PDM 0.1 t1 t2 NOTES: DUTY FACTOR: D = t1/t2 PEAK TJ = PDM x ZJC x RJC + TC 10-3 10-2 10-1 t, RECTANGULAR PULSE DURATION (s) 100 101
0.01
SINGLE PULSE 10-5 10-4
FIGURE 11. NORMALIZED MAXIMUM TRANSIENT THERMAL IMPEDANCE
Test Circuits and Waveforms
VDS BVDSS L VARY tP TO OBTAIN REQUIRED PEAK IAS VGS DUT tP RG IAS VDD tP VDS VDD
+
0V
IAS 0.01
0 tAV
FIGURE 12. UNCLAMPED ENERGY TEST CIRCUIT
FIGURE 13. UNCLAMPED ENERGY WAVEFORMS
VDS RL
VDD Qg(TOT) Qgd Qgs VGS
VGS
+
VDD DUT IG(REF) IG(REF) 0 0
VDS
FIGURE 14. GATE CHARGE TEST CIRCUIT
FIGURE 15. GATE CHARGE WAVEFORM
4-33
HRF3205, HRF3205S Test Circuits and Waveforms
VDS
(Continued)
tON td(ON) RL VDS
+
tOFF td(OFF) tr tf 90%
90%
VGS
DUT RGS
VDD 0
10% 90%
10%
VGS VGS 0 10%
50% PULSE WIDTH
50%
FIGURE 16. SWITCHING TIME TEST CIRCUIT
FIGURE 17. RESISTIVE SWITCHING WAVEFORMS
4-34
HRF3205, HRF3205S PSPICE Electrical Model
SUBCKT HRF3205P3 2 1 3 ;
CA 12 8 4.9e-9 CB 15 14 4.9e-9 CIN 6 8 3.45e-9
10
rev 7/25/97
LDRAIN DPLCAP 5 RLDRAIN DBREAK 11 + 17 EBREAK 18 MWEAK MMED MSTRO CIN LSOURCE 8 RSOURCE RLSOURCE S1A 12 S1B CA 13 + EGS 6 8 EDS 13 8 S2A 14 13 S2B CB + 5 8 8 22 RVTHRES 14 IT VBAT + 15 17 RBREAK 18 RVTEMP 19 7 SOURCE 3 DRAIN 2 RSLC1 51 ESLC 50 RDRAIN EVTHRES + 19 8 6 21 16
RSLC2
5 51
EBREAK 11 7 17 18 57 EDS 14 8 5 8 1 EGS 13 8 6 8 1 ESG 6 10 6 8 1 EVTHRES 6 21 19 8 1 EVTEMP 20 6 18 22 1 IT 8 17 1
GATE 1
ESG + LGATE EVTEMP RGATE + 18 22 9 20 6 8
LDRAIN 2 5 1e-9 LGATE 1 9 2.6e-9 LSOURCE 3 7 1.1e-9 K1 LGATE LSOURCE 0.0085 MMED 16 6 8 8 MMEDMOD MSTRO 16 6 8 8 MSTROMOD MWEAK 16 21 8 8 MWEAKMOD
RLGATE
RBREAK 17 18 RBREAKMOD 1 RDRAIN 50 16 RDRAINMOD 3.5e-4 RGATE 9 20 0.36 RLDRAIN 2 5 10 RLGATE 1 9 26 RLSOURCE 3 7 11 RSLC1 5 51 RSLCMOD 1e-6 RSLC2 5 50 1e3 RSOURCE 8 7 RSOURCEMOD 4.5e-3 RVTHRES 22 8 RVTHRESMOD 1 RVTEMP 18 19 RVTEMPMOD 1 S1A S1B S2A S2B 6 12 13 8 S1AMOD 13 12 13 8 S1BMOD 6 15 14 13 S2AMOD 13 15 14 13 S2BMOD
VBAT 22 19 DC 1 ESLC 51 50 VALUE={(V(5,51)/ABS(V(5,51)))*(PWR(V(5,51)/(1e-6*550),3))} .MODEL DBODYMOD D (IS = 4.25e-12 RS = 1.8e-3 TRS1 = 2.75e-3 TRS2 = 5e-6 CJO = 5.95e-9 TT = 4e-7 M = 0.55) .MODEL DBREAKMOD D (RS = 0.06 IKF = 30 TRS1 = -3e-3 TRS2 = 3e-6) .MODEL DPLCAPMOD D (CJO = 4.45e-9 IS = 1e-30 N = 1 M = 0.88 VJ = 1.45) .MODEL MMEDMOD NMOS (VTO = 2.93 KP = 9.5 IS = 1e-30 N = 10 TOX = 1 L = 1u W = 1u RG = 1) .MODEL MSTROMOD NMOS (VTO = 3.23 KP = 150 IS = 1e-30 N = 10 TOX = 1 L = 1u W = 1u) .MODEL MWEAKMOD NMOS (VTO = 2.35 KP = 0.02 IS = 1e-30 N = 10 TOX = 1 L = 1u W = 1u RG = 10) .MODEL RBREAKMOD RES (TC1 = 8e-4 TC2 = 4e-6) .MODEL RDRAINMOD RES (TC1 = 8e-2 TC2 = 5e-6) .MODEL RSLCMOD RES (TC1 = 1e-4 TC2 = 1.05e-6) .MODEL RSOURCEMOD RES (TC1 = 1e-4 TC2 = 1.5e-5) .MODEL RVTHRESMOD RES (TC1 = -2.3e-3 TC2 = -1.2e-5) .MODEL RVTEMPMOD RES (TC1 = -2.2e-3 TC2 = -7e-6) .MODEL S1AMOD VSWITCH (RON = 1e-5 .MODEL S1BMOD VSWITCH (RON = 1e-5 .MODEL S2AMOD VSWITCH (RON = 1e-5 .MODEL S2BMOD VSWITCH (RON = 1e-5 .ENDS ROFF = 0.1 ROFF = 0.1 ROFF = 0.1 ROFF = 0.1 VON = -9 VOFF= -4) VON = -4 VOFF= -9) VON = 0 VOFF= 2.5) VON = 2.5 VOFF= 0)
NOTE: For further discussion of the PSPICE model, consult A New PSPICE Sub-Circuit for the Power MOSFET Featuring Global Temperature Options; IEEE Power Electronics Specialist Conference Records, 1991, written by William J. Hepp and C. Frank Wheatley.
4-35
+ -
DBODY 7 5 DBODYMOD DBREAK 5 11 DBREAKMOD DPLCAP 10 5 DPLCAPMOD
DBODY
HRF3205, HRF3205S SPICE Thermal Model
REV 25 July 97 HRF3205 CTHERM1 7 6 2.53e-5 CTHERM2 6 5 1.38e-3 CTHERM3 5 4 7.00e-3 CTHERM4 4 3 2.50e-2 CTHERM5 3 2 1.33e-1 CTHERM6 2 1 5.75e-1 RTHERM1 7 6 7.78e-4 RTHERM2 6 5 8.55e-3 RTHERM3 5 4 3.00e-2 RTHERM4 4 3 1.42e-1 RTHERM5 3 2 2.65e-1 RTHERM6 2 1 2.33e-1
RTHERM1 CTHERM1 7 JUNCTION
6
RTHERM2
CTHERM2
5
RTHERM3
CTHERM3
4
RTHERM4
CTHERM4
3
RTHERM5
CTHERM5
2
RTHERM6
CTHERM6
1
CASE
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Sales Office Headquarters
NORTH AMERICA Intersil Corporation P. O. Box 883, Mail Stop 53-204 Melbourne, FL 32902 TEL: (407) 724-7000 FAX: (407) 724-7240 EUROPE Intersil SA Mercure Center 100, Rue de la Fusee 1130 Brussels, Belgium TEL: (32) 2.724.2111 FAX: (32) 2.724.22.05 ASIA Intersil (Taiwan) Ltd. 7F-6, No. 101 Fu Hsing North Road Taipei, Taiwan Republic of China TEL: (886) 2 2716 9310 FAX: (886) 2 2715 3029
4-36


▲Up To Search▲   

 
Price & Availability of HRF3205S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X