Part Number Hot Search : 
TCU10A60 IDT72V SW610 MAX108 MTZJ22 2SA1289 NC7SV74K MMBD44
Product Description
Full Text Search
 

To Download HM6680100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MODEL HM66 SERIES
Miniature Low Profile, Shielded Surface Mount Inductors
NEW PRODUCT
FEATURES AND BENEFITS
* * * * * *
Very low profile, 1.8 mm to 4.0 mm Magnetic shielded construction for high density board assembly 1 H to 330 H inductance range Up to 10 amps continuous Designed for machine placement Compatible with vapor phase and infrared reflow soldering
APPLICATIONS
* Wireless and PDAs * PCMCIA cards and disk drives * Inductor for space limited design
ELECTRICAL / ENVIRONMENTAL
Operating Temperature Range Storage Temperature Range Ambient Temperature, Maximum Insulation System Temperature Rise, Maximum
Specifications subject to change without notice. Last Update: 03/05/2003.
-25C to +125C -40C to +85C 80C Class B, 130C 40C
6
6-119
Model HM66 Series
SPECIFICATIONS
Part Number HM66-101R5 HM66-102R2 HM66-103R3 HM66-104R7 HM66-106R8 HM66-10100 HM66-10150 HM66-10220 HM66-10330 HM66-151R5 HM66-152R2 HM66-153R3 HM66-154R7 HM66-156R8 HM66-15100 HM66-15150 HM66-15220 HM66-15330 HM66-201R0 HM66-202R2 HM66-202R7 HM66-203R3 HM66-203R9 HM66-204R7 HM66-205R6 HM66-206R8 HM66-208R2 HM66-20100 HM66-20120 HM66-20150 HM66-20180 HM66-20220 HM66-20270 HM66-20330 HM66-20390 HM66-301R2 HM66-301R8 HM66-302R2 HM66-302R7 HM66-303R3 HM66-303R9 HM66-304R7 HM66-305R6 HM66-306R8
Inductance Nominal H 20% 1.5 2.2 3.3 4.7 6.8 10 15 22 33 1.5 2.2 3.3 4.7 6.8 10 15 22 33 1.0 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10 12 15 18 22 27 33 39 1.2 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8
DC Resistance Max. 0.055 0.072 0.085 0.105 0.170 0.210 0.295 0.430 0.675 0.055 0.072 0.085 0.105 0.170 0.210 0.295 0.430 0.675 0.045 0.075 0.105 0.110 0.155 0.162 0.170 0.200 0.245 0.200 0.210 0.240 0.338 0.397 0.441 0.694 0.709 0.0236 0.0275 0.0313 0.0433 0.0492 0.0648 0.0720 0.1009 0.1089
Rated Current Amps 1.55 1.20 1.10 0.90 0.73 0.55 0.45 0.40 0.32 1.55 1.20 1.10 0.90 0.73 0.55 0.45 0.40 0.32 1.72 1.32 1.28 1.04 0.88 0.84 0.80 0.76 0.68 0.61 0.56 0.50 0.48 0.41 0.35 0.32 0.30 2.56 2.20 2.04 1.60 1.57 1.44 1.32 1.17 1.12
Figure 1 1 1 1 1 1 1 1 1 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2
6-120
Model HM66 Series
SPECIFICATIONS
Part Number HM66-308R2 HM66-30100 HM66-30120 HM66-30150 HM66-30180 HM66-30220 HM66-30270 HM66-30330 HM66-30390 HM66-30470 HM66-30560 HM66-30680 HM66-30820 HM66-30101 HM66-30121 HM66-30151 HM66-30181 HM66-404R1 HM66-405R4 HM66-406R2 HM66-408R9 HM66-40100 HM66-40120 HM66-40150 HM66-40180 HM66-40220 HM66-40270 HM66-40330 HM66-40390 HM66-40470 HM66-40560 HM66-40680 HM66-40820 HM66-40101 HM66-502R5 HM66-503R0 HM66-504R2 HM66-505R3 HM66-506R2 HM66-508R2 HM66-50100 HM66-50120 HM66-50150 HM66-50180
Inductance Nominal H 20% 8.2 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 4.1 5.4 6.2 8.9 10 12 15 18 22 27 33 39 47 56 68 82 100 2.5 3.0 4.2 5.3 6.2 8.2 10 12 15 18
DC Resistance Max. 0.1175 0.1283 0.1316 0.1490 0.1660 0.2350 0.2610 0.378 0.3837 0.5870 0.6245 0.6990 0.9148 1.020 1.270 1.350 1.540 0.057 0.076 0.096 0.116 0.124 0.153 0.196 0.210 0.290 0.330 0.386 0.520 0.595 0.665 0.840 0.978 1.200 0.018 0.024 0.031 0.038 0.045 0.053 0.065 0.076 0.103 0.110
Rated Current Amps 1.04 1.00 0.84 0.76 0.72 0.70 0.58 0.56 0.50 0.48 0.41 0.35 0.32 0.29 0.27 0.24 0.22 1.95 1.60 1.40 1.25 1.20 1.10 0.97 0.85 0.80 0.75 0.65 0.57 0.54 0.50 0.43 0.41 0.36 2.60 2.40 2.20 1.90 1.80 1.60 1.30 1.20 1.10 1.00
Figure 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2
6
6-121
Model HM66 Series
SPECIFICATIONS
Part Number HM66-50220 HM66-50270 HM66-50330 HM66-50390 HM66-50470 HM66-50560 HM66-50680 HM66-50820 HM66-50101 HM66-603R0 HM66-603R9 HM66-605R0 HM66-606R0 HM66-607R3 HM66-608R6 HM66-60100 HM66-60120 HM66-60150 HM66-60180 HM66-60220 HM66-60270 HM66-60330 HM66-60390 HM66-60470 HM66-60560 HM66-60680 HM66-60820 HM66-60101 HM66-703R3 HM66-705R0 HM66-706R2 HM66-707R4 HM66-708R7 HM66-70100 HM66-70120 HM66-70150 HM66-70180 HM66-70220 HM66-70270 HM66-70330 HM66-70390 HM66-70470 HM66-70560 HM66-70680
Inductance Nominal H 20% 22 27 33 39 47 56 68 82 100 3.0 3.9 5.0 6.0 7.3 8.6 10 12 15 18 22 27 33 39 47 56 68 82 100 3.3 5.0 6.2 7.4 8.7 10 12 15 18 22 27 33 39 47 56 68
DC Resistance Max. 0.122 0.175 0.189 0.212 0.260 0.305 0.355 0.463 0.520 0.024 0.027 0.031 0.035 0.054 0.058 0.065 0.070 0.084 0.095 0.128 0.142 0.165 0.210 0.238 0.277 0.304 0.390 0.535 0.020 0.024 0.027 0.031 0.034 0.038 0.053 0.057 0.092 0.096 0.109 0.124 0.138 0.155 0.202 0.234
Rated Current Amps 0.90 0.85 0.75 0.70 0.62 0.58 0.52 0.46 0.42 3.00 2.60 2.40 2.25 2.10 1.85 1.70 1.55 1.40 1.32 1.20 1.05 0.97 0.86 0.80 0.73 0.65 0.60 0.54 3.50 2.90 2.50 2.30 2.20 2.00 1.70 1.60 1.50 1.30 1.20 1.10 1.00 0.95 0.85 0.75
Figure 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2
6-122
Model HM66 Series
SPECIFICATIONS
Part Number HM66-70820 HM66-70101 HM66-801R5 HM66-802R5 HM66-803R8 HM66-805R2 HM66-807R0 HM66-80100 HM66-80150 HM66-80220 HM66-80330 HM66-80470 HM66-80680 HM66-80101 HM66-80151 HM66-80221 HM66-80331
Inductance Nominal H 20% 82 100 1.5 2.5 3.8 5.2 7.0 10 15 22 33 47 68 100 150 220 330
DC Resistance Max. 0.324 0.358 0.0081 0.0105 0.013 0.022 0.027 0.035 0.050 0.073 0.093 0.128 0.213 0.304 0.506 0.756 1.090
Rated Current Amps 0.70 0.65 10.0 7.50 6.00 5.50 4.80 4.40 3.60 2.90 2.30 2.10 1.50 1.35 1.15 0.92 0.70
Figure 2 2 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3
Comments: Test conditions for case sizes 10, 15, 20, 30, 80 = 100 kHz, 0.1 V without DC current. Test conditions for case sizes 40, 50, 60, 70 = 10 kHz, 0.1 V without DC current. Rated DC current is the approximate current at which inductance will be decreased by 35% from its initial (zero DC) value or the DC current at which T = 40C, whichever is lower. PACKAGING
Standard: Embossed Tape & Reel Reel: Diameter Capacity: Case size 10, 15 Case size 20, 30, 40 Case size 50, 60 Case size 70 Case size 80 = = = = = = 13" (330.2mm) 3,000 Units 2,000 Units 1,500 Units 1,000 Units 800 Units 6
6-123
Model HM66 Series
OUTLINE DIMENSIONS (Inch/mm)
Figure 1 A C
D
B
F G
Figure 2 A C F
D B E
G
Figure 3 A C D
B E F
6-124
Model HM66 Series
SOLDER PAD LAYOUTS (Inch/mm)
Figure 1
Figure 2
Figure 3
I H J
I
J J H
J
H
J I J
Case Size 10 15 20 30 40 50 60 70 80
Figure 1 2 2 2 2 2 2 2 3
A .150.02 3.80.5 .150.012 3.80.3 .185.02 4.70.5 .185.02 4.70.5 .225.02 5.70.5 .225.02 5.70.5 .264.02 6.70.5 .264.02 6.70.5 .394.02 10.00.5
B .150.02 3.80.5 .150.012 3.80.3 .185.02 4.70.5 .185.02 4.70.5 .225.02 5.70.5 .225.02 5.70.5 .264.02 6.70.5 .264.02 6.70.5 .402.02 10.20.5
C Max. .071 1.8 .073 1.85 .083 2.1 .119 3.0 .079 2.0 .119 3.0 .119 3.0 .158 4.0 .158 4.0
D .045.01 1.15.0.25 .150.012 3.80.3 .177.012 4.50.3 .177.012 4.50.3 .217.012 5.50.3 .217.012 5.50.3 .256.012 6.50.3 .256.012 6.50.3 .1180.004 3.00.1
E
.043.006 1.10.15 .059.006 1.50.15 .059.006 1.50.15 .079.006 2.00.15 .079.006 2.00.15 .079.006 2.00.15 .079.006 2.00.15 .303.012 7.70.3
F .110004 2.80.1 .150.012 3.80.3 .177.012 4.50.3 .177.012 4.50.3 .217.012 5.50.3 .217.012 5.50.3 .256.012 6.50.3 .256.012 6.50.3 .047.006 1.20.15
G Max. .205 5.2 .173 4.4 .272 6.9 .272 6.9 .323 8.2 .323 8.2 .375 9.5 .375 9.5
H .095 2.4 .043 1.1 .059 1.5 .059 1.5 .079 2.0 .079 2.0 .079 2.0 .079 2.0 .288 7.3
I .061 1.55 .177 4.5 .209 5.3 .209 5.3 .248 6.3 .248 6.3 .288 7.3 .288 7.3 .126 3.2
J .055 1.4 .067 1.7 .075 1.9 .075 1.9 .085 2.15 .085 2.15 .105 2.65 .105 2.65 .067 1.7
6
6-125
Model HM66 Series
ORDERING INFORMATION
HM66 Model Series Case Size: 10 = Figure 1 15 = Figure 2 20 = Figure 2 30 = Figure 2 40 = Figure 2 50 = Figure 2 60 = Figure 2 70 = Figure 2 80 = Figure 3
10
100 Inductance Code: 1st two digits are significant. Last digit denotes number of trailing zeros. Values below 10H "R" denotes decimal point.
6-126
Model HM66 Series


▲Up To Search▲   

 
Price & Availability of HM6680100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X