Part Number Hot Search : 
TSL4531 MC7806 1N914A TOSW230 100ML H40RF60 LA4590W 20EIB
Product Description
Full Text Search
 

To Download HCPL-181 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Agilent HCPL-181 Phototransistor Optocoupler SMD Mini-Flat Type
Data Sheet
Description The HCPL-181 contains a light emitting diode optically coupled to a phototransistor. It is packaged in a 4-pin mini-flat SMD package with a 2.0 mm profile. The small dimension of this product allows significant space saving. The package volume is 30% smaller than that of conventional DIP type. Input-output isolation voltage is 3750 Vrms. Response time, tr, is typically 4 s and minimum CTR is 50% at input current of 5 mA.
Ordering Information Specify part number followed by Option Number (if desired). HCPL-181-XXXE Lead Free Option Number 000 = No Options 060 = IEC/EN/DIN EN 60747-5-2 Option 00A = Rank Mark A 00B = Rank Mark B 00C = Rank Mark C 00D = Rank Mark D
Features * Current Transfer Ratio (CTR: min. 50% at IF = 5 mA, VCE = 5 V) * High input-output isolation voltage (Viso = 3750 Vrms) * High collector-emitter voltage (VCEO = 80 V) * Response time (tr: typ., 4 s at VCE = 2 V, IC = 2 mA, RL = 100 ) * Mini-flat package (2.0 mm profile) in tape and reel package * UL approved * CSA approved * IEC/EN/DIN EN 60747-5-2 approved * Options available: - IEC/EN/DIN EN 60747-5-2 approvals (060) Applications * I/O interfaces for computers * System appliances, measuring instruments * Signal transmission between circuits of different potentials and impedances * Feedback circuit in power supply
Functional Diagram
PIN NO. AND INTERNAL CONNECTION DIAGRAM 4 3
ANODE 1 + IF IC 4 COLLECTOR
Schematic
VF CATHODE - 2 3 EMITTER
1 1. ANODE 2. CATHODE
2 3. EMITTER 4. COLLECTOR
CAUTION: It is advised that normal static precautions be taken in handling and assembly of this component to prevent damage and/or degradation which may be induced by ESD.
Package Outline Drawings HCPL-181-000E
2.54 0.25
3.60 0.3
5.30 0.3
181
Y WW
LEAD FREE
DATE CODE *1 4.40 0.2 2.00 0.2 0.2 0.05
0.40 0.1 RANK *2
0.10 0.1
7.00
+ 0.2 - 0.7
DIMENSIONS IN MILLIMETERS.
HCPL-181-060E
2.54 0.25
3.60 0.3
5.30 0.3
181 V
Y WW
LEAD FREE
DATE CODE *1 4.40 0.2 2.00 0.2 0.2 0.05
0.40 0.1 RANK *2
0.10 0.1
+ 0.2 7.00 - 0.7
DIMENSIONS IN MILLIMETERS.
Temperature (C)
Solder Reflow Temperature Profile 1) One-time soldering reflow is recommended within the condition of temperature and time profile shown at right. 2) When using another soldering method such as infrared ray lamp, the temperature may rise partially in the mold of the device. Keep the temperature on the package of the device within the condition of (1) above.
30 seconds 250C 217C 200C 260C (Peak Temperature)
150C 60 sec
25C 60 ~ 150 sec 90 sec Time (sec) 60 sec
2
Absolute Maximum Ratings (TA = 25C) Storage Temperature, TS Operating Temperature, TA Lead Solder Temperature, max. (1.6 mm below seating plane) Average Forward Current, IF Reverse Input Voltage, VR Input Power Dissipation, PI Collector Current, IC Collector-Emitter Voltage, VCEO Emitter-Collector Voltage, VECO Collector Power Dissipation Total Power Dissipation Isolation Voltage, Viso (AC for 1 minute, R.H. = 40 ~ 60%) Electrical Specifications (TA = 25C) Parameter Forward Voltage Reverse Current Terminal Capacitance Collector Dark Current Collector-Emitter Breakdown Voltage Emitter-Collector Breakdown Voltage Collector Current *Current Transfer Ratio Collector-Emitter Saturation Voltage Response Time (Rise) Response Time (Fall) Isolation Resistance Floating Capacitance * CTR =
60
IF - FORWARD CURRENT - mA
-55C to +155C -55C to +100C 260C for 10 s 50 mA 6V 70 mW 50 mA 80 V 6V 150 mW 170 mW 3750 Vrms
Rank Mark A B C D
CTR (%) 80 ~ 160 130 ~ 260 200 ~ 400 300 ~ 600
Conditions IF = 5 mA, VCE = 5 V, TA = 25C
Symbol VF IR Ct ICEO BVCEO BVECO IC CTR VCE(sat) tr tf Riso Cf
Min. - - - - 80 6 2.5 50 - - - 5 x 1010 -
Typ. 1.2 - 30 - - - - - - 4 3 1 x 1011 0.6
Max. 1.4 10 250 100 - - 30 600 0.2 18 18 - 1.0
Units V A pF nA V V mA % V s s pF
Test Conditions IF = 20 mA VR = 4 V V = 0, f = 1 KHz VCE = 20 V IC = 0.1 mA, IF = 0 IE = 10 A, IF = 0 IF = 5 mA, VCE = 5 V IF = 20 mA, IC = 1 mA VCC = 2 V, IC = 2 mA RL = 100 DC 500 V 40 ~ 60% R.H. V = 0, f = 1 MHz
IC x 100% IF
PC - COLLECTOR POWER DISSIPATION - mW
VCE(SAT.) - COLLECTOR-EMITTER SATURATION VOLTAGE - V
200
6 TA = 25C 5 4 3 2 1 0 IC = 0.5 mA IC = 1 mA IC = 3 mA IC = 5 mA IC = 7 mA
50 40 30 20 10 0 -55
150
100
50
0
25
50
75
100
125
0 -55
0
25
50
75
100
125
0
5
10
15
TA - AMBIENT TEMPERATURE - C
TA - AMBIENT TEMPERATURE - C
IF - FORWARD CURRENT - mA
Figure 1. Forward current vs. temperature.
Figure 2. Collector power dissipation vs. temperature.
Figure 3. Collector-emitter saturation voltage vs. forward current.
3
CTR - CURRENT TRANSFER RATIO - %
500
IF - FORWARD CURRENT - mA
200
IC - COLLECTOR CURRENT - mA
50
VCE = 5 V TA = 25C
TA = 75C TA = 50C TA = 25C TA = 0C TA = -25C
180 160 140 120 100 80 60 40 20 0 0
IF = 30 mA IF = 25 mA
TA = 25C PC (MAX.)
200 100 50 20 10 5 2 1 0
40
IF = 20 mA IF = 15 mA
30
20
IF = 10 mA
10
IF = 5 mA
0.5
1.0
1.5
2.0
2.5
3.0
2
5
10
20
50
0
0
1
2
3
4
5
6
7
8
9
VF - FORWARD VOLTAGE - V
IF - FORWARD CURRENT - mA
VCE - COLLECTOR-EMITTER VOLTAGE - V
Figure 4. Forward current vs. forward voltage.
Figure 5. Current transfer ratio vs. forward current.
Figure 6. Collector current vs. collectoremitter voltage.
RELATIVE CURRENT TRANSFER RATIO - %
150
VCE(SAT.) - COLLECTOR-EMITTER SATURATION VOLTAGE - V
0.10
IF = 5 mA VCE = 2 V 100
IF = 20 mA IC = 1 mA 0.08
ICEO - COLLECTOR DARK CURRENT - nA
10000 VCE = 20 V 1000
0.06
100
0.04
50
0.02 0 20
10
0 20
40
60
80
100
40
60
80
100
1 20
40
60
80
100
TA - AMBIENT TEMPERATURE - C
TA - AMBIENT TEMPERATURE - C
TA - AMBIENT TEMPERATURE - C
Figure 7. Relative current transfer ratio vs. temperature.
Figure 8. Collector-emitter saturation voltage vs. temperature.
Figure 9. Collector dark current vs. temperature.
500 200 100 50 20 10 5 2 1 0.5 0.2 0.1
VCE = 2 V IC = 2 mA TA = 25C tr tf td ts
VOLTAGE GAIN AV - dB
RESPONSE TIME - s
0
VCE = 2 V IC = 2 mA TA = 25C
10
RL = 10 k RL = 1 k RL = 100
20
0.05 0.1 0.2 0.5 1 2 5 10
0.5 1
2
5 10 20
50 100 200 500
RL - LOAD RESISTANCE - k
f - FREQUENCY - kHz
Figure 10. Response time vs. load resistance.
Figure 11. Frequency response.
4
Test Circuit for Response Time
VCC
Test Circuit for Frequency Response
VCC
RD INPUT
RL OUTPUT
RD
RL OUTPUT
~
INPUT
OUTPUT
10%
90%
td tr
ts tf
5
www.agilent.com/semiconductors
For product information and a complete list of distributors, please go to our web site. For technical assistance call: Americas/Canada: +1 (800) 235-0312 or (916) 788-6763 Europe: +49 (0) 6441 92460 China: 10800 650 0017 Hong Kong: (+65) 6756 2394 India, Australia, New Zealand: (+65) 6755 1939 Japan: (+81 3) 3335-8152 (Domestic/International), or 0120-61-1280 (Domestic Only) Korea: (+65) 6755 1989 Singapore, Malaysia, Vietnam, Thailand, Philippines, Indonesia: (+65) 6755 2044 Taiwan: (+65) 6755 1843 Data subject to change. Copyright (c) 2004 Agilent Technologies, Inc. Obsoletes 5989-0306EN October 27, 2004 5989-1738EN


▲Up To Search▲   

 
Price & Availability of HCPL-181

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X