Part Number Hot Search : 
T89C5 S1206 FSDM0565 MAZM068H FDC655BN SHD114 NJU7748 1C15DC9V
Product Description
Full Text Search
 

To Download HCF4060 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HCF4060B
14-STAGE RIPPLE CARRY BINARY COUNTER/DIVIDER AND OSCILLATOR
s s s s s
s s
s s
MEDIUM-SPEED OPERATION COMMON RESET FULLY STATIC OPERATION BUFFERED INPUTS AND OUTPUTS QUIESCENT CURRENT SPECIFIED UP TO 20V 5V, 10V AND 15V PARAMETRIC RATINGS INPUT LEAKAGE CURRENT II = 100nA (MAX) AT VDD = 18V TA = 25C 100% TESTED FOR QUIESCENT CURRENT MEETS ALL REQUIREMENTS OF JEDEC JESD13B " STANDARD SPECIFICATIONS FOR DESCRIPTION OF B SERIES CMOS DEVICES"
DIP
SOP
ORDER CODES
PACKAGE DIP SOP TUBE HCF4060BEY HCF4060BM1 T&R HCF4060M013TR
DESCRIPTION The HCF4060B is a monolithic integrated circuit fabricated in Metal Oxide Semiconductor technology available in DIP and SOP packages. The HCF4060B consists of an oscillator section and 14 ripple carry binary counter stages. The oscillator configuration allows design of either RC or crystal oscillator circuits. A RESET input is provided which reset the counter to the all 0's
state and disable oscillator. A high level on the RESET line accomplishes the reset function. All counter stages are master slave flip-flops. The state of the counter is advanced one step in binary order on the negative transition of 1 (and 0). All inputs and outputs are fully buffered. Schmitt trigger action on the clock pin permits unlimited clock rise and fall time.
PIN CONNECTION
February 2003
1/9
HCF4060B
INPUT EQUIVALENT CIRCUIT PIN DESCRIPTION
PIN No 1, 2, 3 ,4, 5, 6, 7, 13, 14, 15 9, 10, 11 12 8 16 SYMBOL NAME AND FUNCTION
Q12, Q13, Q14, Q6, Q5, Q7, Q4, Outputs Q9, Q8, Q10 0, 0, 1 RESET VSS VDD Oscillator Input Reset Negative Supply Voltage Positive Supply Voltage
FUNCTIONAL DIAGRAM
LOGIC DIAGRAM
2/9
HCF4060B
ABSOLUTE MAXIMUM RATINGS
Symbol VDD VI II PD Top Tstg Supply Voltage DC Input Voltage DC Input Current Power Dissipation per Package Power Dissipation per Output Transistor Operating Temperature Storage Temperature Parameter Value -0.5 to +22 -0.5 to VDD + 0.5 10 200 100 -55 to +125 -65 to +150 Unit V V mA mW mW C C
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied. All voltage values are referred to VSS pin voltage.
RECOMMENDED OPERATING CONDITIONS
Symbol VDD VI Top Supply Voltage Input Voltage Operating Temperature Parameter Value 3 to 20 0 to VDD -55 to 125 Unit V V C
3/9
HCF4060B
DC SPECIFICATIONS
Test Condition Symbol Parameter VI (V) 0/5 0/10 0/15 0/20 0/5 0/10 0/15 5/0 10/0 15/0 0.5/4.5 1/9 1.5/13.5 4.5/0.5 9/1 13.5/1.5 2.5 4.6 9.5 13.5 0.4 0.5 1.5 VO (V) |IO| VDD (A) (V) 5 10 15 20 5 10 15 5 10 15 5 10 15 5 10 15 5 5 10 15 5 10 15 18 TA = 25C Min. Typ. 0.04 0.04 0.04 0.08 4.95 9.95 14.95 0.05 0.05 0.05 3.5 7 11 1.5 3 4 -1.36 -0.44 -1.1 -3.0 0.44 1.1 3.0 -3.2 -1 -2.6 -6.8 1 2.6 6.8 10-5 5 0.3 7.5 -1.15 -0.36 -0.9 -2.4 0.36 0.9 2.4 0.3 3.5 7 11 1.5 3 4 -1.1 -0.36 -0.9 -2.4 0.36 0.9 2.4 1 Max. 5 10 20 100 4.95 9.95 14.95 0.05 0.05 0.05 3.5 7 11 1.5 3 4 Value -40 to 85C Min. Max. 5 10 20 100 4.95 9.95 14.95 0.05 0.05 0.05 -55 to 125C Min. Max. 150 300 600 3000 Unit
IL
Quiescent Current
A
VOH
High Level Output Voltage Low Level Output Voltage High Level Input Voltage Low Level Input Voltage Output Drive Current
VOL
VIH
VIL
IOH
IOL
Output Sink Current Input Leakage Current Input Capacitance
0/5 0/5 0/10 0/15 0/5 0/10 0/15 0/18
<1 <1 <1 <1 <1 <1 <1 <1 <1 <1 <1 <1 <1 <1 <1 <1 <1 <1 <1
V
V
V
V
mA
mA A pF
II CI
Any Input Any Input
The Noise Margin for both "1" and "0" level is: 1V min. with VDD=5V, 2V min. with VDD=10V, 2.5V min. with VDD=15V
4/9
HCF4060B
DYNAMIC ELECTRICAL CHARACTERISTICS (Tamb = 25C, CL = 50pF, RL = 200K, tr = tf = 20 ns)
Test Condition Symbol Parameter VDD (V) tTLH tTHL Output Transition Time 5 10 15 5 10 15 5 10 15 5 10 15 5 10 15 5 10 15 5 10 15 5 10 15 5 10 15 5 to 10 10 to 15 5 10 15 5 10 15 10 15 Cx= 10F Cx= 50F Cx= 10F Rx= 500K Rx= 300K Rx= 300K Rx= 5K, Cx= 15pF 530 690 650 800 18 20 21.1 Min. Typ. 100 50 40 370 150 100 100 50 40 50 20 15 Unlimited 3.5 8 12 7 16 24 180 80 50 60 30 20 21.5 23 24 360 160 100 120 60 40 25 26 27 2 1 20 20 10 1000 50 50 810 940 Max. 200 100 80 740 300 200 200 100 80 100 40 30 ns Value (*) Unit
tPLH tPHL Propagation Delay Time ( to Q4 out) tPLH tPHL Propagation Delay Time (Qn to Qn+1) tW Input Pulse Width
ns
ns
f = 100 KHz
ns
tr tf
Input Pulse Rise and Fall Time Maximum Clock Input Frequency
s
fmax
MHz
RESET OPERATION tPHL Propagation Delay Time
ns
tW
Input Pulse Width
ns
RC OPERATION Variation of Frequency (Unit-to-Unit) Variation of Frequency With Voltage Change (Same Unit) RX
Cx= 200pF, Rs= 560K, Rx= 50K Cx= 200pF, Rs= 560K, Rx= 50K
KHz
KHz
M
CX
mF
Maximum Oscillator Frequency (**)
pF
(*) Typical temperature coefficent for all VDD values is 0.3 %/C,all input rise and fall times= 20 ns. (**) RC Oscillator applications are not recommended at supply voltages below 7V for RX = 50K
5/9
HCF4060B
DETAIL OF TYPICAL FLIP-FLOP STAGE
TYPICAL RC OSCILLATOR CIRCUIT
TYPICAL CRYSTAL OSCILLATOR CIRCUIT
6/9
HCF4060B
Plastic DIP-16 (0.25) MECHANICAL DATA
mm. DIM. MIN. a1 B b b1 D E e e3 F I L Z 3.3 1.27 8.5 2.54 17.78 7.1 5.1 0.130 0.050 0.51 0.77 0.5 0.25 20 0.335 0.100 0.700 0.280 0.201 1.65 TYP MAX. MIN. 0.020 0.030 0.020 0.010 0.787 0.065 TYP. MAX. inch
P001C
7/9
HCF4060B
SO-16 MECHANICAL DATA
DIM. A a1 a2 b b1 C c1 D E e e3 F G L M S 8 3.8 4.6 0.5 9.8 5.8 1.27 8.89 4.0 5.3 1.27 0.62 (max.) 0.149 0.181 0.019 10 6.2 0.35 0.19 0.5 45 (typ.) 0.385 0.228 0.050 0.350 0.157 0.208 0.050 0.024 0.393 0.244 0.1 mm. MIN. TYP MAX. 1.75 0.2 1.65 0.46 0.25 0.013 0.007 0.019 0.004 MIN. inch TYP. MAX. 0.068 0.008 0.064 0.018 0.010
PO13H
8/9
HCF4060B
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. (c) The ST logo is a registered trademark of STMicroelectronics (c) 2003 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. (c) http://www.st.com
9/9


▲Up To Search▲   

 
Price & Availability of HCF4060

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X