Part Number Hot Search : 
HCT573DB 6681Z VO1263AB MR752 KIA4559 MR500 ISL29004 UPC4572
Product Description
Full Text Search
 

To Download FSTU3257 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FSTU3257 Quad 2:1 Multiplexer/Demultiplexer Bus Switch with -2V Undershoot Protection
August 1999 Revised December 2000
FSTU3257 Quad 2:1 Multiplexer/Demultiplexer Bus Switch with -2V Undershoot Protection
General Description
The Fairchild Switch FSTU3257 is a quad 2:1 high-speed CMOS TTL-compatible multiplexer/demultiplexer bus switch. The low on resistance of the switch allows inputs to be connected to outputs without adding propagation delay or generating additional ground bounce noise. When OE is LOW, the select pin connects the A Port to the selected B Port output. The A and B Ports are "undershoot hardened" with Undershoot Hardened Circuit (UHC) protection to support an extended range of 2.0V below ground. Fairchild's integrated UHC senses undershoot at the I/O and responds by preventing voltage differentials from developing and turning on the switch. When OE is HIGH, the switch is OPEN and a high-impedance state exists between the two ports.
Features
s Undershoot hardened to -2V (A and B Ports) s Soft enable turn-on to minimize bus to bus charge sharing during enable s 4 switch connection between two ports. s Minimal propagation delay through the switch. s Low lCC. s Zero bounce in flow-through mode. s Control inputs compatible with TTL level. s See Applications Note AN-5008 for details
Ordering Code:
Order Number FSTU3257M FSTU3257QSC FSTU3257MTC Package Number M16A MQA16 MTC16 Package Description 16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150 Narrow 16-Lead Quarter Size Outline Package (QSOP), JEDEC MO-137, 0.150 Wide 16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Device also available in Tape and Reel. Specify by appending suffix letter "X" to the ordering code.
Logic Diagram
Connection Diagram
Pin Descriptions
Pin Name OE S A B1-B2 Description Bus Switch Enable Select Input Bus A Bus B
Truth Table
S X L H OE H L L Function Disconnect A = B1 A = B2
UHC is a trademark of Fairchild Semiconductor Corporation.
(c) 2000 Fairchild Semiconductor Corporation
DS500302
www.fairchildsemi.com
FSTU3257
Absolute Maximum Ratings(Note 1)
Supply Voltage (VCC) DC Switch Voltage (VS) (Note 2) DC Input Control Pin Voltage (VIN)(Note 3) DC Input Diode Current (lIK) VIN < 0V DC Output (IOUT) DC VCC/GND Current (ICC/IGND) Storage Temperature Range (TSTG)
-0.5V to +7.0V -2.0V to +7.0V -0.5V to +7.0V -50mA
128mA
Recommended Operating Conditions (Note 4)
Power Supply Operating (VCC) Input Voltage (VIN) Output Voltage (VOUT) Input Rise and Fall Time (tr, tf) Switch Control Input Switch I/O Free Air Operating Temperature (TA) 0nS/V to 5nS/V 0nS/V to DC 4.0V to 5.5V 0V to 5.5V 0V to 5.5V
+/- 100mA -65C to +150 C
-40 C to +85 C
Note 1: The Absolute Maximum Ratings are those values beyond which the safety of the device cannot be guaranteed. The device should not be operated at these limits. The parametric values defined in the Electrical Characteristics tables are not guaranteed at the absolute maximum rating. The Recommended Operating Conditions tables will define the conditions for actual device operation. Note 2: VS is the voltage observed/applied at either the A or B Ports across the switch. Note 3: The input and output negative voltage ratings may be exceeded if the input and output diode current ratings are observed. Note 4: Unused control inputs must be held HIGH or LOW. They may not float.
DC Electrical Characteristics
VCC Symbol VIK VIH VIL II IOZ RON Parameter Clamp Diode Voltage HIGH Level Input Voltage LOW Level Input Voltage Input Leakage Current OFF-STATE Leakage Current Switch On Resistance (Note 6) (V) 4.5 4.0-5.5 4.0-5.5 5.5 5.5 4.5 4.5 4.5 4.0 ICC ICC VIKU Quiescent Supply Current Increase in ICC per Input Voltage Undershoot 5.5 5.5 5.5 4 4 8 11 2.0 0.8 1.0 1.0 7 7 15 20 3 2.5 -2.0 TA = -40 C to +85 C Min Typ (Note 5) Max -1.2 Units V V V A A A mA V 0 VIN 5.5V 0 A, B VCC VIN = 0V, IIN = 64mA VIN = 0V, IIN = 30mA VIN = 2.4V, IIN = 15mA VIN = 2.4V, IIN = 15mA VIN = VCC or GND, IOUT = 0 One input at 3.4V Other inputs at VCC or GND 0.0 mA IIN -50 mA OE = 5.5V
Note 5: Typical values are at VCC = 5.0V and T A = +25C Note 6: Measured by the voltage drop between A and B pins at the indicated current through the switch. On resistance is determined by the lower of the voltages on the two (A or B) pins.
Conditions IIN = -18mA
www.fairchildsemi.com
2
FSTU3257
AC Electrical Characteristics
TA = -40 C to +85C, Symbol Parameter CL = 50pF, RU = RD = 500 VCC = 4.5 - 5.5V Min tPHL,tPLH Prop Delay Bus to Bus (Note 7) Prop Delay, Select to Bus A tPZH, tPZL Output Enable Time, Select to Bus B Output Enable Time, OE to Bus A, B tPHZ, tPLZ Output Disable Time, Select to Bus B Output Disable Time, Output Enable Time, OE to Bus A, B 7.0 7.0 7.0 1.5 1.5 Max 0.25 30.0 30.0 30.0 8.4 8.8 VCC = 4.0V Min Max 0.25 35.0 35.0 ns 35.0 9.8 ns 9.8 ns VI = OPEN VI = 7V for tPZL VI = OPEN for tPZH VI = 7V for tPLZ VI = OPEN for tPHZ Figures 2, 3 Figures 2, 3 Figures 2, 3 Units Conditions Figure No.
Note 7: This parameter is guaranteed by design but is not tested. The bus switch contributes no propagation delay other than the RC delay of the typical On resistance of the switch and the 50pF load capacitance, when driven by an ideal voltage the source (zero output impedance).
Capacitance
Symbol CIN CI/O CI/O ON State A Port B Port
(Note 8)
Parameter Typ 3 7.5 5.5 14 Max Units pF pF pF pF Conditions VCC = 5.0V VCC, OE = 5.0V VCC = 5.0V Switch ON
Control Pin Input Capacitance Input/Output Capacitance Input/Output Capacitance ON State (A or B Port)
Note 8: TA = +25C, f = 1 MHz, Capacitance is characterized but not tested.
Undershoot Characteristic (Note 9)
Symbol VOUTU Parameter Output Voltage During Undershoot Min 2.5 Typ VOH - 0.3 Max Units V Conditions Figure 1
Note 9: This is intended to characterize the device's protective capabilities by maintaining output signal integrity during an input transient voltage undershoot event.
FIGURE 1.
Device Test Conditions
Parameter VIN R1 - R2 VTRI VCC Value See Waveform 100K 11.0 5.5 Units V V V
Transient Input Voltage (VIN) Waveform
3
www.fairchildsemi.com
FSTU3257
AC Loading and Waveforms
Note: Input driven by 50 source terminated in 50 Note: CL includes load and stray capacitance Note: Input PRR = 1.0 MHz, tW = 500 ns
FIGURE 2. AC Test Circuit
FIGURE 3. AC Waveforms
www.fairchildsemi.com
4
FSTU3257
Physical Dimensions inches (millimeters) unless otherwise noted
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150 Narrow Package Number M16A
16-Lead Quarter Size Outline Package (QSOP), JEDEC MO-137, 0.150 Wide Package Number MQA16
5
www.fairchildsemi.com
FSTU3257 Quad 2:1 Multiplexer/Demultiplexer Bus Switch with -2V Undershoot Protection
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide Package Number MTC16
Technology Description
The Fairchild Switch family derives from and embodies Fairchild's proven switch technology used for several years in its 74LVX3L384 (FST3384) bus switch product.
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. www.fairchildsemi.com 6 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of FSTU3257

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X