Part Number Hot Search : 
01456 2T256 23Z435SM H3310DN3 ST6317 ML7808A 2SB870 ZMM15
Product Description
Full Text Search
 

To Download FSAV433MTC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FSAV433 Low Voltage Ultra Low Power High Bandwidth (550MHz) 3-Port 3:1 Video Switch
May 2005 Revised May 2005
FSAV433 Low Voltage Ultra Low Power High Bandwidth (550MHz) 3-Port 3:1 Video Switch
General Description
The FSAV433 is an ultra low power high bandwidth video switch specially designed for the switching of three analog video signals, including computer RGB and high definition YPbPr signals. The wide bandwidth (550MHz) of this switch allows signal passage with minimum edge and phase distortion while 85dB nonadjacent channel crosstalk generates negligible image noise between active channels. Optimized differential gain and differential phases maintain the image integrity of video applications while low On Resistance offers low signal insertion loss.
Features
s Ground between channels to optimize isolation and hostile crosstalk s 85dB non-adjacent channel crosstalk at 10MHz s 6.5: typical On Resistance (RON) s 3dB bandwidth: 550MHz s Low power consumption (1uA max)
Applications
* RGB Video Switch in LCD, plasma and projection displays * DVD-RW, notebook
Ordering Code:
Order Number Package Number FSAV433BQX (Preliminary) (Note 1) FSAV433MTC MLP020B Package Description Pb-Free 20-Terminal Depopulated Quad Very-Thin Flat Pack No Leads (DQFN), JEDEC MO-241, 2.5 x 4.5mm 20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
MTC20
Device also available in Tape and Reel. Specify by appending suffix letter "X" to the ordering code. Pb-Free package per JEDEC J-STD-020B. Note 1: DQFN package available in Tape and Reel only.
(c) 2005 Fairchild Semiconductor Corporation
DS500921
www.fairchildsemi.com
FSAV433
Analog Symbol
Connection Diagrams
Pin Assignments for TSSOP
(Top Through View)
Pin Descriptions
Pin Name OE S1 , S2 A B1-B3 Description Bus Switch Enable Select Input Bus A Bus B
Pad Assignments for DQFN
Truth Table
S1 L L H H S2 L H L H Function Disconnect A A A B1 B2 B3
(Top Through View)
www.fairchildsemi.com
2
FSAV433
Absolute Maximum Ratings(Note 2)
Supply Voltage (VCC) DC Switch Voltage (VS) DC Input Voltage (VIN) (Note 3) DC Input Diode Current (lIK) VIN 0V DC Output (IOUT) Sink Current DC VCC/GND Current (ICC/IGND) Storage Temperature Range (TSTG) ESD Human Body Model 7kV
0.5V to 4.6V 0.5V to VCC 0.05V Power Supply Operating (VCC) 0.5V to 4.6V Input Voltage (VIN) 50 mA Free Air Operating Temperature (TA)
100 mA
Recommended Operating Conditions (Note 4)
2.3V to 3.6V 0V to VCC
40 qC to 85 qC
r100 mA 65qC to 150 qC
Note 2: The Absolute Maximum Ratings are those values beyond which the safety of the device cannot be guaranteed. The device should not be operated at these limits. The parametric values defined in the Electrical Characteristics tables are not guaranteed at the absolute maximum rating. The Recommended Operating Conditions tables will define the conditions for actual device operation. Note 3: The input and output negative voltage ratings may be exceeded if the input and output diode current ratings are observed. Note 4: Unused control inputs must be held HIGH or LOW. They may not float.
DC Electrical Characteristics
Symbol Parameter Analog Signal Range VIK VIH VIL II IOFF RON Clamp Diode Voltage HIGH Level Input Voltage LOW Level Input Voltage Input Leakage Current OFF-STATE Leakage Current Switch On Resistance (Note 6) 3.0 2.3 3.0 - 3.6 2.3 3.0 - 3.6 3.6 3.6 2.3 3.0 2.3 3.0 ICC ICCT Quiescent Supply Current Increase in ICC per Control Input
25qC
VCC (V)
TA Min 0 1.8 2.0
40 qC to 85 qC
Typ (Note 5) Max 2.0 Units V V V 0.7 0.8 V IIN Conditions
1.2
18 mA
r1.0 r1.0
9.0 6.5 10.0 6.5 13.0 9.0 15.0 9.0 1.0 10.0
PA PA : : PA
uA
0 d VIN d 3.6V 0 d A, B d VCC, See Figure 5 VIN ION VIN ION VIN 1.0V 13 mA, See Figure 4 2.0V 26 mA, See Figure 4 VCC or GND, IOUT 0
3.6 3.6
One Control Input at 3.0V Other Inputs at VCC or GND
Note 5: Typical values are at TA
Note 6: Measured by the voltage drop between A and B pins at the indicated current through the switch. On Resistance is determined by the lower of the voltages on the two (A or B) pins.
3
www.fairchildsemi.com
FSAV433
AC Electrical Characteristics
Symbol tON tOFF DG DP OIRR XTALK BW Parameter Turn ON Time S-to-Bus A Turn OFF Time S-to-Bus A Differential Gain Differential Phase Non-Adjacent OFF-Isolation Adjacent OFF-Isolation Non-Adjacent Channel Crosstalk Adjacent Channel Crosstalk VCC (V) 3.0 to 3.6 2.3 to 2.7 3.0 to 3.6 2.3 to 2.7 3.0 to 3.6 3.0 to 3.6 3.0 to 3.6 2.3 to 2.7 3.0 to 3.6 2.3 to 2.7 3.0 to 3.6 3.0 to 3.6
Note 7: Typical values are at VCC 3.3V and T A
TA Min
40qC to 85qC
Typ (Note 7) Max 5.5 7.0 4.0 5.0 0.2 0.1 Units VB 2.0V Conditions
Figure Number Figures 7, 8 Figures 7, 8
ns ns %
VB RL f RL RL RL
2.0V 75:, f 3.58MHz 75:, f 3.58MHz 10MHz, RL 75:
Degree RL dB dB MHz
55.0 55.0 85.0 85.0
550 300
Figure 10 Figures 11, 12 Figure 9
75:, f 10MHz 50: 75:
3dB Bandwidth
25qC
Capacitance
Symbol CIN CON COFF Parameter Control Pin Input Capacitance A/B ON Capacitance Port B OFF Capacitance
3.3V and T A
TA
40qC to 85qC
Typ (Note 8) 3.0 15.0 4.0
Units pF pF pF VCC VCC VCC
Conditions 0V 3.0V 3.0V 0V
Figure Number Figure 14 Figure 13
Note 8: Typical values are at VCC
25qC
FIGURE 1. Gain vs. Frequency
www.fairchildsemi.com
4
FSAV433
FIGURE 2. OFF Isolation
FIGURE 3. Crosstalk
5
www.fairchildsemi.com
FSAV433
Test Diagrams
FIGURE 4. On Resistance
FIGURE 5. OFF Leakage
RL and CL are functions of application environment (50, 75, or 100:) CL includes test fixture and stray capacitance
FIGURE 6. ON Leakage
FIGURE 7. Test Circuit Load
FIGURE 8. Turn ON / Turn OFF Waveforms
www.fairchildsemi.com
6
FSAV433
Test Diagrams
(Continued)
RL and CL are function of application environment (50, 75, or 100:) C L includes test fixture and stray capacitance
FIGURE 9. Bandwidth
RS and RT are function of application environment (50, 75, or 100:) OFF Isolation 20 Log (VOUT / VIN)
FIGURE 10. Channel OFF Isolation
Crosstalk
20 Long (VOUT / VIN)
FIGURE 11. Adjacent Channel Crosstalk
7
www.fairchildsemi.com
FSAV433
Test Diagrams
(Continued)
RS and RT are function of application environment (50, 75, or 100:) Crosstalk 20 Long (VOUT / VIN)
FIGURE 12. Non-adjacent Channel-to-Channel Crosstalk
FIGURE 13. Channel OFF Capacitance
FIGURE 14. Channel ON Capacitance
www.fairchildsemi.com
8
FSAV433
Tape and Reel Specification
Tape Format for DQFN Package Designator BQX Tape Section Leader (Start End) Carrier Trailer (Hub End) TAPE DIMENSIONS inches (millimeters) Number Cavities 125 (typ) 2500/3000 75 (typ) Cavity Status Empty Filled Empty Cover Tape Status Sealed Sealed Sealed
REEL DIMENSIONS inches (millimeters)
Tape Size 12 mm
A 13.0 (330)
B 0.059 (1.50)
C 0.512 (13.00)
D 0.795 (20.20)
N 7.008 (178)
W1 0.488 (12.4)
W2 0.724 (18.4)
9
www.fairchildsemi.com
FSAV433
Physical Dimensions inches (millimeters) unless otherwise noted
Pb-Free 20-Terminal Depopulated Quad Very-Thin Flat Pack No Leads (DQFN), JEDEC MO-241, 2.5 x 4.5mm Package Number MLP020B
www.fairchildsemi.com
10
FSAV433 Low Voltage Ultra Low Power High Bandwidth (550MHz) 3-Port 3:1 Video Switch
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide Package Number MTC20
Technology Description
The Fairchild Switch family derives from and embodies Fairchild's proven switch technology used for several years in its 74LVX3L384 (FST3384) bus switch product. Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. 11 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com
www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of FSAV433MTC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X