Part Number Hot Search : 
C0402 4BH20K H810KADB TMEGA1 H810KADB XXXGP LT349 R3211
Product Description
Full Text Search
 

To Download DM74ALS86 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DM74ALS86 Quad 2-Input Exclusive-OR Gate
September 1986 Revised February 2000
DM74ALS86 Quad 2-Input Exclusive-OR Gate
General Description
This device contains four independent gates, each of which performs the logic exclusive-OR function.
Features
s Switching specifications at 50 pF s Switching specifications guaranteed over full temperature and VCC range s Advanced oxide-isolated, ion-implanted Schottky TTL process s Functionally and pin for pin compatible with Schottky and low power Schottky TTL counterpart s Improved AC performance over Schottky and low power Schottky counterparts
Ordering Code:
Order Number DM74ALS86M DM74ALS86N Package Number M14A N14A Package Description 14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150 Narrow 14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
Devices also available in Tape and Reel. Specify by appending the suffix letter "X" to the ordering code.
Connection Diagram
Function Table
Y = A B = A B + AB Inputs A L L H H
H = HIGH Logic Level L = LOW Logic Level
Output B L H L H Y L H H L
(c) 2000 Fairchild Semiconductor Corporation
DS006195
www.fairchildsemi.com
DM74ALS86
Absolute Maximum Ratings(Note 1)
Supply Voltage Input Voltage Operating Free Air Temperature Range Storage Temperature Range Typical JA N Package M Package 87.0C/W 117.2C/W 7V 7V 0C to +70C -65C to +150C
Note 1: The "Absolute Maximum Ratings" are those values beyond which the safety of the device cannot be guaranteed. The device should not be operated at these limits. The parametric values defined in the Electrical Characteristics tables are not guaranteed at the absolute maximum ratings. The "Recommended Operating Conditions" table will define the conditions for actual device operation.
Recommended Operating Conditions
Symbol VCC VIH VIL IOH IOL TA Supply Voltage HIGH Level Input Voltage LOW Level Input Voltage HIGH Level Output Current LOW Level Output Current Free Air Operating Temperature 0 Parameter Min 4.5 2 0.8 -0.4 8 70 Nom 5 Max 5.5 Units V V V mA mA C
Electrical Characteristics
over recommended operating free air temperature range. All typical values are measured at VCC = 5V, TA = 25C. Symbol VIK VOH VOL II IIH IIL IO ICCL ICCH Parameter Input Clamp Voltage HIGH Level Output Voltage LOW Level Output Voltage Input Current @ Maximum Input Voltage HIGH Level Input Current LOW Level Input Current Output Drive Current Supply Current with Outputs LOW Supply Current with Outputs HIGH VCC = 5.5V, VIH = 7V VCC = 5.5V, VIH = 2.7V VCC = 5.5V, VIL = 0.4V VCC = 5.5V VCC = Max, All Inputs at 4.5V VCC = Max, A Inputs at 0.0V B Inputs at 4.5V VO = 2.25V -30 3.9 3.8 IOH = -0.4 mA VCC = 4.5V to 5.5V VCC = 4.5V IOL = 4 mA IOL = 8 mA Conditions VCC = 4.5V, II = -18 mA VCC - 2 0.25 0.35 0.4 0.5 0.1 20 -0.1 -112 5.9 4.5 Min Typ Max -1.5 Units V V V V mA A mA mA mA mA
Switching Characteristics
over recommended operating free air temperature range. Symbol tPLH tPHL tPLH tPHL Parameter Propagation Delay Time LOW-to-HIGH Level Output Propagation Delay Time HIGH-to-LOW Level Output Propagation Delay Time LOW-to-HIGH Level Output Propagation Delay Time HIGH-to-LOW Level Output
Note 2: VCC = 4.5V to 5.5V, RL = 500, CL = 50 pF.
Conditions (Note 2) A or B to Y Other Input LOW
Min 3 2
Max 17 12 17 10
Units ns ns ns ns
A or B to Y Other Input HIGH
2 2
www.fairchildsemi.com
2
DM74ALS86
Physical Dimensions inches (millimeters) unless otherwise noted
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150 Narrow Package Number M14A
3
www.fairchildsemi.com
DM74ALS86 Quad 2-Input Exclusive-OR Gate
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide Package Number N14A
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. www.fairchildsemi.com 4 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of DM74ALS86

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X