Part Number Hot Search : 
SMBJ58A 1017A 73251 CX20152 IRFB3 TDA2051V 0100D 01VSN22
Product Description
Full Text Search
 

To Download DCR1003 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Thyristors DCR1003
Technical Data
Typical applications : D.C. Motor control, Controlled rectifiers, High power drives.
Type No. DCR1003/06 DCR1003/08 DCR1003/10 DCR1003/12 DCR1003/14 DCR1003/16 DCR1003/18 Symbol IT(AV) ITSM IT IGT VGT dv/dt [di/dt]CR VT Vo Ro IRRM/IDRM IH IL Rth(i-c) Rth(i-h) TVJ TSTG Mounting Force Case outline
* Higher dv/dt selection available.
2
VRRM (Volts) 600 800 1000 1200 1400 1600 1800
VRSM (Volts) 700 900 1100 1300 1500 1700 1900
F ea tures * Double side cooling. * Voltage grade upto 1800V. * Weight 500gm (Approx.)
Values 1511 A 21 K. A. 26.25 K.A. 2210000 A2s 3440000 A2s 200 mA 3.5 V *200 V/S 500 A/S 1.50 V max 0.86 V 0.25 m 100 mA 230 mA 350 mA 0.022 C/W 0.004 C/W 125 C -40 to + 125 C 20-22 KN F
Conditions Half wave resistive load TC = 60 C TVJ = 125 C; 10 ms half sine, VR=50% VRRM TVJ = 125 C; 10 ms half sine, VR=0 TVJ = 125 C; 10 ms half sine, VR=50% VRRM TVJ = 125 C; 10 ms half sine, VR=0 TVJ = 25 C; VDRM = 5V TVJ = 25 C; VDRM = 5V TVJ = 125 C; Voltage = 67% VDRM Repetitive 50 Hz TVJ = 25 C; IT = 2900 A TVJ = 125 C TVJ = 125 C TVJ = 130 C TVJ = 25 C; R6-K= TVJ = 25 C; VD= 5V dc


▲Up To Search▲   

 
Price & Availability of DCR1003

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X