Part Number Hot Search : 
4BXXX CH1838 FFSNC1 BN5983 150N06 AS15301 124SIL KMB110S
Product Description
Full Text Search
 

To Download CD4094BC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CD4094BC 8-Bit Shift Register/Latch with 3-STATE Outputs
October 1987 Revised April 2002
CD4094BC 8-Bit Shift Register/Latch with 3-STATE Outputs
General Description
The CD4094BC consists of an 8-bit shift register and a 3-STATE 8-bit latch. Data is shifted serially through the shift register on the positive transition of the clock. The output of the last stage (QS) can be used to cascade several devices. Data on the QS output is transferred to a second output, QS, on the following negative clock edge. The output of each stage of the shift register feeds a latch, which latches data on the negative edge of the STROBE input. When STROBE is HIGH, data propagates through the latch to 3-STATE output gates. These gates are enabled when OUTPUT ENABLE is taken HIGH.
Features
s Wide supply voltage range: s Low power TTL compatibility: Fan out of 2 driving 74L or 1 driving 74LS s 3-STATE outputs 3.0V to 18V s High noise immunity: 0.45 VDD (typ.)
Ordering Code:
Order Number CD4094BCWM CD4094BCN Package Number M16B N16E Package Description 16-Lead Small Outline Intergrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide 16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
Devices also available in Tape and Reel. Specify by appending the suffix letter "X" to the ordering code.
Connection Diagram
Top View
Truth Table
Clock Output Enable Strobe Data Parallel Outputs Q1 X X 0 1 1 1 X X X 0 1 1 Hi-Z Hi-Z 0 1 QN Hi-Z Hi-Z QN-1 QN-1 Serial Outputs QS (Note 1) Q7 No Change Q7 Q7 Q7 Q No Change Q7 No Change No Change No Change Q7

X = Don't Care = HIGH-to-LOW = LOW-to-HIGH

0 0 1 1 1 1
No Change No Change
No Change No Change No Change
Note 1: At the positive clock edge, information in the 7th shift register stage is transferred to Q8 and QS.
(c) 2002 Fairchild Semiconductor Corporation
DS005983
www.fairchildsemi.com
CD4094BC
Block Diagram
www.fairchildsemi.com
2
CD4094BC
Absolute Maximum Ratings(Note 2)
(Note 3) Supply Voltage (VDD) Input Voltage (VIN) Storage Temperature Range (TS) Power Dissipation (PD) Dual-In-Line Small Outline Lead Temperature (TL) (Soldering, 10 seconds) 260C 700 mW 500 mW
Recommended Operating Conditions (Note 3)
DC Supply Voltage (VDD) Input Voltage (VIN) Operating Temperature Range (TA)
-0.5 to +18 VDC -0.5 to VDD +0.5 VDC -65C to +150C
+3.0 to +15 VDC
0 to VDD VDC
-55C to +125C
Note 2: "Absolute Maximum Ratings" are those values beyond which the safety of the device cannot be guaranteed; they are not meant to imply that the devices should be operated at these limits. The tables of "Recommended Operating Conditions" and "Electrical Characteristics" provide conditions for actual device operation. Note 3: VSS = 0V unless otherwise specified.
DC Electrical Characteristics (Note 3)
Symbol IDD Quiescent Device Current VOL LOW Level Output Voltage VOH HIGH Level Output Voltage VIL LOW Level Input Voltage VIH HIGH Level Input Voltage IOL LOW Level Output Current (Note 4) IOH HIGH Level Output Current (Note 4) IIN IOZ Input Current 3-STATE Output Leakage Current
Note 4: IOH and IOL are tested one output at a time.
Parameter
Conditions VDD = 5.0V VDD = 10V VDD = 15V VDD = 5.0V VDD = 10V VDD = 15V VDD = 5.0V VDD = 10V VDD = 15V VDD = 5.0V, VO = 0.5V or 4.5V VDD = 10V, VO = 1.0V or 9.0V VDD = 15V, VO = 1.5V or 13.5V VDD = 5.0V, VO = 0.5V or 4.5V VDD = 10V, VO = 1.0V or 9.0V VDD = 15V, VO = 1.5V or 13.5V VDD = 5.0V, VO = 0.4V VDD = 10V, VO = 0.5V VDD = 15V, VO = 1.5V VDD = 5.0V, VO = 4.6V VDD = 10V, VO = 9.5V VDD = 15V, VO = 13.5V VDD = 15V, VIN = 0V VDD = 15V, VIN = 15V VDD = 15V, VIN = 0V or 15V |IO| 1 A |IO| 1.0 A
55C Min Max 5.0 10 20 0.05 0.05 0.05 4.95 9.95 14.95 1.5 3.0 4.0 3.5 7.0 11.0 0.64 1.6 4.2 -0.64 -1.6 -4.2 -0.1 0.1 0.3 3.5 7.0 11.0 0.51 1.3 3.4 -0.51 -1.3 -3.4 4.95 9.95 14.95 Min
+25C Typ Max 5.0 10 20 0 0 0 5.0 10.0 15.0 1.5 3.0 4.0 0.05 0.05 0.05
+125C Min Max 150 300 600 0.05 0.05 0.05 4.95 9.95 14.95 1.5 3.0 4.0 3.5 7.0 11.0
Units
A
V
V
V
V
0.88 2.25 8.8 0.88 2.25 8.8 -0.1 0.1 0.3
0.36 0.9 2.4 -0.36 -0.9 -2.4 -1.0 1.0 9 A A mA mA
3
www.fairchildsemi.com
CD4094BC
AC Electrical Characteristics
TA = 25C, CL = 50 pF Symbol tPHL, tPLH Clock to QS tPHL, tPLH Propagation Delay Clock to Q tPHL, tPLH Propagation Delay Clock to Parallel Out tPHL, tPLH Propagation Delay Strobe to Parallel Out tPHZ Propagation Delay HIGH Level to HIGH Impedance tPLZ Propagation Delay LOW Level to HIGH Impedance tPZH Propagation Delay HIGH Impedance to HIGH Level tPZL Propagation Delay HIGH Impedance to LOW Level tTHL, tTLH Transition Time Parameter Propagation Delay
(Note 5)
Conditions Min Typ 300 125 95 230 110 75 420 195 135 290 145 100 140 75 55 140 75 55 140 75 55 140 75 55 100 50 40 80 40 20 1 1 1 200 100 83 200 80 70 1.5 3.0 4.0 100 50 40 100 40 35 3.0 6.0 8.0 5.0 7.5 pF MHz ns ns ms 40 20 10 ns Max 600 250 190 460 220 150 840 390 270 580 290 200 280 150 110 280 150 110 280 150 110 280 150 110 200 100 80 ns ns ns ns ns ns ns ns ns Units
VDD = 5.0V VDD = 10V VDD = 15V VDD = 5.0V VDD = 10V VDD = 15V VDD = 5.0V VDD = 10V VDD = 15V VDD = 5.0V VDD = 10V VDD = 15V VDD = 5.0V VDD = 10V VDD = 15V VDD = 5.0V VDD = 10V VDD = 15V VDD = 5.0V VDD = 10V VDD = 15V VDD = 5.0V VDD = 10V VDD = 15V VDD = 5.0V VDD = 10V VDD = 15V
tSU
Set-Up Time Data to Clock
VDD = 5.0V VDD = 10V VDD = 15V VDD = 5.0V VDD = 10V VDD = 15V VDD = 5.0V VDD = 10V VDD = 15V VDD = 5.0V VDD = 10V VDD = 15V VDD = 5.0V VDD = 10V VDD = 15V
tr , tf
Maximum Clock Rise and Fall Time
tPC
Minimum Clock Pulse Width
tPS
Minimum Strobe Pulse Width
fmax
Maximum Clock Frequency
CIN
Input Capacitance
Any Input
Note 5: AC Parameters are guaranteed by DC correlated testing.
www.fairchildsemi.com
4
CD4094BC
Timing Diagram
Test Circuits and Timing Diagrams for 3-STATE
5
www.fairchildsemi.com
CD4094BC
Physical Dimensions inches (millimeters) unless otherwise noted
16-Lead Small Outline Intergrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide Package Number M16B
www.fairchildsemi.com
6
CD4094BC 8-Bit Shift Register/Latch with 3-STATE Outputs
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide Package Number N16E
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. 7 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com
www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of CD4094BC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X