![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Philips Semiconductors Product specification Silicon Diffused Power Transistor BU2520AF GENERAL DESCRIPTION New generation, high-voltage, high-speed switching npn transistor in a plastic full-pack envelope intended for use in horizontal deflection circuits of large screen colour television receivers up to 32 kHz. QUICK REFERENCE DATA SYMBOL VCESM VCEO IC ICM Ptot VCEsat ICsat tf PARAMETER Collector-emitter voltage peak value Collector-emitter voltage (open base) Collector current (DC) Collector current peak value Total power dissipation Collector-emitter saturation voltage Collector saturation current Fall time CONDITIONS VBE = 0 V TYP. 6.0 0.2 MAX. 1500 800 10 25 45 5.0 0.35 UNIT V V A A W V A s Ths 25 C IC = 6.0 A; IB = 1.2 A ICsat = 6.0 A; IB(end) = 0.85 A PINNING - SOT199 PIN 1 2 3 base collector emitter DESCRIPTION PIN CONFIGURATION case SYMBOL c b 1 2 3 case isolated e LIMITING VALUES Limiting values in accordance with the Absolute Maximum Rating System (IEC 134) SYMBOL VCESM VCEO IC ICM IB IBM -IB(AV) -IBM Ptot Tstg Tj PARAMETER Collector-emitter voltage peak value Collector-emitter voltage (open base) Collector current (DC) Collector current peak value Base current (DC) Base current peak value Reverse base current Reverse base current peak value 1 Total power dissipation Storage temperature Junction temperature CONDITIONS VBE = 0 V MIN. -65 MAX. 1500 800 10 25 6 9 150 6 45 150 150 UNIT V V A A A A mA A W C C average over any 20 ms period Ths 25 C THERMAL RESISTANCES SYMBOL Rth j-hs Rth j-hs Rth j-a PARAMETER Junction to heatsink Junction to heatsink Junction to ambient CONDITIONS without heatsink compound with heatsink compound in free air TYP. 35 MAX. 3.7 2.8 UNIT K/W K/W K/W 1 Turn-off current. September 1997 1 Rev 1.500 Philips Semiconductors Product specification Silicon Diffused Power Transistor BU2520AF ISOLATION LIMITING VALUE & CHARACTERISTIC Ths = 25 C unless otherwise specified SYMBOL Visol PARAMETER Repetitive peak voltage from all three terminals to external heatsink CONDITIONS R.H. 65 % ; clean and dustfree MIN. TYP. MAX. 2500 UNIT V Cisol Capacitance from T2 to external f = 1 MHz heatsink - 22 - pF STATIC CHARACTERISTICS Ths = 25 C unless otherwise specified SYMBOL ICES ICES IEBO BVEBO VCEOsust VCEsat VBEsat hFE hFE PARAMETER Collector cut-off current 2 CONDITIONS VBE = 0 V; VCE = VCESMmax VBE = 0 V; VCE = VCESMmax; Tj = 125 C VEB = 7.5 V; IC = 0 A IB = 1 mA IB = 0 A; IC = 100 mA; L = 25 mH IC = 6.0 A; IB = 1.2 A IC = 6.0 A; IB = 1.2 A IC = 100 mA; VCE = 5 V IC = 6 A; VCE = 5 V MIN. 7.5 800 5 TYP. 13.5 13 7 MAX. 1.0 2.0 1.0 5.0 1.1 9.5 UNIT mA mA mA V V V V Emitter cut-off current Emitter-base breakdown voltage Collector-emitter sustaining voltage Collector-emitter saturation voltage Base-emitter saturation voltage DC current gain DYNAMIC CHARACTERISTICS Ths = 25 C unless otherwise specified SYMBOL Cc PARAMETER Collector capacitance Switching times (32 kHz line deflection circuit) ts tf Turn-off storage time Turn-off fall time Switching times (16 kHz line deflection circuit) ts tf Turn-off storage time Turn-off fall time CONDITIONS IE = 0 A; VCB = 10 V; f = 1 MHz ICsat = 6.0 A; LC = 330 H; Cfb = 9 nF; IB(end) = 0.85 A; LB = 3.45 H; -VBB = 4 V; (-dIB/dt = 1.2 A / s) ICsat = 6.0 A; LC = 650 H; Cfb = 19 nF; IB(end) = 1.0 A; LB = 5.3 H; -VBB = 4 V; (-dIB/dt = 0.8 A / s) 4.5 0.35 5.5 0.5 s s TYP. 115 MAX. UNIT pF 3.0 0.2 4.0 0.35 s s 2 Measured with half sine-wave voltage (curve tracer). September 1997 2 Rev 1.500 Philips Semiconductors Product specification Silicon Diffused Power Transistor BU2520AF + 50v 100-200R IC TRANSISTOR DIODE ICsat t IB IBend t Horizontal Oscilloscope Vertical 32us 10us 13us 100R 6V 30-60 Hz 1R VCE t Fig.1. Test circuit for VCEOsust. Fig.4. Switching times waveforms (32 kHz). IC / mA ICsat 90 % IC 250 10 % 200 ts IB tf t 100 IBend t 0 VCE / V min VCEOsust - IBM Fig.2. Oscilloscope display for VCEOsust. Fig.5. Switching times definitions. TRANSISTOR IC DIODE ICsat + 150 v nominal adjust for ICsat t Lc IB IBend t 20us 26us IBend 64us VCE LB T.U.T. Cfb -VBB t Fig.3. Switching times waveforms (16 kHz). Fig.6. Switching times test circuit. September 1997 3 Rev 1.500 Philips Semiconductors Product specification Silicon Diffused Power Transistor BU2520AF 100 hFE Tj = 25 C 1.2 1.1 1 VBESAT / V Tj = 25 C 5V Tj = 125 C Tj = 125 C 10 1V 0.9 IC= 0.8 0.7 8A 6A 5A 4A 0 1 2 IB / A 3 4 1 0.6 0.1 1 IC / A 10 100 Fig.7. Typical DC current gain. hFE = f (IC) parameter VCE VBESAT / V Tj = 25 C Tj = 125 C Fig.10. Typical base-emitter saturation voltage. VBEsat = f (IB); parameter IC VCESAT / V Tj = 25 C Tj = 125 C 1.2 1.1 1 0.9 0.8 0.7 0.6 0.5 0.4 10 8A 1 IC/IB= 3 4 5 0.1 5A IC = 4 A 6A 0.1 1 IC / A 10 0.1 1 IB / A 10 Fig.8. Typical base-emitter saturation voltage. VBEsat = f (IC); parameter IC/IB VCESAT / V IC/IB = 5 4 3 Fig.11. Typical collector-emitter saturation voltage. VCEsat = f (IB); parameter IC Eoff / uJ 1 0.9 0.8 0.7 0.6 0.5 1000 IC = 6 A 32 kHz 5A 100 16 kHz Tj = 25 C 0.4 0.3 0.2 0.1 0 0.1 Tj = 125 C 10 1 IC / A 10 100 0.1 1 IB / A 10 Fig.9. Typical collector-emitter saturation voltage. VCEsat = f (IC); parameter IC/IB Fig.12. Typical turn-off losses. Tj = 85C Eoff = f (IB); parameter IC; parameter frequency September 1997 4 Rev 1.500 Philips Semiconductors Product specification Silicon Diffused Power Transistor BU2520AF 12 11 10 9 8 7 6 5 4 3 2 1 0 ts, tf / us 16 kHz ts 120 110 100 90 80 70 60 PD% Normalised Power Derating with heatsink compound IC = 6A 5A tf 0.1 1 IB / A 10 50 40 30 20 10 0 0 20 40 60 80 Ths / C 100 120 140 Fig.13. Typical collector storage and fall time. ts = f (IB); tf = f (IB); parameter IC; Tj = 85C; f = 16 kHz ts, tf / us 32 kHz Fig.15. Normalised power dissipation. PD% = 100PD/PD 25C = f (Ths) Zth / (K/W) 12 11 10 9 8 7 6 5 4 3 2 1 0 10 1 0.5 0.2 0.1 0.05 0.02 ts 0.1 IC = 6A 5A tf 10 0.01 P D tp D= tp T t 0.1 1 IB / A D=0 0.001 1E-06 T 1E-04 1E-02 t/s 1E+00 Fig.14. Typical collector storage and fall time. ts = f (IB); tf = f (IB); parameter IC; Tj = 85C; f = 32 kHz Fig.16. Transient thermal impedance. Zth j-hs = f(t); parameter D = tp/T September 1997 5 Rev 1.500 Philips Semiconductors Product specification Silicon Diffused Power Transistor BU2520AF IC / A 100 BU2520AF tp = ICM = 0.01 30 us ICDC 10 100 us Ptot 1 1 ms 0.1 10 ms DC 0.01 1 10 100 1000 VCE / V Fig.17. Forward bias safe operating area. Ths = 25 C ICDC & ICM = f(VCE); ICM single pulse; parameter tp Second-breakdown limits independant of temperature. Mounted with heatsink compound. September 1997 6 Rev 1.500 Philips Semiconductors Product specification Silicon Diffused Power Transistor BU2520AF MECHANICAL DATA Dimensions in mm Net Mass: 5.5 g 15.3 max 0.7 7.3 3.1 3.3 6.2 5.8 21.5 max 3.2 5.2 max o 45 seating plane 3.5 3.5 max not tinned 15.7 min 1 2.1 max 2 3 1.2 1.0 5.45 0.7 max 0.4 M 2.0 5.45 Fig.18. SOT199; The seating plane is electrically isolated from all terminals. Notes 1. Refer to mounting instructions for F-pack envelopes. 2. Epoxy meets UL94 V0 at 1/8". September 1997 7 Rev 1.500 Philips Semiconductors Product specification Silicon Diffused Power Transistor BU2520AF DEFINITIONS Data sheet status Objective specification Product specification Limiting values Limiting values are given in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of this specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. (c) Philips Electronics N.V. 1997 All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, it is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent or other industrial or intellectual property rights. This data sheet contains target or goal specifications for product development. This data sheet contains final product specifications. Preliminary specification This data sheet contains preliminary data; supplementary data may be published later. LIFE SUPPORT APPLICATIONS These products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale. September 1997 8 Rev 1.500 |
Price & Availability of BU2520AF
![]() |