Part Number Hot Search : 
PC2508 2N6274 39530 24L40 D2560 BOARD 2T200BA NJW4141
Product Description
Full Text Search
 

To Download BC817W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BC 817W,BC 818W NPN Silicon AF Transistor
l For general AF applications l High collector current l High current gain l Low collector-emitter saturation voltage l Complementary types: BC 807W, BC 808W (PNP)
Type BC 817-16W BC 817-25W BC 817-40W BC 818-16W BC 818-25W BC 818-40W Marking 6As 6Bs 6Cs 6Es 6Fs 6Gs Ordering Code (tape and reel) Q62702-C2320 Q62702-C2278 Q62702-C2321 Q62702-C2322 Q62702-C2323 Q62702-C2324 Pin Configuration Package 1 2 3 E C SOT-323 B
Maximum Ratings Parameter Collector-emitter voltage Collector-base voltage Emitter-base voltage Collector current Collector peak current Base current Total Power dissipation TS=130C Junction temperature Storage temperature range Thermal Resistance Junction-ambient
1)
Symbol
BC 817W BC 818W Unit 45 50 5 500 1 100 250 150 -65 to +150 25 30 V V V mA A mA mW C C
VCEO VCBO VEBO IC ICM IB Ptot Tj Tstg
Junction-soldering point
1)Package mounted on epoxy pcb 40mm x 40mm x 1.5mm/0.5cm2 Cu.
Rth JA Rth JS
215 80
K/W K/W
Semiconductor Group
1
Edition A02,01.02.95
BC 817W,BC 818W
Electrical Characteristics
at TA = 25 C, unless otherwise specified.
Parameter
Symbol min.
Value typ. max.
Unit
DC Characteristics Collector-emitter breakdown voltage IC = 10 mA BC 817W BC 818W Collector-base breakdown voltage IC = 10 A BC 817W BC 818W Emitter-base breakdown voltage IE = 10 A Collector-base cutoff current VCB = 25 V VCB = 25 V,TA = 150 C Emitter cutoff current VEB = 4 V DC current gain IC = 100 mA,VCE = 1 V BC 817-16W... BC 818-16W BC 817-25W... BC 818-25W BC 817-40W... BC 818-40W IC = 300 mA,VCE = 1 V BC 817-16W... BC 818-16W BC 817-25W... BC 818-25W BC 817-40W... BC 818-40W Collector-emitter saturation voltage 1) IC = 500 mA, IB = 50 mA Base-emitter saturation voltage 1) IC = 500 mA,IB = 50 mA AC Characteristics Transition frequency IC = 50 mA,VCE = 5 V, f = 100 MHz Output capacitance VCB = 10 V,f = 1 MHz Input capacitance VEB = 0.5 V,f = 1 MHz
1) Pulse test: t 300s, D 2%
V(BR)CEO
45 25 -
V
V(BR)CBO
50 30 -
V
V(BR)EBO
5 100 5 100
V
ICBO
nA A nA
IEBO
-
hFE
100 160 250 60 100 170 160 250 350 250 400 630 0.7 V 1.2 MHz 170 6 60 pF pF -
-
VCEsat
-
V
VBEsat
fT Ccb Ceb
Semiconductor Group
2
Edition A02,01.02.95
BC 817W,BC 818W
Total power dissipation Ptot = f (TA*;TS) * Package mounted on epoxy Transition frequency fT = f (IC) VCE = 5V
Permissible pulse load Ptot max/Ptot DC = f (tp)
Collector cutoff current ICBO = f (TA) VCBO = 60 V
Semiconductor Group
3
Edition A02,01.02.95
BC 817W,BC 818W
Base-emitter saturation voltage IC = f (VBEsat) hFE= 10 Collector-emitter saturation voltage IC = f (VCEsat), hFE = 10
DC current gain hFE = f (IC) VCE = 1V
Semiconductor Group
4
Edition A02,01.02.95
BC 817W,BC 818W
Published by Siemens AG,Bereich Bauelemente,Vertrieb, Produkt-Information,Balanstrae 73,D-81541 Munchen (c) Siemens AG 1994.All Rights Reserved
Package
As far as patents or other rights of third parties are concerned,liability is only assumed for components per se,not for applications,processes and circuits implemented within components or assemblies. The information describes the type of component and shall not be considered as assured characteristics. Terms of delivery and rights to change design reserved. For questions on technology,delivery and prices please contact the Offices of Semiconductor Group in Germany or the Siemens Companies and Representatives woldwide (see address list). Due to technical requirements components may contain dangerous substances. For information on the type in question please contact your nearest Siemens Office, Semiconductor Group. Siemens AG is an approved CECC manufacturer. Siemens general policy does not recommend the use of its components in life support applications wherein a failure or malfunction of the component may directly threaten life or injury. Per Siemens Terms and Conditions of Sale, the user of Siemens components in life support applications assumes all risks of such use and indemnifies Siemens against all damages. Packing: Please use the recycling operators known to you. We can also help you - get in touch with your nearest sales office. By agreement we will take packing material back, if it is sorted. You must bear the costs of transport. For packing material that is returned to us unsorted or which we are not obliged to accept, we shall have to invoice you for any costs incurred.
Semiconductor Group
5
Edition A02,01.02.95


▲Up To Search▲   

 
Price & Availability of BC817W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X