|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Regulator ICs System power supply for CD radio cassette players BA3940A With built-in 9V, 7V, and 5V outputs, the BA3940A system power supply IC is best suited for use in CD radio cassette players. FApplications CD radio cassette players FFeatures 1) One 9V output, two 7V outputs (switched by MODE SW, only one output is available at the same time) and one 5V output are built in. 2) Output current limit circuit protects the IC against short-circuiting damage. 3) Thermal protection circuit prevents heat damage to the IC. 4) Compact SIP-M12 package allows a large power dissipation. FAbsolute maximum ratings (Ta = 25_C) FRecommended operating conditions (Ta = 25_C) 192 Regulator ICs FBlock diagram BA3940A FPin descriptions 193 Regulator ICs FInput / output circuits BA3940A 194 Regulator ICs FElectrical characteristics (unless otherwise noted, Ta = 25_C and VCC = 15V) BA3940A 195 Regulator ICs FCircuit operation Vo1, Vo2 and Vo4 rise when ST pin is 1.8V. With voltage applied on ST, the Vo2 output turns OFF when MODE is 1.6V (typical), and Vo3 turns ON when MODE is 3.2V (typical). BA3940A FApplication example 196 Regulator ICs FOperation notes (1) Operating power supply When operating within proper ranges of power supply voltage and ambient temperature, most circuit functions are guaranteed. Although the rated values of electrical characteristics cannot be absolutely guaranteed, characteristic values do not change drastically within the proper ranges. (2) Power dissipation (Pd) Refer to the thermal derating curve (Fig. 4) and the rough estimation of IC power dissipation given on a separate page. If power dissipation exceeds the allowable limit, the functionality of IC will be degraded (such as reduction of current capacity by increased chip temperature). Make sure to use the IC within the allowable range of power dissipation with a sufficient margin. (3) Preventing oscillation at each output To stop oscillation of output, make sure to connect a capacitor having a capacitance of 1F or greater between GND and each output pin. (To avoid the noise effect, lay out the grounding close to the IC) Oscillation can occur if capacitance is susceptible to temperature. We recommend using a tantalum electrolytic capacitor with minimal changes in capacitance. (4) Overcurrent protection circuit An overcurrent protection circuit is installed in each output system, based on the respective output current. This prevents IC destruction by overcurrent, by limiting the current with a curve shape of "7" in the voltage-current graph. The IC is designed with margins so that current flow will be restricted and latching will be prevented even if a large current suddenly flows through a large capacitor. Note that these protection circuits are only good for preventing damage from sudden accidents. Make sure your design does not cause the protection circuit to operate continuously under transitional conditions (for instance, when output is clamped at 1VF or higher). Note that the circuit ability is negatively correlated with temperature. BA3940A (5) Thermal protection circuit A built-in thermal protection circuit prevents thermal damage to the IC. All outputs are switched OFF when the circuit operates, and revert to the original state when temperature drops to a certain level. (6) Improving ripple rejection by capacitors Ripple rejection of the 9V and 7V (current capacity = 1A) outputs can be improved by installing a capacitor that reduces the AC gain. (7) Malfunction in intense electric fields Note that bringing the IC into an intense electric field (such as a radio relay station) may result in malfunction. 197 Regulator ICs FThermal derating curve BA3940A Estimate of allowable power dissipation (PMAX.) maximum load current of OUT 7V S Power consumed by OUT 7V P1 = (VCC * 7V) maximum load current of OUT 5V S Power consumed by OUT 5V P2 = (VCC * 5V) maximum load current of OUT 9V S Power consumed by OUT 9V P3 = (VCC * 9V) supply current S Power consumed internally by each circuit P4 = VCC PMAX. = P1 ) P2 ) P3 ) P4 FExternal dimensions (Units: mm) 198 |
Price & Availability of BA3940A |