Part Number Hot Search : 
30M25 A22JVAB SK9434 MMBZ5243 2MBI150 IRH4054 2MBI150 DH71016
Product Description
Full Text Search
 

To Download AS7C33128NTF3236B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 April 2005
(R)
AS7C33128NTF32B AS7C33128NTF36B
3.3V 128K x 32/36 Flowthrough Synchronous SRAM with NTDTM
Features
* * * * * * * * * * Organization: 131,072 words x 32 or 36 bits NTDTMarchitecture for efficient bus operation Fast clock to data access: 7.5/8.0/10.0 ns Fast OE access time: 3.5/4.0 ns Fully synchronous operation Flow-through mode Asynchronous output enable control Available in 100-pin TQFP package Byte write enables Clock enable for operation hold
* * * * * *
Multiple chip enables for easy expansion 3.3V core power supply 2.5V or 3.3V I/O operation with separate VDDQ Self-timed write cycles Interleaved or linear burst modes Snooze mode for standby operation
Logic block diagram
A[16:0] 17 D
Address register Burst logic
Q
17
CLK CE0 CE1 CE2 R/W BWa BWb BWc BWd ADV / LD LBO ZZ
D
Q 17
Write delay addr. registers
CLK
Control logic
CLK
Write Buffer
CLK
128K x 32/36 SRAM Array
DQ[a,b,c,d]
32/36
D
Data Q Input Register
CLK
32/36 32/36 32/36
32/36 CLK CEN OE
Output Buffer
32/36 OE
DQ[a,b,c,d]
Selection guide
-75 Minimum cycle time Maximum clock access time Maximum operating current Maximum standby current Maximum CMOS standby current (DC) 8.5 7.5 260 110 30 -80 10 8.0 230 100 30 -10 12 10 200 90 30 Units ns ns mA mA mA
4/13/05, v 1.3
Alliance Semiconductor
P. 1 of 18
Copyright (c) Alliance Semiconductor. All rights reserved.
AS7C33128NTF32B/36B
(R)
4 Mb Synchronous SRAM products list1,2
Org 256KX18 128KX32 128KX36 256KX18 128KX32 128KX36 256KX18 128KX32 128KX36 256KX18 128KX32 128KX36 256KX18 128KX32 128KX36 Part Number AS7C33256PFS18B AS7C33128PFS32B AS7C33128PFS36B AS7C33256PFD18B AS7C33128PFD32B AS7C33128PFD36B AS7C33256FT18B AS7C33128FT32B AS7C33128FT36B AS7C33256NTD18B AS7C33128NTD32B AS7C33128NTD36B AS7C33256NTF18B AS7C33128NTF32B AS7C33128NTF36B Mode PL-SCD PL-SCD PL-SCD PL-DCD PL-DCD PL-DCD FT FT FT NTD-PL NTD-PL NTD-PL NTD-FT NTD-FT NTD-FT Speed 200/166/133 MHz 200/166/133 MHz 200/166/133 MHz 200/166/133 MHz 200/166/133 MHz 200/166/133 MHz 7.5/8.0/10 ns 7.5/8.0/10 ns 7.5/8.0/10 ns 200/166/133 MHz 200/166/133 MHz 200/166/133 MHz 7.5/8.0/10 ns 7.5/8.0/10 ns 7.5/8.0/10 ns
1 Core Power Supply: VDD = 3.3V + 0.165V 2 I/O Supply Voltage: VDDQ = 3.3V + 0.165V for 3.3V I/O VDDQ = 2.5V + 0.125V for 2.5V I/O PL-SCD PL-DCD FT NTD1-PL NTD-FT : : : : : Pipelined Burst Synchronous SRAM - Single Cycle Deselect Pipelined Burst Synchronous SRAM - Double Cycle Deselect Flow-through Burst Synchronous SRAM Pipelined Burst Synchronous SRAM with NTDTM Flow-through Burst Synchronous SRAM with NTDTM
1. NTD: No Turnaround Delay. NTDTM is a trademark of Alliance Semiconductor Corporation. All trademarks mentioned in this document are the property of their respective owners.
4/13/05, v 1.3
Alliance Semiconductor
P. 2 of 18
AS7C33128NTF32B/36B
(R)
100-pin TQFP - top view
A A CE0 CE1 BWd BWc BWb BWa CE2 VDD VSS CLK R/W CEN OE ADV/LD NC NC A A 100 99 98 97 96 95 94 93
NC/DQPc DQc0 DQc1 VDDQ VSSQ DQc2 DQc3 DQc4 DQc5 VSSQ VDDQ DQc6 DQc7 NC VDD NC VSS DQd0 DQd1 VDDQ VSSQ DQd2 DQd3 DQd4 DQd5 VSSQ VDDQ DQd6 DQd7 NC/DQPd 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30
92
91 90 89 88 87 86 85 84 83 82 81
TQFP 14 x 20mm
80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51
DQPb/NC DQb7 DQb6 VDDQ VSSQ DQb5 DQb4 DQb3 DQb2 VSSQ VDDQ DQb1 DQb0 VSS NC VDD ZZ DQa7 DQa6 VDDQ VSSQ DQa5 DQa4 DQa3 DQa2 VSSQ VDDQ DQa1 DQa0 DQPa/NC
Note: For pins 1, 30, 51, and 80, NC applies to the x32 configuration. DQPn applies to the x36 configuration.
4/13/05, v 1.3
LBO A A A A A1 A0 NC NC VSS VDD NC NC A A A A A A A
31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
Alliance Semiconductor
P. 3 of 18
AS7C33128NTF32B/36B
(R)
Functional Description
The AS7C33128NTF32B/36B family is a high performance CMOS 4 Mbit synchronous Static Random Access Memory (SRAM) organized as 131,072 words x 32 or 36 bits and incorporates a LATE Write. This variation of the 4Mb+ synchronous SRAM uses the No Turnaround Delay (NTDTM) architecture, featuring an enhanced write operation that improves bandwidth over flowthrough burst devices. In a normal flowthrough burst device, the write data, command, and address are all applied to the device on the same clock edge. If a read command follows this write command, the system must wait for one dead cycle for valid data to become available. This dead cycle can significantly reduce overall bandwidth for applications requiring random access or read-modify-write operations. NTDTM devices use the memory bus more efficiently by introducing a write latency which matches the one-cycle flowthrough read latency. Write data is applied one cycle after the write command and address, allowing the read pipeline to clear. With NTDTM, write and read operations can be used in any order without producing dead bus cycles. Assert R/W low to perform write cycles. Byte write enable controls write access to specific bytes, or can be tied low for full 36 bit writes. Write enable signals, along with the write address, are registered on a rising edge of the clock. Write data is applied to the device one clock cycle later. Unlike some asynchronous SRAMs, output enable OE does not need to be toggled for write operations; it can be tied low for normal operations. Outputs go to a high impedance state when the device is de-selected by any of the three chip enable inputs. Use the ADV (burst advance) input to perform burst read, write and deselect operations. When ADV is high, external addresses, chip select, R/W pins are ignored, and internal address counters increment in the count sequence specified by the LBO control. Any device operations, including burst, can be stalled using the CEN=1, the clock enable input. The AS7C33128NTF32B/36B operates with a 3.3V 5% power supply for the device core (VDD). DQ circuits use a separate power supply (VDDQ) that operates across 2.5V or 3.3V ranges. These devices are available in a 100-pin TQFP package.
TQFP Capacitance
Parameter Input capacitance I/O capacitance
*Guranteed not tested
Symbol CIN
*
Test conditions Vin = 0V Vin = Vout = 0V
Min -
Max 5 7
Unit pF pF
CI/O*
TQFP thermal resistance
Description Thermal resistance (junction to ambient)1 Thermal resistance (junction to top of case)1
1 This parameter is sampled
Conditions 1-layer Test conditions follow standard test methods and procedures for measuring thermal impedance, per EIA/JESD51 4-layer
Symbol JA JA JC
Typical 40 22 8
Units C/W C/W C/W
4/13/05, v 1.3
Alliance Semiconductor
P. 4 of 18
AS7C33128NTF32B/36B
(R)
Signal descriptions
Signal CLK CEN A, A0, A1 DQ[a,b,c,d] CE0, CE1, CE2 ADV/LD R/W BW[a,b,c,d] OE LBO ZZ NC I/O Properties I I I I/O I I I I I I I CLOCK SYNC SYNC SYNC SYNC SYNC SYNC SYNC ASYNC STATIC ASYNC Description Clock. All inputs except OE, LBO, and ZZ are synchronous to this clock. Clock enable. When de-asserted high, the clock input signal is masked. Address. Sampled when all chip enables are active and ADV/LD is asserted. Data. Driven as output when the chip is enabled and OE is active. Synchronous chip enables. Sampled at the rising edge of CLK, when ADV/LD is asserted. Are ignored when ADV/LD is high. Advance or Load. When sampled high, the internal burst address counter will increment in the order defined by the LBO input value. When low, a new address is loaded. A high during LOAD initiates a READ operation. A low during LOAD initiates a WRITE operation. Is ignored when ADV/LD is high. Byte write enables. Used to control write on individual bytes. Sampled along with WRITE command and BURST WRITE. Asynchronous output enable. I/O pins are not driven when OE is inactive.
Selects Burst mode. When tied to VDD or left floating, device follows interleaved Burst order. When driven Low, device follows linear Burst order. This signal is internally pulled High.
Snooze. Places device in low power mode; data is retained. Connect to GND if unused. No connect
Snooze Mode
SNOOZE MODE is a low current, power-down mode in which the device is deselected and current is reduced to ISB2. The duration of SNOOZE MODE is dictated by the length of time the ZZ is in a High state. The ZZ pin is an asynchronous, active high input that causes the device to enter SNOOZE MODE. When the ZZ pin becomes a logic High, ISB2 is guaranteed after the time tZZI is met. After entering SNOOZE MODE, all inputs except ZZ is disabled and all outputs go to High-Z. Any operation pending when entering SNOOZE MODE is not guaranteed to successfully complete. Therefore, SNOOZE MODE (READ or WRITE) must not be initiated until valid pending operations are completed. Similarly, when exiting SNOOZE MODE during tPUS, only a DESELECT or READ cycle should be given while the SRAM is transitioning out of SNOOZE MODE.
Burst order
Interleaved burst order LBO = 1 A1 A0 Starting address First increment Second increment Third increment 00 01 10 11 A1 A0 01 00 11 10 A1 A0 10 11 00 01 A1 A0 11 10 01 00 Starting Address First increment Second increment Third increment Linear burst order LBO = 0 A1 A0 00 01 10 11 A1 A0 01 10 11 00 A1 A0 10 11 00 01 A1 A0 11 00 01 10
4/13/05, v 1.3
Alliance Semiconductor
P. 5 of 18
AS7C33128NTF32B/36B
(R)
Synchronous truth table[5,6,7,8,9,11]
CE0 CE1 CE2 ADV/LD R/W BWn OE CEN Address source CLK Operation DQ Notes
H X X X L X L X L X L X X
X X L X H X H X H X H X X
X H X X L X L X L X L X X
L L L H L H L H L H L H X
X X X X H X H X L X L X X
X X X X X X X X L L H H X
X X X X L L H H X X X X X
L L L L L L L L L L L L H
NA NA NA NA Next Next Next
L to H L to H L to H L to H L to H L to H L to H
DESELECT Cycle DESELECT Cycle DESELECT Cycle CONTINUE DESELECT Cycle READ Cycle (Begin Burst) READ Cycle (Continue Burst) DUMMY READ (Continue Burst) WRITE CYCLE (Begin Burst) WRITE CYCLE (Continue Burst)
High-Z High-Z High-Z High-Z Q Q 1,10 2 3 1,3,10 2,3 1,2,3, 10 4 1
External L to H
External L to H NOP/DUMMY READ (Begin Burst) High-Z External L to H D D High-Z High-Z -
High-Z 1,2,10
External L to H NOP/WRITE ABORT (Begin Burst) Next L to H WRITE ABORT (Continue Burst) INHIBIT CLOCK
Current L to H
Key: X = Don't Care, H = HIGH, L = LOW. BWn = H means all byte write signals (BWa, BWb, BWc, and BWd) are HIGH. BWn = L means one or more byte write signals are LOW. Notes: 1 CONTINUE BURST cycles, whether READ or WRITE, use the same control inputs. The type of cycle performed (READ or WRITE) is chosen in the initial BEGIN BURST cycle. A CONINUE DESELECT cycle can only be entered if a DESELECT CYCLE is executed first. 2 DUMMY READ and WRITE ABORT cycles can be considered NOPs because the device performs no external operation. A WRITE ABORT means a WRITE command is given, but no operation is performed. 3 OE may be wired LOW to minimize the number of control signal to the SRAM. The device will automatically turn off the output drivers during a WRITE cycle. OE may be used when the bus turn-on and turn-off times do not meet an application's requirements. 4 If an INHIBIT CLOCK command occurs during a READ operation, the DQ bus will remain active (Low-Z). If it occurs during a WRITE cycle, the bus will remain in High-Z. No WRITE operations will be performed during the INHIBIT CLOCK cycle. 5 BWa enables WRITEs to byte "a" (DQa pins); BWb enables WRITEs to byte "b" (DQb pins); BWc enables WRITEs to byte "c" (DQc pins); BWd enables WRITEs to byte "d" (DQd pins). 6 All inputs except OE and ZZ must meet setup and hold times around the rising edge (LOW to HIGH) of CLK. 7 Wait states are inserted by setting CEN HIGH. 8 This device contains circuitry that will ensure that the outputs will be in High-Z during power-up. 9 The device incorporates a 2-bit burst counter. Address wraps to the initial address every fourth BURST CYCLE. 10 The address counter is incremented for all CONTINUE BURST cycles. 11 ZZ pin is always Low.
4/13/05, v 1.3
Alliance Semiconductor
P. 6 of 18
AS7C33128NTF32B/36B
(R)
State diagram for NTD SRAM
Read
Read
Burst Read
Dse l Rea d
Burs Dsel
Burst
Dsel
ad Re
e
W rit
Read Write
Writ
Write
Dsel
l Dse
Burst
ite Wr Burst
Burst
Dsel
Burst
Write
Absolute maximum ratings
Parameter Power supply voltage relative to GND Input voltage relative to GND (input pins) Input voltage relative to GND (I/O pins) Power dissipation Short circuit output current Storage temperature Temperature under bias Symbol VDD, VDDQ VIN VIN Pd IOUT Tstg Tbias Min -0.5 -0.5 -0.5 - - -65 -65 Max +4.6 VDD + 0.5 VDDQ + 0.5 1.8 20 +150 +135 Unit V V V W mA
oC oC
Stresses greater than those listed under "Absolute maximum ratings" may cause permanent damage to the device. This is a stress rating only, and functional operation of the device at these or any other conditions outside those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions may affect reliability.
Recommended operating conditions at 3.3V I/O
Parameter Supply voltage for inputs Supply voltage for I/O Ground supply
*V
DDQ
Symbol VDD VDDQ* Vss
Min 3.135 3.135 0
Nominal 3.3 3.3 0
Max 3.465 VDD 0
Unit V V V
cannot be greater than VDD
Recommended operating conditions at 2.5V I/O
Parameter Supply voltage for inputs Supply voltage for I/O Ground supply
*V
DDQ
Symbol VDD VDDQ* Vss
Min 3.135 2.375 0
Nominal 3.3 2.5 0
Max 3.465 VDD 0
Unit V V V
cannot be greater than VDD
4/13/05, v 1.3
Alliance Semiconductor
P. 7 of 18
AS7C33128NTF32B/36B
(R)
DC electrical characteristics for 3.3V I/O operation
Parameter Input leakage current Sym |ILI| |ILO| VIH VIL VOH VOL Conditions VDD = Max, 0V < VIN < VDD OE VIH, VDD = Max, 0V < VOUT < VDDQ Address and control pins I/O pins Address and control pins I/O pins IOH = -4 mA, VDDQ = 3.135V IOL = 8 mA, VDDQ = 3.465V Min -2 -2 2* 2* -0.3** -0.5** 2.4 - Max 2 2 VDD+0.3 VDDQ+0.3 0.8 0.8 - 0.4 Unit A A V
Output leakage current Input high (logic 1) voltage
Input low (logic 0) voltage Output high voltage Output low voltage
V V V
DC electrical characteristics for 2.5V I/O operation
Parameter Input leakage current Output leakage current Input high (logic 1) voltage Sym |ILI| |ILO| VIH VIL VOH VOL Conditions VDD = Max, 0V < VIN < VDD OE VIH, VDD = Max, 0V < VOUT < VDDQ Address and control pins I/O pins Address and control pins I/O pins IOH = -4 mA, VDDQ = 2.375V IOH = -1 mA, VDDQ = 2.375V IOL = 8 mA, VDDQ = 2.625V IOL = 1 mA, VDDQ = 2.625V Min -2 -2 1.7* 1.7* -0.3** -0.3** 1.7 2.0 - - Max 2 2 VDD+0.3 VDDQ+0.3 0.7 0.7 - - 0.7 0.4 Unit A A V V V V V
Input low (logic 0) voltage
Output high voltage
Output low voltage
V
LBO pin has an internal pull-up and input leakage = -10 A. * VIH max < VDD +1.5V for pulse width less than 0.2 X tCYC
**V IL min
= -1.5 for pulse width less than 0.2 X tCYC
IDD operating conditions and maximum limits
Parameter Operating power supply current1 Sym ICC ISB Standby power supply current ISB1 ISB2 Conditions CE0 < VIL, CE1 > VIH, CE2 < VIL, f = fMax, IOUT = 0 mA, ZZ < VIL All VIN 0.2V or > VDD - 0.2V, Deselected, f = fMax, ZZ < VIL Deselected, f = 0, ZZ < 0.2V, all VIN 0.2V or VDD - 0.2V Deselected, f = fMax, ZZ VDD - 0.2V, all VIN VIL or VIH -75 260 110 30 30 -80 230 100 30 30 -10 200 90 30 30 mA Unit mA
1 ICC given with no output loading. ICC increases with faster cycle times and greater output loading.
4/13/05, v 1.3
Alliance Semiconductor
P. 8 of 18
AS7C33128NTF32B/36B
(R)
Timing characteristics over operating range
-75 Parameter Cycle time Clock access time Output enable low to data valid Clock high to output low Z Data Output invalid from clock high Output enable low to output low Z Output enable high to output high Z Clock high to output high Z Clock high pulse width Clock low pulse width Address and Control setup to clock high Data setup to clock high Write setup to clock high Chip select setup to clock high Address hold from clock high Data hold from clock high Write hold from clock high Chip select hold from clock high Clock enable setup to clock high Clock enable hold from clock high ADV setup to clock high ADV hold from clock high
1 See "Notes" on page 15.
-80 Max
-
-10 Max
-
Sym tCYC tCD tOE tLZC tOH tLZOE tHZOE tHZC tCH tCL tAS tDS tWS tCSS tAH tDH tWH tCSH tCENS tCENH tADVS tADVH
Min 8.5
- -
Min 10
- -
Min 12
- -
Max
-
Unit ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns
Notes1
7.5 3.5
- - -
8.0 4.0
- - -
10 4.0
- - -
2.5 2.5 0
- -
2.5 2.5 0
- -
2.5 2.5 0
- -
2,3,4 2 2,3,4 2,3,4 2,3,4 5 5 6 6 6, 7 6, 8 6 6 6, 7 6, 8 6 6 6 6
3.5 3.5
- - - - - - - - - - - - - -
4.0 4.0
- - - - - - - - - - - - - -
4.0 4.0
- - - - - - - - - - - - - -
3.0 3.0 2.0 2.0 2.0 2.0 0.5 0.5 0.5 0.5 2.0 0.5 2.0 0.5
4.0 4.0 2.0 2.0 2.0 2.0 0.5 0.5 0.5 0.5 2.0 0.5 2.0 0.5
4.0 4.0 2.0 2.0 2.0 2.0 0.5 0.5 0.5 0.5 2.0 0.5 2.0 0.5
Snooze Mode Electrical Characteristics
Description Conditions Symbol Min Max Units
Current during Snooze Mode ZZ active to input ignored ZZ inactive to input sampled ZZ active to SNOOZE current ZZ inactive to exit SNOOZE current
ZZ > VIH
ISB2 tPDS tPUS tZZI tRZZI
30 2 2 2 0
mA cycle cycle cycle cycle
4/13/05, v 1.3
Alliance Semiconductor
P. 9 of 18
AS7C33128NTF32B/36B
(R)
Key to switching waveforms
Rising input Falling input don't care Undefined
Timing waveform of read cycle
tCH CLK tCENS tCENH tCL tCYC
CEN
tAS Address A1
tAH A2 A3
tWS tWH R/W tCSS CE0,CE2 tCSH
CE1 tADVS tADVH ADV/LD
OE tOE Dout tLZOE
Q(A1)
tHZOE
Q(A2) Q(A2Y`01) Q(A2Y`10) Q(A2Y`11) Q(A3) Q(A3Y`01)
Command
READ Q(A1)
DSEL
READ Q(A2)
BURST
BURST
READ READ Q(A2Y01) Q(A2Y10)
BURST READ Q(A2Y11)
STALL
READ Q(A3)
BURST READ Q(A3Y01)
4/13/05, v 1.3
Alliance Semiconductor
P. 10 of 18
AS7C33128NTF32B/36B
(R)
Timing waveform of write cycle
tCH CLK tCENS tCENH tCL tCYC
CEN
tAS Address A1
tAH A2 A3
R/W
BWn tCSS CE0,CE2 tCSH
CE1 tADVS tADVH ADV/LD
OE tDS Din tHZOE Dout
Q(n-1)
tDH
D(A3)
D(A1)
D(A2) D(A2Y`01) D(A2Y`10) D(A2Y`11)
D(A3Y`01)
Command
WRITE D(A1)
DSEL
WRITE D(A2)
BURST BURST BURST WRITE WRITE WRITE D(A2Y01) D(A2Y10) D(A2Y11)
STALL
WRITE D(A3)
BURST WRITE D(A3Y01)
4/13/05, v 1.3
Alliance Semiconductor
P. 11 of 18
AS7C33128NTF32B/36B
(R)
Timing waveform of read/write cycle
tCH CLK tCENS CEN tAS ADDRESS tWS R/W tWS BWn tCSS CE0, CE2 tCSH tWH
A1
tCL
tCYC
tCENH
tAH
A2 A3 A4 A5 A6 A7
tWH
CE1 tADVS ADV/LD tADVH
OE tCD tDS tDH D/Q
D(A1) D(A2)
tHZOE tOH
Q(A3) Q(A4)
tLZC
D(A2Y01)
tOE
tHZC
Q(A4Y01)
D(A5)
Q(A6)
D(A7)
tLZOE Command WRITE D(A1) WRITE D(A2) BURST WRITE D(A2Y01) READ Q(A3) READ Q(A4) BURST READ Q(A4Y01) WRITE D(A5) READ Q(A6) WRITE D(A7) DSEL
Note: Y = XOR when LBO = high/no connect. Y = ADD when LBO = low.
4/13/05, v 1.3
Alliance Semiconductor
P. 12 of 18
AS7C33128NTF32B/36B
(R)
NOP, stall and deselect cycles
CLK CEN
CE1
CE0, CE2
ADV/LD
R/W
BWn
Address
A1
A2
A3
D/Q
Q(A1)
Q(A1Y01)
Q(A1Y10)
D(A2)
Command
READ Q(A1)
BURST STALL Q(A1Y01)
BURST DSEL Q(A1Y10)
BURST DSEL
WRITE D(A2)
BURST BURST WRITE NOP D(A2Y10) NOP D(A2Y01) D(A3)
Note: Y = XOR when LBO = high/no connect; Y = ADD when LBO = low. OE is low.
4/13/05, v 1.3
Alliance Semiconductor
P. 13 of 18
AS7C33128NTF32B/36B
(R)
Timing waveform of snooze mode
CLK tPUS ZZ setup cycle ZZ tZZI ZZ recovery cycle
Isupply
ISB2 tRZZI
All inputs (except ZZ)
Deselect or Read Only
Deselect or Read Only
Normal operation Cycle Dout High-Z
4/13/05, v 1.3
Alliance Semiconductor
P. 14 of 18
AS7C33128NTF32B/36B
(R)
AC test conditions
* Output load: For tLZC, tLZOE, tHZOE, and tHZC, see Figure C. For all others, see Figure B. * Input pulse level: GND to 3V. See Figure A. * Input rise and fall time (measured at 0.3V and 2.7V): 1.0V/ns. See Figure A. * Input and output timing reference levels: 1.5V
+3.0V VL = 1.5V for 3.3V I/O; 30 pF* = V DDQ/2 for 2.5V I/O Figure B: Output load (A) 50 DOUT 353/1538 Thevenin equivalent: +3.3V for 3.3V I/O; /+2.5V for 2.5V I/O 319/1667 5 pF* GND *including scope and jig capacitance
90%
90% 10%
DOUT
10% GND
Figure A: Input waveform
Figure C: Output load(B)
Notes
1) For test conditions, see "AC test conditions", Figures A, B, and C 2) This parameter measured with output load condition in Figure C. 3) This parameter is sampled, but not 100% tested. 4) tHZOE is less than tLZOE, and tHZC is less than tLZC at any given temperature and voltage. 5) tCH is measured high above VIH, and tCL is measured low below VIL 6) This is a synchronous device. All addresses must meet the specified setup and hold times for all rising edges of CLK. All other synchronous inputs must meet the setup and hold times with stable logic levels for all rising edges of CLK when chip is enabled. 7) Write refers to R/W and BW[a,b,c,d]. 8) Chip select refers to CE0, CE1, and CE2.
4/13/05, v 1.3
Alliance Semiconductor
P. 15 of 18
AS7C33128NTF32B/36B
(R)
Package dimensions 100-pin quad flat pack (TQFP)
Hd
A1 A2 b c D E e Hd He L L1 a
TQFP Min Max 0.05 0.15 1.35 1.45 0.22 0.38 0.09 0.20 13.90 14.10 19.90 20.10 0.65 nominal 15.90 16.10 21.90 22.10 0.45 0.75 1.00 nominal 0 7
Dimensions in millimeters c L1 L
D b
e
He E
A1 A2
4/13/05, v 1.3
Alliance Semiconductor
P. 16 of 18
AS7C33128NTF32B/36B
(R)
Ordering information
Package TQFP TQFP TQFP TQFP Width x32 x32 x36 x36 -75 AS7C33128NTF32B-75TQC AS7C33128NTF32B-75TQI AS7C33128NTF36B-75TQC AS7C33128NTF36B-75TQI -80 AS7C33128NTF32B-80TQC AS7C33128NTF32B-80TQI AS7C33128NTF36B-80TQC AS7C33128NTF36B-80TQI -10 AS7C33128NTF32B-10TQC AS7C33128NTF32B-10TQI AS7C33128NTF36B-80TQC AS7C33128NTF36B-10TQI
Notes: Add suffix `N' to the above part number for Lead Free Parts (Ex. AS7C33128NTF32B-75TQCN)
Part numbering guide
AS7C 1 33 2 128 3 NTF 4 32/36 5 B 6 -XX 7 TQ 8 C/I 9 X 10
1. Alliance Semiconductor SRAM prefix 2. Operating voltage: 33 = 3.3V 3. Organization: 128 = 128k 4. NTF= No Turn-Around Delay, Flow-through mode 5. Organization: 32 = x32, 36 = x36 6. Production version: B = Product revision 7. Clock access time: [ -75 = 7.5 ns; -80 = 8.0 ns; -10 = 10.0] 8. Package type: TQ = TQFP
9. Operating temperature: C = commercial (0 C to 70 C); I = industrial (-40 C to 85 C)
10. N = Lead free part
4/13/05, v 1.3
Alliance Semiconductor
P. 17 of 18
AS7C33128NTF32B/36B
(R)
(R)
Alliance Semiconductor Corporation 2575, Augustine Drive, Santa Clara, CA 95054 Tel: 408 - 855 - 4900 Fax: 408 - 855 - 4999 www.alsc.com
Copyright (c) Alliance Semiconductor All Rights Reserved Part Number: AS7C33128NTF32B AS7C33128NTF36B Document Version: v 1.3
(c) Copyright 2003 Alliance Semiconductor Corporation. All rights reserved. Our three-point logo, our name and Intelliwatt are trademarks or registered trademarks of Alliance. All other brand and product names may be the trademarks of their respective companies. Alliance reserves the right to make changes to this document and its products at any time without notice. Alliance assumes no responsibility for any errors that may appear in this document. The data contained herein represents Alliance's best data and/or estimates at the time of issuance. Alliance reserves the right to change or correct this data at any time, without notice. If the product described herein is under development, significant changes to these specifications are possible. The information in this product data sheet is intended to be general descriptive information for potential customers and users, and is not intended to operate as, or provide, any guarantee or warrantee to any user or customer. Alliance does not assume any responsibility or liability arising out of the application or use of any product described herein, and disclaims any express or implied warranties related to the sale and/or use of Alliance products including liability or warranties related to fitness for a particular purpose, merchantability, or infringement of any intellectual property rights, except as express agreed to in Alliance's Terms and Conditions of Sale (which are available from Alliance). All sales of Alliance products are made exclusively according to Alliance's Terms and Conditions of Sale. The purchase of products from Alliance does not convey a license under any patent rights, copyrights; mask works rights, trademarks, or any other intellectual property rights of Alliance or third parties. Alliance does not authorize its products for use as critical components in life-supporting systems where a malfunction or failure may reasonably be expected to result in significant injury to the user, and the inclusion of Alliance products in such life-supporting systems implies that the manufacturer assumes all risk of such use and agrees to indemnify Alliance against all claims arising from such use.


▲Up To Search▲   

 
Price & Availability of AS7C33128NTF3236B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X