Part Number Hot Search : 
PD030 BZW06 Z5250 85XXX EGP30D LTC1326I Z5250 J110A
Product Description
Full Text Search
 

To Download AN78M05NSP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Voltage Regulators
AN78MxxNSP Series
3-pin positive output voltage regulator (500 mA type)
I Overview
The AN78MxxNSP series is a 3-pin fixed positive output type monolithic voltage regulator housed in surface mounting package. Stabilized fixed output voltage is obtained from unstable DC input voltage with using minimum external components. 9 types of fixed output voltage are available; 5 V, 6 V, 7 V, 8 V, 9 V, 10 V, 12 V, 15 V and 18 V. They can be used widely in power circuits with current capacity up to 500 mA.
6.500.20 5.300.10 (4.35) (3.00)
Unit: mm
1.000.20
(1.80)
(2.50)
5.500.20
(5.50) 9.800.20
(0.20)
2.50
2 1 2.30 4.600.10
I Features
* Output voltage: 5 V, 6 V, 7 V, 8 V, 9 V, 10 V, 12 V, 15 V, 18 V * Built-in overcurrent limit circuit * Built-in thermal overload protection circuit * Built-in ASO (area of safe operation) protection circuit
3 0.750.10
(0.80)
0.55 -0.05 0.100.10
+0.10
SP-3SU Note) The package of this product will be changed to lead-free type (SP-3SUA). See the new package dimensions section later of this datasheet.
I Block Diagram
Pass Tr Current source
Current limitter
RSC
Starter
Voltage reference Error amp.
Thermal protection
R2 R1
1 Input CI CI 0.33 F, CO 0.1 F
2 FIN CO
3
Output
I Pin Descriptions
Pin No. 1 2 3 Input GND Output Description Input voltage pin Ground pin (FIN) Output voltage pin
SFF00012BEB
Publication date: November 2001
2.300.10
1.000.30
1
AN78MxxNSP Series
I Absolute Maximum Ratings
Parameter Supply voltage Supply current
*2 *3 *4 *1
Symbol VCC ICC PD Topr Tstg
Range 35 -30 to +85 -55 to +150
Unit V mA mW C C
Power dissipation
Operating ambient temperature Storage temperature
*1
Note) 1. *1: Except for the operating ambient temperature and storage temperature, all ratings are for Ta = 25C. *2: When VCC of 35 V is applied, the overvoltage protection of ASO protection circuit may shut off the output. *3: Since this IC has incorporated a current limiter, the current value does not exceed the rating. *4: When Tj exceeds 150C (designed value), the internal circuit cuts off the output. Note that the relationship between IC power dissipation and the ambient temperature must follow the derating curve. 2. This IC is not suitable for car electronics equipment.
I Electrical Characteristics at Ta = 25C
* AN78M05NSP (5 V type) The specified condition Tj = 25C means that the test should be carried out within so short a test time (within 10 ms) that the characteristic value drift due to the chip junction temperature rise can be ignored. Unless otherwise specified, VI = 10 V, IO = 350 mA, CI = 0.33 F and CO = 0.1 F Parameter Output voltage Output voltage tolerance Line regulation 1 Line regulation 2 Load regulation 1 Load regulation 2 Bias current Symbol VO1 VO2 Tj = 25C VI = 7.5 V to 20 V, IO = 5 mA to 350 mA Tj = 25C Conditions Min 4.8 4.75 62 Typ 5 3 1 20 10 4 Max 5.2 5.25 100 50 100 50 6 0.8 0.5 Unit V V mV mV mV mV mA mA mA dB
REGIN1 VI = 7.5 V to 25 V, Tj = 25C REGIN2 VI = 8 V to 25 V, Tj = 25C REGL1 REGL2 IBias IO = 5 mA to 500 mA, Tj = 25C IO = 5 mA to 200 mA, Tj = 25C Tj = 25C
Bias current fluctuation to input IBias(IN) VI = 8 V to 25 V, Tj = 25C Bias current fluctuation to load Ripple rejection ratio * Design reference data IBias(L) IO = 5 mA to 350 mA, Tj = 25C RR VI = 8 V to 18 V, IO = 100 mA, f = 120 Hz
Note) The characteristics listed below are theoretical values based on the IC design and are not guaranteed.
Parameter Output noise voltage
Symbol VNO
Conditions f = 10 Hz to 100 kHz
Min
Typ 40 2 300 1 000 - 0.5 150
Max
Unit V V mA mA mV/C C
Minimum input/output voltage VDIF(min) IO = 500 mA, Tj = 25C difference Output short-circuit current Peak output current Output voltage temperature coefficient Thermal protection operating temperature 2 IO(Short) IO(Peak) VI = 35 V, Tj = 25C Tj = 25C
VO / Ta IO = 5 mA, Tj = 0C to 125C Tj(TH) IO = 5 mA
SFF00012BEB
AN78MxxNSP Series
I Electrical Characteristics at Ta = 25C (continued)
* AN78M06NSP (6 V type) The specified condition Tj = 25C means that the test should be carried out within so short a test time (within 10 ms) that the characteristic value drift due to the chip junction temperature rise can be ignored. Unless otherwise specified, VI = 11 V, IO = 350 mA, CI = 0.33 F and CO = 0.1 F Parameter Output voltage Output voltage tolerance Line regulation 1 Line regulation 2 Load regulation 1 Load regulation 2 Bias current Symbol VO1 VO2 Tj = 25C VI = 8.5 V to 21 V, IO = 5 mA to 350 mA Tj = 25C Conditions Min 5.75 5.7 59 Typ 6 5 1.5 20 10 4 Max 6.25 6.3 100 50 120 60 6 0.8 0.5 Unit V V mV mV mV mV mA mA mA dB
REGIN1 VI = 8.5 V to 25 V, Tj = 25C REGIN2 VI = 9 V to 25 V, Tj = 25C REGL1 REGL2 IBias IO = 5 mA to 500 mA, Tj = 25C IO = 5 mA to 200 mA, Tj = 25C Tj = 25C
Bias current fluctuation to input IBias(IN) VI = 9 V to 25 V, Tj = 25C Bias current fluctuation to load Ripple rejection ratio * Design reference data IBias(L) IO = 5 mA to 350 mA, Tj = 25C RR VI = 9 V to 19 V, IO = 100 mA, f = 120 Hz
Note) The characteristics listed below are theoretical values based on the IC design and are not guaranteed.
Parameter Output noise voltage
Symbol VNO
Conditions f = 10 Hz to 100 kHz
Min
Typ 45 2 300 1 000 - 0.5 150
Max
Unit V V mA mA mV/C C
Minimum input/output voltage VDIF(min) IO = 500 mA, Tj = 25C difference Output short-circuit current Peak output current Output voltage temperature coefficient Thermal protection operating temperature IO(Short) IO(Peak) VI = 35 V, Tj = 25C Tj = 25C
VO / Ta IO = 5 mA, Tj = 0C to 125C Tj(TH) IO = 5 mA
SFF00012BEB
3
AN78MxxNSP Series
I Electrical Characteristics at Ta = 25C (continued)
* AN78M07NSP (7 V type) The specified condition Tj = 25C means that the test should be carried out within so short a test time (within 10 ms) that the characteristic value drift due to the chip junction temperature rise can be ignored. Unless otherwise specified, VI = 12 V, IO = 350 mA, CI = 0.33 F and CO = 0.1 F Parameter Output voltage Output voltage tolerance Line regulation 1 Line regulation 2 Load regulation 1 Load regulation 2 Bias current Symbol VO1 VO2 Tj = 25C VI = 9.5 V to 22 V, IO = 5 mA to 350 mA Tj = 25C Conditions Min 6.7 6.65 57 Typ 7 6 2 20 10 4 Max 7.3 7.35 100 50 140 70 6 0.8 0.5 Unit V V mV mV mV mV mA mA mA dB
REGIN1 VI = 9.5 V to 25 V, Tj = 25C REGIN2 VI = 10 V to 25 V, Tj = 25C REGL1 REGL2 IBias IO = 5 mA to 500 mA, Tj = 25C IO = 5 mA to 200 mA, Tj = 25C Tj = 25C
Bias current fluctuation to input IBias(IN) VI = 10 V to 25 V, Tj = 25C Bias current fluctuation to load Ripple rejection ratio * Design reference data IBias(L) IO = 5 mA to 350 mA, Tj = 25C RR VI = 10 V to 20 V, IO = 100 mA, f = 120 Hz
Note) The characteristics listed below are theoretical values based on the IC design and are not guaranteed.
Parameter Output noise voltage
Symbol VNO
Conditions f = 10 Hz to 100 kHz
Min
Typ 48 2 300 1 000 - 0.5 150
Max
Unit V V mA mA mV/C C
Minimum input/output voltage VDIF(min) IO = 500 mA, Tj = 25C difference Output short-circuit current Peak output current Output voltage temperature coefficient Thermal protection operating temperature IO(Short) IO(Peak) VI = 35 V, Tj = 25C Tj = 25C
VO / Ta IO = 5 mA, Tj = 0C to 125C Tj(TH) IO = 5 mA
4
SFF00012BEB
AN78MxxNSP Series
I Electrical Characteristics at Ta = 25C (continued)
* AN78M08NSP (8 V type) The specified condition Tj = 25C means that the test should be carried out within so short a test time (within 10 ms) that the characteristic value drift due to the chip junction temperature rise can be ignored. Unless otherwise specified, VI = 14 V, IO = 350 mA, CI = 0.33 F and CO = 0.1 F Parameter Output voltage Output voltage tolerance Line regulation 1 Line regulation 2 Load regulation 1 Load regulation 2 Bias current Symbol VO1 VO2 Tj = 25C VI = 10.5 V to 22 V, IO = 5 mA to 350 mA Tj = 25C Conditions Min 7.7 7.6 56 Typ 8 6 2 25 10 4.1 Max 8.3 8.4 100 50 160 80 6 0.8 0.5 Unit V V mV mV mV mV mA mA mA dB
REGIN1 VI = 10.5 V to 25 V, Tj = 25C REGIN2 VI = 11 V to 25 V, Tj = 25C REGL1 REGL2 IBias IO = 5 mA to 500 mA, Tj = 25C IO = 5 mA to 200 mA, Tj = 25C Tj = 25C
Bias current fluctuation to input IBias(IN) VI = 10.5 V to 25 V, Tj = 25C Bias current fluctuation to load Ripple rejection ratio * Design reference data IBias(L) IO = 5 mA to 350 mA, Tj = 25C RR VI = 11.5 V to 21.5 V, IO = 100 mA, f = 120 Hz
Note) The characteristics listed below are theoretical values based on the IC design and are not guaranteed.
Parameter Output noise voltage
Symbol VNO
Conditions f = 10 Hz to 100 kHz
Min
Typ 48 2 300 1 000 - 0.5 150
Max
Unit V V mA mA mV/C C
Minimum input/output voltage VDIF(min) IO = 500 mA, Tj = 25C difference Output short-circuit current Peak output current Output voltage temperature coefficient Thermal protection operating temperature IO(Short) IO(Peak) VI = 35 V, Tj = 25C Tj = 25C
VO / Ta IO = 5 mA, Tj = 0C to 125C Tj(TH) IO = 5 mA
SFF00012BEB
5
AN78MxxNSP Series
I Electrical Characteristics at Ta = 25C (continued)
* AN78M09NSP (9 V type) The specified condition Tj = 25C means that the test should be carried out within so short a test time (within 10 ms) that the characteristic value drift due to the chip junction temperature rise can be ignored. Unless otherwise specified, VI = 15 V, IO = 350 mA, CI = 0.33 F and CO = 0.1 F Parameter Output voltage Output voltage tolerance Line regulation 1 Line regulation 2 Load regulation 1 Load regulation 2 Bias current Symbol VO1 VO2 Tj = 25C Conditions Min 8.65 Typ 9 7 2 25 10 4.1 Max 9.35 9.45 100 50 180 90 6 0.8 0.5 Unit V V mV mV mV mV mA mA mA dB
VI = 11.5 V to 24 V, IO = 5 mA to 350 mA 8.55 Tj = 25C 56
REGIN1 VI = 11.5 V to 25 V, Tj = 25C REGIN2 VI = 12 V to 25 V, Tj = 25C REGL1 REGL2 IBias IO = 5 mA to 500 mA, Tj = 25C IO = 5 mA to 200 mA, Tj = 25C Tj = 25C
Bias current fluctuation to input IBias(IN) VI = 12 V to 25 V, Tj = 25C Bias current fluctuation to load Ripple rejection ratio * Design reference data IBias(L) IO = 5 mA to 350 mA, Tj = 25C RR VI = 12 V to 22 V, IO = 100 mA, f = 120 Hz
Note) The characteristics listed below are theoretical values based on the IC design and are not guaranteed.
Parameter Output noise voltage
Symbol VNO
Conditions f = 10 Hz to 100 kHz
Min
Typ 60 2 300 1 000 - 0.5 150
Max
Unit V V mA mA mV/C C
Minimum input/output voltage VDIF(min) IO = 500 mA, Tj = 25C difference output short-circuit current Peak output current Output voltage temperature coefficient Thermal protection operating temperature IO(Short) IO(Peak) VI = 35 V, Tj = 25C Tj = 25C
VO / Ta IO = 5 mA, Tj = 0C to 125C Tj(TH) IO = 5 mA
6
SFF00012BEB
AN78MxxNSP Series
I Electrical Characteristics at Ta = 25C (continued)
* AN78M10NSP (10 V type) The specified condition Tj = 25C means that the test should be carried out within so short a test time (within 10 ms) that the characteristic value drift due to the chip junction temperature rise can be ignored. Unless otherwise specified, VI = 16 V, IO = 350 mA, CI = 0.33 F and CO = 0.1 F Parameter Output voltage Output voltage tolerance Line regulation 1 Line regulation 2 Load regulation 1 Load regulation 2 Bias current Symbol VO1 VO2 Tj = 25C VI = 12.5 V to 25 V, IO = 5 mA to 350 mA Tj = 25C Conditions Min 9.6 9.5 56 Typ 10 7 2 25 10 4.1 Max 10.4 10.5 100 50 200 100 6 0.8 0.5 Unit V V mV mV mV mV mA mA mA dB
REGIN1 VI = 12.5 V to 30 V, Tj = 25C REGIN2 VI = 13 V to 25 V, Tj = 25C REGL1 REGL2 IBias IO = 5 mA to 500 mA, Tj = 25C IO = 5 mA to 200 mA, Tj = 25C Tj = 25C
Bias current fluctuation to input IBias(IN) VI = 13 V to 25 V, Tj = 25C Bias current fluctuation to load Ripple rejection ratio * Design reference data IBias(L) IO = 5 mA to 350 mA, Tj = 25C RR VI = 13 V to 23 V, IO = 100 mA, f = 120 Hz
Note) The characteristics listed below are theoretical values based on the IC design and are not guaranteed.
Parameter Output noise voltage
Symbol VNO
Conditions f = 10 Hz to 100 kHz
Min
Typ 65 2 300 1 000 - 0.5 150
Max
Unit V V mA mA mV/C C
Minimum input/output voltage VDIF(min) IO = 500 mA, Tj = 25C difference Output short-circuit current Peak output current Output voltage temperature coefficient Thermal protection operating temperature IO(Short) IO(Peak) VI = 35 V, Tj = 25C Tj = 25C
VO / Ta IO = 5 mA, Tj = 0C to 125C Tj(TH) IO = 5 mA
SFF00012BEB
7
AN78MxxNSP Series
I Electrical Characteristics at Ta = 25C (continued)
* AN78M12NSP (12 V type) The specified condition Tj = 25C means that the test should be carried out within so short a test time (within 10 ms) that the characteristic value drift due to the chip junction temperature rise can be ignored. Unless otherwise specified, VI = 19 V, IO = 350 mA, CI = 0.33 F and CO = 0.1 F Parameter Output voltage Output voltage tolerance Line regulation 1 Line regulation 2 Load regulation 1 Load regulation 2 Bias current Symbol VO1 VO2 Tj = 25C Conditions Min 11.5 Typ 12 8 2 25 10 4.3 Max 12.5 12.6 100 50 240 120 6 0.8 0.5 Unit V V mV mV mV mV mA mA mA dB
VI = 14.5 V to 27 V, IO = 5 mA to 350 mA 11.4 Tj = 25C 55
REGIN1 VI = 14.5 V to 30 V, Tj = 25C REGIN2 VI = 16 V to 30 V, Tj = 25C REGL1 REGL2 IBias IO = 5 mA to 500 mA, Tj = 25C IO = 5 mA to 200 mA, Tj = 25C Tj = 25C
Bias current fluctuation to input IBias(IN) VI = 14.5 V to 30 V, Tj = 25C Bias current fluctuation to load Ripple rejection ratio * Design reference data IBias(L) IO = 5 mA to 350 mA, Tj = 25C RR VI = 15 V to 25 V, IO = 100 mA, f = 120 Hz
Note) The characteristics listed below are theoretical values based on the IC design and are not guaranteed.
Parameter Output noise voltage
Symbol VNO
Conditions f = 10 Hz to 100 kHz
Min
Typ 75 2 300 1 000 - 0.5 150
Max
Unit V V mA mA mV/C C
Minimum input/output voltage VDIF(min) IO = 500 mA, Tj = 25C difference Output short-circuit current Peak output current Output voltage temperature coefficient Thermal protection operating temperature IO(Short) IO(Peak) VI = 35 V, Tj = 25C Tj = 25C
VO / Ta IO = 5 mA, Tj = 0C to 125C Tj(TH) IO = 5 mA
8
SFF00012BEB
AN78MxxNSP Series
I Electrical Characteristics at Ta = 25C (continued)
* AN78M15NSP (15 V type) The specified condition Tj = 25C means that the test should be carried out within so short a test time (within 10 ms) that the characteristic value drift due to the chip junction temperature rise can be ignored. Unless otherwise specified, VI = 23 V, IO = 350 mA, CI = 0.33 F and CO = 0.1 F Parameter Output voltage Output voltage tolerance Line regulation 1 Line regulation 2 Load regulation 1 Load regulation 2 Bias current Symbol VO1 VO2 Tj = 25C Conditions Min 14.4 Typ 15 10 3 25 10 4.3 Max 15.6 15.75 100 50 300 150 6 0.8 0.5 Unit V V mV mV mV mV mA mA mA dB
VI = 17.5 V to 30 V, IO = 5 mA to 350 mA 14.25 Tj = 25C 54
REGIN1 VI = 17.5 V to 30 V, Tj = 25C REGIN2 VI = 20 V to 30 V, Tj = 25C REGL1 REGL2 IBias IO = 5 mA to 500 mA, Tj = 25C IO = 5 mA to 200 mA, Tj = 25C Tj = 25C
Bias current fluctuation to input IBias(IN) VI = 17.5 V to 30 V, Tj = 25C Bias current fluctuation to load Ripple rejection ratio * Design reference data IBias(L) IO = 5 mA to 350 mA, Tj = 25C RR VI = 18.5 V to 28.5 V, IO = 100 mA, f = 120 Hz
Note) The characteristics listed below are theoretical values based on the IC design and are not guaranteed.
Parameter Output noise voltage
Symbol VNO
Conditions f = 10 Hz to 100 kHz
Min
Typ 90 2 300 1 000 - 0.5 150
Max
Unit V V mA mA mV/C C
Minimum input/output voltage VDIF(min) IO = 500 mA, Tj = 25C difference Output short-circuit current Peak output current Output voltage temperature coefficient Thermal protection operating temperature IO(Short) IO(Peak) VI = 35 V, Tj = 25C Tj = 25C
VO / Ta IO = 5 mA, Tj = 0C to 125C Tj(TH) IO = 5 mA
SFF00012BEB
9
AN78MxxNSP Series
I Electrical Characteristics at Ta = 25C (continued)
* AN78M18NSP (18 V type) The specified condition Tj = 25C means that the test should be carried out within so short a test time (within 10 ms) that the characteristic value drift due to the chip junction temperature rise can be ignored. Unless otherwise specified, VI = 27 V, IO = 350 mA, CI = 0.33 F and CO = 0.1 F Parameter Output voltage Output voltage tolerance Line regulation 1 Line regulation 2 Load regulation 1 Load regulation 2 Bias current Symbol VO1 VO2 Tj = 25C VI = 21 V to 33 V, IO = 5 mA to 350 mA Tj = 25C Conditions Min 17.3 17.1 53 Typ 18 10 5 30 10 4.4 Max 18.7 18.9 100 50 360 180 6 0.8 0.5 Unit V V mV mV mV mV mA mA mA dB
REGIN1 VI = 21 V to 33 V, Tj = 25C REGIN2 VI = 22 V to 33 V, Tj = 25C REGL1 REGL2 IBias IO = 5 mA to 500 mA, Tj = 25C IO = 5 mA to 200 mA, Tj = 25C Tj = 25C
Bias current fluctuation to input IBias(IN) VI = 21 V to 33 V, Tj = 25C Bias current fluctuation to load Ripple rejection ratio * Design reference data IBias(L) IO = 5 mA to 350 mA, Tj = 25C RR VI = 22 V to 32 V, IO = 100 mA, f = 120 Hz
Note) The characteristics listed below are theoretical values based on the IC design and are not guaranteed.
Parameter Output noise voltage
Symbol VNO
Conditions f = 10 Hz to 100 kHz
Min
Typ 100 2 300 1 000 - 0.5 150
Max
Unit V V mA mA mV/C C
Minimum input/output voltage VDIF(min) IO = 500 mA, Tj = 25C difference Output short-circuit current Peak output current Output voltage temperature coefficient Thermal protection operating temperature IO(Short) IO(Peak) VI = 35 V, Tj = 25C Tj = 25C
VO / Ta IO = 5 mA, Tj = 0C to 125C Tj(TH) IO = 5 mA
10
SFF00012BEB
AN78MxxNSP Series
I Application Notes
1. PD Ta curves of SP-3SU
6.00 Mounted on Al board (50 x 50 x t2.0 mm3) Rth(j-a) = 25.0C/W
PD T a
5.00
Power dissipation PD (W)
4.00
Mounted on glass epoxy board 2 (50 x 50 x t1.5 mm3) Rth(j-a) = 89.3C/W Mounted on glass epoxy board 1 (20 x 20 x t1.7 mm3) Rth(j-a) = 147.0C/W
3.00
2.00 1.40 1.00 0.85 0.70 0 0
Independent IC without a heat sink Rth( j-a) = 178.0C/W 25 50 75 100 125 150
2. Main Characteristics Output voltage temperature characteristic
0 VIN = 10 V IO = 5 mA
Ambient temperature Ta (C)
Minimum input/output voltage difference vs. load current characteristic
2 Tj = 25C 1.8 1.6
- 0.5
1.4
VOUT (%)
VDIF (V)
-25 0 25 50 75 100 125 150
1.2 1.0 0.8 0.6
-1
-1.5
0.4 0.2
-100 -50
0 0 0.1 0.2 0.3 0.4 0.5
Ta (C)
IO (A)
Current limit characteristics
6 Tj = 25C
Ripple rejection ratio vs. frequency characteristic
0 -10 VIN = 10 V IO = 100 mA
5
Ripple rejection ratio RR (dB)
-20 -30 -40 -50 -60 -70 -80
4 VI = 30 V
VO (V)
3
VI = 20 V VI = 10 V
2
1
0 0 0.2 0.4 0.6 0.8 1.0 1.2
100 1k 10k 100k 1M
IO (A)
SFF00012BEB
Frequency f (Hz)
11
AN78MxxNSP Series
I New Package Dimensions (Unit: mm)
* SP-3SUA (Lead-free package) 6.500.10 5.400.10 (4.35) (3.00)
(1.80) (2.50)
(0.50)
5.500.10
(5.30) 9.800.20
2.500.20
(0.50)
2
1.000.20 3 0.75+0.10 -0.05
1
2.30 4.600.10
0.23 M
0.100.10 0.50+0.10 -0.05
12
SFF00012BEB
2.300.10
1.000.20
Request for your special attention and precautions in using the technical information and semiconductors described in this material
(1) An export permit needs to be obtained from the competent authorities of the Japanese Government if any of the products or technologies described in this material and controlled under the "Foreign Exchange and Foreign Trade Law" is to be exported or taken out of Japan. (2) The technical information described in this material is limited to showing representative characteristics and applied circuit examples of the products. It does not constitute the warranting of industrial property, the granting of relative rights, or the granting of any license. (3) The products described in this material are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). Consult our sales staff in advance for information on the following applications: * Special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. * Any applications other than the standard applications intended. (4) The products and product specifications described in this material are subject to change without notice for reasons of modification and/or improvement. At the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date Product Standards in advance to make sure that the latest specifications satisfy your requirements. (5) When designing your equipment, comply with the guaranteed values, in particular those of maximum rating, the range of operating power supply voltage and heat radiation characteristics. Otherwise, we will not be liable for any defect which may arise later in your equipment. Even when the products are used within the guaranteed values, redundant design is recommended, so that such equipment may not violate relevant laws or regulations because of the function of our products. (6) When using products for which dry packing is required, observe the conditions (including shelf life and after-unpacking standby time) agreed upon when specification sheets are individually exchanged. (7) No part of this material may be reprinted or reproduced by any means without written permission from our company.
Please read the following notes before using the datasheets
A. These materials are intended as a reference to assist customers with the selection of Panasonic semiconductor products best suited to their applications. Due to modification or other reasons, any information contained in this material, such as available product types, technical data, and so on, is subject to change without notice. Customers are advised to contact our semiconductor sales office and obtain the latest information before starting precise technical research and/or purchasing activities. B. Panasonic is endeavoring to continually improve the quality and reliability of these materials but there is always the possibility that further rectifications will be required in the future. Therefore, Panasonic will not assume any liability for any damages arising from any errors etc. that may appear in this material. C. These materials are solely intended for a customer's individual use. Therefore, without the prior written approval of Panasonic, any other use such as reproducing, selling, or distributing this material to a third party, via the Internet or in any other way, is prohibited.
2001 MAR


▲Up To Search▲   

 
Price & Availability of AN78M05NSP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X