Part Number Hot Search : 
AME88 E110C 4R7M10 6545SP AM8257 BD5252G 25VF020 2SK656
Product Description
Full Text Search
 

To Download AGB3312 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AGB3312
50 High Linearity Low Noise Internally Biased Wideband Gain Block
PRELIMINARY DATA SHEET - Rev 1.0
FEATURES
* * * * * * * * * On-chip Active Bias DC-7000 MHz Operation Bandwidth +42 dBm Output IP3 at 850 MHz 5 dB Noise Figure at 850 MHz 11 dB Gain +17 dBm P1dB SOT-89 Package Single +5 V Supply Case Temperature: -40 to +85 C
APPLICATIONS
* * * * Cellular Base Stations for W-CDMA, CDMA, TDMA, GSM, PCS and CDPD systems Fixed Wireless MMDS/WLL WLAN
S24 Package SOT-89
PRODUCT DESCRIPTION
The AGB3312 is one of a series of high performance InGaP HBT amplifiers designed for use in applications requiring high linearity, low noise, and low distortion. Active bias circuits on-chip eliminate the need for external resistive feedback, and no external matching components are needed for insertion into a 50 system. With a high output IP3, low noise figure, and wide band operation, the AGB3312 is ideal for wireless infrastructure applications such as Cellular Base Stations, MMDS, and WLL. Offered in a low cost SOT-89 surface mount package, the AGB3312 requires a single +5 V supply, and typically consumes 0.4 Watts of power.
RF Input
RF Output / Bias Active Bias
Figure 1: Block Diagram
07/2003
AGB3312
GND
4
1
RFIN
2
GND
3
RFOUT
Figure 2: Pinout (X-ray Top View)
Table 1: Pin Description
PIN 1 2 3 4 NAME RFIN GND RFOUT GND DESCRIPTION RF Input Ground RF Output / Bias Ground
2
PRELIMINARY DATA SHEET - Rev 1.0 07/2003
AGB3312
ELECTRICAL CHARACTERISTICS
Table 2: Absolute Minimum and Maximum Ratings
PARAMETER Device Voltage (VCC) RF Input Power (PIN) Storage Temperature (TSTG) Junction Temperature MIN 0 -40 MAX +6 +10 +150 +200 UNIT VD C dB m C C
Stresses in excess of the absolute ratings may cause permanent damage. Functional operation is not implied under these conditions. Exposure to absolute ratings for extended periods of time may adversely affect reliability.
Table 3: Operating Ranges
PARAMETER Operating Frequency (f) (1) Supply Voltage (VSUPPLY) Case Temperature (TC)
MIN -40
TYP +5 -
MAX 7000 +85
UNIT MHz VD C C
The device may be operated safely over these conditions; however, parametric performance is guaranteed only over the conditions defined in the electrical specifications. Notes: (1) Operating frequency is defined by the output return loss (S22) having a VSWR less than 2:1.
PRELIMINARY DATA SHEET - Rev 1.0 07/2003
3
AGB3312 Table 4: Electrical Specifications (TA = +25 C, VSUPPLY = +5 VDC, 50 system) PARAMETER Gain (S21) 850 1950 2140 2450 Output IP3
(1)
MIN MHz MHz MHz MHz MHz MHz MHz MHz -
TYP 11 11 11 11 +42 +35 +35 +34 +17 5 140 80
MAX -
UNIT
dB
850 1950 2140 2450
dB m
Output 1dB Compression (P1dB) 850 MHz Noise Figure 850 MHz Thermal Resistance ( JC) Supply Current (ICC)
dB m dB C/W mA
Notes: (1) OIP3 is measured with two tones at 1 MHz spacing at 0 dBm output power per tone. 2. Performance as measured on ANADIGICS test fixture (see Figure 3).
All capacitors are muRata GRM39 series. The inductor is a Coilcraft 0603CS series.
+5 VDC
10 pF
100 pF
0.01 F
100 nH
0.01 F RF Input
AGB3312
0.01 F RF Output
Figure 3: Application Circuit (50 Terminations)
4
PRELIMINARY DATA SHEET - Rev 1.0 07/2003
AGB3312
PERFORMANCE DATA
Figure 4: Gain vs. Frequency De-embedded 50W S-parameter (TA = +25 C, VSUPPLY = +5 V, ICC = 80 mA)
25 0
Figure 5: Isolation vs. Frequency De-embedded 50W S-parameter (TA = +25 C, VSUPPLY = +5 V, ICC = 80 mA)
20
-10
15
Mag S12: Isolation (dB)
0 1 2 3 4 5 6 7
Mag S21: Gain (dB)
-20
10
-30
5
-40
0
-50 0 1 2 3 4 5 6 7
Frequency (GHz)
Frequency (GHz)
Figure 6: Input Return Loss vs. Frequency De-embedded 50W S-parameter (TA = +25 C, VSUPPLY = +5 V, ICC = 80 mA)
0
Figure 7: Output Return Loss vs. Frequency De-embedded 50W S-parameter (TA = +25 C, VSUPPLY = +5 V, ICC = 80 mA)
0
-10
Mag S22: Output Return Loss (dB)
0 1 2 3 4 5 6 7
Mag S11: Input Return Loss (dB)
-10
-20
-20
-30
-30
-40
-40
-50
-50 0 1 2 3 4 5 6 7
Frequency (GHz)
Frequency (GHz)
PRELIMINARY DATA SHEET - Rev 1.0 07/2003
5
AGB3312
PACKAGE OUTLINE
Figure 8: S24 Package Outline - SOT-89
3312 LLLLNN
LLLL= FOUR NUMERIC CHARACTERS
Figure 9: Branding Specification 6
PRELIMINARY DATA SHEET - Rev 1.0 07/2003
AGB3312
NOTES
PRELIMINARY DATA SHEET - Rev 1.0 07/2003
7
AGB3312
ORDERING INFORMATION
PART NUMBER AGB3312S24Q1 TEMPERATURE RANGE -40 to +85C PACKAGE DESCRIPTION SOT-89 Package COMPONENT PACKAGING 1,000 piece Tape and Reel
ANADIGICS, Inc.
141 Mount Bethel Road Warren, New Jersey 07059, U.S.A. Tel: +1 (908) 668-5000 Fax: +1 (908) 668-5132 URL: http://www.anadigics.com E-mail: Mktg@anadigics.com IMPORTANT NOTICE
ANADIGICS, Inc. reserves the right to make changes to its products or to discontinue any product at any time without notice. The product specifications contained in Advanced Product Information sheets and Preliminary Data Sheets are subject to change prior to a product's formal introduction. Information in Data Sheets have been carefully checked and are assumed to be reliable; however, ANADIGICS assumes no responsibilities for inaccuracies. ANADIGICS strongly urges customers to verify that the information they are using is current before placing orders.
WARNING
ANADIGICS products are not intended for use in life support appliances, devices or systems. Use of an ANADIGICS product in any such application without written consent is prohibited.
8
PRELIMINARY DATA SHEET - Rev 1.0 07/2003


▲Up To Search▲   

 
Price & Availability of AGB3312

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X