Part Number Hot Search : 
MC10E111 CPT40040 2SK3299 T54FCT MTA106D 2SA1474 LPC2361 PG1250
Product Description
Full Text Search
 

To Download ADC0809 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ADC0808/ADC0809 8-Bit P Compatible A/D Converters with 8-Channel Multiplexer
October 2002
ADC0808/ADC0809 8-Bit P Compatible A/D Converters with 8-Channel Multiplexer
General Description
The ADC0808, ADC0809 data acquisition component is a monolithic CMOS device with an 8-bit analog-to-digital converter, 8-channel multiplexer and microprocessor compatible control logic. The 8-bit A/D converter uses successive approximation as the conversion technique. The converter features a high impedance chopper stabilized comparator, a 256R voltage divider with analog switch tree and a successive approximation register. The 8-channel multiplexer can directly access any of 8-single-ended analog signals. The device eliminates the need for external zero and full-scale adjustments. Easy interfacing to microprocessors is provided by the latched and decoded multiplexer address inputs and latched TTL TRI-STATE outputs. The design of the ADC0808, ADC0809 has been optimized by incorporating the most desirable aspects of several A/D conversion techniques. The ADC0808, ADC0809 offers high speed, high accuracy, minimal temperature dependence, excellent long-term accuracy and repeatability, and consumes minimal power. These features make this device ideally suited to applications from process and machine control to consumer and automotive applications. For 16-channel multiplexer with common output (sample/hold port) see ADC0816 data sheet. (See AN-247 for more information.)
Features
n Easy interface to all microprocessors n Operates ratiometrically or with 5 VDC or analog span adjusted voltage reference n No zero or full-scale adjust required n 8-channel multiplexer with address logic n 0V to 5V input range with single 5V power supply n Outputs meet TTL voltage level specifications n ADC0808 equivalent to MM74C949 n ADC0809 equivalent to MM74C949-1
Key Specifications
n n n n n Resolution Total Unadjusted Error Single Supply Low Power Conversion Time 8 Bits
12 LSB and 1 LSB
5 VDC 15 mW 100 s
Block Diagram
00567201
See Ordering Information
(c) 2002 National Semiconductor Corporation
DS005672
www.national.com
ADC0808/ADC0809
Connection Diagrams
Dual-In-Line Package Molded Chip Carrier Package
00567211
00567212
Order Number ADC0808CCN or ADC0809CCN See NS Package J28A or N28A
Order Number ADC0808CCV or ADC0809CCV See NS Package V28A
Ordering Information
TEMPERATURE RANGE Error -40C to +85C ADC0808CCN ADC0809CCN N28A Molded DIP ADC0808CCV ADC0809CCV V28A Molded Chip Carrier
12 LSB Unadjusted 1 LSB Unadjusted
Package Outline
www.national.com
2
ADC0808/ADC0809
Absolute Maximum Ratings
1)
(Notes 2,
Dual-In-Line Package (plastic) Molded Chip Carrier Package Vapor Phase (60 seconds) Infrared (15 seconds) ESD Susceptibility (Note 8)
260C 215C 220C 400V
If Military/Aerospace specified devices are required, please contact the National Semiconductor Sales Office/ Distributors for availability and specifications. Supply Voltage (VCC) (Note 3) Voltage at Any Pin Except Control Inputs Voltage at Control Inputs Storage Temperature Range Package Dissipation at TA =25C Lead Temp. (Soldering, 10 seconds) -0.3V to +15V -65C to +150C 875 mW (START, OE, CLOCK, ALE, ADD A, ADD B, ADD C) 6.5V -0.3V to (VCC+0.3V)
Operating Conditions
Temperature Range (Note 1) ADC0808CCN,ADC0809CCN ADC0808CCV, ADC0809CCV Range of VCC (Note 1)
(Notes 1, 2) TMINTATMAX -40CTA+85C -40CTA+85C 4.5 VDC to 6.0 VDC
Electrical Characteristics
Converter Specifications: VCC =5 VDC =VREF+, VREF(-) =GND, TMINTATMAX and fCLK =640 kHz unless otherwise stated. Symbol ADC0808 Total Unadjusted Error (Note 5) ADC0809 Total Unadjusted Error (Note 5) Input Resistance Analog Input Voltage Range VREF(+) Voltage, Top of Ladder Voltage, Center of Ladder 0C to 70C TMIN to TMAX From Ref(+) to Ref(-) (Note 4) V(+) or V(-) Measured at Ref(+) VCC/2-0.1 1.0 GND-0.10 VCC VCC/2 2.5 VCC+0.10 VCC+0.1 VCC/2+0.1 25C TMIN to TMAX Parameter Conditions Min Typ Max Units LSB LSB LSB LSB k VDC V V
12 34 1 114
VREF(-) IIN
Voltage, Bottom of Ladder Comparator Input Current
Measured at Ref(-) fc =640 kHz, (Note 6)
-0.1 -2
0
V 2 A
0.5
Electrical Characteristics
Digital Levels and DC Specifications: ADC0808CCN, ADC0808CCV, ADC0809CCN and ADC0809CCV, 4.75VCC5.25V, -40CTA+85C unless otherwise noted Symbol ANALOG MULTIPLEXER IOFF(+) OFF Channel Leakage Current VCC =5V, VIN =5V, TA =25C TMIN to TMAX IOFF(-) OFF Channel Leakage Current VCC =5V, VIN =0, TA =25C TMIN to TMAX CONTROL INPUTS VIN(1) VIN(0) IIN(1) IIN(0) ICC Logical "1" Input Voltage Logical "0" Input Voltage Logical "1" Input Current (The Control Inputs) Logical "0" Input Current (The Control Inputs) Supply Current fCLK =640 kHz
3
Parameter
Conditions
Min
Typ
Max
Units
10
200 1.0
nA A nA A V
-200 -1.0 VCC-1.5
-10
1.5 VIN =15V VIN =0 -1.0 0.3 3.0 1.0
V A A mA
www.national.com
ADC0808/ADC0809
Electrical Characteristics
Symbol VOUT(1) Parameter Logical "1" Output Voltage
(Continued) Digital Levels and DC Specifications: ADC0808CCN, ADC0808CCV, ADC0809CCN and ADC0809CCV, 4.75VCC5.25V, -40CTA+85C unless otherwise noted Conditions VCC = 4.75V IOUT = -360A IOUT = -10A IO =1.6 mA IO =1.2 mA VO =5V VO =0 -3 Min Typ Max Units
DATA OUTPUTS AND EOC (INTERRUPT) 2.4 4.5 0.45 0.45 3 V(min) V(min) V V A A
VOUT(0) VOUT(0) IOUT
Logical "0" Output Voltage Logical "0" Output Voltage EOC TRI-STATE Output Current
Electrical Characteristics
Timing Specifications VCC =VREF(+) =5V, VREF(-) =GND, tr =tf =20 ns and TA =25C unless otherwise noted. Symbol tWS tWALE ts tH tD tH1, tH0 t1H, t0H tc fc tEOC CIN COUT Parameter Minimum Start Pulse Width Minimum ALE Pulse Width Minimum Address Set-Up Time Minimum Address Hold Time Analog MUX Delay Time From ALE OE Control to Q Logic State OE Control to Hi-Z Conversion Time Clock Frequency EOC Delay Time Input Capacitance TRI-STATE Output Capacitance
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not apply when operating the device beyond its specified operating conditions. Note 2: All voltages are measured with respect to GND, unless othewise specified. Note 3: A zener diode exists, internally, from VCC to GND and has a typical breakdown voltage of 7 VDC. Note 4: Two on-chip diodes are tied to each analog input which will forward conduct for analog input voltages one diode drop below ground or one diode drop greater than the VCCn supply. The spec allows 100 mV forward bias of either diode. This means that as long as the analog VIN does not exceed the supply voltage by more than 100 mV, the output code will be correct. To achieve an absolute 0VDC to 5VDC input voltage range will therefore require a minimum supply voltage of 4.900 VDC over temperature variations, initial tolerance and loading. Note 5: Total unadjusted error includes offset, full-scale, linearity, and multiplexer errors. See Figure 3. None of these A/Ds requires a zero or full-scale adjust. However, if an all zero code is desired for an analog input other than 0.0V, or if a narrow full-scale span exists (for example: 0.5V to 4.5V full-scale) the reference voltages can be adjusted to achieve this. See Figure 13. Note 6: Comparator input current is a bias current into or out of the chopper stabilized comparator. The bias current varies directly with clock frequency and has little temperature dependence (Figure 6). See paragraph 4.0. Note 7: The outputs of the data register are updated one clock cycle before the rising edge of EOC. Note 8: Human body model, 100 pF discharged through a 1.5 k resistor.
Conditions (Figure 5) (Figure 5) (Figure 5) (Figure 5) RS =0 (Figure 5) CL =50 pF, RL =10k (Figure 8) CL =10 pF, RL =10k (Figure 8) fc =640 kHz, (Figure 5) (Note 7) (Figure 5) At Control Inputs At TRI-STATE Outputs
MIn
Typ 100 100 25 25 1 125 125
Max 200 200 50 50 2.5 250 250 116 1280 8+2 S
Units ns ns ns ns s ns ns s kHz Clock Periods pF pF
90 10 0
100 640
10 10
15 15
www.national.com
4
ADC0808/ADC0809
Functional Description
Multiplexer. The device contains an 8-channel single-ended analog signal multiplexer. A particular input channel is selected by using the address decoder. Table 1 shows the input states for the address lines to select any channel. The address is latched into the decoder on the low-to-high transition of the address latch enable signal. TABLE 1. SELECTED ANALOG CHANNEL IN0 IN1 IN2 IN3 IN4 IN5 IN6 IN7 ADDRESS LINE C L L L L H H H H B L L H H L L H H A L H L H L H L H
The bottom resistor and the top resistor of the ladder network in Figure 1 are not the same value as the remainder of the network. The difference in these resistors causes the output characteristic to be symmetrical with the zero and full-scale points of the transfer curve. The first output transition occurs when the analog signal has reached +12 LSB and succeeding output transitions occur every 1 LSB later up to full-scale. The successive approximation register (SAR) performs 8 iterations to approximate the input voltage. For any SAR type converter, n-iterations are required for an n-bit converter. Figure 2 shows a typical example of a 3-bit converter. In the ADC0808, ADC0809, the approximation technique is extended to 8 bits using the 256R network. The A/D converter's successive approximation register (SAR) is reset on the positive edge of the start conversion start pulse. The conversion is begun on the falling edge of the start conversion pulse. A conversion in process will be interrupted by receipt of a new start conversion pulse. Continuous conversion may be accomplished by tying the end-of-conversion (EOC) output to the SC input. If used in this mode, an external start conversion pulse should be applied after power up. End-of-conversion will go low between 0 and 8 clock pulses after the rising edge of start conversion. The most important section of the A/D converter is the comparator. It is this section which is responsible for the ultimate accuracy of the entire converter. It is also the comparator drift which has the greatest influence on the repeatability of the device. A chopper-stabilized comparator provides the most effective method of satisfying all the converter requirements. The chopper-stabilized comparator converts the DC input signal into an AC signal. This signal is then fed through a high gain AC amplifier and has the DC level restored. This technique limits the drift component of the amplifier since the drift is a DC component which is not passed by the AC amplifier. This makes the entire A/D converter extremely insensitive to temperature, long term drift and input offset errors. Figure 4 shows a typical error curve for the ADC0808 as measured using the procedures outlined in AN-179.
CONVERTER CHARACTERISTICS The Converter The heart of this single chip data acquisition system is its 8-bit analog-to-digital converter. The converter is designed to give fast, accurate, and repeatable conversions over a wide range of temperatures. The converter is partitioned into 3 major sections: the 256R ladder network, the successive approximation register, and the comparator. The converter's digital outputs are positive true. The 256R ladder network approach (Figure 1) was chosen over the conventional R/2R ladder because of its inherent monotonicity, which guarantees no missing digital codes. Monotonicity is particularly important in closed loop feedback control systems. A non-monotonic relationship can cause oscillations that will be catastrophic for the system. Additionally, the 256R network does not cause load variations on the reference voltage.
5
www.national.com
ADC0808/ADC0809
Functional Description
(Continued)
00567202
FIGURE 1. Resistor Ladder and Switch Tree
00567213 00567214
FIGURE 2. 3-Bit A/D Transfer Curve
FIGURE 3. 3-Bit A/D Absolute Accuracy Curve
00567215
FIGURE 4. Typical Error Curve
www.national.com
6
ADC0808/ADC0809
Timing Diagram
00567204
FIGURE 5.
7
www.national.com
ADC0808/ADC0809
Typical Performance Characteristics
00567216
FIGURE 6. Comparator IIN vs VIN (VCC =VREF =5V)
00567217
FIGURE 7. Multiplexer RON vs VIN (VCC =VREF =5V)
www.national.com
8
ADC0808/ADC0809
TRI-STATE Test Circuits and Timing Diagrams
t1H, tH1 t0H, tH0
00567218
00567221
t1H, CL = 10 pF
t0H, CL = 10 pF
00567219
00567222
tH1, CL = 50 pF
tH0, CL = 50 pF
00567223 00567220
FIGURE 8.
Applications Information
OPERATION 1.0 RATIOMETRIC CONVERSION The ADC0808, ADC0809 is designed as a complete Data Acquisition System (DAS) for ratiometric conversion systems. In ratiometric systems, the physical variable being measured is expressed as a percentage of full-scale which is not necessarily related to an absolute standard. The voltage input to the ADC0808 is expressed by the equation
(1) VIN =Input voltage into the ADC0808 Vfs =Full-scale voltage VZ =Zero voltage DX =Data point being measured DMAX =Maximum data limit
DMIN =Minimum data limit A good example of a ratiometric transducer is a potentiometer used as a position sensor. The position of the wiper is directly proportional to the output voltage which is a ratio of the full-scale voltage across it. Since the data is represented as a proportion of full-scale, reference requirements are greatly reduced, eliminating a large source of error and cost for many applications. A major advantage of the ADC0808, ADC0809 is that the input voltage range is equal to the supply range so the transducers can be connected directly across the supply and their outputs connected directly into the multiplexer inputs, (Figure 9). Ratiometric transducers such as potentiometers, strain gauges, thermistor bridges, pressure transducers, etc., are suitable for measuring proportional relationships; however, many types of measurements must be referred to an absolute standard such as voltage or current. This means a system reference must be used which relates the full-scale voltage to the standard volt. For example, if VCC =VREF =5.12V, then the full-scale range is divided into 256 standard steps. The smallest standard step is 1 LSB which is then 20 mV.
9
www.national.com
ADC0808/ADC0809
Applications Information
2.0 RESISTOR LADDER LIMITATIONS
(Continued)
The voltages from the resistor ladder are compared to the selected into 8 times in a conversion. These voltages are coupled to the comparator via an analog switch tree which is referenced to the supply. The voltages at the top, center and bottom of the ladder must be controlled to maintain proper operation. The top of the ladder, Ref(+), should not be more positive than the supply, and the bottom of the ladder, Ref(-), should
not be more negative than ground. The center of the ladder voltage must also be near the center of the supply because the analog switch tree changes from N-channel switches to P-channel switches. These limitations are automatically satisfied in ratiometric systems and can be easily met in ground referenced systems. Figure 10 shows a ground referenced system with a separate supply and reference. In this system, the supply must be trimmed to match the reference voltage. For instance, if a 5.12V is used, the supply should be adjusted to the same voltage within 0.1V.
00567207
FIGURE 9. Ratiometric Conversion System The ADC0808 needs less than a milliamp of supply current so developing the supply from the reference is readily accomplished. In Figure 11 a ground referenced system is shown which generates the supply from the reference. The buffer shown can be an op amp of sufficient drive to supply the milliamp of supply current and the desired bus drive, or if a capacitive bus is driven by the outputs a large capacitor will supply the transient supply current as seen in Figure 12. The LM301 is overcompensated to insure stability when loaded by the 10 F output capacitor. The top and bottom ladder voltages cannot exceed VCC and ground, respectively, but they can be symmetrically less than VCC and greater than ground. The center of the ladder voltage should always be near the center of the supply. The sensitivity of the converter can be increased, (i.e., size of the LSB steps decreased) by using a symmetrical reference system. In Figure 13, a 2.5V reference is symmetrically centered about VCC/2 since the same current flows in identical resistors. This system with a 2.5V reference allows the LSB bit to be half the size of a 5V reference system.
www.national.com
10
ADC0808/ADC0809
Applications Information
(Continued)
00567224
FIGURE 10. Ground Referenced Conversion System Using Trimmed Supply
00567225
FIGURE 11. Ground Referenced Conversion System with Reference Generating VCC Supply
11
www.national.com
ADC0808/ADC0809
Applications Information
(Continued)
00567226
FIGURE 12. Typical Reference and Supply Circuit
00567227
RA =RB
*Ratiometric transducers
FIGURE 13. Symmetrically Centered Reference 3.0 CONVERTER EQUATIONS The transition between adjacent codes N and N+1 is given by: The output code N for an arbitrary input are the integers within the range:
(4) (2) The center of an output code N is given by: Where: VIN =Voltage at comparator input VREF(+) =Voltage at Ref(+) VREF(-) =Voltage at Ref(-) VTUE =Total unadjusted error voltage (typically VREF(+)/512)
(3)
www.national.com 12
ADC0808/ADC0809
Applications Information
4.0 ANALOG COMPARATOR INPUTS
(Continued)
The dynamic comparator input current is caused by the periodic switching of on-chip stray capacitances. These are connected alternately to the output of the resistor ladder/ switch tree network and to the comparator input as part of the operation of the chopper stabilized comparator. The average value of the comparator input current varies directly with clock frequency and with VIN as shown in Figure 6.
If no filter capacitors are used at the analog inputs and the signal source impedances are low, the comparator input current should not introduce converter errors, as the transient created by the capacitance discharge will die out before the comparator output is strobed. If input filter capacitors are desired for noise reduction and signal conditioning they will tend to average out the dynamic comparator input current. It will then take on the characteristics of a DC bias current whose effect can be predicted conventionally.
Typical Application
00567210
*Address latches needed for 8085 and SC/MP interfacing the ADC0808 to a microprocessor
TABLE 2. Microprocessor Interface Table PROCESSOR 8080 8085 Z-80 SC/MP 6800 RD RD NRDS VMA*2*R/W READ MEMR WR WR NWDS VMA**R/W WRITE MEMW INTERRUPT (COMMENT) INTR (Thru RST Circuit) INTR (Thru RST Circuit) INT (Thru RST Circuit, Mode 0) SA (Thru Sense A) IRQA or IRQB (Thru PIA)
13
www.national.com
ADC0808/ADC0809
Physical Dimensions
unless otherwise noted
inches (millimeters)
Molded Dual-In-Line Package (N) Order Number ADC0808CCN or ADC0809CCN NS Package Number N28B
www.national.com
14
ADC0808/ADC0809 8-Bit P Compatible A/D Converters with 8-Channel Multiplexer
Physical Dimensions
inches (millimeters) unless otherwise noted (Continued)
Molded Chip Carrier (V) Order Number ADC0808CCV or ADC0809CCV NS Package Number V28A
LIFE SUPPORT POLICY NATIONAL'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT AND GENERAL COUNSEL OF NATIONAL SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user.
National Semiconductor Corporation Americas Email: support@nsc.com National Semiconductor Europe Fax: +49 (0) 180-530 85 86 Email: europe.support@nsc.com Deutsch Tel: +49 (0) 69 9508 6208 English Tel: +44 (0) 870 24 0 2171 Francais Tel: +33 (0) 1 41 91 8790
2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
National Semiconductor Asia Pacific Customer Response Group Tel: 65-2544466 Fax: 65-2504466 Email: ap.support@nsc.com
National Semiconductor Japan Ltd. Tel: 81-3-5639-7560 Fax: 81-3-5639-7507
www.national.com
National does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and National reserves the right at any time without notice to change said circuitry and specifications.


▲Up To Search▲   

 
Price & Availability of ADC0809

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X