Part Number Hot Search : 
CA9011 KBPC10XX AK4536VN IRFZ4 LBN09019 E130A MD7540 KSMF2N60
Product Description
Full Text Search
 

To Download 74VHC4066 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74VHC4066 Quad Analog Switch
April 1994 Revised January 2000
74VHC4066 Quad Analog Switch
General Description
These devices are digitally controlled analog switches utilizing advanced silicon-gate CMOS technology. These switches have low "on" resistance and low "off" leakages. They are bidirectional switches, thus any analog input may be used as an output and visa-versa. Also the 4066 switches contain linearization circuitry which lowers the "on" resistance and increases switch linearity. The 4066 devices allow control of up to 12V (peak) analog signals with digital control signals of the same range. Each switch has its own control input which disables each switch when low. All analog inputs and outputs and digital inputs are protected from electrostatic damage by diodes to VCC and ground.
Features
s Typical switch enable time: 15 ns s Wide analog input voltage range: 0-12V s Low "on" resistance: 30 typ. ('4066) s Low quiescent current: 80 A maximum (74VHC) s Matched switch characteristics s Individual switch controls s Pin and function compatible with the 74HC4066
Ordering Code:
Order Number 74VHC4066M 74VHC4066MTC 74VHC4066N Package Number M14A MTC14 N14A Package Description 14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-120, 0.150 Narrow 14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide 14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
Surface mount packages are also available on Tape and Reel. Specify by appending the suffix letter "X" to the ordering code.
Connection Diagram
Schematic Diagram
Top View
Truth Table
Input CTL L H Switch I/O-O/I "OFF" "ON"
(c) 2000 Fairchild Semiconductor Corporation
DS011677
www.fairchildsemi.com
74VHC4066
Absolute Maximum Ratings(Note 1)
(Note 2) Supply Voltage (VCC) DC Control Input Voltage (VIN) DC Switch I/O Voltage (VIO) Clamp Diode Current (IIK, IOK) DC Output Current, per pin (IOUT) DC VCC or GND Current, per pin (ICC) Storage Temperature Range (TSTG) Power Dissipation (PD) (Note 3) S.O. Package only Lead Temperature (TL) (Soldering 10 seconds) 260C -0.5 to +15V -1.5 to VCC + 1.5V VEE - 0.5 to VCC + 0.5V 20 mA 25 mA 50 mA -65C to +150C 600 mW 500 mW
Recommended Operating Conditions
Min Supply Voltage (VCC) DC Input or Output Voltage (VIN, VOUT) Operating Temperature Range (TA) Input Rise or Fall Times VCC = 2.0V VCC = 4.5V VCC = 9.0V (tr, tf) 1000 500 400 ns ns ns -40 +85 C 2 0 Max 12 VCC Units V V
Note 1: Absolute Maximum Ratings are those values beyond which damage to the device may occur. Note 2: Unless otherwise specified all voltages are referenced to ground. Note 3: Power Dissipation temperature derating -- plastic "N" package: - 12 mW/C from 65C to 85C.
DC Electrical Characteristics
Symbol VIH Parameter Minimum HIGH Level Input Voltage
(Note 4)
Conditions VCC 2.0V 4.5V 9.0V 12.0V TA=25C Typ 1.5 3.15 6.3 8.4 0.5 1.35 2.7 3.6 100 50 30 120 50 35 20 10 5 5 170 85 70 180 80 60 40 15 10 10 0.05 6.0V 9.0V 12.0V 6.0V 9.0V 12.0V 6.0V 9.0V 12.0V 10 15 20 10 15 20 60 80 100 40 50 60 1.0 2.0 4.0 TA=-40 to 85C Guaranteed Limits 1.5 3.15 5.3 8.4 0.5 1.35 2.7 3.6 200 105 85 215 100 75 60 20 15 15 0.5 600 800 1000 150 200 300 10 20 40 Units V V V V V V V V A nA nA nA nA nA nA A A A
VIL
Maximum LOW Level Input Voltage
2.0V 4.5V 9.0V 12.0V
RON
Maximum "ON" Resistance See (Note 5)
VCTL = VIH, IS = 2.0 mA VIS = V CC to GND (Figure 1) VCTL = VIH, IS = 2.0 mA VIS = V CC or GND (Figure 1)
4.5V 9.0V 12.0V 2.0V 4.5V 9.0V 12.0V 4.5V 9.0V 12.0V
RON
Maximum "ON" Resistance Matching
VCTL = VIH VIS = V CC to GND VIN = VCC or GND VCC = 2 - 6V VOS = V CC or GND VIS = GND or VCC VCTL = VIL (Figure 2) VIS = V CC to GND VCTL = VIH VOS = OPEN (Figure 3) VIN = VCC or GND IOUT = 0 A
IIN IIZ
Maximum Control Input Current Maximum Switch "OFF" Leakage Current
IIZ
Maximum Switch "ON" Leakage Current
ICC
Maximum Quiescent Supply Current
Note 4: For a power supply of 5V 10% the worst case on resistance (RON) occurs for VHC at 4.5V. Thus the 4.5V values should be used when designing with this supply. Worst case VIH and VIL occur at VCC = 5.5V and 4.5V respectively. (The VIH value at 5.5V is 3.85V.) The worst case leakage current occurs for CMOS at the higher voltage and so the 5.5V values should be used. Note 5: At supply voltages (VCC - GND) approaching 2V the analog switch on resistance becomes extremely non-linear. Therefore it is recommended that these devices be used to transmit digital only when using these supply voltages.
www.fairchildsemi.com
2
74VHC4066
AC Electrical Characteristics
VCC = 2.0V-6.0V VEE = 0V-12V, CL = 50 pF (unless otherwise specified) Symbol tPHL, tPLH Parameter Maximum Propagation Delay Switch In to Out Conditions VCC 3.3V 4.5V 9.0V 12.0V tPZL, tPZH Maximum Switch Turn "ON" Delay RL = 1 k 3.3V 4.5V 9.0V 12.0V tPHZ, tPLZ Maximum Switch Turn "OFF" Delay RL = 1 k 3.3V 4.5V 9.0V 12.0V Minimum Frequency Response (Figure 7) 20 log(VO/VI) = -3 dB Crosstalk Between any Two Switches (Figure 8) Peak Control to Switch Feedthrough Noise (Figure 9) Switch OFF Signal Feedthrough Isolation (Figure 10) THD Total Harmonic Distortion (Figure 11) CIN CIN CIN CPD Maximum Control Input Capacitance Maximum Switch Input Capacitance Maximum Feedthrough Capacitance Power Dissipation Capacitance
Note 6: Adjust 0 dBm for F = 1 kHz (Null RL/RON Attenuation). Note 7: VIS is centered at VCC/2. Note 8: Adjust input for 0 dBm.
TA=25C Typ 25 5 4 3 30 12 6 5 60 25 20 15 40 100 30 10 8 7 58 20 12 10 100 36 32 30
TA=-40 to 85C Guaranteed Limits 20 13 10 11 73 25 15 13 125 45 40 38
Units ns ns ns ns ns ns ns ns ns ns ns MHz MHz
RL = 600 VIS = 2 VPP at (VCC/2) (Note 6)(Note 7) RL = 600, F = 1 MHz (Note 7)(Note 8) RL = 600, F = 1 MHz CL = 50 pF RL = 600, F = 1 MHz V(CT) VIL (Note 7)(Note 8) RL = 10 k, CL = 50 pF, F = 1 kHz VIS = 4 VPP VIS = 8 VPP
4.5V 9.0V
4.5V 9.0V 4.5V 9.0V
-52 -50 100 250
dB dB mV mV
4.5V 9.0V
-42 -44
dB dB
4.5V 9.0V
.013 .008 5 20 10 10
% % pF pF pF pF
VCTL = GND
0.5 15
3
www.fairchildsemi.com
74VHC4066
AC Test Circuits and Switching Time Waveforms
FIGURE 1. "ON" Resistance
FIGURE 2. "OFF" Channel Leakage Current
FIGURE 3. "ON" Channel Leakage Current
FIGURE 4. tPHL, tPLH Propagation Delay Time Signal Input to Signal Output
FIGURE 5. tPZL, tPLZ Propagation Delay Time Control to Signal Output
www.fairchildsemi.com
4
74VHC4066
AC Test Circuits and Switching Time Waveforms
(Continued)
FIGURE 6. tPZH, tPHZ Propagation Delay Time Control to Signal Output
FIGURE 7. Frequency Response
Crosstalk and Distortion Test Circuits
FIGURE 8. Crosstalk: Control Input to Signal Output
FIGURE 9. Crosstalk Between Any Two Switches
5
www.fairchildsemi.com
74VHC4066
Crosstalk and Distortion Test Circuits
(Continued)
FIGURE 10. Switch OFF Signal Feedthrough Isolation
FIGURE 11. Sinewave Distortion
Typical Performance Characteristics
Typical "ON" Resistance Typical Crosstalk Between Any Two Switches
Typical Frequency Response
Special Considerations
In certain applications the external load-resistor current may include both VCC and signal line components. To avoid drawing VCC current when switch current flows into the analog switch input pins, the voltage drop across the switch must not exceed 0.6V (calculated from the ON resistance).
www.fairchildsemi.com
6
74VHC4066
Physical Dimensions inches (millimeters) unless otherwise noted
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-120, 0.150 Narrow Package Number M14A
7
www.fairchildsemi.com
74VHC4066
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide Package Number MTC14
www.fairchildsemi.com
8
74VHC4066 Quad Analog Switch
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide Package Number N14A
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. 9 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com
www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of 74VHC4066

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X