Part Number Hot Search : 
01901 3EMC111 DL6709 AP161502 MA4ST408 IRF7309 DDTA114 MC33502
Product Description
Full Text Search
 

To Download 74VCX163245 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74VCX163245
16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR
TARGET DATA
s
s
s
s
s
s
s
s
s
HIGH SPEED: tPD = 4.4ns (MAX.) at TA=85C VCCA = 3.0V VCCB = 2.3V LOW POWER DISSIPATION: ICCA = ICCB = 20A(MAX.) at TA=85C SYMMETRICAL OUTPUT IMPEDANCE: |IOHA| = IOLA = 12mA MIN at VCCA = 3.0V VCCB = 1.65V or 2.3V |IOHA| = IOLA = 8mA MIN at VCCA = 2.3V VCCB = 1.65V) BALANCED PROPAGATION DELAYS: tPLH tPHL POWER DOWN PROTECTION ON INPUTS AND OUTPUTS OPERATING VOLTAGE RANGE: VCCA(OPR) = 2.3V to 3.6V (1.2V Data Retention) VCCB(OPR)=1.65Vto2.7V(1.2VDataRetention) PIN AND FUNCTION COMPATIBLE WITH 74 SERIES 16245 LATCH-UP PERFORMANCE EXCEEDS 500mA (JESD 17) ESD PERFORMANCE: HBM > 2000V (MIL STD 883 method 3015); MM > 200V
TSSOP
TFBGA
TFBGA
ORDER CODES
PACKAGE TSSOP48 TFBGA54 TFBGA42 TRAY 74VCX163245LB 74VCX163245TB T&R 74VCX163245TTR 74VCX163245LBR 74VCX163245TBR
LOGIC DIAGRAM
DESCRIPTION The 74VCX163245 is a dual supply low voltage CMOS 16-BIT BUS TRANSCEIVER fabricated with sub-micron silicon gate and five-layer metal wiring C2MOS technology. Designed for use as an interface between a 3.3V bus and a 2.5V or 1.8V bus in a mixed 3.3V/1.8V,3.3V/2.5V and 2.5V/ 1.8V supply systems, it achieves high speed operation while maintaining the CMOS low power dissipation. This IC is intended for two-way asynchronous communication between data buses and the direction of data transmission is determined by nDIR inputs. The enable inputs nOE can be used to disable the device so that the buses are effectively isolated. The A-port interfaces with the 3V bus, the B-port with the 2.5V and 1.8V bus. All inputs are equipped with protection circuits against static discharge, giving them 2KV ESD immunity and transient excess voltage. All floating bus terminals during High Z State must be held HIGH or LOW.
June 2003
This is preliminary information on a new product foreseen to be developed. Details are subject to change without notice.
1/15
74VCX163245
INPUT AND OUTPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
TFBGA54 PIN No A3 J3 A6, B5, B6, C5, C6, D5, D6, E5 E6, F5, F6, G5, G6, H5, H6, J6 A1, B2, B1, C2, C1, D2, D1, E2 E1, F2, F1, G2, G1, H2, H1, J1 J4 A4 D3, D4, E3, E4, F3, F4 A2, A5, B3, B4, H3, H4, J2, J5 C4, G4 C3, G3 TFBGA42 PIN No B3 F3 A4, A5, A6, B5, B6, C5, C6, D5 D6, E5, E6, F5, F6,G4, G5, G6 A3, A2, A1, B2, B1, C2, C1, D2 D1, E2, E1, F2, F1,G3, G2, G1 F4 B4 C3, C4, E3, E4 D4 D3 TSSOP PIN No 1 24 47, 46, 44, 43, 41, 40, 38, 37 36, 35, 33, 32, 30, 29, 27, 26 2, 3, 5, 6, 8, 9, 11, 12 13, 14, 16, 17, 19, 20, 22, 23 25 48 4,10,15, 21, 28, 34, 39, 45 42, 31 7, 18 SYMBOL 1DIR 2DIR 1A1 to 1A8 2A1 to 2A8 1B1 to 1B8 2B1 to 2B8 G2 G1 GND NC VCCA VCCB NAME AND FUNCTION Directional Controls Directional Controls Data Inputs/Outputs Data Inputs/Outputs Data Inputs/Outputs Data Inputs/Outputs Output Enable Inputs Output Enable Inputs Ground (0V) No Connected Positive Supply Voltage Positive Supply Voltage
2/15
74VCX163245
PIN CONNECTION (top view for TSSOP, bottom view for BGA)
TSSOP TFBGA
TFBGA
TRUTH TABLE
INPUTS G L L H
X=Don't care; Z=High Impedance
FUNCTION OUTPUT DIR L H X A BUS OUTPUT INPUT Z B BUS INPUT OUTPUT Z A=B B=A Z
3/15
74VCX163245
ABSOLUTE MAXIMUM RATINGS
Symbol VCCA VCCB VI VI/OA VI/OB VI/OA VI/OB IIK IOK IOA IOB ICCA ICCB Pd Tstg TL Supply Voltage Supply Voltage DC Input Voltage DC I/O Voltage (Output disabled) DC I/O Voltage (Output disabled) DC I/O Voltage DC I/O Voltage DC Input Diode Current DC Output Diode Current DC Output Current DC Output Current DC VCC or Ground Current DC VCC or Ground Current Power Dissipation Storage Temperature Lead Temperature (10 sec) Parameter Value -0.5 to +4.6 -0.5 to +4.6 -0.5 to +4.6 -0.5 to +4.6 -0.5 to +4.6 -0.5 to VCCA + 0.5 -0.5 to VCCB + 0.5 - 20 - 50 50 50 100 100 400 -65 to +150 300 Unit V V V V V V V mA mA mA mA mA mA mW C C
Absolute Maximum Rating are those value beyond which damage to the device may occur. Functional operation under these condition is not implied (*) 500mW: 65C derated to 300mW by 10mW/C: 65C to 85C
RECOMMENDED OPERATING CONDITIONS
Symbol VCCA VCCB VI VI/OA VI/OB Top dt/dv Supply Voltage Supply Voltage Input Voltage (Dir, OE) I/O Voltage I/O Voltage Operating Temperature Input Rise and Fall Time (note 1) Parameter Value 2.3 to 3.6 1.65 to 2.7 0 to VCCB 0 to VCCA 0 to VCCB -40 to 85 0 to 10 Unit V V V V V C ns/V
1) VIN from 0.8V to 2.0V at VCC =3.0V
4/15
74VCX163245
DC SPECIFICATION FOR VCCA
Test Condition Symbol Parameter VCCB VCCA
(*) (*)
Value TA = 25 C Min. 1.6 2.0 2.0 0.7 0.8 0.8 Typ. Max. -40 to 85 C Min. 1.6 2.0 2.0 0.7 0.8 0.8 2.8 2.2 2.2 1.7 0.2 0.55 0.55 0.60 0.5 1.0 0.2 0.55 0.55 0.60 5 10 A A V V Max. V Unit
(V) VIHA High Level Input Voltage (An) Low Level Input Voltage (An) High Level Output Voltage 1.8 1.8 2.5 1.8 1.8 2.5 2.3 2.3 1.65 1.65 VOLA Low Level Output Voltage 2.3 2.3 1.65 1.65 IIA IOZA Input Leakage Current High Impedance Output Leakage Current 2.7 2.7
(V) 2.5 3.3 3.3 2.5 3.3 3.3 3.0 3.0 3.0 2.3 3.0 3.0 3.0 2.3 3.6 3.6 IO=-100 A IO=-24 mA IO=-24 mA IO=-18 mA IO=100 A IO=24 mA IO=24 mA IO=18 mA VI = VCC or GND VIA = Gnd or 3.6V VIB = VIHB or VILB OE = VCCB VI = 0.57V VI = 1.07V VI = 0.57V VI = 1.07V VI = 0.7V VI = 1.6V VIB = 0 to 2.7V VIA = Gnd to 3.6V VIB = Gnd to 3.6V G, Dir = GND to 3.6V VIA =VCCA or GND VIB =VCCB or GND VIA =VCCA - 0.6V VIB =VCCB or GND
VILA
V
VOHA
2.8 2.2 2.2 1.7
IIA(HOLD) Input Hold Current
1.65 1.65 1.65 1.65 2.3 2.3 2.7
2.3 2.3 3.0 3.0 3.0 3.0 3.6 0
25 -25 25 -25 45 -45 1.0
25 -25 25 -25 45 -45 300 10
A A A
IOFF
Power Off Leakage Current
0
A
ICCtA
Quiescent Supply Current Maximum Quiescent Supply Current / Input (An)
ICCtA
1.95 1.95 2.7 2.7 1.95 1.95
3.6 2.7 3.6 3.6 3.6 2.7
2
20
A
0.75
mA
5/15
74VCX163245
DC SPECIFICATION FOR VCCB
Test Condition Symbol Parameter VCCB VCCA (V) (V) (*) (*) 1.8 1.8 2.5 VILB Low Level Input Voltage (Bn, Dir, OE) High Level Output Voltage 1.8 1.8 2.5 VOHB 2.3 2.3 1.65 1.65 VOLB Low Level Output Voltage 2.3 2.3 1.65 1.65 IIB IOZB Input Leakage Current High Impedance Output Leakage Current 2.7 2.7 2.5 3.3 3.3 2.5 3.3 3.3 3.0 3.0 3.0 2.3 3.0 3.0 3.0 2.3 3.6 3.6 IO=-100 A IO=-18 mA IO=-6 mA IO=-6 mA IO=100 A IO=18 mA IO=6 mA IO=6 mA VI = VCC or GND VIA = VIHA or VILA VIB = GND or 2.7V G = VCCB VI = 0.57V VI = 1.07V VI = 0.57V VI = 1.07V VI = 0.7V VI = 1.6V VIB = 0 to 2.7V VIA =VCCA or GND VIB =VCCB or GND Dir or G=VCCB or GND VIB =VCCB - 0.6V VIA =VCCA or GND 2 25 -25 25 -25 45 -45 2.8 1.7 1.25 1.25 0.2 0.60 0.30 0.30 0.5 1.0 TA = 25 C Min. 0.65VCCB 0.65VCCB 1.6 0.35VCCB 0.35VCCB 0.7 2.8 1.7 1.25 1.25 0.2 0.60 0.30 0.30 5 10 A A V V Typ. Max. Value -40 to 85 C Min. 0.65VCCB 0.65VCCB 1.6 0.35VCCB 0.35VCCB 0.7 V V Max. Unit
VIHB
High Level Input Voltage (Bn, Dir, OE)
IIB(HOLD) Input Hold Current
1.65 1.65 1.65 1.65 2.3 2.3 2.7
2.3 2.3 3.0 3.0 3.0 3.0 3.6 3.6 2.7 3.6 3.6 3.6 2.7
25 -25 25 -25 45 -45 300 20
A A A
ICCtB
Quiescent Supply Current
1.95 1.95 2.7 2.7 1.95 1.95
A
ICCtB
Maximum Quiescent Supply Current / Input (Bn, DIR, OE)
0.75
mA
6/15
74VCX163245
DYNAMIC SWITCHING CHARACTERISTICS
Test Condition Symbol Parameter VCCB (V) 1.8 1.8 2.5 1.8 1.8 2.5 1.8 1.8 2.5 1.8 1.8 2.5 1.8 1.8 2.5 1.8 1.8 2.5 VCCA (V) 2.5 3.3 3.3 2.5 3.3 3.3 2.5 3.3 3.3 2.5 3.3 3.3 2.5 3.3 3.3 2.5 3.3 3.3 CL =30pF VIL =0V VIH =Vcc CL =30pF VIL =0V VIH =Vcc CL =30pF VIL =0V VIH =Vcc CL =30pF VIL =0V VIH =Vcc CL =30pF VIL =0V VIH =Vcc CL =30pF VIL =0V VIH =Vcc Value TA = 25 C Min. Typ. 0.25 0.25 0.6 0.6 0.8 0.8 -0.6 -0.8 -0.8 -0.25 -0.25 -0.6 1.7 2.0 2.0 1.3 1.3 1.7 Max. -40 to 85 C Min. Max. V Unit
VOLPA
Dynamic Low Level Quiet An Output Dynamic Low Level Quiet Bn Output Dynamic Low Level Quiet An Output Dynamic Low Level Quiet Bn Output Dynamic Low Level Quiet An Output Dynamic Low Level Quiet Bn Output
VOLPB
V
VOLVA
V
VOLVB
V
VOHVA
V
VOHVB
V
AC ELECTRICAL CHARACTERISTICS
Test Condition Symbol Parameter VCCB (V) VCCA (V) 2.5 0.2 3.3 0.3 3.3 0.3 2.5 0.2 3.3 0.3 3.3 0.3 2.5 0.2 3.3 0.3 3.3 0.3 2.5 0.2 3.3 0.3 3.3 0.3 2.5 0.2 3.3 0.3 3.3 0.3 2.5 0.2 3.3 0.3 3.3 0.3 2.5 0.2 3.3 0.3 3.3 0.3 CL = 30 pF RL = 500 CL = 30 pF RL = 500 CL = 30 pF RL = 500 CL = 30 pF RL = 500 CL = 30 pF RL = 500 CL = 30 pF RL = 500 CL = 30 pF RL = 500 Value -40 to 85 C Min. 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 Max. 5.8 6.2 4.4 5.5 5.1 4.0 5.3 5.1 4.0 8.3 8.2 4.6 5.2 5.6 4.5 4.6 4.5 4.4 0.5 0.5 0.75 ns Unit
tPLH tPHL
tPLH tPHL
tPZL tPZH
tPZL tPZH
tPLZ tPHZ
tPLZ tPHZ
tOSLH tOSHL
Propagation Delay Time 1.8 0.15 An to Bn 1.8 0.15 2.5 0.2 Propagation Delay Time 1.8 0.15 Bn to An 1.8 0.15 2.5 0.2 1.8 0.15 Output Enable Time OE to An 1.8 0.15 2.5 0.2 1.8 0.15 Output Enable Time OE to Bn 1.8 0.15 2.5 0.2 1.8 0.15 Output Disable Time OE to An 1.8 0.15 2.5 0.2 1.8 0.15 Output Disable Time OE to Bn 1.8 0.15 2.5 0.2 Output To Output Skew 1.8 0.15 Time (note1, 2) 1.8 0.15 1.8 0.15
ns
ns
ns
ns
ns
ns
7/15
74VCX163245
AC ELECTRICAL CHARACTERISTICS
Test Condition TA = -40 to 85 C Symbol Parameter VCCB = 1.8 0.15V VCCB = 1.8 0.15V VCCA = 2.5 0.2V Min. tPLH, tPHL Propagation Delay Time An to Bn tPLH, tPHL Propagation Delay Time Bn to An tPZL, tPZH Output Enable Time OE to An tPZL, tPZH Output Enable Time OE to Bn tPLZ, tPHZ Output Disable Time OE to An tPLZ, tPHZ Output Disable Time OE to Bn tOSLH tOSHL Output To Output Skew Time (note1, 2) 1.0 1.0 1.0 1.0 1.0 1.0 Max. 5.8 5.5 5.3 8.3 5.2 4.6 5.0 VCCA = 3.3 0.3V Min. 1.0 1.0 1.0 1.0 1.0 1.0 Max. 6.2 5.1 5.1 8.2 5.6 4.5 0.5 VCCB = 2.5 0.2V VCCA = 3.3 0.3V Min. 1.0 1.0 1.0 1.0 1.0 1.0 Max. 4.4 4.0 4.0 4.6 4.8 4.4 0.75 ns ns ns ns Unit
1) Skew is defined as the absolute value of the difference between the actual propagation delay for any two outputs of the same device switching in the same direction, either HIGH or LOW (tOSLH = | tPLHm - tPLHn|, tOSHL = | tPHLm - tPHLn| 2) Parameter guaranteed by design
CAPACITANCE CHARACTERISTICS
Test Condition Symbol Parameter VCCB VCCA (V) (V) open 2.5 2.5 open 3.3 3.3 f=10MHz Value TA = 25 C Min. Typ. 5 6 20 Max. -40 to 85 C Min. Max. V V V Unit
CINA CI/O CPD
Input Capacitance Input/Output Capacitance Power Dissipation Capacitance
1) CPD is defined as the value of the IC's internal equivalent capacitance which is calculated from the operating current consumption without load. (Refer to Test Circuit). Average current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC/16 (per circuit)
8/15
74VCX163245
TEST CIRCUIT
TEST tPLH, tPHL tPZL, tPLZ (VCC = 3.0 to 3.6V) tPZL, tPLZ (VCC = 2.3 to 2.7V or VCC = 1.65 to 1.95V) tPZH, tPHZ
CL = 30pF or equivalent (includes jig and probe capacitance) RL = R1 = 500 or equivalent RT = ZOUT of pulse generator (typically 50)
SWITCH Open 6V 2VCC GND
WAVEFORM SYMBOL VALUE
Symbol 3.0 to 3.6V VIH VM VX VY VCC 1.5V VOL +0.3V VOL -0.3V VCC 2.3 to 2.7V VCC VCC/2 VOL +0.15V VOL -0.15V 1.65 to 1.95V VCC VCC/2 VOL +0.15V VOL -0.15V
9/15
74VCX163245
WAVEFORM 1: PROPAGATION DELAY (f=1MHz; 50% duty cycle)
WAVEFORM 2: OUTPUT ENABLE AND DISABLE TIME (f=1MHz; 50% duty cycle)
10/15
74VCX163245
TSSOP48 MECHANICAL DATA
mm. DIM. MIN. A A1 A2 b c D E E1 e K L 0 0.50 6.0 0.5 BSC 8 0.75 0 0.020 0.17 0.09 12.4 8.1 BSC 6.2 0.236 0.0197 BSC 8 0.030 0.05 0.9 0.27 0.20 12.6 0.0067 0.0035 0.488 0.318 BSC 0.244 TYP MAX. 1.2 0.15 0.002 0.035 0.011 0.0079 0.496 MIN. TYP. MAX. 0.047 0.006 inch
A
A2 A1 b e K c L E
D
E1
PIN 1 IDENTIFICATION
1
7065588C
11/15
74VCX163245
TFBGA54 MECHANICAL DATA
mm. DIM. MIN. A A1 A2 B D D1 E E1 e SE 5.4 0.25 0.85 0.45 7.9 6.4 5.5 4 0.8 0.4 5.6 212.6 0.55 8.1 TYP MAX. 1.2 9.8 33.5 17.7 311.0 252.0 216.5 157.5 31.5 15.7 220.5 21.7 318.9 MIN. TYP. MAX. 47.2 mils
0051434/E
12/15
74VCX163245
FBGA42 MECHANICAL DATA
mm. DIM. MIN. A B C D E F 0.78 3.90 3.40 1.07 0.3 0.5 0.86 30.7 TYP MAX. 4.10 3.60 1.16 MIN. 153.5 133.9 42.1 11.8 19.7 33.9 TYP. MAX. 161.4 141.7 45.6 mils
13/15
74VCX163245
Tape & Reel TSSOP48 MECHANICAL DATA
mm. DIM. MIN. A C D N T Ao Bo Ko Po P 8.7 13.1 1.5 3.9 11.9 12.8 20.2 60 30.4 8.9 13.3 1.7 4.1 12.1 0.343 0.516 0.059 0.153 0.468 TYP MAX. 330 13.2 0.504 0.795 2.362 1.197 0.350 0.524 0.067 0.161 0.476 MIN. TYP. MAX. 12.992 0.519 inch
14/15
74VCX163245
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. (c) The ST logo is a registered trademark of STMicroelectronics (c) 2003 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. (c) http://www.st.com
15/15


▲Up To Search▲   

 
Price & Availability of 74VCX163245

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X