Part Number Hot Search : 
BC547B 2RS18G W91590 GM7110 PF6AT CY6117A 6601C W91590
Product Description
Full Text Search
 

To Download 74HC1GU04 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
DATA SHEET
74HC1GU04 Inverter
Product specification Supersedes data of 2002 May 13 2002 May 27
Philips Semiconductors
Product specification
Inverter
FEATURES * Wide operating voltage range from 2.0 to 6.0 V * Symmetrical output impedance * Low power dissipation * Balanced propagation delays * Very small 5-pin package * Output capability: standard. QUICK REFERENCE DATA GND = 0 V; Tamb = 25 C; tr = tf = 6.0 ns. SYMBOL tPHL/tPLH CI CPD Notes 1. CPD is used to determine the dynamic power dissipation (PD in W). PD = CPD x VCC2 x fi + (CL x VCC2 x fo) where: fi = input frequency in MHz; fo = output frequency in MHz; CL = output load capacitance in pF; VCC = supply voltage in Volts; (CL x VCC2 x fo) = sum of outputs. 2. The condition is VI = GND to VCC. FUNCTION TABLE See note 1. INPUT A L H Note 1. H = HIGH voltage level; L = LOW voltage level. ORDERING INFORMATION PACKAGE TYPE NUMBER 74HC1GU04GW 74HC1GU04GV 2002 May 27 TEMPERATURE RANGE -40 to +125 C -40 to +125 C PINS 5 5 2 PACKAGE SC-88A SC-74A MATERIAL plastic plastic OUTPUT Y H L PARAMETER propagation delay A to Y input capacitance power dissipation capacitance notes 1 and 2 CONDITIONS CL = 15 pF; VCC = 5 V 5 5 14 DESCRIPTION
74HC1GU04
The 74HC1GU04 is a high-speed Si-gate CMOS device. The 74HC1GU04 provides the inverting single stage function. The standard output currents are 12 compared to the 74HCU04.
TYPICAL ns pF pF
UNIT
CODE SOT353 SOT753
MARKING HD HU4
Philips Semiconductors
Product specification
Inverter
PINNING PIN 1 2 3 4 5 n.c. A GND Y VCC SYMBOL not connected data input A ground (0 V) data output Y supply voltage DESCRIPTION
74HC1GU04
handbook, halfpage
n.c. 1 A2 GND 3
MNA042
5 VCC
handbook, halfpage
U04
4 Y
2
A
Y
4
MNA043
Fig.1 Pin configuration.
Fig.2 Logic symbol.
handbook, halfpage
2
1
MNA044
4
handbook, halfpage
A
Y
MNA045
Fig.3 IEC logic symbol.
Fig.4 Logic diagram.
2002 May 27
3
Philips Semiconductors
Product specification
Inverter
RECOMMENDED OPERATING CONDITIONS
74HC1GU04
74HC1G SYMBOL VCC VI VO Tamb tr, tf PARAMETER supply voltage input voltage output voltage operating ambient temperature input rise and fall times see DC and AC characteristics per device VCC = 2.0 V VCC = 4.5 V VCC = 6.0 V CONDITIONS MIN. 2.0 0 0 -40 - - - TYP. 5.0 - - +25 - - - MAX. 6.0 VCC VCC +125 1000 500 400 V V V C ns ns ns UNIT
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 60134); voltages are referenced to GND (ground = 0 V). SYMBOL VCC IIK IOK IO ICC Tstg PD Notes 1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed. 2. Above 55 C the value of PD derates linearly with 2.5 mW/K. PARAMETER supply voltage input diode current output diode current output source or sink current VCC or GND current storage temperature power dissipation per package for temperature range from -40 to +125 C; note 2 VI < -0.5 V or VI > VCC + 0.5 V; note 1 VO < -0.5 V or VO > VCC + 0.5 V; note 1 -0.5 V < VO < VCC + 0.5 V; note 1 note 1 CONDITIONS MIN. -0.5 - - - - -65 - MAX. +7.0 20 20 12.5 25 +150 200 UNIT V mA mA mA mA C mW
2002 May 27
4
Philips Semiconductors
Product specification
Inverter
DC CHARACTERISTICS At recommended operating conditions; voltages are referenced to GND (ground = 0 V). TEST CONDITIONS SYMBOL PARAMETER OTHER VIH HIGH-level input voltage VCC (V) 2.0 4.5 6.0 VIL LOW-level input voltage 2.0 4.5 6.0 VOH HIGH-level output voltage VI = VIH or VIL; IO = -20 A VI = VIH or VIL; IO = -20 A VI = VIH or VIL; IO = -20 A VI = VIH or VIL; IO = -2.0 mA VI = VIH or VIL; IO = -2.6 mA VOL LOW-level output voltage VI = VIH or VIL; IO = 20 A VI = VIH or VIL; IO = 20 A VI = VIH or VIL; IO = 20 A VI = VIH or VIL; IO = 2.0 mA VI = VIH or VIL; IO = 2.6 mA ILI ICC Note 1. All typical values are measured at Tamb = 25 C. input leakage current quiescent supply current VI = VCC or GND 2.0 4.5 6.0 4.5 6.0 2.0 4.5 6.0 4.5 6.0 6.0 MIN. 1.7 3.6 4.8 - - - 1.8 4.0 5.5 4.13 5.63 - - - - - - - Tamb (C) -40 to +85 TYP.(1) 1.4 2.6 3.4 0.6 1.9 2.6 2.0 4.5 6.0 4.32 5.81 0 0 0 0.15 0.16 - - MAX. - - - 0.3 0.9 1.2 - - - - - 0.2 0.5 0.5 0.33 0.33 1.0 10
74HC1GU04
-40 to +125 MIN. 1.7 3.6 4.8 - - - 1.8 4.0 5.5 3.7 5.2 - - - - - - - MAX. - - - 0.3 0.9 1.2 - - - - - 0.2 0.5 0.5 0.4 0.4 1.0 20
UNIT
V V V V V V V V V V V V V V V V A A
VI = VCC or GND; 6.0 IO = 0
2002 May 27
5
Philips Semiconductors
Product specification
Inverter
AC CHARACTERISTICS GND = 0 V; tr = tf = 6.0 ns; CL = 50 pF. TEST CONDITIONS SYMBOL PARAMETER WAVEFORMS tPHL/tPLH propagation delay A to Y see Figs 5 and 6 VCC (V) 2.0 4.5 6.0 Note 1. All typical values are measured at Tamb = 25 C. - - - Tamb (C) -40 to +85 MIN. TYP.(1) 10 7 6 MAX. 90 18 15 - - -
74HC1GU04
-40 to +125 MIN. MAX. 105 21 18
UNIT
ns ns ns
AC WAVEFORMS
handbook, halfpage
handbook, halfpage
VCC VI D.U.T. RT CL 50 pF
MNA034
A input
VM
(1)
PULSE GENERATOR
VO
tPHL
tPLH
Y output
VM(1)
MNA046
(1) VM = 50%; VI = GND to VCC.
Definitions for test circuit: CL = Load capacitance including jig and probe capacitance. (See "AC characteristics" for values). RT = Termination resistance should be equal to the output impedance Zo of the pulse generator.
Fig.5
The input (A) to output (Y) propagation delays.
Fig.6 Load circuitry for switching times.
2002 May 27
6
Philips Semiconductors
Product specification
Inverter
TYPICAL TRANSFER CHARACTERISTICS
74HC1GU04
handbook, halfpage
1
MNA047
2
handbook, halfpage
10
MNA048
5
ICC (mA)
VO (V)
ICC (mA)
VO (V)
0.5
1
5
2.5
0 0 1 VI (V) 2
0
0 0 2.5 VI (V) 5
0
Fig.7 VCC = 2.0 V; IO = 0.
Fig.8 VCC = 4.5 V; IO = 0.
handbook, halfpage
20
MNA049
6
ICC (mA)
VO (V)
handbook, halfpage
Rbias = 560 k VCC
10
3
0.47 F VI (f = 1 kHz)
input
output 100 F
A IO GND
MNA050
0 0 3 VI (V) 6
0
Fig.9 VCC = 6.0 V; IO = 0.
Fig.10 Test set-up for measuring forward transconductance gfs = IO/VI at VO is constant.
2002 May 27
7
Philips Semiconductors
Product specification
Inverter
APPLICATION INFORMATION Some applications are: * Linear amplifier (see Fig.11) * In crystal oscillator design (see Fig.12).
74HC1GU04
Note to the application information. All values given are typical unless otherwise specified.
handbook, halfpage
R2 VCC
handbook, halfpage
R1
1 F
R1 U04 ZL
R2 U04 C1 out
MNA052
C2
MNA053
VO(max)(p-p) = VCC - 1.5 V centered at 0.5VCC. A OL A u = - ------------------------------------------R1 1 + ------- ( 1 + A OL ) R2 AOL = open loop amplification. Au = voltage amplification. R1 3 k, R2 1 M. ZL > 10 k; AOL = 20 (typical). Typical unity gain bandwidth product is 5 MHz.
C1 = 47 pF (typical). C2 = 22 pF (typical). R1 = 1 to 10 M (typical). R2 optimum value depends on the frequency and required stability against changes in VCC or average minimum ICC (ICC is typically 2 mA at VCC = 3 V and f = 1 MHz).
Fig.11 HC1GU04 used as a linear amplifier.
Fig.12 Crystal oscillator configuration.
External components for resonator (f < 1 MHz) FREQUENCY (kHz) 10 to 15.9 16 to 24.9 25 to 54.9 55 to 129.9 130 to 199.9 200 to 349.9 350 to 600 R1 (M) R2 (k) C1 (pF) 2.2 2.2 2.2 2.2 2.2 2.2 2.2 220 220 100 100 47 47 47 56 56 56 47 47 47 47 C2 (pF) 20 10 10 5 5 5 5
Where: All values given are typical and must be used as an initial set-up.
2002 May 27
8
Philips Semiconductors
Product specification
Inverter
Optimum value for R2 FREQUENCY (MHz) 3 R2 (k) 2.0 8.0 6 10 14 >14 1.0 4.7 0.5 2.0 0.5 1.0 - OPTIMUM FOR minimum required ICC minimum influence due to change in VCC minimum required ICC minimum influence by VCC minimum required ICC minimum influence by VCC minimum required ICC minimum influence by VCC replace R2 by C3 with a typical value of 35 pF
0 0 2 4 20 40
(3) (2)
74HC1GU04
handbook, halfpage
80
MNA054
input capacitance (pF) 60
(1)
6
VI (V)
8
(1) VCC = 2.0 V. (2) VCC = 4.5 V. (3) VCC = 6.0 V.
Fig.13 Typical input capacitance as a function of the input voltage.
2002 May 27
9
Philips Semiconductors
Product specification
Inverter
PACKAGE OUTLINES Plastic surface mounted package; 5 leads
74HC1GU04
SOT353
D
B
E
A
X
y
HE
vMA
5
4
Q
A
A1
1
e1 e
2
bp
3
wM B detail X Lp
c
0
1 scale
2 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 1.1 0.8 A1 max 0.1 bp 0.30 0.20 c 0.25 0.10 D 2.2 1.8 E (2) 1.35 1.15 e 1.3 e1 0.65 HE 2.2 2.0 Lp 0.45 0.15 Q 0.25 0.15 v 0.2 w 0.2 y 0.1
OUTLINE VERSION SOT353
REFERENCES IEC JEDEC EIAJ SC-88A
EUROPEAN PROJECTION
ISSUE DATE 97-02-28
2002 May 27
10
Philips Semiconductors
Product specification
Inverter
74HC1GU04
Plastic surface mounted package; 5 leads
SOT753
D
B
E
A
X
y
HE
vMA
5
4
Q
A A1 c
1
2
3
detail X
Lp
e
bp
wM B
0
1 scale
2 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 1.1 0.9 A1 0.100 0.013 bp 0.40 0.25 c 0.26 0.10 D 3.1 2.7 E 1.7 1.3 e 0.95 HE 3.0 2.5 Lp 0.6 0.2 Q 0.33 0.23 v 0.2 w 0.2 y 0.1
OUTLINE VERSION SOT753
REFERENCES IEC JEDEC JEITA SC-74A
EUROPEAN PROJECTION
ISSUE DATE 02-04-16
2002 May 27
11
Philips Semiconductors
Product specification
Inverter
SOLDERING Introduction to soldering surface mount packages This text gives a very brief insight to a complex technology. A more in-depth account of soldering ICs can be found in our "Data Handbook IC26; Integrated Circuit Packages" (document order number 9398 652 90011). There is no soldering method that is ideal for all surface mount IC packages. Wave soldering can still be used for certain surface mount ICs, but it is not suitable for fine pitch SMDs. In these situations reflow soldering is recommended. Reflow soldering Reflow soldering requires solder paste (a suspension of fine solder particles, flux and binding agent) to be applied to the printed-circuit board by screen printing, stencilling or pressure-syringe dispensing before package placement. Several methods exist for reflowing; for example, convection or convection/infrared heating in a conveyor type oven. Throughput times (preheating, soldering and cooling) vary between 100 and 200 seconds depending on heating method. Typical reflow peak temperatures range from 215 to 250 C. The top-surface temperature of the packages should preferable be kept below 220 C for thick/large packages, and below 235 C for small/thin packages. Wave soldering Conventional single wave soldering is not recommended for surface mount devices (SMDs) or printed-circuit boards with a high component density, as solder bridging and non-wetting can present major problems. To overcome these problems the double-wave soldering method was specifically developed.
74HC1GU04
If wave soldering is used the following conditions must be observed for optimal results: * Use a double-wave soldering method comprising a turbulent wave with high upward pressure followed by a smooth laminar wave. * For packages with leads on two sides and a pitch (e): - larger than or equal to 1.27 mm, the footprint longitudinal axis is preferred to be parallel to the transport direction of the printed-circuit board; - smaller than 1.27 mm, the footprint longitudinal axis must be parallel to the transport direction of the printed-circuit board. The footprint must incorporate solder thieves at the downstream end. * For packages with leads on four sides, the footprint must be placed at a 45 angle to the transport direction of the printed-circuit board. The footprint must incorporate solder thieves downstream and at the side corners. During placement and before soldering, the package must be fixed with a droplet of adhesive. The adhesive can be applied by screen printing, pin transfer or syringe dispensing. The package can be soldered after the adhesive is cured. Typical dwell time is 4 seconds at 250 C. A mildly-activated flux will eliminate the need for removal of corrosive residues in most applications. Manual soldering Fix the component by first soldering two diagonally-opposite end leads. Use a low voltage (24 V or less) soldering iron applied to the flat part of the lead. Contact time must be limited to 10 seconds at up to 300 C. When using a dedicated tool, all other leads can be soldered in one operation within 2 to 5 seconds between 270 and 320 C.
2002 May 27
12
Philips Semiconductors
Product specification
Inverter
Suitability of surface mount IC packages for wave and reflow soldering methods PACKAGE(1) BGA, LBGA, LFBGA, SQFP, TFBGA, VFBGA HBCC, HBGA, HLQFP, HSQFP, HSOP, HTQFP, HTSSOP, HVQFN, HVSON, SMS PLCC(4), SO, SOJ LQFP, QFP, TQFP SSOP, TSSOP, VSO Notes not suitable not suitable(3)
74HC1GU04
SOLDERING METHOD WAVE REFLOW(2) suitable suitable suitable suitable suitable
suitable not not recommended(4)(5) recommended(6)
1. For more detailed information on the BGA packages refer to the "(LF)BGA Application Note" (AN01026); order a copy from your Philips Semiconductors sales office. 2. All surface mount (SMD) packages are moisture sensitive. Depending upon the moisture content, the maximum temperature (with respect to time) and body size of the package, there is a risk that internal or external package cracks may occur due to vaporization of the moisture in them (the so called popcorn effect). For details, refer to the Drypack information in the "Data Handbook IC26; Integrated Circuit Packages; Section: Packing Methods". 3. These packages are not suitable for wave soldering. On versions with the heatsink on the bottom side, the solder cannot penetrate between the printed-circuit board and the heatsink. On versions with the heatsink on the top side, the solder might be deposited on the heatsink surface. 4. If wave soldering is considered, then the package must be placed at a 45 angle to the solder wave direction. The package footprint must incorporate solder thieves downstream and at the side corners. 5. Wave soldering is suitable for LQFP, TQFP and QFP packages with a pitch (e) larger than 0.8 mm; it is definitely not suitable for packages with a pitch (e) equal to or smaller than 0.65 mm. 6. Wave soldering is suitable for SSOP and TSSOP packages with a pitch (e) equal to or larger than 0.65 mm; it is definitely not suitable for packages with a pitch (e) equal to or smaller than 0.5 mm.
2002 May 27
13
Philips Semiconductors
Product specification
Inverter
DATA SHEET STATUS DATA SHEET STATUS(1) Objective data PRODUCT STATUS(2) Development DEFINITIONS
74HC1GU04
This data sheet contains data from the objective specification for product development. Philips Semiconductors reserves the right to change the specification in any manner without notice. This data sheet contains data from the preliminary specification. Supplementary data will be published at a later date. Philips Semiconductors reserves the right to change the specification without notice, in order to improve the design and supply the best possible product. This data sheet contains data from the product specification. Philips Semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. Changes will be communicated according to the Customer Product/Process Change Notification (CPCN) procedure SNW-SQ-650A.
Preliminary data
Qualification
Product data
Production
Notes 1. Please consult the most recently issued data sheet before initiating or completing a design. 2. The product status of the device(s) described in this data sheet may have changed since this data sheet was published. The latest information is available on the Internet at URL http://www.semiconductors.philips.com. DEFINITIONS Short-form specification The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification. DISCLAIMERS Life support applications These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes Philips Semiconductors reserves the right to make changes, without notice, in the products, including circuits, standard cells, and/or software, described or contained herein in order to improve design and/or performance. Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no licence or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified.
2002 May 27
14
Philips Semiconductors
Product specification
Inverter
NOTES
74HC1GU04
2002 May 27
15
Philips Semiconductors - a worldwide company
Contact information For additional information please visit http://www.semiconductors.philips.com. Fax: +31 40 27 24825 For sales offices addresses send e-mail to: sales.addresses@www.semiconductors.philips.com.
(c) Koninklijke Philips Electronics N.V. 2002
SCA74
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Printed in The Netherlands
613508/04/pp16
Date of release: 2002
May 27
Document order number:
9397 750 09869


▲Up To Search▲   

 
Price & Availability of 74HC1GU04

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X