|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
(R) 74ACT14 HEX SCHMITT INVERTER s s s s s s s s HIGH SPEED: tPD = 5 ns (TYP.) at VCC = 5V LOW POWER DISSIPATION: ICC = 4 A (MAX.) at TA = 25 oC 50 TRANSMISSION LINE DRIVING CAPABILITY SYMMETRICAL OUTPUT IMPEDANCE: |IOH| = IOL = 24 mA (MIN) BALANCED PROPAGATION DELAYS: tPLH tPHL OPERATING VOLTAGE RANGE: VCC (OPR) = 2V to 5V PIN AND FUNCTION COMPATIBLE WITH 74 SERIES 14 IMPROVED LATCH-UP IMMUNITY B M (Plastic Package) (Micro Package) ORDER CODES : 74ACT14B 74ACT14M immunity and stable output. The device is designed to interface directly High Speed CMOS systems with TTL, NMOS and CMOS output voltage levels This together with its schmitt trigger function allows it to be used on line receivers with slow rise/fall input signals. All inputs and outputs are equipped with protection circuits against static discharge, giving them 2KV ESD immunity and transient excess voltage. DESCRIPTION The ACT14 is an advanced high-speed CMOS HEX SCHMITT INVERTER fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS technology. It is ideal for low power applications mantaining high speed operation similar to equivalent Bipolar Shottky TTL. The internal circuit is composed of 3 stages including buffer output, which enables high noise PIN CONNECTION AND IEC LOGIC SYMBOLS March 1999 1/7 74ACT14 INPUT AND OUTPUT EQUIVALENT CIRCUIT PIN DESCRIPTION PIN No 1, 3, 5, 9, 11, 13 2, 4, 6, 8, 10, 12 7 14 SYMBOL 1A to 6A 1Y to 6Y GND VCC NAME AND FUNCT ION Data Inputs Data Outputs Ground (0V) Positive Supply Voltage TRUTH TABLE A L H Y H L ABSOLUTE MAXIMUM RATINGS Symbol VCC VI VO IIK IOK IO Tstg TL Supply Voltage DC Input Voltage DC Output Voltage DC Input Diode Current DC Output Diode Current DC Output Current Storage Temperature Lead Temperature (10 sec) Parameter Value -0.5 to +7 -0.5 to VCC + 0.5 -0.5 to VCC + 0.5 20 20 50 300 -65 to +150 300 Unit V V V mA mA mA mA o o ICC or IGND DC VCC or Ground Current C C Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is not implied. RECOMMENDED OPERATING CONDITIONS Symbol VCC VI VO Top Supply Voltage Input Voltage Output Voltage Operating Temperature: Parameter Valu e 2 to 6 0 to VCC 0 to VCC -40 to +85 Unit V V V o C 2/7 74ACT14 DC SPECIFICATIONS Symb ol Parameter V CC (V) Vt+ VtVh VOH High Level Input Voltage Low Level Input Voltage Hysteresis Voltage High Level Output Voltage 4.5 5.5 4.5 5.5 4.5 5.5 4.5 5.5 4.5 5.5 VOL Low Level Output Voltage 4.5 5.5 4.5 5.5 II ICCT ICC IOLD IOHD Input Leakage Current Max ICC /Input Quiescent Supply Current Dynamic Output Current (note 1, 2) 5.5 5.5 5.5 5.5 V I (* ) = V IH or V IL VI = V IH or V IL (* ) Test Co nditions Min. 2.0 2.0 T yp. Valu e T A = 25 oC Max. -40 to 85 o C Min. 2.0 2.0 0.6 0.6 0.4 0.4 1.4 1.5 4.49 5.49 0.4 0.4 4.4 5.4 3.76 4.76 0.001 0.001 0.1 0.1 0.36 0.36 0.1 0.6 4 0.1 0.1 0.44 0.44 1 1.5 40 75 -75 0.6 0.6 1.4 1.5 Max. Un it V V V V IO=-50 A IO=-50 A IO=-24 mA IO=-24 mA IO=50 A IO=50 mA IO=24 mA IO=24 mA 4.4 5.4 3.86 4.86 V VI = VCC or GND VI = VCC -2.1 V VI = VCC or GND VOLD = 1.65 V max VOHD = 3.85 V min A mA A mA mA 1) Maximum test duration 2ms, one output loaded attime 2) Incident wave switching is guaranteed on transmission lines with impedances as low as 50 . (*) All outputs loaded. AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, RL = 500 , Input tr = tf =3 ns) Symb ol Parameter V CC (V) tPLH tPHL Propagation Delay Time 5.0(*) T est Con ditio n Valu e o o T A = 25 C -40 to 85 C Min. T yp. Max. Min. Max. 7.2 11.4 13.0 Un it ns (*) Voltage range is 5V 0.5V 3/7 74ACT14 CAPACITIVE CHARACTERISTICS Symb ol Parameter V CC (V) C IN CPD Input Capacitance Power Dissipation Capacitance (note 1) 5.0 5.0 Test Co nditions Min. T yp. 5 30 Valu e T A = 25 oC Max. 10 -40 to 85 o C Min. Max. 10 pF pF Un it 1) CPD isdefined as the value of the IC'sinternal equivalent capacitance which is calculated fromthe operating current consumption without load. (Referto Test Circuit).Average operating current can be obtained by the following equation. ICC(opr) = CPD * VCC * fIN + ICC/6 (per circuit) TEST CIRCUIT CL = 50 pF or equivalent (includes jigand probe capacitance) RL = R1 = 500 orequivalent RT = ZOUT of pulse generator (typically 50) WAVEFORM: PROPAGATION DELAYS (f=1MHz) 4/7 74ACT14 Plastic DIP-14 MECHANICAL DATA mm MIN. a1 B b b1 D E e e3 F I L Z 1.27 3.3 2.54 0.050 8.5 2.54 15.24 7.1 5.1 0.130 0.100 0.51 1.39 0.5 0.25 20 0.335 0.100 0.600 0.280 0.201 1.65 TYP. MAX. MIN. 0.020 0.055 0.020 0.010 0.787 0.065 inch TYP. MAX. DIM. P001A 5/7 74ACT14 SO-14 MECHANICAL DATA DIM. MIN. A a1 a2 b b1 C c1 D E e e3 F G L M S 3.8 4.6 0.5 8.55 5.8 1.27 7.62 4.0 5.3 1.27 0.68 8 (max.) 0.149 0.181 0.019 8.75 6.2 0.35 0.19 0.5 45 (typ.) 0.336 0.228 0.050 0.300 0.157 0.208 0.050 0.026 0.344 0.244 0.1 mm TYP. MAX. 1.75 0.2 1.65 0.46 0.25 0.013 0.007 0.019 0.003 MIN. inch TYP. MAX. 0.068 0.007 0.064 0.018 0.010 P013G 6/7 74ACT14 Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a trademark of STMicroelectronics (c) 1999 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysia - Malta - Mexico - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A. http://www.st.com . 7/7 |
Price & Availability of 74ACT14 |