Part Number Hot Search : 
27C51 51264 NJM592D8 FC123 2SC828 MMBZ5235 STP413D BD944
Product Description
Full Text Search
 

To Download 5WG11118AA01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TECHNICAL DATA
BUS INTERFACE MODUL BIM M111, BIM M115
d6
c6
b6
a6
Features
d1 c1 b1 a1
*EIB Bus Interface Module for piggyback-use on PCBs *MC68HC05B6 with mask programmed ROM, contains the EIB System Software *PEI *) and Port A, PLM A and PLM B for applications available *Smallest instabus EIB Bus Access Unit *Operating Temperature Range: BIM M111: - 5 to + 45 C BIM M115: - 25 to + 70 C
e2 e1
Ordering Information
BIM M111 5WG1 111 8AA01 BIM M115 5WG1 115 8AA01
*EIBA certified part
*) = Peripheral External Interface
DESCRIPTION
The BIM M111 or the BIM M115 are members of Siemens instabus EIB BCU - family. They are especially designed as small modules for piggyback use and can be fitted directly into PCBs. The modules contain all functional parts of a EIB - BCU with the exception of shift register for the serial synchronous interface. Additionally access to such microcontroller ports as Reset, PLMA, or Port A is possible. These ports are directly accessible by the user. Additional pins for the connection of an external programming button and a LED are available. For applications with the need of longer 'Bus Buffer Time' the BIM allows to connect an additional capacitance at bus voltage level.
The reproduction, transmission or use of this document or it` contents is not permitted without express written approval. All rights, s including right created by patent grant or registration of a utility model or design, are reserved. Technical changes reserved. 25 15 14.41.03a 31.10.00 page 1 (c) Siemens AG 2000
BIM M111 / M115
Schematic Block Diagram
PEI Port A
EIB
BIM M111, BIM M115
Programming LED Button
PLMA PLMB Reset
Buffer Time
Absolute Maximum Electrical Ratings
Rating Bus Voltage Microcontroller Input Voltage PEI, Symbol V Bus V... 35 GND - 0,5 to Vcc + 0,5 Value Units V V
PLMA, PLMB, Reset, LED, Button Microcontroller input or output current per Pin I see Motorola Technical Data MC68HC05B6
Features of the Controller
*CPU *Operating Frequency *On-Chip RAM *On-Chip EEPROM *8-Bit pulse length modulator (PLM) *Serial asynchronous communication interface *Serial synchronous communication interface *Watch dog MC68HC05B6 2,0 MHz (crystal frequency of 4,0 MHz) 176 Bytes ( 18 Bytes available for user ) 256 Bytes (230 Bytes available for user)
*8-Bit A/D-converter (5 channels available for user)
The reproduction, transmission or use of this document or it` contents is not permitted without express written approval. All rights, s including right created by patent grant or registration of a utility model or design, are reserved. Technical changes reserved. 25 15 14.41.03a 31.10.00 page 2 (c) Siemens AG 2000
BIM M111 / M115
HARDWARE BLOCK DIAGRAM
BIM M 111 BIM M 115
0 PA0 PA1 PA2 PA3 PA4 PA5 PA6 PA7 +5V 47k
LED b5 a6 b4
Port A
MICROCONTROLLER 68HC05B6
TRANSFORMERMODULE
e1
e2
7 2 7
a5 b3 a4 b2 a3 Programming c2 c6
+5V
BUTTON
+
Port B
BUS
-
PLMA PLMB PEISignalPins 1)
Port D 4
TYPE 47k5
c5
PEI
PLMA b1 PLMB d6 TxD d3 RxD d4 CLK c3 RTS d5 CTS c4 PC7 b6
+5V
RType
3) VCC VDD
GND d2
+5V +20V +5V RESET C35V +5V
d1 c1
a2 2)
a1
Note: Use the C35V-pin only for extension of "Bus Buffer Time". Do not draw current! Otherwise the quality of bus transmission would be affected.
1) For detailed description see "PEI" - table. 2) Additional capacitance (Vc=35V) for extended "Bus Buffer Time", e.g.100F. 3) Additional capacitance (Vc=5V) for extended "Bus Buffer Time"., e.g. 470F.
Memory Map
Address Range 0000 0020 0050 00C0 0100 0101 0120 0200 1FF2 001F 004F 00BF 00FF 0100 011F 01FF 1FF1 1FFF Memory I/O, Register ROM RAM Stack OPTR EEPROM non protected EEPROM protected ROM and unused areas Special functions Bytes 32 48 176 64 1 31 224
The reproduction, transmission or use of this document or it` contents is not permitted without express written approval. All rights, s including right created by patent grant or registration of a utility model or design, are reserved. Technical changes reserved. 25 15 14.41.03a 31.10.00 page 3 (c) Siemens AG 2000
BIM M111 / M115
PEI (Physical External Interface)
PEI - Pin - Assignment Pin Mnemonics a1 a2 a3 a4 a5 a6 b1 b2 b3 b4 b5 b6 RESET C35V PA7 PA5 PA3 PA1 PLMA PA6 PA4 PA2 PA0 PC7 PA7 PA5 PA3 PA1 PLMB PA6 PA4 PA2 PA0 PC7 Power Supply
Serial Interface Async./sync. I - Ports or A / D - Ports
Digital I /O - Ports _RESET
Remarks
In-/Output Buffer Capacitor Digital Input / Output Digital Input / Output Digital Input / Output Digital Input / Output Pulse-Length-Mod. Digital Input / Output Digital Input / Output Digital Input / Output Digital Input / Output Digital Output (Input / Output when PEI-Type17)
c1 c2 c3 c4 c5 c6 d1
GND BUTTON CLK CTS TYPE LED VDD
Ground PB2 SCLK PD6 PD3 PD4 PB7 Vdd (20V) PC4 PC6 Digital Input Clock * Clear to Send PEI - Type Digital Output 2mA Current Limit. *
d2 d3 d4 d5 d6 e1 e2
VCC TxD RxD RTS PLMB + Bus - Bus
Vcc (5V) TDO RDI PD5 PD7 PD2 PC3 PC2 PC5 PLMB Data * Data * Request to Send * Pulse-Length-Mod. Bus Line Bus Line
The reproduction, transmission or use of this document or it` contents is not permitted without express written approval. All rights, s including right created by patent grant or registration of a utility model or design, are reserved. Technical changes reserved. 25 15 14.41.03a 31.10.00 page 4 (c) Siemens AG 2000
BIM M111 / M115
ELECTRICAL SPECIFICATION
See also EIBA Handbook for Development, Release 3.0
Bus Interface Characteristics: Characteristics Operating Voltage Current consumption Reset conditions Symbol VBus IBus Vcc < 4,6 Min 21 Max 30 4 Typical V mA V Reset generated by transceiver BCU-Buffer-Time Transmission Rate TBD 9600 ms bit/s PEI-Load:50mW Unit Remarks
PEI DC-Characteristics: Characteristics Supply Output Voltage +5V Supply Output Voltage +20V Symbol VCC VDD Min 4.7 18 Max 5.3 20.5 Typical V V Unit Remarks Max. 10mA load = 2mA VBUS - VDD > 1,5V VBUS = 21V ... 30V Iload=1,6mA Iload=0,8mA Iload=1,6mA Iload=1,6mA Iload=1,6mA
Current Limitation Data Output Voltage Port A, Port B, Port C Data Output Voltage TDO, SCLK, PLMB Data Output Voltage Reset Data Input Voltage Port A, Port B, Port C Reset, RDI Analog Input Voltage Range I/O Ports Three-StateLeakage Input Capacitance
IDD VOL VOH VOL VOH VOL VIL VIH VAIL VAIH IOZ CIN
2 VCC-0,8
5 0.4 0.4
mA V V V V
VCC-0,8 1,0 0 0.7 VCC 0 VCC 10 50 0.2 VCC VCC
V A pF
The reproduction, transmission or use of this document or it` contents is not permitted without express written approval. All rights, s including right created by patent grant or registration of a utility model or design, are reserved. Technical changes reserved. 25 15 14.41.03a 31.10.00 page 5 (c) Siemens AG 2000
BIM M111 / M115
Timing
The timing of Save, Reset, VCC and VDD which are depending on VBUS are shown in the following depiction:
+21V to 30V min. 16V
max. 19.5V
VBUS
0V
+5V VCC min 4.6V 0V +5V
SAVE 0V
+5V
RESET0V VDD
+20V resistive load
0V +20V capacitive load
VDD
0V
Environmental Conditions
Rating Operation Temperature Range BIM M111 Operation Temperature Range BIM M115 Storage Temperature Range BIM M111 Storage Temperature Range BIM M115 Relative Humidity Symbol TA TA TSTG TSTG Value - 5 to + 45 - 25 to + 70 - 25 to + 55 -25 to + 70 5 to 93 Unit C C C C % no condensation Remarks no condensation no condensation
The reproduction, transmission or use of this document or it` contents is not permitted without express written approval. All rights, s including right created by patent grant or registration of a utility model or design, are reserved. Technical changes reserved. 25 15 14.41.03a 31.10.00 page 6 (c) Siemens AG 2000
0.2V
BIM M111 / M115
SOFTWARE SPECIFICATION
See also EIBA Handbook for Development, Release 3.0
Application Hint
To avoid malfunctioning by EMI, it is recommended to shield the BIM. The connection for the electric screen is shown in the figure below.
BIM
Connection for electric screen (= Ground), for information about the exact position see "Mabild"
The data contained herein are subject to change without notice. Siemens does not warrant for correctness or completeness of the documentation or that the products described are qualified for certification.
The reproduction, transmission or use of this document or it` contents is not permitted without express written approval. All rights, s including right created by patent grant or registration of a utility model or design, are reserved. Technical changes reserved. 25 15 14.41.03a 31.10.00 page 7 (c) Siemens AG 2000
Soldering Side
BIM M111 / M115
MECHANICAL SPECIFICATION (BIM M111)
The reproduction, transmission or use of this document or it` contents is not permitted without express written approval. All rights, including right created by patent grant or registration of a utility model or s design, are reserved. Technical changes reserved. 25 15 14.41.03a 31.10.00 page 8 (c) Siemens AG 2000
BIM M111 / M115
MECHANICAL SPECIFICATION (BIM M115)
The reproduction, transmission or use of this document or it` contents is not permitted without express written approval. All rights, including right created by patent grant or registration of a utility model or s design, are reserved. Technical changes reserved. 25 15 14.41.03a 31.10.00 page 9 (c) Siemens AG 2000


▲Up To Search▲   

 
Price & Availability of 5WG11118AA01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X