Part Number Hot Search : 
IRF7240 IRF9640 7C188 MC1441 LAN9303 74272485 XC1701 1N3017
Product Description
Full Text Search
 

To Download 2SK2645 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SK2645-01MR
N-CHANNEL SILICON POWER MOSFET
FUJI POWER MOSFET
Outline Drawings
TO-220F
FAP-2S Series
Features
High speed switching Low on-resistance No secondary breadown Low driving power Avalanche-proof
Applications
Switching regulators UPS (Uninterruptible Power Supply) DC-DC converters
Maximum ratings and characteristicAbsolute maximum ratings
(Tc=25C unless otherwise specified)
Item Drain-source voltage Continuous drain current Pulsed drain current Gate-source voltage Repetitive or non-repetitive Maximum Avalanche Energy Max. power dissipation Operating and storage temperature range Symbol VDS ID ID(puls] VGS IAR *2 EAS *1 PD Tch Tstg Ratings 600 9 32 35 9 71.9 50 +150 -55 to +150 Unit V A A V A mJ W C C < *2 Tch=150C
Equivalent circuit schematic
Drain(D)
Gate(G) Source(S)
*1 L=1.63mH, Vcc=60V
Electrical characteristics (Tc =25C unless otherwise specified)
Item Drain-source breakdown voltaget Gate threshold voltage Zero gate voltage drain current Gate-source leakage current Drain-source on-state resistance Forward transcondutance Input capacitance Output capacitance Reverse transfer capacitance Turn-on time ton Turn-off time toff Avalanche capability Diode forward on-voltage Reverse recovery time Reverse recovery charge Symbol V(BR)DSS VGS(th) IDSS IGSS RDS(on) gfs Ciss Coss Crss td(on) tr td(off) tf IAV VSD trr Qrr Test Conditions ID=1mA VGS=0V ID=1mA VDS=VGS VDS=600V VGS=0V VGS=35V VDS=0V ID=4.5A VGS=10V ID=4.5A VDS=25V VDS=25V VGS=0V f=1MHz VCC=300V ID=9A VGS=10V RGS=10 L=100 H Tch=25C IF=2xIDR VGS=0V Tch=25C IF=IDR VGS=0V -di/dt=100A/s Tch=25C 9 1.0 550 7.0 1.5
Min.
600 3.5 Tch=25C Tch=125C
Typ.
4.0 10 0.2 10 1.0 5.0 900 150 70 25 70 60 35
Max.
4.5 500 1.0 100 1.2 1400 230 110 40 110 90 60
Units
V V A mA nA S pF
2.5
ns
A V ns C
Thermalcharacteristics
Item Thermal resistance Symbol Rth(ch-c) Rth(ch-a) Test Conditions channel to case channel to ambient
Min.
Typ.
Max.
2.5 62.5
Units
C/W C/W
1
2SK2645-01MR
Characteristics
Power Dissipation PD=f(Tc)
FUJI POWER MOSFET
Safe operating area
ID=f(VDS):D=0.01,Tc=25C
70
60
10
1
t=0.01 s DC 1s 10s
50
PD [W]
40
ID [A]
10
0
100s 1ms
30
20
10ms 10
-1
t D= t T
100ms
10
T
0
0
50
100
150
10
-2
10
0
10
1
10
2
10
3
Tc [ C]
o
VDS [V]
Typical output characteristics
ID=f(VDS):80s Pulse test,Tch=25C
20 VGS=20V 10V 15 8V
Typical transfer characteristic
ID=f(VGS):80s Pulse test,VDS=25V,Tch=25C
10
1
ID [A]
ID [A]
10 7V
10
0
5
6.5V
10
6V 5.5V 5V 0 5 10 15 20 25 30 35
-1
0
10
-2
0
1
2
3
4
5
6
7
8
9
10
VDS [V]
VGS [V]
Typical forward transconductance
gfs=f(ID):80s Pulse test,VDS=25V,Tch=25C
Typical drain-source on-state resistance
RDS(on)=f(ID):80s Pulse test, Tch=25C
9 VGS= 5V 5.5V 6V 8 7 6.5V 7V
10
1
6
RDS(on) [ ]
gfs [s]
5 4 3 2 1 0 8V 10V 20V
10
0
10
-1
10
-1
10
0
10
1
0
5
10
15
20
ID [A]
ID [A]
2
2SK2645-01MR
FUJI POWER MOSFET
Drain-source on-state resistance RDS(on)=f(Tch):ID=4.5A,VGS=10V
4.0 3.5 5.0 3.0 6.0
Gate threshold voltage VGS(th)=f(Tch):ID=1mA,VDS=VGS
max.
RDS(on) [ ]
VGS(th) [V]
2.5 2.0 1.5 1.0 0.5 0.0 -50 0 50 100 150
o
4.0
typ. min.
max.
3.0
typ.
2.0
1.0
0.0
-50
0
50
100
o
150
Tch [ C]
Tch [ C]
Typical gate charge characteristic
VGS=f(Qg):ID=9A,Tch=25C
500 Vcc=480V 450 400 350 300V 45 40 50 10n
Typical capacitances C=f(VDS):VGS=0V,f=1MHz
VDS [V]
300 250 200 150 100 50 0 120V
25 20
C [F]
0V 12 c= V Vc 300 V 0 48
35 30
1n
Ciss
VGS [V]
Coss
100p
15 10 5 0 140 10p 10
-2 -1 0 1
Crss
0
20
40
60
80
100
120
10
10
10
10
2
Qg [nC]
VDS [V]
Forward characteristic of reverse of diode
IF=f(VSD):80s Pulse test,VGS=0V
100
Avalanche energy derating
Eas=f(starting Tch):Vcc=60V,IAV=9A
10
1
80
Tch=25 C typ.
60
o
IF [A]
10
0
Eas [mJ]
40
10
-1
20
10
-2
0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
50
o
100
150
VSD [V]
Starting Tch [ C]
3
2SK2645-01MR
Transient thermal impedande Zthch=f(t) parameter:D=t/T
FUJI POWER MOSFET
10
1
D=0.5 10
0
Zthch-c [K/W]
0.2 0.1 0.05 10 0.02
-1
t D= t T
0.01 0 10 -5 10
-2 -4 -3 -2 -1 0
T
10
10
10
10
10
10
1
t [s]
4


▲Up To Search▲   

 
Price & Availability of 2SK2645

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X