Part Number Hot Search : 
LZ951600 FT825 SMAJ10 1N756D 04560 APC78169 6ESB1 5ETP12
Product Description
Full Text Search
 

To Download 2SC5080 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SC5080
Silicon NPN Epitaxial
Application
VHF / UHF wide band amplifier
Features
* High gain bandwidth product fT = 13.5 GHz Typ * High gain, low noise figure PG = 18 dB Typ, NF = 1.1 dB Typ at f = 900 MHz
Outline
2SC5080
Absolute Maximum Ratings (Ta = 25C)
Item Collector to base voltage Collector to emitter voltage Emitter to base voltage Collector current Collector power dissipation Junction temperature Storage temperature Symbol VCBO VCEO VEBO IC PC Tj Tstg Ratings 15 8 1.5 50 150 150 -55 to +150 Unit V V V mA mW C C
Electrical Characteristics (Ta = 25C)
Item Collector to base breakdown voltage Collector cutoff current Symbol V(BR)CBO I CBO I CEO Emitter cutoff current DC current transfer ratio Collector output capacitance Gain bandwidth product Power gain Noise figure Note: Marking is "ZD-". I EBO hFE Cob fT PG NF Min 15 -- -- -- 50 -- 10.5 15 -- Typ -- -- -- -- 90 0.4 13.5 18 1.1 Max -- 1 1 10 160 0.75 -- -- 2.0 pF GHz dB dB Unit V A mA A Test conditions I C = 10 A, IE = 0 VCB = 12 V, IE = 0 VCE = 8 V, RBE = VEB = 1.5 V, IC = 0 VCE = 5 V, IC = 20 mA VCB = 5 V, IE = 0, f = 1 MHz VCE = 5 V, IC = 20 mA VCE = 5 V, IC = 20 mA, f = 900 MHz VCE = 5 V, IC = 5 mA, f = 900 MHz
Attention: This device is very sensitive to electro static discharge. It is recommended to adopt appropriate cautions when handling this transistor.
2
2SC5080
3
2SC5080
4
2SC5080
5
2SC5080
6
2SC5080
7
2SC5080
S Parameters (V CE = 5 V, IC = 5 mA, ZO = 50 )
Freq. (MHz) 200 400 600 800 1000 1200 1400 1600 1800 2000 S11 MAG. 0.798 0.699 0.592 0.532 0.465 0.432 0.401 0.390 0.373 0.373 ANG. -30.8 -60.8 -83.0 -99.9 -114.5 -128.2 -139.6 -150.2 -160.5 -168.3 S21 MAG. 11.47 9.88 8.35 7.03 6.02 5.23 4.58 4.14 3.76 3.42 ANG. 157.3 139.6 126.1 115.7 107.6 101.0 95.2 90.7 86.4 82.6 S12 MAG. 0.0329 0.0570 0.0718 0.0817 0.0891 0.0939 0.0993 0.103 0.108 0.112 ANG. 73.0 60.8 53.0 48.0 45.4 44.6 44.1 44.8 45.1 46.5 S22 MAG. 0.936 0.820 0.703 0.607 0.532 0.478 0.440 0.405 0.382 0.362 ANG. -20.0 -35.1 -46.0 -54.0 -59.8 -64.3 -67.7 -71.6 -74.7 -77.9
S Parameters (V CE = 5 V, IC = 20 mA, ZO = 50 )
Freq. (MHz) 200 400 600 800 1000 1200 1400 1600 1800 2000 S11 MAG. 0.588 0.482 0.419 0.389 0.366 0.365 0.354 0.356 0.361 0.365 ANG. -53.1 -89.8 -115.9 -134.1 -149.7 -161.9 -171.4 -179.7 172.7 165.3 S21 MAG. 21.24 15.59 11.75 9.29 7.64 6.47 5.63 4.98 4.48 4.06 ANG. 144.3 123.6 111.0 102.4 96.5 91.4 97.1 83.5 79.9 77.0 S12 MAG. 0.0275 0.0423 0.0507 0.0581 0.0652 0.0726 0.0806 0.0877 0.0959 0.105 ANG. 66.3 56.6 53.9 54.5 55.8 57.3 58.7 60.4 61.2 62.4 S22 MAG. 0.826 0.619 0.480 0.395 0.337 0.300 0.274 0.255 0.242 0.232 ANG. -31.8 -49.8 -58.7 -63.8 -67.6 -70.1 -72.8 -74.6 -77.1 -79.9
8
2SC5080
When using this document, keep the following in mind: 1. This document may, wholly or partially, be subject to change without notice. 2. All rights are reserved: No one is permitted to reproduce or duplicate, in any form, the whole or part of this document without Hitachi's permission. 3. Hitachi will not be held responsible for any damage to the user that may result from accidents or any other reasons during operation of the user's unit according to this document. 4. Circuitry and other examples described herein are meant merely to indicate the characteristics and performance of Hitachi's semiconductor products. Hitachi assumes no responsibility for any intellectual property claims or other problems that may result from applications based on the examples described herein. 5. No license is granted by implication or otherwise under any patents or other rights of any third party or Hitachi, Ltd. 6. MEDICAL APPLICATIONS: Hitachi's products are not authorized for use in MEDICAL APPLICATIONS without the written consent of the appropriate officer of Hitachi's sales company. Such use includes, but is not limited to, use in life support systems. Buyers of Hitachi's products are requested to notify the relevant Hitachi sales offices when planning to use the products in MEDICAL APPLICATIONS.
9


▲Up To Search▲   

 
Price & Availability of 2SC5080

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X