Part Number Hot Search : 
PJD882 2SA1687 C1005 3266P102 9C512 STPS140 LH5481 TA1541A
Product Description
Full Text Search
 

To Download 2SC4015 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SC4061K / 2SC3415S / 2SC4015 / 2SC3271F
Transistors
Chroma Amplifier Transistor (300V, 0.1A)
2SC4061K / 2SC3415S / 2SC4015 / 2SC3271F
!Features 1) High breakdown voltage. (BVCEO=300V) 2) Low collector output capacitance. (Typ. 3pF at VCB=30V) 3) Ideal for chroma circuit. !External dimensions (Units: mm)
(1)
2SC4061K
0.4
(3)
1.6 2.8
0.95 0.95
(2)
!Absolute maximum ratings (Ta=25C)
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current 2SC4061K Collector power dissipation 2SC3415S 2SC4015 2SC3271F Junction temperature Storage temperature Tj Tstg
2
ROHM : SMT3 EIAJ : SC-59
Unit V V V mA
0.3to0.6
0to0.1
(1) Emitter(Source) (2) Base(Gate) (3) Collector(Drain)
Each lead has same dimensions
0.15
Symbol VCBO VCEO VEBO IC
Limits 300 300 5 100 0.2 0.3 1 1.2 5 150 -55~+150
or larger.
2SC3415S
3
4
2
PC
*
W
(15Min.)
3Min.
0.45
0.8
W(Tc=25C) C C
2.5 5
0.5 0.45
(1) Emitter (2) Collector (3) Base
* Printed circuit board 1.7mm thick, collector plating 1cm
ROHM : SPT EIAJ : SC-72
(1) (2) (3)
Taping specifications
!Packaging specifications and hFE
Type Package hFE Marking Code Basic ordering unit (pieces) 2SC4061K 2SC3415S 2SC4015 2SC3271F SMT3 NP AN T146 3000 SPT NP TP 5000 ATV N TV2 2500 TO-126FP N 1000
2SC4015
6.8
2.5
0.65Max.
0.5 (1) (2) (3)
14.5
*
1.0
0.9
4.4
* Denotes hFE
ROHM : ATV
2.54 2.54
1.05
0.45
(1) Emitter (2) Collector (3) Base
Taping specifications
2SC3271F
10.8
7.8
Tor 3.3 Rear 3.19
6.9 9.2
3.2
1.1 1.2
1.6
C0.7
16.0
1.75
0.95 0.8
2.3
2.3
(1) (2) (3)
0.7
1.76
(1) Emitter (2) Collector (3) Base
ROHM : TO-126FP
!Electrical characteristics (Ta=25C)
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cutoff current Emitter cutoff current Collector-emitter saturation voltage 2SC4061K, 2SC3415S DC current transfer ratio 2SC4015, 2SC3271F Gain bandwidth product Collector output capacitance Symbol BVCBO BVCEO BVEBO ICBO IEBO VCE(sat) hFE fT Cob Min. 300 300 5 56 56 50 Typ. 100 3 Max. 0.5 0.5 2 180 120 Unit V V V A A V MHz pF IC=50A IC=100A IE=50A VCB=200V VEB=4V IC/IB=50mA/5mA VCE/IC=10V/10mA VCE=30V, IE=-10mA, f=100MHz VCB=30V, IE=0A, f=1MHz Conditions


▲Up To Search▲   

 
Price & Availability of 2SC4015

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X