Part Number Hot Search : 
PST9243 25FGG 150ML BFXXXX ASI4000 E43CA DMP20 750X7
Product Description
Full Text Search
 

To Download 2SA1121 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SA1121
Silicon PNP Epitaxial
Application
* Low frequency amplifier * Complementary pair with 2SC2618
Outline
2SA1121
Absolute Maximum Ratings (Ta = 25C)
Item Collector to base voltage Collector to emitter voltage Emitter to base voltage Collector current Collector power dissipation Junction temperature Storage temperature Symbol VCBO VCEO VEBO IC PC Tj Tstg Ratings -35 -35 -4 -500 150 150 -55 to +150 Unit V V V mA mW C C
Electrical Characteristics (Ta = 25C)
Item Collector to base breakdown voltage Symbol V(BR)CBO Min -35 -35 -4 -- -- 60 10 -- D SD 160 to 320 Typ -- -- -- -- -0.2 -- -- -0.64 Max -- -- -- -0.5 -0.6 320 -- -- V Unit V V V A V Test conditions I C = -10 A, IE = 0 I C = -1 mA, RBE = I E = -10 A, IC = 0 VCB = -20 V, IE = 0 I C = -150 mA, IB = -15 mA VCE = -3 V, IC = -10 mA VCE = -3 V, IC = -500 mA (Pulse test) VCE = -3 V, IC = -10 mA
Collector to emitter breakdown V(BR)CEO voltage Emitter to base breakdown voltage Collector cutoff current Collector to emitter saturation voltage DC current transfer ratio V(BR)EBO I CBO VCE(sat) hFE* 1 hFE Base to emitter voltage Note: Grade Mark hFE B SB 60 to 120 C SC 100 to 200 VBE
1. The 2SA1121 is grouped by h FE as follows.
See characteristic curves of 2SA673.
2
2SA1121
3
2SA1121
When using this document, keep the following in mind: 1. This document may, wholly or partially, be subject to change without notice. 2. All rights are reserved: No one is permitted to reproduce or duplicate, in any form, the whole or part of this document without Hitachi's permission. 3. Hitachi will not be held responsible for any damage to the user that may result from accidents or any other reasons during operation of the user's unit according to this document. 4. Circuitry and other examples described herein are meant merely to indicate the characteristics and performance of Hitachi's semiconductor products. Hitachi assumes no responsibility for any intellectual property claims or other problems that may result from applications based on the examples described herein. 5. No license is granted by implication or otherwise under any patents or other rights of any third party or Hitachi, Ltd. 6. MEDICAL APPLICATIONS: Hitachi's products are not authorized for use in MEDICAL APPLICATIONS without the written consent of the appropriate officer of Hitachi's sales company. Such use includes, but is not limited to, use in life support systems. Buyers of Hitachi's products are requested to notify the relevant Hitachi sales offices when planning to use the products in MEDICAL APPLICATIONS.
4


▲Up To Search▲   

 
Price & Availability of 2SA1121

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X