Part Number Hot Search : 
SPLLL15 2N4173 LTC1655 65100 RGP10 MC9S12XE RD1004 SHORT
Product Description
Full Text Search
 

To Download 1N5408 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N5400-1N5408
Vishay Lite-On Power Semiconductor
3.0A Rectifier
Features
D Diffused junction D High current capability and low
forward voltage drop
D Surge overload rating to 200A peak D Low reverse leakage current D Plastic material - UL Recognition
flammability classification 94V-0
14 423
Absolute Maximum Ratings
Tj = 25_C Parameter Repetitive peak reverse voltage g =Working peak reverse voltage =DC Bl ki voltage DC Blocking lt Test Conditions Type 1N5400 1N5401 1N5402 1N5404 1N5406 1N5407 1N5408 Symbol VRRM =VRWM =VR V Value 50 100 200 400 600 800 1000 200 3 -65...+150 Unit V V V V V V V A A C
Peak forward surge current Average forward current TA=105C Junction and storage temperature range
IFSM IFAV Tj=Tstg
Electrical Characteristics
Tj = 25_C Parameter Forward voltage Reverse current Diode capacitance Thermal resistance junction to ambient Test Conditions IF=3A TA=25C TA=150C VR=4V, f=1MHz Type Symbol VF IR IR CD CD RthJA Min Typ Max 1 10 100 Unit V
mA mA
pF pF K/W
1N5400-5404 1N5406-5408
50 25 15
Rev. A2, 24-Jun-98
1 (4)
1N5400-1N5408
Vishay Lite-On Power Semiconductor Characteristics (Tj = 25_C unless otherwise specified)
IFSM - Peak Forward Surge Current ( A ) IFAV - Average Forward Current ( A ) 4.0 200
3.0
100
2.0
1.0
0 25
15583
50
75
100
125 150
175
200
15585
10 1.0
Tj = 25C IF Pulse Width = 300 s
Tamb - Ambient Temperature ( C )
10 Number of Cycles at 60 Hz
100
Figure 1. Max. Average Forward Current vs. Ambient Temperature
200 100 IF - Forward Current ( A )
Tj = 25C
Figure 3. Max. Peak Forward Surge Current vs. Number of Cycles
100 C D - Diode Capacitance ( pF )
1N5400 - 1N5405
10
1N5406 - 1N5408
10
1.0
Tj = 25C
0.2 0.4
15584
1.0 0.8 1.2 1.6 2.0 2.4 2.8 3.2
15586
f = 1 MHz
1.0
VF - Forward Voltage ( V )
10 VR - Reverse Voltage ( V )
100
Figure 2. Typ. Forward Current vs. Forward Voltage
Figure 4. Typ. Diode Capacitance vs. Reverse Voltage
2 (4)
Rev. A2, 24-Jun-98
1N5400-1N5408
Vishay Lite-On Power Semiconductor Dimensions in mm
14445
Case: molded plastic Polarity: cathode band Approx. weight: 1.1 grams Mounting position: any Marking: type number
Rev. A2, 24-Jun-98
3 (4)
1N5400-1N5408
Vishay Lite-On Power Semiconductor Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances ( ODSs ). The Montreal Protocol ( 1987 ) and its London Amendments ( 1990 ) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2 . Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency ( EPA ) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C ( transitional substances ) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay-Telefunken products for any unintended or unauthorized application, the buyer shall indemnify Vishay-Telefunken against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany Telephone: 49 ( 0 ) 7131 67 2831, Fax number: 49 ( 0 ) 7131 67 2423
4 (4)
Rev. A2, 24-Jun-98


▲Up To Search▲   

 
Price & Availability of 1N5408

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X