Part Number Hot Search : 
53111 MAX5853 WT6804 CAD12 P756E90 B2901 P4KE220 SZ453G
Product Description
Full Text Search
 

To Download XP4311 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Composite Transistors
XP04311 (XP4311)
Silicon NPN epitaxial planer transistor (Tr1) Silicon PNP epitaxial planer transistor (Tr2)
Unit: mm
0.425 1.250.1 0.425
0.20.05
For switching/digital circuits
2.10.1
0.65
G
G
Two elements incorporated into one package. (Transistors with built-in resistor) Reduction of the mounting area and assembly cost by one half.
2.00.1
I Features
0.65
1 2 3
6 5 4
0.2
0.90.1
I Basic Part Number of Element
G
0 to 0.1
UNR1211(UN1211) + UNR1111(UN1111)
0.70.1
0.20.1
I Absolute Maximum Ratings
Parameter Collector to base voltage Tr1 Collector to emitter voltage Collector current Collector to base voltage Tr2 Collector to emitter voltage Collector current Total power dissipation Overall Junction temperature Storage temperature Symbol VCBO VCEO IC VCBO VCEO IC PT Tj Tstg
(Ta=25C)
Ratings 50 50 100 -50 -50 -100 150 150 -55 to +150 Unit V V mA V V mA mW C C
1 : Emitter (Tr1) 4 : Emitter (Tr2) 2 : Base (Tr1) 5 : Base (Tr2) 3 : Collector (Tr2) 6 : Collector (Tr1) EIAJ : SC-88 S-Mini Type Package (6-pin)
Marking Symbol: 7X Internal Connection
1 2 3 Tr1 6 5 4
Tr2
Note.) The Part number in the Parenthesis shows conventional part number.
0.12 -0.02
+0.05
1
Composite Transistors
XP04311
(Ta=25C)
Symbol VCBO VCEO ICBO ICEO IEBO hFE VCE(sat) VOH VOL fT R1 R1/R2 Conditions IC = 10A, IE = 0 IC = 2mA, IB = 0 VCB = 50V, IE = 0 VCE = 50V, IB = 0 VEB = 6V, IC = 0 VCE = 10V, IC = 5mA IC = 10mA, IB = 0.3mA VCC = 5V, VB = 0.5V, RL = 1k VCC = 5V, VB = 2.5V, RL = 1k VCB = 10V, IE = -1mA, f = 200MHz -30% 0.8 150 10 1.0 +30% 1.2 4.9 0.2 35 0.25 V V V MHz k min 50 50 0.1 0.5 0.5 typ max Unit V V A A mA
I Electrical Characteristics
G
Tr1
Parameter
Collector to base voltage Collector to emitter voltage Collector cutoff current Emitter cutoff current Forward current transfer ratio Collector to emitter saturation voltage Output voltage high level Output voltage low level Transition frequency Input resistance Resistance ratio
G
Tr2
Parameter Symbol VCBO VCEO ICBO ICEO IEBO hFE VCE(sat) VOH VOL fT R1 R1/R2 Conditions IC = -10A, IE = 0 IC = -2mA, IB = 0 VCB = -50V, IE = 0 VCE = -50V, IB = 0 VEB = -6V, IC = 0 VCE = -10V, IC = -5mA IC = -10mA, IB = - 0.3mA VCC = -5V, VB = - 0.5V, RL = 1k VCC = -5V, VB = -2.5V, RL = 1k VCB = -10V, IE = 1mA, f = 200MHz -30% 0.8 80 10 1.0 +30% 1.2 -4.9 - 0.2 35 - 0.25 V V V MHz k min -50 -50 - 0.1 - 0.5 - 0.5 typ max Unit V V A A mA
Collector to base voltage Collector to emitter voltage Collector cutoff current Emitter cutoff current Forward current transfer ratio Collector to emitter saturation voltage Output voltage high level Output voltage low level Transition frequency Input resistance Resistance ratio
2
Composite Transistors
Common characteristics chart PT -- Ta
250
XP04311
Total power dissipation PT (mW)
200
150
100
50
0 0 20 40 60 80 100 120 140 160
Ambient temperature Ta (C)
Characteristics charts of Tr1 IC -- VCE
160
100
VCE(sat) -- IC
Collector to emitter saturation voltage VCE(sat) (V)
Ta=25C
IC/IB=10 400
hFE -- IC
VCE=10V
30 10 3 1 0.3 0.1 -25C 0.03 0.01 0.1
120 100 80 60
0.7mA 0.6mA 0.5mA 0.4mA 0.3mA
Forward current transfer ratio hFE
140
IB=1.0mA 0.9mA 0.8mA
Collector current IC (mA)
300 Ta=75C
200 25C 100 -25C
0.2mA 40 20 0 0 2 4 6 8 10 12
25C
Ta=75C
0.1mA
0 0.3 1 3 10 30 100 1 3 10 30 100 300 1000
Collector to emitter voltage VCE (V)
Collector current IC (mA)
Collector current IC (mA)
Cob -- VCB
6
IO -- VIN
f=1MHz IE=0 Ta=25C 10000 3000 VO=5V Ta=25C 100 30
VIN -- IO
VO=0.2V Ta=25C
Collector output capacitance Cob (pF)
5
Output current IO (A)
4
300 100 30 10 3
Input voltage VIN (V)
0.6 0.8 1.0 1.2 1.4
1000
10 3 1 0.3 0.1 0.03 0.01 0.1
3
2
1
0 0.1
0.3
1
3
10
30
100
1 0.4
0.3
1
3
10
30
100
Collector to base voltage
VCB (V)
Input voltage VIN (V)
Output current IO (mA)
3
Composite Transistors
Characteristics charts of Tr2 IC -- VCE
-160 -140 IB=-1.0mA Ta=25C -100
XP04311
VCE(sat) -- IC
Collector to emitter saturation voltage VCE(sat) (V)
IC/IB=10
hFE -- IC
160 VCE=-10V Ta=75C
-30 -10 -3 -1 -0.3 -0.1 -25C -0.03 -0.01 -0.1 -0.3 Ta=75C
Collector current IC (mA)
-0.9mA -120 -100 -80 -60 -0.3mA -40 -0.2mA -20 -0.1mA 0 0 -2 -4 -6 -8 -10 -12 -0.8mA -0.7mA -0.6mA -0.5mA -0.4mA
Forward current transfer ratio hFE
25C 120 -25C 80
25C
40
-1
-3
-10
-30
-100
0 -1
-3
-10
-30
-100 -300 -1000
Collector to emitter voltage VCE (V)
Collector current IC (mA)
Collector current IC (mA)
Cob -- VCB
6
IO -- VIN
f=1MHz IE=0 Ta=25C -10000 -3000 VO=-5V Ta=25C
VIN -- IO
-100 -30 VO=-0.2V Ta=25C
Collector output capacitance Cob (pF)
5
Output current IO (A)
4
Input voltage VIN (V)
-1000 -300 -100 -30 -10 -3
-10 -3 -1 -0.3 -0.1 -0.03 -0.01 -0.1 -0.3
3
2
1
0 -0.1 -0.3
-1
-3
-10
-30
-100
-1 -0.4
-0.6
-0.8
-1.0
-1.2
-1.4
-1
-3
-10
-30
-100
Collector to base voltage
VCB (V)
Input voltage VIN (V)
Output current IO (mA)
4
Request for your special attention and precautions in using the technical information and semiconductors described in this material
(1) An export permit needs to be obtained from the competent authorities of the Japanese Government if any of the products or technologies described in this material and controlled under the "Foreign Exchange and Foreign Trade Law" is to be exported or taken out of Japan. (2) The technical information described in this material is limited to showing representative characteristics and applied circuit examples of the products. It does not constitute the warranting of industrial property, the granting of relative rights, or the granting of any license. (3) The products described in this material are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). Consult our sales staff in advance for information on the following applications: * Special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. * Any applications other than the standard applications intended. (4) The products and product specifications described in this material are subject to change without notice for reasons of modification and/or improvement. At the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date Product Standards in advance to make sure that the latest specifications satisfy your requirements. (5) When designing your equipment, comply with the guaranteed values, in particular those of maximum rating, the range of operating power supply voltage and heat radiation characteristics. Otherwise, we will not be liable for any defect which may arise later in your equipment. Even when the products are used within the guaranteed values, redundant design is recommended, so that such equipment may not violate relevant laws or regulations because of the function of our products. (6) When using products for which dry packing is required, observe the conditions (including shelf life and after-unpacking standby time) agreed upon when specification sheets are individually exchanged. (7) No part of this material may be reprinted or reproduced by any means without written permission from our company.
Please read the following notes before using the datasheets
A. These materials are intended as a reference to assist customers with the selection of Panasonic semiconductor products best suited to their applications. Due to modification or other reasons, any information contained in this material, such as available product types, technical data, and so on, is subject to change without notice. Customers are advised to contact our semiconductor sales office and obtain the latest information before starting precise technical research and/or purchasing activities. B. Panasonic is endeavoring to continually improve the quality and reliability of these materials but there is always the possibility that further rectifications will be required in the future. Therefore, Panasonic will not assume any liability for any damages arising from any errors etc. that may appear in this material. C. These materials are solely intended for a customer's individual use. Therefore, without the prior written approval of Panasonic, any other use such as reproducing, selling, or distributing this material to a third party, via the Internet or in any other way, is prohibited.
2001 MAR


▲Up To Search▲   

 
Price & Availability of XP4311

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X