Part Number Hot Search : 
BAT54W URF1620 SLE4406 300AC6 C8108 SDR625G E5FSC R80188B
Product Description
Full Text Search
 

To Download VI-AIM-C1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 45
Features
* * * * * * * * Universal Input: 85 to 264Vac Output Power: 250W Operating Temperature: 100C Efficiency: 97% Integral EMI Filtering Input Transient Protection Inrush Limiting CE Marked
Data Sheet
VI-AIM
Universal AC Input Front End Module
VI-AIM Input Voltage 85-132Vac 180-264Vac 85-264Vac
Compatible DC-DC Converter VI-X5X VI-X6X VI-X7X
Shown actual size: 2.28 x 2.4 x 0.5 in 57,9 x 61,0 x 12,7 mm
VI-AIM Specifications
(typical at TBP = 25C, nominal line, 75% load unless otherwise specified)
Parameter AC Line Input Output Voltage Efficiency Output Power Holdup Time Maximum Value of Holdup Capacitance Conducted EMI/RFI Specifications 85Vac to 264Vac* 47 Hz to 440 Hz 120-373 Vdc 97% 250W Application specific 1200 F VDE 0871/FCC Part 15, Class A EN 55022, Class A <40A at Peak Line (264 Vrms) 1.2/50 S, 2 kV Pulse, 2 Joules 0 to 360 Degree Phase Angle 1.2/50 S, 1 kV Pulse, 2 Joules 0 to 360 Degree Phase Angle None 1,500 Vrms 0.4C/Watt UL 1950, CSA 22.2-950, EN 60950 2.28" x 2.4" x 0.5" (57,9 x 61,0 x 12,7) packages available 3.0 Ounces (85 Grams) EN61000-4-5 IEC 801-5 With external MOV With compatible DC-DC converter modules. External 0.47F capacitor required. Remarks No strapping; no damage below low line Peak of AC line Delivered to converter(s) A function of external capacitance and power
Product Highlights
The AIM (Alternating Input Module) is an AC front-end module which interfaces directly with worldwide AC mains. The AIM provides line rectification, EMI/RFI filtering, transient protection and inrush limiting in a half brick package measuring 2.28" x 2.4" x 0.5". The AIM is used in conjunction with Vicor VI-200 or VI-J00 DC-DC converters to realize a universal AC input, high density, low profile switching power supply with outputs from 1-95Vdc and a total power rating up to 200W. An external capacitor is used to satisfy system hold up requirements. Internal EMI filtering meets EN55022 and FCC part 15, class A emissions limits.
Inrush Current Transient Surge Withstand Common Mode Normal Mode Dielectric Withstand Input to Output Input/Output to Baseplate Thermal Resistance Safety Approvals Size
Provided by DC-DC converter Baseplate-to-sink Mega Module, SlimMOD and FinMOD
VI-AIM Selection Chart
Weight
PC Mount VI-AIM-E1 VI-AIM-C1 VI-AIM-I1 VI-AIM-M1
*Dependent upon input range of compatible DC-DC converter.
Product Grade Specifications
Parameter Storage Temperature Operating Temperature (Baseplate) E-Grade -20C to +105C -10C to +100C C-Grade -40C to +105C -25C to +100C I-Grade -55C to +105C -40C to +100C M-Grade -65C to +105C -55C to +100C
Mega Module packaging option VI-LAIM-E1 VI-LAIM-C1 VI-LAIM-I1 VI-LAIM-M1
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
AIM, Universal AC Input Front End Module
Rev. 2.2
Page 2 of 2
Set your site on VICOR at www.vicorpower.com
VI-AIM Connection Diagram, Typical Application
.01 F (Two 4700 pF) Y-Rated Capacitors
Universal AC In
F1 L1
.47 F Z1
F2 +Out Gate In Parallel Gate Out -Out C out* N/C N/C L2/N +In Gate In Gate Out -In +Out VI-200/J00 Driver +S Trim -S -Out
.01 F Ceramic
Load
.01 F Ceramic VI-AIM .01 F (Two 4700 pF) Y-Rated Capacitors * See Vicor's Applications Manual, page 12-2, Selecting Capacitors for AIM Modules. Z1: MOV P/N 03040 Fuse 1: 6.3A/250V (IEC 5X20 mm) Buss GDB-6.3 or 7A/250V (3AG 1/4" x 1 1/4") Littlefuse 314-007 Fuse 2: For VI-X7X-XX -- Buss PC-Tron 2.5A (250V) For VI-X6X-XX -- Buss PC-Tron 3A (250V) For VI-X5X-XX -- Buss PC-Tron 5A
VI-AIM Block Diagram
L1 Q1 Vref 1 U2 OV Vref 2 OC U1 L2/N -OUT Level Shift D2 D1 C2 Gate Out 10V Parallel +OUT
EMI Filter
Gate In Q2
Mechanical Diagram
2.28 (57,9)
.49 (12,4) 1.30 (33,0) .65 (16,5)
.30.015 (7,6)(0,38)
.080 Dia (2) places Solder plate over copper alloy
4 3 2.10 (53,4) 2 1
9 8
1.40 1.00 (35,6) .70 (25,4) .40 (17,8) (10,2)
.35 .015 (8,9)(0,38)
VI-AIM
7 6 5
Pin # 1 2 3 4 5 6 7 8 9
Function L1 NC NC L2/N +Out Gate In Parallel Gate Out -Out
.15 (3,8)
FULL R .15 (3,8)
.040 (1,0) Dia (7) places Solder plate over copper alloy Product ID this surface 2.40 (61,0) .30 Min. (7,6)
+.030 (0,76) -.000 (0)
1.90 (48,3)
.22 (5,6) Min.
1.75 Max. (44,4)
.50 (12,7) .12 (3,0)
.01 Aluminum Base
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
AIM, Universal AC Input Front End Module
P/N 21924
Rev. 2.2
1/05/10M
Set your site on VICOR at www.vicorpower.com


▲Up To Search▲   

 
Price & Availability of VI-AIM-C1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X