Part Number Hot Search : 
AN5256 M50754 ILE4270 AN5256 ST730 20M10 2SJ53 LC863
Product Description
Full Text Search
 

To Download TIP42A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
TIP41A/41B/41C TIP42A/42C
COMPLEMENTARY SILICON POWER TRANSISTORS
s
COMPLEMENTARY PNP - NPN DEVICES
DESCRIPTION The TIP41A, TIP41B and TIP41C are silicon Epitaxial-Base NPN power transistors mounted in Jedec TO-220 plastic package. They are intented for use in medium power linear and switching applications. The TIP41A and TIP41C complementary PNP types are TIP42A and TIP42C respectively. TO-220
3 1 2
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol Parameter NPN PNP V CBO V CEO VEBO IC ICM IB P tot Tstg Tj Collector-Base Voltage (I E = 0) Collector-Emitter Voltage (I B = 0) Emitter-Base Voltage (I C = 0) Collector Current Collector Peak Current Base Current Total Dissipation at T case 25 o C T amb 25 o C Storage Temperature Max. Operating Junction Temperature TIP41A TIP42A 60 60 Value TIP41B 80 80 5 6 10 3 65 2 -65 to 150 150 Unit TIP41C TIP42C 100 100
V V V A A A W W o C o C
For PNP types voltage and current values are negative.
October 1999
1/4
TIP41A/TIP41B/TIP41C/TIP42A/TIP42C
THERMAL DATA
R thj-case R thj-amb Thermal Resistance Junction-case Thermal Resistance Junction-ambient Max Max 1.92 62.5
o o
C/W C/W
ELECTRICAL CHARACTERISTICS (Tcase = 25 oC unless otherwise specified)
Symbol I CEO I CES Parameter Collector Cut-off Current (I B = 0) Collector Cut-off Current (V BE = 0) Emitter Cut-off Current (I C = 0) Test Conditions for TIP41A/42A for TIP41B/41C/42C for TIP41A/42A for TIP41B for TIP41C/42C V EB = 5 V I C = 30 mA for TIP41A/42A for TIP41B for TIP41C/42C IC = 6 A IC = 6 A I C = 0.3 A IC = 3 A I C = 0.5 A I C = 0.5 A I B = 0.6 A V CE = 4 V V CE = 4 V V CE = 4 V V CE = 10 V V CE = 10 V f = 1 KHz f = 1 MHz 30 15 20 3 V CE = 30 V V CE = 60 V V CE = 60 V V CE = 80 V V CE = 100 V Min. Typ. Max. 0.7 0.7 0.4 0.4 0.4 1 Unit mA mA mA mA mA mA
IEBO
V CEO(sus) * Collector-Emitter Sustaining Voltage (I B = 0) VCE(sat) * V BE(on) * h FE * h fe Collector-Emitter Saturation Voltage Base-Emitter Voltage DC Current Gain Small Signal Current Gain
60 80 100 1.5 2 75
V V V V V
Pulsed: Pulse duration = 300 s, duty cycle 2 % For PNP types voltage and current values are negative.
2/4
TIP41A/TIP41B/TIP41C/TIP42A/TIP42C
TO-220 MECHANICAL DATA
DIM. MIN. A C D D1 E F F1 F2 G G1 H2 L2 L4 L5 L6 L7 L9 DIA. 13.0 2.65 15.25 6.2 3.5 3.75 0.49 0.61 1.14 1.14 4.95 2.4 10.0 16.4 14.0 2.95 15.75 6.6 3.93 3.85 0.511 0.104 0.600 0.244 0.137 0.147 4.40 1.23 2.40 1.27 0.70 0.88 1.70 1.70 5.15 2.7 10.40 0.019 0.024 0.044 0.044 0.194 0.094 0.393 0.645 0.551 0.116 0.620 0.260 0.154 0.151 mm TYP. MAX. 4.60 1.32 2.72 MIN. 0.173 0.048 0.094 0.050 0.027 0.034 0.067 0.067 0.203 0.106 0.409 inch TYP. MAX. 0.181 0.051 0.107
P011C
3/4
TIP41A/TIP41B/TIP41C/TIP42A/TIP42C
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a trademark of STMicroelectronics (c) 1999 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A. http://www.st.com .
4/4


▲Up To Search▲   

 
Price & Availability of TIP42A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X