Part Number Hot Search : 
BA4584FV I15E5 2N6969 RT964 I15E5 BC807 PJ2JJXX ADM802
Product Description
Full Text Search
 

To Download STW5NA90 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STW5NA90 STH5NA90FI
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
PRELIMINARY DATA TYPE ST W5NA90 ST H5NA90F I
s s
V DSS 900 V 900 V
R DS(on) < 2.5 < 2.5
ID 5.3 A 3.5 A
s s s s
TYPICAL RDS(on) = 2.1 30 V GATE-TO-SOURCE VOLTAGE RATING 100% AVALANCHE TESTED REPETITIVE AVALANCHE DATA AT 100oC GATE CHARGE MINIMISED REDUCED THRESHOLD VOLTAGE SPREAD TO-247
3 2 1
3 2 1
APPLICATIONS s HIGH CURRENT, HIGH SPEED SWITCHING s SWITCH MODE POWER SUPPLY (SMPS) s DC-AC CONVERTERS FOR WELDING EQUIPMENT AND UNINTERRUPTIBLE POWER SUPPLIES AND MOTOR DRIVE
ISOWATT218
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol Parameter Valu e STW 5NA90 V DS VDGR V GS ID ID I DM (*) P t ot Drain-source Voltage (V GS = 0) Drain- gate Voltage (R GS = 20 k) Gate-source Voltage Drain Current (continuous) at Tc = 25 C Drain Current (continuous) at Tc = 100 C Drain Current (pulsed) Total Dissipation at T c = 25 C Derating Factor V ISO T stg Tj Insulation W ithstand Voltage (DC) Storage T emperature Max. O perating Junction T emperature
o o o
Un it
ST H5NA90F I 900 900 30 V V V 3.5 2.2 21.2 60 0.48 4000 A A A W W/ C V
o o o
5.3 3.4 21.2 150 1.2 -65 to 150 150
C C
(*) Pulse width limited by safe operating area
January 1998
1/6
STW5NA90-STH5NA90FI
THERMAL DATA
T O-247 R t hj-ca se R t hj- amb R thc- si nk Tl Thermal Resistance Junction-case Max 0.83 30 0.1 300 ISOW ATT 218 2.08
o o o
C/W C/W C/W o C
Thermal Resistance Junction-ambient Max Thermal Resistance Case-sink Typ Maximum Lead Temperature For Soldering Purpose
AVALANCHE CHARACTERISTICS
Symb ol I AR E AS Parameter Avalanche Current, Repetitive or Not-Repetitive (pulse width limited by Tj max, < 1%) Single Pulse Avalanche Energy o (starting Tj = 25 C, I D = IAR , VDD = 50 V) Max Valu e 5.3 520 Unit A mJ
ELECTRICAL CHARACTERISTICS (Tcase = 25 oC unless otherwise specified) OFF
Symb ol V (BR)DSS I DSS I GSS Parameter Drain-source Breakdown Voltage Test Cond ition s I D = 250 A V GS = 0 Min. 900 25 250 100 Typ . Max. Un it V A A nA
Zero G ate Voltage V DS = Max Rating Drain Current (VGS = 0) V DS = Max Rating Gate-body Leakage Current (V DS = 0) V GS = 30 V
T c = 100 oC
ON ()
Symb ol V GS(th) R DS( on) ID(o n) Parameter Gate Threshold Voltage V DS = VGS Test Cond ition s ID = 250 A Min. 2.25 Typ . 3 2.1 5.3 Max. 3.75 2.5 5 Un it V A
Static Drain-source On V GS = 10V ID = 2.5 A Resistance V GS = 10V I D = 2.5 A On State Drain Current V DS > I D(on) x R DS(on) max V GS = 10 V
T c = 100 C
o
DYNAMIC
Symb ol g fs () C iss C oss C rss Parameter Forward Transconductance Input Capacitance Output Capacitance Reverse T ransfer Capacitance Test Cond ition s V DS > I D(on) x R DS(on) max V DS = 25 V f = 1 MHz I D = 2.5 A VGS = 0 Min. 4 Typ . 6.4 1350 150 40 1900 210 60 Max. Un it S pF pF pF
2/6
STW5NA90-STH5NA90FI
ELECTRICAL CHARACTERISTICS (continued) SWITCHING ON
Symb ol t d(on) tr (di/dt) on Parameter Turn-on Time Rise Time Turn-on Current Slope Test Cond ition s V DD = 450 V 2.5 A R G = 4.7 V DD = 720 V R G = 47 V DD = 720 V ID = 5 A ID = V GS = 10 V ID = 5 A V GS = 10 V V GS = 10 V 250 A/s Min. Typ . 13 12 Max. 20 19 Un it ns ns
Qg Q gs Q gd
Total Gate Charge Gate-Source Charge Gate-Drain Charge
60 10 26
80
nC nC nC
SWITCHING OFF
Symb ol t r(Vof f) tf tc Parameter Off-voltage Rise Time Fall Time Cross-over Time Test Cond ition s V DD = 720 V R G = 4.7 I D = 5A V GS = 10 V Min. Typ . 15 7 25 Max. 25 14 40 Un it ns ns ns
SOURCE DRAIN DIODE
Symb ol I SD I SDM (*) V SD () t rr Q rr I RRM Parameter Source-drain Current Source-drain Current (pulsed) Forward On Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current I SD = 5.3 A I SD = 5 A V DD = 30 V VGS = 0 di/dt = 100 A/s T j = 150 o C 1150 17.3 30 Test Cond ition s Min. Typ . Max. 5.3 21.3 1.6 Un it A A V ns C A
() Pulsed: Pulse duration = 300 s, duty cycle 1.5 % (*) Pulse width limited by safe operating area
3/6
STW5NA90-STH5NA90FI
TO-247 MECHANICAL DATA
mm MIN. A D E F F3 F4 G H L L3 L4 L5 M Dia 2 3.55 15.3 19.7 14.2 34.6 5.5 3 3.65 0.079 0.140 4.7 2.2 0.4 1 2 3 10.9 15.9 20.3 14.8 0.602 0.776 0.559 0.413 1.362 0.217 0.118 0.144 TYP. MAX. 5.3 2.6 0.8 1.4 2.4 3.4 MIN. 0.185 0.087 0.016 0.039 0.079 0.118 0.429 0.626 0.779 0.582 inch TYP. MAX. 0.209 0.102 0.031 0.055 0.094 0.134
DIM.
P025P
4/6
STW5NA90-STH5NA90FI
ISOWATT218 MECHANICAL DATA
DIM. MIN. A C D D1 E F G H L1 L2 L3 L4 L5 L6 M N U 5.35 3.3 2.9 1.88 0.75 1.05 10.8 15.8 20.8 19.1 22.8 40.5 4.85 20.25 3.5 2.1 4.6 mm TYP. MAX. 5.65 3.8 3.1 2.08 1 1.25 11.2 16.2 21.2 19.9 23.6 42.5 5.25 20.75 3.7 2.3 MIN. 0.210 0.130 0.114 0.074 0.029 0.041 0.425 0.622 0.818 0.752 0.897 1.594 0.190 0.797 0.137 0.082 0.181 inch TYP. MAX. 0.222 0.149 0.122 0.081 0.039 0.049 0.441 0.637 0.834 0.783 0.929 1.673 0.206 0.817 0.145 0.090
L3 N A E L2 L5 L6 F M U H 1 L1 L4 2 3 G D1 C D
P025C
5/6
STW5NA90-STH5NA90FI
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may results from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of SGS-THOMSON Microelectonics. (c) 1998 SGS-THOMSON Microelectronics - Printed in Italy - All Rights Reserved SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A . ..
6/6


▲Up To Search▲   

 
Price & Availability of STW5NA90

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X