Part Number Hot Search : 
TD101F LM7818 DS1670 MAXIM GS301 LM339A TDA1556Q SN6A060
Product Description
Full Text Search
 

To Download STK4221V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number : EN4586A
Thick Film Hybrid IC
STK4221V
2-Channel 80 W min AF Power Amplifier (Split Power Supply)
Features
* The inclusion of a muting circuit on-chip allows all types of impulse noise to be excluded. * Current mirror circuit application reduces distortion to 0.008%. * Pin compatible with the STK4201II Series (THD = 0.4%) and the STK4141X Series (THD = 0.02%)
Package Dimensions
unit: mm 4086A
[STK4221V]
Specifications
Maximum Ratings at Ta = 25C
Parameter Maximum supply voltage Thermal resistance Junction temperature Operating case temperature Storage temperature Available time for load shorted Symbol VCC max j-c Tj Tc Tstg tS* VCC = 45 V, RL = 8 , f = 50 Hz, PO = 80 W Condition Rating 65 1.4 150 125 -30 to +125 1 Unit V C/W C C C sec
Note: Use a constant voltage power supply as the test power supply unless otherwise specified. * Use the transformer power supply shown on the next page when measuring the available time for load shorted and the output noise voltage.
Recommended Operating Conditions at Ta = 25C
Parameter Recommended supply voltage Load resistance Symbol VCC RL Condition Rating 45 8 Unit V
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
61096HA (OT)/52493YO 5-2663 No. 4586-1/3
STK4221V
Operating Characteristics at Ta = 25C, VCC = 45 V, RL = 8 (noninductive load), RG = 600 , VG = 40 dB
Parameter Quiescent current Output power Total harmonic distortion Frequency response Input resistance Output noise voltage Neutral voltage Muting voltage Symbol ICCO PO THD fL, fH ri VNO* VN VM VCC = 54 V THD = 0.08%, f = 20 Hz to 20 kHz PO = 1.0 W, f = 1 kHz +0 PO = 1.0 W, -3 dB PO = 1.0 W, f = 1 kHz VCC = 54 V, Rg = 10 k VCC = 54 V -70 -2 0 -5 Condition min 20 80 0.08 20 to 50 k 55 1.2 +70 -10 Rating typ 40 max 100 Unit mA W % Hz k mVrms mV V
Note: Use a constant voltage power supply as the test power supply unless otherwise specified. * The output noise voltage is the peak value measured with an averaging rms scale volt meter. The noise voltage waveform should not include pulse noise.
Specified Transformer Power Supply (MG-200 equivalent)
Equivalent Circuit
No. 4586-2/3
STK4221V
Equivalent Circuit Sample Application Circuit: 2-Channel 80 W min AF Power Amplifier
s No products described or contained herein are intended for use in surgical implants, life-support systems, aerospace equipment, nuclear power control systems, vehicles, disaster/crime-prevention equipment and the like, the failure of which may directly or indirectly cause injury, death or property loss. s Anyone purchasing any products described or contained herein for an above-mentioned use shall: Accept full responsibility and indemnify and defend SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors and all their officers and employees, jointly and severally, against any and all claims and litigation and all damages, cost and expenses associated with such use: Not impose any responsibility for any fault or negligence which may be cited in any such claim or litigation on SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors or any of their officers and employees jointly or severally. s Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties. This catalog provides information as of November, 1997. Specifications and information herein are subject to change without notice. No. 4586-3/3


▲Up To Search▲   

 
Price & Availability of STK4221V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X